Part Number Hot Search : 
1N6283A MX29F0 M61113FP SB2100 U20D20A MSLU114 332MD B3577
Product Description
Full Text Search
 

To Download FDFMA2P029Z08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FDFMA2P029Z Integrated P-Channel PowerTrench(R) MOSFET and Schottky Diode
March 2008
FDFMA2P029Z
Integrated P-Channel PowerTrench(R) MOSFET and Schottky Diode
-20V, -3.1A, 95m: Features
MOSFET
Max rDS(on) = 95m: at VGS = -4.5V, ID = -3.1A Max rDS(on) = 141m: at VGS = -2.5V, ID = -2.5A HBM ESD protection level > 2.5kV (Note 3)
General Description
This device is designed specifically as a single package solution for the battery charge switch in cellular handset and other ultraportable applications. It features a MOSFET with very low onstate resistance and an independently connected low forward voltage schottky diode allows for minimum conduction losses. The MicroFET 2X2 package offers exceptional thermal performance for its physical size and is well suited to linear mode applications.
Schottky
VF < 0.37V @ 500mA Low profile - 0.8 mm maximum - in the new package MicroFET 2x2 mm RoHS Compliant
Pin 1 A NC D A1 NC 2 D3 MicroFET 2X2 C G S 6C 5G 4S
MOSFET Maximum Ratings TA = 25C unless otherwise noted
Symbol VDS VGS ID PD TJ, TSTG VRRM IO Parameter Drain to Source Voltage Gate to Source Voltage Drain Current -Continuous -Pulsed Power Dissipation Operating and Storage Junction Temperature Range Schottky Repetitive Peak Reverse Voltage Schottky Average Forward Current (Note 1a) (Note 1b) (Note 1a) Ratings -20 12 -3.1 -6 1.4 0.7 -55 to +150 20 2 Units V V A W C V A
Thermal Characteristics
RTJA RTJA RTJA RTJA Thermal Resistance, Junction to Ambient Thermal Resistance, Junction to Ambient Thermal Resistance, Junction to Ambient Thermal Resistance, Junction to Ambient (Note 1a) (Note 1b) (Note 1c) (Note 1d) 86 173 86 140 C/W
Package Marking and Ordering Information
Device Marking .P29 Device FDFMA2P029Z Package MicroFET 2X2
1
Reel Size 7"
Tape Width 8mm
Quantity 3000 units
www.fairchildsemi.com
(c)2008 Fairchild Semiconductor Corporation FDFMA2P029Z Rev.B1
FDFMA2P029Z Integrated P-Channel PowerTrench(R) MOSFET and Schottky Diode
Electrical Characteristics TJ = 25C unless otherwise noted
Symbol Parameter Test Conditions Min Typ Max Units
Off Characteristics
BVDSS 'BVDSS 'TJ IDSS IGSS Drain to Source Breakdown Voltage Breakdown Voltage Temperature Coefficient Zero Gate Voltage Drain Current Gate to Source Leakage Current ID = -250PA, VGS = 0V ID = -250PA, referenced to 25C VDS = -16V, VGS = 0V VGS = 12V, VDS = 0V -20 -12 -1 10 V mV/C PA PA
On Characteristics
VGS(th) 'VGS(th) 'TJ rDS(on) gFS Gate to Source Threshold Voltage Gate to Source Threshold Voltage Temperature Coefficient Static Drain to Source On-Resistance Forward Transconductance VGS = VDS, ID = -250PA ID = -250PA, referenced to 25C VGS = -4.5V, ID = -3.1A VGS = -2.5V, ID = -2.5A VGS = -4.5V, ID = -3.1A,TJ =125C VDS = -10V, ID = -3.1A -0.6 -1.0 4 60 88 87 -11 95 141 140 S m: -1.5 V mV/C
Dynamic Characteristics
Ciss Coss Crss Input Capacitance Output Capacitance Reverse Transfer Capacitance VDS = -10V, VGS = 0V, f = 1MHz 540 120 100 720 160 150 pF pF pF
Switching Characteristics
td(on) tr td(off) tf Qg(TOT) Qgs Qgd Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Total Gate Charge Gate to Source Gate Charge Gate to Drain "Miller" Charge VDD = -10V, ID = -3.1A VGS = -4.5V VDD = -10V, ID = -1A VGS = -4.5V, RGEN = 6: 13 11 37 36 7 1.1 2.4 24 20 59 58 10 ns ns ns ns nC nC nC
Drain-Source Diode Characteristics
IS VSD trr Qrr Maximum Continuous Drain-Source Diode Forward Current Source to Drain Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge VGS = 0V, IS = -1.1A (Note 2) -0.8 25 9 -1.1 -1.2 A V ns nC
IF = -3.1A, di/dt = 100A/Ps
Schottky Diode Characteristics
VR IR Reverse Voltage Reverse Leakage IR = 1mA VR = 20V IF = 500mA VF Forward Voltage IF = 1A TJ = 25C TJ = 25C TJ = 125C TJ = 25C TJ = 125C TJ = 25C TJ = 125C 20 30 10 0.32 0.21 0.37 0.28 300 45 0.37 0.26 0.435 0.33 V V PA mA
FDFMA2P029Z Rev.B1
2
www.fairchildsemi.com
FDFMA2P029Z Integrated P-Channel PowerTrench(R) MOSFET and Schottky Diode
Notes: 1: RTJA is determined with the device mounted on a 1 in2 oz. copper pad on a 1.5 x 1.5 in. board of FR-4 material. RTJCis guaranteed by design while RTJA is determined by the user's board design. (a) MOSFET RTJA = 86C/W when mounted on a 1in2 pad of 2 oz copper, 1.5" x 1.5" x 0.062" thick PCB (b) MOSFET RTJA = 173C/W when mounted on a minimum pad of 2 oz copper (c) Schottky RTJA = 86oC/W when mounted on a 1in2 pad of 2 oz copper, 1.5" x 1.5" x 0.062" thick PCB. (d) Schottky RTJA = 140oC/W when mounted on a minimum pad of 2 oz copper.
a)86oC/W when mounted on a 1in2 pad of 2 oz copper.
b)173oC/W when mounted on a minimum pad of 2 oz copper.
c)86oC/W when mounted on a 1in2 pad of 2 oz copper.
d)140oC/W when mounted on a minimum pad of 2 oz copper.
2: Pulse Test : Pulse Width < 300us, Duty Cycle < 2.0%
3. The diode connected between the gate and source serves only protection against ESD. No gate overvoltage rating is implied.
FDFMA2P029Z Rev.B1
3
www.fairchildsemi.com
FDFMA2P029Z Integrated P-Channel PowerTrench(R) MOSFET and Schottky Diode
Typical Characteristics TJ = 25C unless otherwise noted
6
-ID, DRAIN CURRENT (A)
NORMALIZED DRAIN TO SOURCE ON-RESISTANCE
2.6
VGS =-2.0V
5 4
PULSE DURATION = 300Ps DUTY CYCLE = 2.0%MAX VGS = -2.0V VGS = -4.5V
2.2 1.8
VGS = -3.5V
3 2 1 0 0.0
VGS = -3.0V VGS = -2.5V VGS = -1.5V
VGS = -2.5V VGS = -3.0V
1.4 1.0 0.6 0
PULSE DURATION = 300Ps DUTY CYCLE = 2.0%MAX
VGS = -4.5V
0.5
1.0
1.5
2.0
1
-VDS, DRAIN TO SOURCE VOLTAGE (V)
2 3 4 -ID, DRAIN CURRENT(A)
5
6
Figure 1. On Region Characteristics
Figure 2. Normalized On-Resistance vs Drain Current and Gate Voltage
rDS(on), DRAIN TO SOURCE ON-RESISTANCE (m:)
NORMALIZED DRAIN TO SOURCE ON-RESISTANCE
1.6 1.4 1.2 1.0 0.8 0.6 -50
ID = -3.1A VGS = -4.5V
200
ID = -1.55A
PULSE DURATION = 300Ps DUTY CYCLE = 2.0%MAX
160
120
TJ = 125oC
80
TJ = 25oC
40
-25 0 25 50 75 100 125 TJ, JUNCTION TEMPERATURE (oC) 150
0
2 4 6 8 -VGS, GATE TO SOURCE VOLTAGE (V)
10
Figure 3. Normalized On-Resistance vs Junction Temperature
-IS, REVERSE DRAIN CURRENT (A)
Figure 4. On-Resistance vs Gate to Source Voltage
10
VGS = 0V
6
-ID, DRAIN CURRENT (A)
5 4 3 2 1
PULSE DURATION = 300Ps DUTY CYCLE = 2.0%MAX VDD= -5V
1
TJ = 125oC
0.1 0.01 0.001 0.0001 0.0
TJ = 25oC
TJ =
125oC
TJ = -55oC
TJ = -55oC
TJ = 25oC
0 0.0
0.5 1.0 1.5 2.0 -VGS, GATE TO SOURCE VOLTAGE (V)
2.5
0.2 0.4 0.6 0.8 1.0 1.2 -VSD, BODY DIODE FORWARD VOLTAGE (V)
1.4
Figure 5. Transfer Characteristics
Figure 6. Source to Drain Diode Forward Voltage vs Source Current
FDFMA2P029Z Rev.B1
4
www.fairchildsemi.com
FDFMA2P029Z Integrated P-Channel PowerTrench(R) MOSFET and Schottky Diode
Typical Characteristics TJ = 25C unless otherwise noted
-VGS, GATE TO SOURCE VOLTAGE(V)
10
IDD = -3.1A
1000
Ciss
8 6 4 2 0 0 2
VDD = -15V VDD = -10V
CAPACITANCE (pF)
VDD = -5V
Coss
100
f = 1MHz VGS = 0V
Crss
4 6 8 10 Qg, GATE CHARGE(nC)
12
14
50 0.1
1 10 -VDS, DRAIN TO SOURCE VOLTAGE (V)
20
Figure 7. Gate Charge Characteristics
P(PK), PEAK TRANSIENT POWER (W) 20 10 -ID, DRAIN CURRENT (A)
Figure 8. Capacitance Characteristics
50 40 30 20 10 0 -4 10
SINGLE PULSE SINGLE PULSE o RTJA = 173 C/W TA=25 C
o
rDS(on) LIMIT
100us 1ms 10ms
VGS=-4.5V
1
0.1
SINGLE PULSE R
TJA
=173
o
C/W
TA = 25 C
o
100ms 1s 10s DC
0.01 0.1
1
10
60
10
-3
-VDS, DRAIN to SOURCE VOLTAGE (V)
10 10 10 10 t, PULSE WIDTH (s)
-2
-1
0
1
10
2
10
3
Figure 9. Forward Bias Safe Operating Area
Figure 10. Single Pulse Maximum Power Dissipation
10
IF, FORWARD CURRENT(A)
TJ = 125oC
IR, REVERSE LEAKAGE CURRENT (mA)
100
TJ = 125oC
1
10 1 0.1 0.01 0.001 0 5 10 15 20 VR, REVERSE VOLTAGE (V) 25 30
0.1
TJ = 85oC
TJ = 85oC
0.01
TJ = 25oC
TJ = 25oC
0.001 0 200 400 600 VF, FORWARD VOLTAGE(mV) 800
Figure 11. Schottky Diode Forward Voltage
Figure 12. Schottky Diode Reverse Current
FDFMA2P029Z Rev.B1
5
www.fairchildsemi.com
FDFMA2P029Z Integrated P-Channel PowerTrench(R) MOSFET and Schottky Diode
Typical Characteristics TJ = 25C unless otherwise noted
2
1
NORMALIZED THERMAL IMPEDANCE, ZTJA
DUTY CYCLE-DESCENDING ORDER
0.1
D = 0.5 0.2 0.1 0.05 0.02 0.01
PDM
t1 t2
SINGLE PULSE
0.01
0.005 -4 10
NOTES: DUTY FACTOR: D = t1/t2 PEAK TJ = PDM x ZTJA x RTJA + TA
-2 -1 0 1 2 3
10
-3
10
10
10
10
10
10
t, RECTANGULAR PULSE DURATION (s)
Figure 13. Transient Thermal Response Curve
FDFMA2P029Z Rev.B1
6
www.fairchildsemi.com
FDFMA2P029Z Integrated P-Channel PowerTrench(R) MOSFET and Schottky Diode
Dimensional Outline and Pad Layout
rev3
FDFMA2P029Z Rev.B1 7 www.fairchildsemi.com
FDFMA2P029Z Integrated P-Channel PowerTrench(R) MOSFET and Schottky Diode
TRADEMARKS
The following includes registered and unregistered trademarks and service marks, owned by Fairchild Semiconductor and/or its global subsidianries, and is not intended to be an exhaustive list of all such trademarks. ACEx(R) Build it NowTM CorePLUSTM CorePOWERTM CROSSVOLTTM CTLTM Current Transfer LogicTM EcoSPARK(R) EfficentMaxTM EZSWITCHTM *
TM
(R)
Fairchild(R) Fairchild Semiconductor(R) FACT Quiet SeriesTM FACT(R) FAST(R) FastvCoreTM FlashWriter(R) *
tm
FPSTM F-PFSTM FRFET(R) Global Power ResourceSM Green FPSTM Green FPSTM e-SeriesTM GTOTM IntelliMAXTM ISOPLANARTM MegaBuckTM MICROCOUPLERTM MicroFETTM MicroPakTM MillerDriveTM MotionMaxTM Motion-SPMTM OPTOLOGIC(R) OPTOPLANAR(R)
(R)
tm
PDP-SPMTM Power-SPMTM PowerTrench(R) Programmable Active DroopTM QFET(R) QSTM Quiet SeriesTM RapidConfigureTM Saving our world 1mW at a timeTM SmartMaxTM SMART STARTTM SPM(R) STEALTHTM SuperFETTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SuperMOSTM (R)
The Power Franchise(R)
tm
TinyBoostTM TinyBuckTM TinyLogic(R) TINYOPTOTM TinyPowerTM TinyPWMTM TinyWireTM SerDesTM
UHC(R) Ultra FRFETTM UniFETTM VCXTM VisualMaxTM
* EZSWITCHTM and FlashWriter(R) are trademarks of System General Corporation, used under license by Fairchild Semiconductor. DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION, OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. THESE SPECIFICATIONS DO NOT EXPAND THE TERMS OF FAIRCHILD'S WORLDWIDE TERMS AND CONDITIONS, SPECIFICALLY THE WARRANTY THEREIN, WHICH COVERS THESE PRODUCTS.
LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user. 2. A critical component in any component of a life support, device, or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data; supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice to improve the design. This datasheet contains specifications on a product that is discontinued by Fairchild Semiconductor. The datasheet is for reference information only.
Rev. I34
Preliminary
First Production
No Identification Needed Obsolete
Full Production Not In Production
FDFMA2P029Z Rev.B1
8
www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of FDFMA2P029Z08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X