Part Number Hot Search : 
SD148 BAS21 ES100 LB1213 HC528 3289CU 1ZC43A M0365
Product Description
Full Text Search
 

To Download FAN3223 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FAN3223 / FAN3224 / FAN3225 -- Dual 4A High-Speed, Low-Side Gate Drivers
May 2008
FAN3223 / FAN3224 / FAN3225 Dual 4A High-Speed, Low-Side Gate Drivers
Features
Industry-Standard Pinouts 4.5 to 18V Operating Range 5A Peak Sink/Source at VDD = 12V 4.3A Sink / 2.8A Source at VOUT = 6V Choice of TTL or CMOS Input Thresholds Three Versions of Dual Independent Drivers:
Description
The FAN3223-25 family of dual 4A gate drivers is designed to drive N-channel enhancement-mode MOSFETs in low-side switching applications by providing high peak current pulses during the short switching intervals. The driver is available with either TTL or CMOS input thresholds. Internal circuitry provides an under-voltage lockout function by holding the output LOW until the supply voltage is within the operating range. In addition, the drivers feature matched internal propagation delays between A and B channels for applications requiring dual gate drives with critical timing, such as synchronous rectifiers. This also enables connecting two drivers in parallel to effectively double the current capability driving a single MOSFET. The FAN322X drivers incorporate MillerDriveTM architecture for the final output stage. This bipolarMOSFET combination provides high current during the Miller plateau stage of the MOSFET turn-on / turn-off process to minimize switching loss, while providing railto-rail voltage swing and reverse current capability. The FAN3223 offers two inverting drivers and the FAN3224 offers two non-inverting drivers. Each device has dual independent enable pins that default to ON if not connected. In the FAN3225, each channel has dual inputs of opposite polarity, which allows configuration as non-inverting or inverting with an optional enable function using the second input. If one or both inputs are left unconnected, internal resistors bias the inputs such that the output is pulled LOW to hold the power MOSFET OFF.
-
Dual Inverting + Enable (FAN3223) Dual Non-Inverting + Enable (FAN3224) Dual-Inputs (FAN3225)
Internal Resistors Turn Driver Off If No Inputs MillerDriveTM Technology 12ns / 9ns Typical Rise/Fall Times with 2.2nF Load Typical Propagation Delay Under 20ns Matched within 1ns to the Other Channel Double Current Capability by Paralleling Channels 8-Lead 3x3mm MLP or 8-Lead SOIC Package Rated from -40C to +125C Ambient
Applications
Switch-Mode Power Supplies High-Efficiency MOSFET Switching Synchronous Rectifier Circuits DC-to-DC Converters Motor Control
FAN3223
FAN3224
FAN3225
Figure 1. Pin Configurations
(c) 2007 Fairchild Semiconductor Corporation FAN3223 / FAN3224 / FAN3225 * Rev. 1.0.5 www.fairchildsemi.com
FAN3223 / FAN3224 / FAN3225 -- Dual 4A High-Speed, Low-Side Gate Drivers
Ordering Information
Part Number
FAN3223CMPX FAN3223CMX FAN3223TMPX FAN3223TMX FAN3224CMPX FAN3224CMX FAN3224TMX FAN3225CMPX FAN3225CMX FAN3225TMX Dual Channels of Two-Input / OneFAN3225TMPX Output Drivers Dual Non-Inverting Channels + Dual FAN3224TMPX Enable Dual Inverting Channels + Dual Enable TTL CMOS TTL CMOS TTL
Logic
Input Threshold
CMOS
Package
3x3mm MLP-8 SOIC-8 3x3mm MLP-8 SOIC-8 3x3mm MLP-8 SOIC-8 3x3mm MLP-8 SOIC-8 3x3mm MLP-8 SOIC-8 3x3mm MLP-8 SOIC-8
Packing Method
Tape & Reel Tape & Reel Tape & Reel Tape & Reel Tape & Reel Tape & Reel Tape & Reel Tape & Reel Tape & Reel Tape & Reel Tape & Reel Tape & Reel
Quantity per Reel
3,000 2,500 3,000 2,500 3,000 2,500 3,000 2,500 3,000 2,500 3,000 2,500
All standard Fairchild Semiconductor products are RoHS compliant and many are also "GREEN" or going green. For Fairchild's definition of "green" please visit: http://www.fairchildsemi.com/company/green/rohs_green.html.
Package Outlines
Figure 2. 3x3mm MLP-8 (Top View)
Figure 3. SOIC-8 (Top View)
Thermal Characteristics(1)
Package
8-Lead 3x3mm Molded Leadless Package (MLP) 8-Pin Small Outline Integrated Circuit (SOIC) Notes:
1. 2. 3. 4. Estimates derived from thermal simulation; actual values depend on the application. Theta_JL (JL): Thermal resistance between the semiconductor junction and the bottom surface of all the leads (including any thermal pad) that are typically soldered to a PCB. Theta_JT (JT): Thermal resistance between the semiconductor junction and the top surface of the package, assuming it is held at a uniform temperature by a top-side heatsink. Theta_JA (JA): Thermal resistance between junction and ambient, dependent on the PCB design, heat sinking, and airflow. The value given is for natural convection with no heatsink, as specified in JEDEC standards JESD51-2, JESD51-5, and JESD51-7, as appropriate. Psi_JB (JB): Thermal characterization parameter providing correlation between semiconductor junction temperature and an application circuit board reference point for the thermal environment defined in Note 4. For the MLP-8 package, the board reference is defined as the PCB copper connected to the thermal pad and protruding from either end of the package. For the SOIC-8 package, the board reference is defined as the PCB copper adjacent to pin 6. Psi_JT (JT): Thermal characterization parameter providing correlation between the semiconductor junction temperature and the center of the top of the package for the thermal environment defined in Note 4.
JL
(2)
JT
(3)
JA
(4)
JB
(5)
JT
(6)
Units
C/W C/W
1.2 38
64 29
42 87
2.8 41
0.7 2.3
5.
6.
(c) 2007 Fairchild Semiconductor Corporation FAN3223 / FAN3224 / FAN3225 * Rev. 1.0.5
www.fairchildsemi.com 2
FAN3223 / FAN3224 / FAN3225 -- Dual 4A High-Speed, Low-Side Gate Drivers
FAN3223
FAN3224
FAN3225
Figure 4. Pin Assignments (Repeated)
Pin Definitions
Name
ENA ENB GND INA INA+ INAINB INB+ INBOUTA OUTB
Pin Description
Enable Input for Channel A. Pull pin LOW to inhibit driver A. ENA has TTL thresholds for both TTL and CMOS INx threshold. Enable Input for Channel B. Pull pin LOW to inhibit driver B. ENB has TTL thresholds for both TTL and CMOS INx threshold. Ground. Common ground reference for input and output circuits. Input to Channel A. Non-Inverting Input to Channel A. Connect to VDD to enable output. Inverting Input to Channel A. Connect to GND to enable output. Input to Channel B. Non-Inverting Input to Channel B. Connect to VDD to enable output. Inverting Input to Channel B. Connect to GND to enable output. Gate Drive Output A: Held LOW unless required input(s) are present and VDD is above UVLO threshold. Gate Drive Output B: Held LOW unless required input(s) are present and VDD is above UVLO threshold. Gate Drive Output A (inverted from the input): Held LOW unless required input is present and VDD is above UVLO threshold. Gate Drive Output B (inverted from the input): Held LOW unless required input is present and VDD is above UVLO threshold. Thermal Pad (MLP only). Exposed metal on the bottom of the package; may be left floating or connected to GND; NOT suitable for carrying current. Supply Voltage. Provides power to the IC.
OUTA OUTB P1 VDD
Output Logic
FAN3223 (x=A or B)
ENx INx
FAN3224 (x=A or B)
OUTx 0 0 1 0 ENx 0 0 1 1
(7) (7)
FAN3225 (x=A or B)
INx+ 0 0
(7) (7)
INx 0 0
(7)
OUTx 0 0 0 1
INx- 0 1 1
(7)
OUTx 0 0 1 0
0 0 1 1
(7) (7)
0 1 1
(7)
1
(7)
0
(7)
1 1
0
(7)
1
Note: 7. Default input signal if no external connection is made.
(c) 2007 Fairchild Semiconductor Corporation FAN3223 / FAN3224 / FAN3225 * Rev. 1.0.5 www.fairchildsemi.com 3
FAN3223 / FAN3224 / FAN3225 -- Dual 4A High-Speed, Low-Side Gate Drivers
Block Diagrams
Figure 5. FAN3223 Block Diagram
Figure 6. FAN3224 Block Diagram
(c) 2007 Fairchild Semiconductor Corporation FAN3223 / FAN3224 / FAN3225 * Rev. 1.0.5
www.fairchildsemi.com 4
FAN3223 / FAN3224 / FAN3225 -- Dual 4A High-Speed, Low-Side Gate Drivers
Block Diagrams
Figure 7. FAN3225 Block Diagram
(c) 2007 Fairchild Semiconductor Corporation FAN3223 / FAN3224 / FAN3225 * Rev. 1.0.5
www.fairchildsemi.com 5
FAN3223 / FAN3224 / FAN3225 -- Dual 4A High-Speed, Low-Side Gate Drivers
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be operable above the recommended operating conditions and stressing the parts to these levels is not recommended. In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability. The absolute maximum ratings are stress ratings only.
Symbol
VDD VEN VIN VOUT TL TJ TSTG ESD VDD to PGND ENA and ENB to GND
Parameter
Min.
-0.3
Max.
20.0
Unit
V V V V C C C kV kV
GND - 0.3 VDD + 0.3 GND - 0.3 VDD + 0.3 GND - 0.3 VDD + 0.3 +260 -55 -65 Human Body Model, JEDEC JESD22-A114 Charged Device Model, JEDEC JESD22-C101 4 1 +150 +150
INA, INA+, INA-, INB, INB+ and INB- to GND OUTA and OUTB to GND Lead Soldering Temperature (10 Seconds) Junction Temperature Storage Temperature Electrostatic Discharge Protection Level
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
VDD VEN VIN TA Supply Voltage Range Enable Voltage ENA and ENB
Parameter
Min.
4.5 0 0 -40
Max.
18.0 VDD VDD +125
Unit
V V V C
Input Voltage INA, INA+, INA-, INB, INB+ and INB- Operating Ambient Temperature
(c) 2007 Fairchild Semiconductor Corporation FAN3223 / FAN3224 / FAN3225 * Rev. 1.0.5
www.fairchildsemi.com 6
FAN3223 / FAN3224 / FAN3225 -- Dual 4A High-Speed, Low-Side Gate Drivers
Electrical Characteristics
Unless otherwise noted, VDD=12V, TJ=-40C to +125C. Currents are defined as positive into the device and negative out of the device.
Symbol
Supply VDD IDD VON VOFF
Parameter
Operating Range Supply Current, Inputs / EN Not Connected Turn-On Voltage Turn-Off Voltage
(9)
Conditions
Min.
4.5
Typ. Max.
18.0 0.70 0.21 0.95 0.35 4.3 4.1
Unit
V mA mA V V
All except FAN3225C FAN3225C
(8)
INA=ENA=VDD, INB=ENB=0V INA=ENA=VDD, INB=ENB=0V
3.5 3.3
3.9 3.7
Inputs (FAN322xT) VIL_T VIH_T IIN+ IINVHYS_T
INx Logic Low Threshold INx Logic High Threshold Non-inverting Input Inverting Input TTL Logic Hysteresis Voltage
(9)
0.8
1.2 1.6 2.0 175.0 1.5 0.4 0.8
V V A A V
IN from 0 to VDD IN from 0 to VDD
-1.5 -175.0 0.2
Inputs (FAN322xC) VIL_C VIH_C IINL IINH VHYS_C
INx Logic Low Threshold INx Logic High Threshold IN Current, Low IN Current, High CMOS Logic Hysteresis Voltage IN from 0 to VDD IN from 0 to VDD
30
38 55 70 175 1 17
%VDD %VDD A A %VDD
-1 -175
ENABLE (FAN3223C, FAN3223T, FAN3224C, FAN3224T) VENL VENH VHYS_T RPU tD1, tD2 tD1, tD2 Enable Logic Low Threshold Enable Logic High Threshold TTL Logic Hysteresis Voltage Enable Pull-up Resistance
(10) (11) (11) (10)
EN from 5V to 0V EN from 0V to 5V
0.8
1.2 1.6 0.4 100 2.0
V V V k 26 28 ns ns
Propagation Delay, EN Rising
0 - 5VIN, 1V/ns Slew Rate 0 - 5VIN, 1V/ns Slew Rate
9 11
17 18
Propagation Delay, EN Falling
Continued on the following page...
(c) 2007 Fairchild Semiconductor Corporation FAN3223 / FAN3224 / FAN3225 * Rev. 1.0.5
www.fairchildsemi.com 7
FAN3223 / FAN3224 / FAN3225 -- Dual 4A High-Speed, Low-Side Gate Drivers
Electrical Characteristics (Continued)
Unless otherwise noted, VDD=12V, TJ=-40C to +125C. Currents are defined as positive into the device and negative out of the device.
Symbol
Output ISINK ISOURCE IPK_SINK IPK_SOURCE tRISE tFALL tD1, tD2 tD1, tD2
Parameter
Conditions
OUT at VDD/2, CLOAD=0.22F, f=1kHz OUT at VDD/2, CLOAD=0.22F, f=1kHz CLOAD=0.22F, f=1kHz CLOAD=0.22F, f=1kHz CLOAD=2200pF CLOAD=2200pF 0 - 12VIN, 1V/ns Slew Rate
(11)
Min.
Typ.
Max.
Unit
OUT Current, Mid-Voltage, Sinking
(10)
4.3 -2.8 5 -5 12 9 10 9 18 17 2 500 20 17 29 29 4
A A A A ns ns ns ns ns mA
OUT Current, Mid-Voltage, Sourcing OUT Current, Peak, Sinking
(11) (10) (10)
(10)
OUT Current, Peak, Sourcing Output Rise Time Output Fall Time
(11)
Output Propagation Delay, CMOS (11) Inputs Output Propagation Delay, TTL Inputs Propagation Matching Between Channels
0 - 5VIN, 1V/ns Slew Rate INA=INB, OUTA and OUTB at 50% point
IRVS
Output Reverse Current Withstand
(10)
Notes: 8. Lower supply current due to inactive TTL circuitry. 9. EN inputs have TTL thresholds; refer to the ENABLE section 10. Not tested in production. 11. See Timing Diagrams of Figure 8 and Figure 9.
Timing Diagrams
Figure 8. Non-inverting
Figure 9. Inverting
(c) 2007 Fairchild Semiconductor Corporation FAN3223 / FAN3224 / FAN3225 * Rev. 1.0.5
www.fairchildsemi.com 8
FAN3223 / FAN3224 / FAN3225 -- Dual 4A High-Speed, Low-Side Gate Drivers
Typical Performance Characteristics
Typical characteristics are provided at 25C and VDD=12V unless otherwise noted.
Figure 10. IDD (Static) vs. Supply Voltage
(12)
Figure 11. IDD (Static) vs. Supply Voltage
(12)
Figure 12. IDD (Static) vs. Supply Voltage
(12)
Figure 13. IDD (No-Load) vs. Frequency
Figure 14. IDD (No-Load) vs. Frequency
(c) 2007 Fairchild Semiconductor Corporation FAN3223 / FAN3224 / FAN3225 * Rev. 1.0.5
www.fairchildsemi.com 9
FAN3223 / FAN3224 / FAN3225 -- Dual 4A High-Speed, Low-Side Gate Drivers
Typical Performance Characteristics
Typical characteristics are provided at 25C and VDD=12V unless otherwise noted.
Figure 15. IDD (2.2nF Load) vs. Frequency
Figure 16. IDD (2.2nF Load) vs. Frequency
Figure 17. IDD (Static) vs. Temperature
(12)
Figure 18. IDD (Static) vs. Temperature
(12)
Figure 19. IDD (Static) vs. Temperature
(12)
(c) 2007 Fairchild Semiconductor Corporation FAN3223 / FAN3224 / FAN3225 * Rev. 1.0.5
www.fairchildsemi.com 10
FAN3223 / FAN3224 / FAN3225 -- Dual 4A High-Speed, Low-Side Gate Drivers
Typical Performance Characteristics
Typical characteristics are provided at 25C and VDD=12V unless otherwise noted.
Figure 20. Input Thresholds vs. Supply Voltage
Figure 21. Input Thresholds vs. Supply Voltage
Figure 22. Input Threshold % vs. Supply Voltage
Figure 23. Input Thresholds vs. Temperature
Figure 24. Input Thresholds vs. Temperature
(c) 2007 Fairchild Semiconductor Corporation FAN3223 / FAN3224 / FAN3225 * Rev. 1.0.5
www.fairchildsemi.com 11
FAN3223 / FAN3224 / FAN3225 -- Dual 4A High-Speed, Low-Side Gate Drivers
Typical Performance Characteristics
Typical characteristics are provided at 25C and VDD=12V unless otherwise noted.
Figure 25. UVLO Thresholds vs. Temperature
Figure 26. UVLO Threshold vs. Temperature
Figure 27. Propagation Delay vs. Supply Voltage
Figure 28. Propagation Delay vs. Supply Voltage
Figure 29. Propagation Delay vs. Supply Voltage
Figure 30. Propagation Delay vs. Supply Voltage
(c) 2007 Fairchild Semiconductor Corporation FAN3223 / FAN3224 / FAN3225 * Rev. 1.0.5
www.fairchildsemi.com 12
FAN3223 / FAN3224 / FAN3225 -- Dual 4A High-Speed, Low-Side Gate Drivers
Typical Performance Characteristics
Typical characteristics are provided at 25C and VDD=12V unless otherwise noted.
Figure 31. Propagation Delays vs. Temperature
Figure 32. Propagation Delays vs. Temperature
Figure 33. Propagation Delays vs. Temperature
Figure 34. Propagation Delays vs. Temperature
Figure 35. Fall Time vs. Supply Voltage
Figure 36.
Rise Time vs. Supply Voltage
(c) 2007 Fairchild Semiconductor Corporation FAN3223 / FAN3224 / FAN3225 * Rev. 1.0.5
www.fairchildsemi.com 13
FAN3223 / FAN3224 / FAN3225 -- Dual 4A High-Speed, Low-Side Gate Drivers
Typical Performance Characteristics
Typical characteristics are provided at 25C and VDD=12V unless otherwise noted.
Figure 37.
Rise and Fall Times vs. Temperature
Figure 38. Rise/Fall Waveforms with 2.2nF Load
Figure 39. Rise/Fall Waveforms with 10nF Load
Figure 40. Quasi-Static Source Current (13) with VDD=12V
(c) 2007 Fairchild Semiconductor Corporation FAN3223 / FAN3224 / FAN3225 * Rev. 1.0.5
Figure 41. Quasi-Static Sink Current with VDD=12V
(13)
www.fairchildsemi.com 14
FAN3223 / FAN3224 / FAN3225 -- Dual 4A High-Speed, Low-Side Gate Drivers
Typical Performance Characteristics
Typical characteristics are provided at 25C and VDD=12V unless otherwise noted.
Figure 42. Quasi-Static Source Current (13) with VDD=8V
Figure 43. Quasi-Static Sink Current with VDD=8V
(13)
Notes: 12. For any inverting inputs pulled low, non-inverting inputs pulled high, or outputs driven high, static IDD increases by the current flowing through the corresponding pull-up/down resistor shown in the block diagram. 13. The initial spike in each current waveform is a measurement artifact caused by the stray inductance of the current-measurement loop.
Test Circuit
Figure 44. Quasi-Static IOUT / VOUT Test Circuit
(c) 2007 Fairchild Semiconductor Corporation FAN3223 / FAN3224 / FAN3225 * Rev. 1.0.5
www.fairchildsemi.com 15
FAN3223 / FAN3224 / FAN3225 -- Dual 4A High-Speed, Low-Side Gate Drivers
Applications Information
Input Thresholds
Each member of the FAN322x driver family consists of two identical channels that may be used independently at rated current or connected in parallel to double the individual current capacity. In the FAN3223 and FAN3224, channels A and B can be enabled or disabled independently using ENA or ENB, respectively. The EN pin has TTL thresholds for parts with either CMOS or TTL input thresholds. If ENA and ENB are not connected, an internal pull-up resistor enables the driver channels by default. ENA and ENB have TTL thresholds in parts with either TTL or CMOS INx threshold. If the channel A and channel B inputs and outputs are connected in parallel to increase the driver current capacity, ENA and ENB should be connected and driven together. The FAN322x family offers versions in either TTL or CMOS input thresholds. In the FAN322xT, the input thresholds meet industry-standard TTL-logic thresholds independent of the VDD voltage, and there is a hysteresis voltage of approximately 0.4V. These levels permit the inputs to be driven from a range of input logic signal levels for which a voltage over 2V is considered logic HIGH. The driving signal for the TTL inputs should have fast rising and falling edges with a slew rate of 6V/s or faster, so a rise time from 0 to 3.3V should be 550ns or less. With reduced slew rate, circuit noise could cause the driver input voltage to exceed the hysteresis voltage and retrigger the driver input, causing erratic operation. In the FAN322xC, the logic input thresholds are dependent on the VDD level and, with VDD of 12V, the logic rising edge threshold is approximately 55% of VDD and the input falling edge threshold is approximately 38% of VDD. The CMOS input configuration offers a hysteresis voltage of approximately 17% of VDD. The CMOS inputs can be used with relatively slow edges (approaching DC) if good decoupling and bypass techniques are incorporated in the system design to prevent noise from violating the input voltage hysteresis window. This allows setting precise timing intervals by fitting an R-C circuit between the controlling signal and the IN pin of the driver. The slow rising edge at the IN pin of the driver introduces a delay between the controlling signal and the OUT pin of the driver.
MillerDriveTM Gate Drive Technology
FAN322x gate drivers incorporate the MillerDriveTM architecture shown in Figure 45. For the output stage, a combination of bipolar and MOS devices provide large currents over a wide range of supply voltage and temperature variations. The bipolar devices carry the bulk of the current as OUT swings between 1/3 to 2/3 VDD and the MOS devices pull the output to the HIGH or LOW rail. The purpose of the MillerDriveTM architecture is to speed up switching by providing high current during the Miller plateau region when the gate-drain capacitance of the MOSFET is being charged or discharged as part of the turn-on / turn-off process. For applications that have zero voltage switching during the MOSFET turn-on or turn-off interval, the driver supplies high peak current for fast switching even though the Miller plateau is not present. This situation often occurs in synchronous rectifier applications because the body diode is generally conducting before the MOSFET is switched ON. The output pin slew rate is determined by VDD voltage and the load on the output. It is not user adjustable, but a series resistor can be added if a slower rise or fall time at the MOSFET gate is needed.
Figure 45. MillerDriveTM Output Architecture
Under-Voltage Lockout
The FAN322x start-up logic is optimized to drive ground-referenced N-channel MOSFETs with an undervoltage lockout (UVLO) function to ensure that the IC starts up in an orderly fashion. When VDD is rising, yet below the 3.9V operational level, this circuit holds the output LOW, regardless of the status of the input pins. After the part is active, the supply voltage must drop 0.2V before the part shuts down. This hysteresis helps prevent chatter when low VDD supply voltages have noise from the power switching. This configuration is not suitable for driving high-side P-channel MOSFETs because the low output voltage of the driver would turn the P-channel MOSFET ON with VDD below 3.9V.
Static Supply Current
In the IDD (static) typical performance characteristics (Figure 10 - Figure 12 and Figure 17 - Figure 19), the curve is produced with all inputs/enables floating (OUT is low) and indicates the lowest static IDD current for the tested configuration. For other states, additional current flows through the 100k resistors on the inputs and outputs shown in the block diagram of each part (see Figure 5 - Figure 7). In these cases, the actual static IDD current is the value obtained from the curves plus this additional current.
(c) 2007 Fairchild Semiconductor Corporation FAN3223 / FAN3224 / FAN3225 * Rev. 1.0.5
www.fairchildsemi.com 16
FAN3223 / FAN3224 / FAN3225 -- Dual 4A High-Speed, Low-Side Gate Drivers
VDD Bypass Capacitor Guidelines
To enable this IC to turn a device ON quickly, a local high-frequency bypass capacitor CBYP with low ESR and ESL should be connected between the VDD and GND pins with minimal trace length. This capacitor is in addition to bulk electrolytic capacitance of 10F to 47F commonly found on driver and controller bias circuits. A typical criterion for choosing the value of CBYP is to keep the ripple voltage on the VDD supply to 5%. This is often achieved with a value 20 times the equivalent load capacitance CEQV, defined here as QGATE/VDD. Ceramic capacitors of 0.1F to 1F or larger are common choices, as are dielectrics, such as X5R and X7R with good temperature characteristics and high pulse current capability. If circuit noise affects normal operation, the value of CBYP may be increased to 50-100 times the CEQV, or CBYP may be split into two capacitors. One should be a larger value, based on equivalent load capacitance, and the other a smaller value, such as 1-10nF mounted closest to the VDD and GND pins to carry the higher frequency components of the current pulses. The bypass capacitor must provide the pulsed current from both of the driver channels and, if the drivers are switching simultaneously, the combined peak current sourced from the CBYP would be twice as large as when a single channel is switching.
best results, make connections to all pins as short and direct as possible. The FAN322x is compatible with many other industry-standard drivers. In single input parts with enable pins, there is an internal 100k resistor tied to VDD to enable the driver by default; this should be considered in the PCB layout. The turn-on and turn-off current paths should be minimized, as discussed in the following section. Figure 46 shows the pulsed gate drive current path when the gate driver is supplying gate charge to turn the MOSFET ON. The current is supplied from the local bypass capacitor, CBYP, and flows through the driver to the MOSFET gate and to ground. To reach the high peak currents possible, the resistance and inductance in the path should be minimized. The localized CBYP acts to contain the high peak current pulses within this driver-MOSFET circuit, preventing them from disturbing the sensitive analog circuitry in the PWM controller.
Layout and Connection Guidelines
The FAN3223-25 family of gate drivers incorporates fast-reacting input circuits, short propagation delays, and powerful output stages capable of delivering current peaks over 4A to facilitate voltage transition times from under 10ns to over 150ns. The following layout and connection guidelines are strongly recommended: Keep high-current output and power ground paths separate logic and enable input signals and signal ground paths. This is especially critical when dealing with TTL-level logic thresholds at driver inputs and enable pins. Keep the driver as close to the load as possible to minimize the length of high-current traces. This reduces the series inductance to improve highspeed switching, while reducing the loop area that can radiate EMI to the driver inputs and surrounding circuitry. If the inputs to a channel are not externally connected, the internal 100k resistors indicated on block diagrams command a low output. In noisy environments, it may be necessary to tie inputs of an unused channel to VDD or GND using short traces to prevent noise from causing spurious output switching. Many high-speed power circuits can be susceptible to noise injected from their own output or other external sources, possibly causing output retriggering. These effects can be obvious if the circuit is tested in breadboard or non-optimal circuit layouts with long input, enable, or output leads. For
(c) 2007 Fairchild Semiconductor Corporation FAN3223 / FAN3224 / FAN3225 * Rev. 1.0.5
Figure 46. Current Path for MOSFET Turn-on
Figure 47 shows the current path when the gate driver turns the MOSFET OFF. Ideally, the driver shunts the current directly to the source of the MOSFET in a small circuit loop. For fast turn-off times, the resistance and inductance in this path should be minimized.
Figure 47. Current Path for MOSFET Turn-off
www.fairchildsemi.com 17
FAN3223 / FAN3224 / FAN3225 -- Dual 4A High-Speed, Low-Side Gate Drivers
Truth Table of Logic Operation
The FAN3225 truth table indicates the operational states using the dual-input configuration. In a non-inverting driver configuration, the IN- pin should be a logic LOW signal. If the IN- pin is connected to logic HIGH, a disable function is realized, and the driver output remains LOW regardless of the state of the IN+ pin. IN+ 0 0 1 1 IN0 1 0 1 OUT 0 0 1 0
Operational Waveforms
At power-up, the driver output remains LOW until the VDD voltage reaches the turn-on threshold. The magnitude of the OUT pulses rises with VDD until steady-state VDD is reached. The non-inverting operation illustrated in Figure 50 shows that the output remains LOW until the UVLO threshold is reached, then the output is in-phase with the input.
In the non-inverting driver configuration in Figure 48, the IN- pin is tied to ground and the input signal (PWM) is applied to IN+ pin. The IN- pin can be connected to logic HIGH to disable the driver and the output remains LOW, regardless of the state of the IN+ pin. VDD IN+ INFAN3225 GND OUT
PWM
Figure 50. Non-Inverting Start-Up Waveforms For the inverting configuration of Figure 49, start-up waveforms are shown in Figure 51. With IN+ tied to VDD and the input signal applied to IN-, the OUT pulses are inverted with respect to the input. At powerup, the inverted output remains LOW until the VDD voltage reaches the turn-on threshold, then it follows the input with inverted phase.
Figure 48. Dual-Input Driver Enabled, Non-Inverting Configuration In the inverting driver application in Figure 49, the IN+ pin is tied HIGH. Pulling the IN+ pin to GND forces the output LOW, regardless of the state of the IN- pin.
VDD
VDD
Turn-on threshold
IN+ PWM INFAN3225 OUT
IN-
GND
IN+ (VDD)
Figure 49. Dual-Input Driver Enabled, Inverting Configuration
OUT
Figure 51. Inverting Start-Up Waveforms
(c) 2007 Fairchild Semiconductor Corporation FAN3223 / FAN3224 / FAN3225 * Rev. 1.0.5 www.fairchildsemi.com 18
Thermal Guidelines
Gate drivers used to switch MOSFETs and IGBTs at high frequencies can dissipate significant amounts of power. It is important to determine the driver power dissipation and the resulting junction temperature in the application to ensure that the part is operating within acceptable temperature limits. The total power dissipation in a gate driver is the sum of two components, PGATE and PDYNAMIC: PTOTAL = PGATE + PDYNAMIC (1) Gate Driving Loss: The most significant power loss results from supplying gate current (charge per unit time) to switch the load MOSFET ON and OFF at the switching frequency. The power dissipation that results from driving a MOSFET at a specified gatesource voltage, VGS, with gate charge, QG, at switching frequency, FSW , is determined by: PGATE = QG * VGS * FSW * n (2) n is the number of driver channels in use (1 or 2). Dynamic Pre-drive / Shoot-through Current: A power loss resulting from internal current consumption under dynamic operating conditions, including pin pull-up / pull-down resistors, can be obtained using the "IDD (No-Load) vs. Frequency" graphs in Typical Performance Characteristics to determine the current IDYNAMIC drawn from VDD under actual operating conditions: PDYNAMIC = IDYNAMIC * VDD * n (3) Once the power dissipated in the driver is determined, the driver junction rise with respect to circuit board can be evaluated using the following thermal equation, assuming JB was determined for a similar thermal design (heat sinking and air flow): TJ = PTOTAL * JB + TB (4) To give a numerical example, if the synchronous rectifier switches in the forward converter of Figure 52 are FDMS8660S, the datasheet gives a total gate charge of 60nC at VGS = 7V, so two devices in parallel would have 120nC gate charge. At a switching frequency of 300kHz, the total power dissipation is: PGATE = 120nC * 7V * 300kHz * 2 = 0.5W PDYNAMIC = 1.5mA * 7V * 2 = 0.021W PTOTAL = 0.52W (5) (6) (7)
The SOIC-8 has a junction-to-board thermal characterization parameter of JB = 42C/W. In a system application, the localized temperature around the device is a function of the layout and construction of the PCB along with airflow across the surfaces. To ensure reliable operation, the maximum junction temperature of the device must be prevented from exceeding the maximum rating of 150C; with 80% derating, TJ would be limited to 120C. Rearranging Equation 4 determines the board temperature required to maintain the junction temperature below 120C: TB,MAX = TJ - PTOTAL * JB TB,MAX = 120C - 0.52W * 42C/W = 98C (8) (9)
For comparison, replace the SOIC-8 used in the previous example with the 3x3mm MLP package with JB = 2.8C/W. The 3x3mm MLP package could operate at a PCB temperature of 118C, while maintaining the junction temperature below 120C. This illustrates that the physically smaller MLP package with thermal pad offers a more conductive path to remove the heat from the driver. Consider tradeoffs between reducing overall circuit size with junction temperature reduction for increased reliability.
where: = driver junction temperature TJ JB = (psi) thermal characterization parameter relating temperature rise to total power dissipation TB = board temperature in location as defined in the Thermal Characteristics table.
(c) 2007 Fairchild Semiconductor Corporation FAN3223 / FAN3224 / FAN3225 * Rev. 1.0.5
www.fairchildsemi.com 19
FAN3223 / FAN3224 / FAN3225 -- Dual 4A High-Speed, Low-Side Gate Drivers
Typical Application Diagrams
Figure 52. High Current Forward Converter with Synchronous Rectification
Figure 53.
Center-tapped Bridge Output with Synchronous Rectifiers
Vin
QC
QA
QD
QB FAN3224
PWM-A FAN3227 PWM-B PWM-C FAN3227 PWM-D SR-1
Secondary Phase Shift Controller
SR-2
Figure 54. Secondary Controlled Full Bridge with Current Doubler Output, Synchronous Rectifiers (Simplified)
(c) 2007 Fairchild Semiconductor Corporation FAN3223 / FAN3224 / FAN3225 * Rev. 1.0.5
www.fairchildsemi.com 20
FAN3223 / FAN3224 / FAN3225 -- Dual 4A High-Speed, Low-Side Gate Drivers
Table 1.
Part Number
FAN3100C FAN3100T FAN3226C FAN3226T FAN3227C FAN3227T FAN3228C FAN3228T FAN3229C FAN3229T FAN3223C FAN3223T FAN3224C FAN3224T FAN3225C FAN3225T
Related Products
Type Gate (14) Drive (Sink/Src)
+2.5A / -1.8A +2.5A / -1.8A +2.4A / -1.6A +2.4A / -1.6A +2.4A / -1.6A +2.4A / -1.6A +2.4A / -1.6A +2.4A / -1.6A +2.4A / -1.6A +2.4A / -1.6A +4.3A / -2.8A +4.3A / -2.8A +4.3A / -2.8A +4.3A / -2.8A +4.3A / -2.8A +4.3A / -2.8A
Input Threshold
CMOS TTL CMOS TTL CMOS TTL CMOS TTL CMOS TTL CMOS TTL CMOS TTL CMOS TTL
Logic
Package
Single 2A Single 2A Dual 2A Dual 2A Dual 2A Dual 2A Dual 2A Dual 2A Dual 2A Dual 2A Dual 4A Dual 4A Dual 4A Dual 4A Dual 4A Dual 4A
Single Channel of Two-Input/One-Output Single Channel of Two-Input/One-Output Dual Inverting Channels + Dual Enable Dual Inverting Channels + Dual Enable Dual Non-Inverting Channels + Dual Enable Dual Non-Inverting Channels + Dual Enable Dual Channels of Two-Input/One-Output, Pin Config.1 Dual Channels of Two-Input/One-Output, Pin Config.1 Dual Channels of Two-Input/One-Output, Pin Config.2 Dual Channels of Two-Input/One-Output, Pin Config.2 Dual Inverting Channels + Dual Enable Dual Inverting Channels + Dual Enable Dual Non-Inverting Channels + Dual Enable Dual Non-Inverting Channels + Dual Enable Dual Channels of Two-Input/One-Output Dual Channels of Two-Input/One-Output
SOT23-5, MLP6 SOT23-5, MLP6 SOIC8, MLP8 SOIC8, MLP8 SOIC8, MLP8 SOIC8, MLP8 SOIC8, MLP8 SOIC8, MLP8 SOIC8, MLP8 SOIC8, MLP8 SOIC8, MLP8 SOIC8, MLP8 SOIC8, MLP8 SOIC8, MLP8 SOIC8, MLP8 SOIC8, MLP8
Note: 14. Typical currents with OUT at 6V and VDD = 12V.
(c) 2007 Fairchild Semiconductor Corporation FAN3223 / FAN3224 / FAN3225 * Rev. 1.0.5
www.fairchildsemi.com 21
FAN3223 / FAN3224 / FAN3225 -- Dual 4A High-Speed, Low-Side Gate Drivers
Physical Dimensions
2X
0.8 MAX
2X RECOMMENDED LAND PATTERN
0.05 0.00
SEATING PLANE
A. CONFORMS TO JEDEC REGISTRATION MO-229, VARIATION VEEC, DATED 11/2001 B. DIMENSIONS ARE IN MILLIMETERS. C. DIMENSIONS AND TOLERANCES PER ASME Y14.5M, 1994 D. FILENAME: MKT-MLP08Drev2
Figure 55. 3x3mm, 8-Lead Molded Leadless Package (MLP)
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or obtain the most recent revision. Package specifications do not expand the terms of Fairchild's worldwide terms and conditions, specifically the warranty therein, which covers Fairchild products. Always visit Fairchild Semiconductor's online packaging area for the most recent package drawings: http://www.fairchildsemi.com/packaging/
(c) 2007 Fairchild Semiconductor Corporation FAN3223 / FAN3224 / FAN3225 * Rev. 1.0.5 www.fairchildsemi.com 22
FAN3223 / FAN3224 / FAN3225 -- Dual 4A High-Speed, Low-Side Gate Drivers
Physical Dimensions (Continued)
5.00 4.80 3.81
8 5
A
0.65
B
6.20 5.80
4.00 3.80
1 4
1.75
5.60
PIN ONE INDICATOR
(0.33)
1.27
0.25
M
CBA
1.27
LAND PATTERN RECOMMENDATION
0.25 0.10 1.75 MAX
C 0.10 0.51 0.33 0.50 x 45 0.25 C
SEE DETAIL A
0.25 0.19
OPTION A - BEVEL EDGE
R0.10 R0.10
GAGE PLANE
0.36
OPTION B - NO BEVEL EDGE
NOTES: UNLESS OTHERWISE SPECIFIED A) THIS PACKAGE CONFORMS TO JEDEC MS-012, VARIATION AA, ISSUE C, B) ALL DIMENSIONS ARE IN MILLIMETERS. C) DIMENSIONS DO NOT INCLUDE MOLD FLASH OR BURRS. D) LANDPATTERN STANDARD: SOIC127P600X175-8M. E) DRAWING FILENAME: M08AREV13
8 0 0.90 0.406
SEATING PLANE
(1.04)
DETAIL A
SCALE: 2:1
Figure 56. 8-Lead SOIC
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or obtain the most recent revision. Package specifications do not expand the terms of Fairchild's worldwide terms and conditions, specifically the warranty therein, which covers Fairchild products. Always visit Fairchild Semiconductor's online packaging area for the most recent package drawings: http://www.fairchildsemi.com/packaging/
(c) 2007 Fairchild Semiconductor Corporation FAN3223 / FAN3224 / FAN3225 * Rev. 1.0.5
www.fairchildsemi.com 23
FAN3223 / FAN3224 / FAN3225 -- Dual 4A High-Speed, Low-Side Gate Drivers
(c) 2007 Fairchild Semiconductor Corporation FAN3223 / FAN3224 / FAN3225 * Rev. 1.0.5
www.fairchildsemi.com 24


▲Up To Search▲   

 
Price & Availability of FAN3223

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X