Part Number Hot Search : 
MPS650 KIA7245P VNK10 M5223 S3C8275 74VHC1 XN01116 LC66558B
Product Description
Full Text Search
 

To Download ER14505 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 R
LITHIUM BATTERY
Primary lithium batteries ER14505
3.6V Primary lithium-thionyl chloride (Li-SOCl2) Energy type AA-size bobbin cell
For low drain / long time applications requesting superior voltage response in -55 ~+85 environments.
Cell size references
Electrical characteristics (typical values relative to cells stored for one ye or less at +30 max.) ar Nominal capacity (at 1 mA +20 2.0V cut off. The capacity resto red by the cell varies according to current drain, temperature and cut off). Open circuit voltage (at +20 ) Nominal voltage (at 1mA +20 )
(AA )
2.4Ah
3.66V 3.6V
Pulse capability: Typically up to 200 mA (200 mA/0.1 second pulse, s drained every 2 mn at +20 from undischarged cells with 10 A base current, yield voltage readings above 3.0V. The readings may vary accord ing to the pulse characteristics, the temperature, and the cell s previous history. Fitting the cell with a capacit r may be recommended in severe conditions. o Consult pbq)
Max. Continuous current Max. Pulse current 100mA 200mA
Storage
(recommended) (for more severe conditions, consult pbq)
+30 -55
max / +85
Operating temperature range (Operation above ambient T may lead to reduced cap acity and lower voltage readings at the beginning of pulses. Consult pbq) Physical characteristics Diameter (max) Height (max) Typical weight Available termination suffix
14.5mm(0.55 in) 50.5mm(2 in) 19g(0.622oz) radial tabs, radial pins, axial leads flying leads ,
R
www.pbq-batteries.com
R
LITHIUM BATTERY
Characteristic curves
Discharge performance 25
ER14505
10 1 0.05
6
3.5
0.2
V
3.0 2.5 2.0 1.5 1.0 0.1
4.0 3.5
0.1
Voltage
3.0 2.5 2.0 0 1 2 3 4 5 6 7 8 9 10
(Second)
(+)
33 100 330 100mA 33mA 10mA 0.8Ah 1.3Ah 1.9Ah
3.5k 18k 1mA 200 A 2.4Ah 2.3Ah
51Max
1
10
10
2
10
3
10
4
10
5
Hours
0.4
Capacity VS Current
11 0.2 14.5Max
Unit:mm
Capacity Ah
2.4 2.2 . 2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.01 0.1 1 55 0
20 72
Key features High and stable operating voltage Superior drain capability Low self-discharge rate (less than 1% after 1year of storage at +20 ) Hermetic glass-to-metal sealing Notch technology for safety vent is recommended Non-flammable electrolyte Main applications Radiocommunication and other military applications Alarms and security systems Beacons and emergency location transmitters GPS Metering systems Sonobuoys LED lighting applications Others
-30 10 100
Current
mA
Voltage VS Temperature
3.8 3.6
10 A 0.2mA
V Voltage
3.4
1mA
Storage The storage area should be clean, cool (not exceeding +30 ), dry and ventilated. Warning Do not use if the battery casing was mangled. Don t use different models of battery in series. Do not try to recharge.
3.2 3.0
5mA
2.8 -60
-40 -20
0
20
40
60
80
Temperature
www.pbq-batteries.com


▲Up To Search▲   

 
Price & Availability of ER14505

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X