Part Number Hot Search : 
VSM52152 MAX4270 001TB 5KP22A RKL3CD PACDN004 A54SX72 CPH6104
Product Description
Full Text Search
 

To Download EMP116MEAW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Preliminary
EMP116MEAW Series
1Mx16 Pseudo Static RAM
Document Title
1M x 16 bit Pseudo SRAM ( EMP116MEAW Series ) Specification
Revision History
Revision No.
0.0
History
Initial Draft
Draft Date
Oct. 24 , 2005
Remark
Preliminary
4F Korea Construction Financial Cooperative B/D, 301-1 Yeon-Dong, Jeju-Si, Jeju-Do, Rep.of Korea Tel : +82-64-740-1700 Fax : +82-64-740-1749~1750 / Homepage : www.emlsi.com
Emerging Memory & Logic Solutions Inc.
Zip Code : 690-717
The attached datasheets are provided by EMLSI reserve the right to change the specifications and products. EMLSI will answer to your questions about device. If you have any questions, please contact the EMLSI office.
Rev 0.0
Preliminary
EMP116MEAW Series
1Mx16 Pseudo Static RAM
1Mb x16 Pseudo Static RAM Specification
GENERAL DESCRIPTION
The EMP116MEAW series is 16,777,216 bits of Pseudo SRAM which uses DRAM type memory cells, but this device has refresh-free operation and extreme low power consumption technology. Furthermore the interface is compatible to a low power Asynchronous type SRAM. The EMP116MEAW is organized as 1,048,576 Words x 16 bit.
FEATURES
- Organization :1M x16 - Power Supply Voltage : 2.7 ~ 3.3V - Separated I/O power(VccQ) & Core power(Vcc) - Three state outputs - Byte read/write control by UB# / LB# - Support Page Read/Write operation with 16 words - Support PASR, RMS, DPD and Auto-TCSR for power saving
PRODUCT FAMILY
Part Number Operating Temp. Power Supply Speed
(tRC)
Power Dissipation
(ISB1, Max.)
Standby
(ICC2, Max.)
Operating
EMP116MEAW-70E
-25oC to 85oC
2.7V to 3.3V
70ns
100uA
25mA
FUNCTION BLOCK DIAGRAM
ZZ# CS# UB# LB# WE# OE# Self-Refresh CONTROL CONTROL LOGIC
COLUMN SELECT
ROW SELECT
A0~A19
ADDRESS DECODER
Memory Array 1M X 16
DQ0~ DQ15
Din/Dout BUFFER I/O CIRCUIT
Rev 0.0
Preliminary
EMP116MEAW Series
1Mx16 Pseudo Static RAM
1Mb x16 Pseudo Static RAM
GENERAL WAFER SPECIFICATIONS
- Process Technology : 0.125um CMOS Deep trench process - 3 Metal layers including local inter-connection - Wafer thickness : 725 +/- 25um - Wafer Diameter : 8-inch
PAD DESCRIPTION
Name CS# OE# WE# ZZ# Function Chip select inputs Output enable input Write enable input Low Power Control Name LB# UB# VCC VCCQ Function Lower byte (DQ0~7) Upper byte (DQ8~15) Power supply I/O Power supply
DQ0-15 Data In-out A0-19 Address inputs
VSS(Q) Ground NC No connection
Rev 0.0
Preliminary
EMP116MEAW Series
1Mx16 Pseudo Static RAM ABSOLUTE MAXIMUM RATINGS 1)
Parameter Voltage on Any Pin Relative to Vss Voltage on Vcc supply relative to Vss Power Dissipation Storage Temperature Operating Temperature Symbol VIN, VOUT VCC, VCCQ PD TSTG TA Ratings -0.2 to VCCQ+0.3V -0.22) to 3.6V 1.0 -65 to 150 -25 to 85 Unit V V W
o o
C C
1. Stresses greater than those listed above "Absolute Maximum Ratings" may cause permanent damage to the device. Functional operation should be restricted to recommended operating condition. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
2. Undershoot at power-off : -1.0V in case of pulse width < 20ns
FUNCTIONAL DESCRIPTION
CS# H H X L L L L L L L L ZZ# H L H H H H H H H H H OE# X X X H H L L L X X X WE# X X X H H H H H L L L LB# X X H L X L H L L H L UB# X X H X L H L L H L L DQ0~7 High-Z High-Z High-Z High-Z High-Z Data Out High-Z Data Out Data In High-Z Data In DQ8~15 High-Z High-Z High-Z High-Z High-Z High-Z Data Out Data Out High-Z Data In Data In Mode Deselected Deselected Deselected Output Disabled Output Disabled Lower Byte Read Upper Byte Read Word Read Lower Byte Write Upper Byte Write Word Write Power Stand by Low Power Mode Stand by Active Active Active Active Active Active Active Active
Note: X means don't care. (Must be low or high state)
Rev 0.0
Preliminary
EMP116MEAW Series
1Mx16 Pseudo Static RAM RECOMMENDED DC OPERATING CONDITIONS 1)
Parameter Supply voltage Ground Input high voltage Input low voltage
1. 2. 3. 4.
Symbol VCC VCCQ VSS, VSSQ VIH VIL
Min 2.7 2.7 0 0.8 * VCCQ -0.23)
Typ 3.0 3.0 0 -
Max 3.3 3.3 0 VCCQ + 0.22) 0.2 * VCCQ
Unit V V V V V
TA= -25 to 85oC, otherwise specified Overshoot: VCC +1.0 V in case of pulse width < 20ns Undershoot: -1.0 V in case of pulse width < 20ns Overshoot and undershoot are sampled, not 100% tested.
CAPACITANCE1) (f =1MHz, TA=25oC)
Item Input capacitance Input/Ouput capacitance
1. Capacitance is sampled, not 100% tested
Symbol CIN CIO
Test Condition VIN=0V VIO=0V
Min -
Max 8 8
Unit pF pF
DC AND OPERATING CHARACTERISTICS
Parameter Input leakage current Output leakage current Symbol ILI ILO ICC1 Average operating current ICC2 Output low voltage Output high voltage VOL VOH Test Conditions
VIN=VSS to VCCQ , VCC=VCCmax CS#=VIH , ZZ#=VIH , OE#=VIH or WE#=VIL , VIO=VSS to VCCQ , VCC=VCCmax Cycle time=1s, 100% duty, IIO=0mA, CS#<0.2V, ZZ#=VIH , VIN<0.2V or VIN>VCCQ-0.2V Cycle time = Min, IIO=0mA, 100% duty, CS#=VIL, ZZ#=VIH, VIN=VIL or VIH IOL = 0.5mA, VCC=VCCmin IOH = -0.5mA, VCC=VCCmin CS#,ZZ#>VCCQ-0.2V, Other inputs = 0 ~ VCCQ
Min -1 -1 0.8*VCCQ
Typ -
Max 1 1 3 25
0.2*VCCQ
Unit uA uA mA mA V V
150 120 100
Standard Reduced Low Power
Standby Current (CMOS)
ISB
(Typ. condition : VCC=3.0V @ 25oC) (Max. condition : VCC=3.3V @ 85oC)
uA
1. Maximum Icc specifications are tested with VCC = VCCmax.
Rev 0.0
Preliminary
EMP116MEAW Series
1Mx16 Pseudo Static RAM AC OPERATING CONDITIONS
Test Conditions (Test Load and Test Input/Output Reference) Input Pulse Level : 0.2V to VCCQ-0.2V Input Rise and Fall Time : 5ns Input and Output reference Voltage : VCCQ/2 Output Load (See right) : CL = 30pF 1. Including scope and Jig capacitance
1)
Dout
CL1)
AC CHARACTERISTICS (Vcc = 2.7 to 3.3V, Gnd = 0V, TA = -25C to +85oC)
Parameter List
Read Cycle Time Address access time Chip enable to data output Output enable to valid output UB#, LB# enable to data output Read Chip enable to low-Z output UB#, LB# enable to low-Z output Output enable to low-Z output Chip disable to high-Z output UB#, LB# disable to high-Z output Output disable to high-Z output Output hold from Address change Write Cycle Time Chip enable to end of write Address setup time Address valid to end of write UB#, LB# valid to end of write Write Write pulse width Write recovery time Write to output high-Z Data to write time overlap Data hold from write time End write to output low-Z Maximum cycle time Page Page mode cycle time Page mode address access time
Symbol
tRC tAA tCO tOE tBA tLZ tBLZ tOLZ tHZ tBHZ tOHZ tOH tWC tCW tAS tAW tBW tWP tWR tWHZ tDW tDH tOW tMRC tPC tPAA
Speed Min 70 10 10 5 0 0 0 5 70 60 0 60 60 50 0 0 20 0 5 25 Max 1k 70 70 25 70 15 15 15 1k 15 1k 25
Unit
ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns
Rev 0.0
Preliminary
EMP116MEAW Series
1Mx16 Pseudo Static RAM
TIMING DIAGRAMS
READ CYCLE (1) (Address controlled, CS#=OE#=VIL, ZZ#=WE#=VIH, UB# or/and LB#=VIL)
tRC Address tOH Data Out
Previous Data Valid
tAA
Data Valid
READ CYCLE (2) (ZZ#=WE#=VIH)
tRC Address tAA CS# LB#, UB# OE# Data Out
High-Z
tCO tBA tOE
tOH tHZ tBHZ tOHZ
Data Vaild
tOLZ tLZ tBLZ
NOTES (READ CYCLE) 1. tHZ , tBHZ and tOHZ are defined as the time at which the outputs achieve the open circuit conditions and are not referenced to output voltage levels. 2. Do not Access device with cycle timing shorter than tRC for continuous periods > 1us.
||||
Rev 0.0
Preliminary
EMP116MEAW Series
1Mx16 Pseudo Static RAM
PAGE READ CYCLE (ZZ#=WE#=VIH, 16 Words access)
tMRC Address (A19~A4) tRC Address (A3~A0) tPC tPC tPC tPC
tAA tCO
tOH
CS# tBA LB#,UB# tOE OE# Data Out tOLZ
High-Z
tHZ
tBHZ
tPAA Data Valid
tPAA Data Valid
tPAA Data Valid
tPAA Data Valid
tOHZ Data Valid
tBLZ tLZ
NOTES (READ CYCLE) 1. tHZ , tBHZ and tOHZ are defined as the time at which the outputs achieve the open circuit conditions and are not referenced to output voltage levels. 2. Do not Access device with cycle timing shorter than tRC for continuous periods > 1us.
Rev 0.0
Preliminary
EMP116MEAW Series
1Mx16 Pseudo Static RAM
WRITE CYCLE (1) (WE# controlled, ZZ#=VIH)
Address CS# LB#,UB# WE# tAS Data In Data Out High-Z tWHZ
Data Undefined
tWC tAW tCW tBW tWP tDW
Data Valid
tWR tDH
tOW
WRITE CYCLE (2) (CS# controlled, ZZ#=VIH)
Address tAS
tWC
tCW
tAW
tWR
CS# LB#,UB# WE#
tBW tWP tDW tDH
Data In Data Out High-Z
Data Valid
WRITE CYCLE (3) (UB#/LB# controlled, ZZ#=VIH)
tWC Address
tCW
CS# tAW LB#,UB# WE# tAS tBW tWP tDW Data In Data Out High-Z
tWR
tDH
Data Valid
Rev 0.0
Preliminary
EMP116MEAW Series
1Mx16 Pseudo Static RAM
PAGE WRITE CYCLE (ZZ#=VIH, 16 Words access)
tMRC Address (A19~A4) tWC Address (A3~A0) tPC tPC tPC tPC
CS#
LB#,UB# tAS WE# tDW Data In
High-Z
tDH
tDW
tDH
tDW
tDH
tDW
tDH
tDW
tDH
tWHZ
Data Valid
Data Valid
Data Valid
Data Valid
Data Valid tOW
Data Out
NOTES (WRITE CYCLE) 1. A write occurs during the overlap(tWP) of low CS#, low WE# and low UB# or LB#. A write begins at the last transition among low CS# and low WE# with asserting UB# or LB# low for single byte operation or simultaneously asserting UB# and LB# low for word operation. A write ends at the earliest transition among high CS# and high WE#. The tWP is measured from the beginning of write to the end of write. 2. tCW is measured from CS# going low to end of write. 3. tAS is measured from the address valid to the beginning of write. 4. tWR is measured from the end of write to the address change. tWR applied in case a write ends as CS# or WE# going high. 5. Do not Access device with cycle timing shorter than tWC for continuous periods > 1us.
(c)(c)(c)(c)
Rev 0.0
Preliminary
EMP116MEAW Series
1Mx16 Pseudo Static RAM
LOW POWER MODES
Mode Register Set
A19 ~ A5 All 0 (Reserved for future) A4 DPD Enable/Disable A3 Array Mode Selection A2 Array Half Selection A1 A0
Array Refresh Area Selection
DPD Enable / Disable
A4 0 1 Type Deep Power Down Enable DPD Disable (Default)
Array Mode Selection
A3 0 1 Type Partial Array Refresh Mode (Default) Reduced Memory Size Mode
Array Half Selection (Top/Down)
A2 0 1 Type Bottom (Default) Top
Array Refresh Area Selection
A1 0 0 1 1 A0 0 1 0 1 Type Full Array (Default) RFU (Reserved for future) 1/2 Array 1/4 Array
NOTES 1. The Partial Array Refresh and Deep Power Down mode is issued only during ZZ# low state. 2. The RMS (Reduced Memory Size) mode is enabled after ZZ# goes high and remains enabled after ZZ# goes high. To change to a different mode, the mode register will have to be re-written. 3. If register is written to enable the Deep Power Down, the part will go into Deep Power Down during the following time that ZZ# is driven low and there is no MRS update. When ZZ# is driven high, all of the register settings will return to dafault state for the part (i.e. full array refresh, Deep Power Down disabled.)
Mode Register Set UpdateTiming Diagram
tWC Address
tCW
CS# LB#,UB# WE# tZZWE ZZ#
NOTES Register write start
tWR
tAS tAW tBW tWP
Register write complete
Register update complete
The register update takes place after over the tZZWE maximum time of 1us. Once the register is updated the next time ZZ# goes low, without any updates to the register starting within the tZZWE maximum time of 1us, the part will refresh the array selected. The data bus is a don't care when ZZ# is low during the register updates.

Rev 0.0
Preliminary
EMP116MEAW Series
1Mx16 Pseudo Static RAM
LOW POWER MODES
Deep Power Down Mode Entry & Exit
A4 tCW CS# tAS tAW UB#,LB# tWP WE# tZZWE ZZ#
Register Write Start
tWR
tZZmin
~ ~
~~ ~~
~~ ~~
tBW
~ ~
~~ ~~
tWC
tR
Deep Power Down Exit
Normal operation
Parameter tZZWE tR(Deep Power Down mode only) tZZmin
Description ZZ# low to Write Enable Low Operation Recovery Time Low Power Mode Time
Min 0 200 10
Max 1 -
Unit
us us us

Rev 0.0
Preliminary
EMP116MEAW Series
1Mx16 Pseudo Static RAM Address Information for PASR mode and RMS mode Partial Array Self Refresh Mode (A3=0, A4=1)
A2 0 0 X 1 1 A1 1 1 0 1 1 A0 1 0 0 1 0 Refresh Section 1/4 1/2 Full 1/4 1/2 Address 000000h~07FFFFh 000000h~0FFFFFh 000000h~1FFFFFh 180000h~1FFFFFh 100000h~1FFFFFh Size 512Kb x 16 1Mb x 16 2Mb x 16 512Kb x 16 1Mb x 16 Density 8Mb 16Mb 32Mb 8Mb 16Mb
Reduced Memory Size Mode (A3=1, A4=1)
A2 0 0 1 1 A1 1 1 1 1 A0 1 0 1 0 Refresh Section 1/4 1/2 1/4 1/2 Address 000000h~07FFFFh 000000h~0FFFFFh 180000h~1FFFFFh 100000h~1FFFFFh Size 512Kb x 16 1Mb x 16 512Kb x 16 1Mb x 16 Density 8Mb 16Mb 8Mb 16Mb
Low Power Mode Characteristics
Parameter Deep Power Down Current Partial Array Refresh Mode Standby Current Reduced Memory Size Mode Standby Current Symbol IZZ IZZa IZZb ISB1a ISB1b
ZZ# < 0.2V, Other inputs = 0 ~ VCCQ (Max. condition : VCC=3.3V @ 85oC)
Test Conditions
Array No Refresh 1/4 Array 1/2 Array
Min -
Typ -
Max 10 65 75 65 75
Unit uA uA uA uA uA
RMS mode. Other inputs = 0 ~ VCCQ (Max. condition : VCC=3.3V @ 85oC)
1/4 Array 1/2 Array

Rev 0.0
Preliminary
EMP116MEAW Series
1Mx16 Pseudo Static RAM
TIMING WAVEFORM OF POWER UP
200us
VCC(Min.)
VCC
CS#
Power Up Mode Normal Operation
NOTE ( POWER UP ) 1. After Vcc reaches Vcc(Min.) , wait 200us with CS# high. Then you get into the normal operation.

Rev 0.0


▲Up To Search▲   

 
Price & Availability of EMP116MEAW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X