Part Number Hot Search : 
TDA8171 MTA106D CEM2187 L78S15T 00003 ACTF0016 10N20 SP7656E
Product Description
Full Text Search
 

To Download EMIF01-TV01F3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EMIF01-TV01F3
Single line IPADTM, EMI filter and ESD protection
Features

EMI symmetrical (I/O) low-pass filter High efficiency EMI filtering Lead-free package 400 m pitch Very low PCB space occupation: 0.6 mm2 Very thin package: 0.6 mm High reliability offered by monolithic integration Reduction of parasitic elements through CSP integration Figure 1. Pin configuration (bump side)
Flip Chip (4 bumps)
A
B 1 2
Complies with the following standards
IEC 61000-4-2 level 4 on internal and external pins: - 15 kV (air discharge) - 8 kV (contact discharge) MIL STD 883F - Method 3015.7 Class 3
Pin A1 A2
Description TV OUT internal GND
Pin B1 B2
Description TV OUT external GND
Application
TV analog signal in TV_OUT interface
Figure 2.
Device configuration
R TV out External B1
Description
The EMIF01-TV01F3 is a highly integrated array designed to suppress EMI/RFI noise and provide impedance matching for mobile phone and portable applications. The EMIF01-TV01F3 is in a Flip Chip package to offer space saving and high RF performance. This low pass filter includes ESD protection circuitry which prevents damage to the protected device when subjected to ESD surges up to 15 kV.
TV out Internal A1
GND
GND
TM: IPAD is a trademark of STMicroelectronics.
April 2008
Rev 2
1/8
www.st.com 8
Characteristics
EMIF01-TV01F3
1
Characteristics
Table 1.
Symbol
Absolute maximum ratings
Parameter and test conditions Internal pins (A1) and external pin (B1): ESD discharge IEC61000-4-2, air discharge ESD discharge IEC61000-4-2, contact discharge Maximum junction temperature Operating temperature range Maximum power dissipation Storage temperature range Value Unit
VPP Tj Top P Tstg
15 8 125 -30 to +85 80 -55 to 150
kV
C C C C
Table 2.
Symbol VBR IRM VRM VCL Rd IPP RI/O Cline Symbol VBR IRM R Cline
Electrical characteristics (Tamb = 25 C)
Parameters Breakdown voltage Leakage current @ VRM Stand-off voltage Clamping voltage Dynamic impedance Peak pulse current Series resistance between Input & Output Input capacitance per line Test conditions IR = 1 mA VRM = 3 V Tolerance 5 % @0V 75 30 35 Min 6 Typ Max 8 0.2 Unit V A pF
IPP VCL VBR VRM IR IRM IRM IR VRM VBR VCL V I IPP
2/8
EMIF01-TV01F3
Characteristics
Figure 3.
db
0.00
S21 (db) attenuation measurement Figure 4.
ESD response to IEC 61000-4-2 (+15 kV air discharge)
TV out internal
10 V/d
-10.00
-20.00
-30.00
TV out external
10 V/d
-40.00
f (Hz)
-50.00 100.0k 1.0M 10.0M 100.0M 1.0G
100 ns/d
Figure 5.
ESD response to IEC 61000-4-2 (-15 kV air discharge)
Figure 6.
CLINE (pF)
35 30
Line capacitance versus applied voltage
F=1MHz Vosc=30mVRMS Tj=25C
TV out internal
10 V/d
25 20 15 10
TV out external
10 V/d
100 ns/d
5
VLINE (V)
0 0 1 2 3 4 5 6
3/8
Application information
EMIF01-TV01F3
2
Application information
Figure 7. Aplac model
I1 Lbump Rbump Rline Rbump Lbump O1
model = d1
model = d2
Rbump
Rbump
Lbump
Lbump
75p
Rs
Ls
I1
O1
Ls
Rs
Port1
Port2
Figure 8.
Aplac parameters
Variables aplacvar Rline 75 aplacvar C_d1 17.5p aplacvar C_d2 17.5p aplacvar Ls 950pH aplacvar Rs 150m aplacvar Lbump96pH aplacvar Rbump 20m aplacvar Lgnd 75pH
Diode D1 BV=7 IBV=1m CJO=C_d1 M=0.28 RS=0.48 VJ=0.6 TT=100n
Diode D2 BV=7 IBV=1m CJO=C_d2 M=0.28 RS=0.7 VJ=0.6 TT=100n
4/8
EMIF01-TV01F3
Ordering information scheme
3
Ordering information scheme
Figure 9. Ordering information scheme
EMIF
EMI Filter Number of lines Information x = resistance value (Ohms) z = capacitance value / 10 (pF) or 2 letters = application 2 digits = version Package F = Flip Chip x = 3: Lead-free, pitch = 400 m, bump = 255 m
yy
-
xx zz
Fx
4
Package information
In order to meet environmental requirements, ST offers these devices in ECOPACK(R) packages. These packages have a lead-free second level interconnect. The category of second level interconnect is marked on the inner box label, in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at www.st.com. Figure 10. Package dimensions
400 m 40
400 m 40 605 m 55
185 m 10 m 770 m 30 m
185 m 10 m
255 m 40
770 m 30m
5/8
Ordering information
EMIF01-TV01F3
Figure 11. Footprint
Copper pad Diameter: 220 m recommended 260 m maximum Solder mask opening: 300 m minimum
Figure 12. Marking
Dot xx = marking z = manufacturing location yww = datecode (y = year ww = week)
Solder stencil opening : 220 m recommended
xxz y ww
Figure 13. Flip Chip tape and reel specification
Dot identifying Pin A1 location 4 0.1 O 1.5 0.1
1.75 0.1 3.5 0.1
0.87
xxz yww xxz yww xxz yww
8 0.3
0.71 0.05 All dimensions in mm
User direction of unreeling
0.87
4 0.1
Note:
More information is available in the application notes: AN2348: "STMicroelectronics 400 micro-metre Flip Chip: Package description and recommendation for use" AN1751: "EMI filters: Recommendations and measurements"
5
Ordering information
Table 3. Ordering information
Marking HC Package Flip Chip Weight 0.79 mg Base qty 5000 Delivery mode Tape and reel 7"
Order code EMIF01-TV01F3
6/8
EMIF01-TV01F3
Revision history
6
Revision history
Table 4.
Date 09-Feb-2006 28-Apr-2008
Document revision history
Revision 1 2 Initial release. Updated ECOPACK statement. Updated Figure 9, Figure 10, and Figure 13. Reformatted to current standards. Changes
7/8
EMIF01-TV01F3
Please Read Carefully:
Information in this document is provided solely in connection with ST products. STMicroelectronics NV and its subsidiaries ("ST") reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described herein at any time, without notice. All ST products are sold pursuant to ST's terms and conditions of sale. Purchasers are solely responsible for the choice, selection and use of the ST products and services described herein, and ST assumes no liability whatsoever relating to the choice, selection or use of the ST products and services described herein. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. If any part of this document refers to any third party products or services it shall not be deemed a license grant by ST for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoever of such third party products or services or any intellectual property contained therein.
UNLESS OTHERWISE SET FORTH IN ST'S TERMS AND CONDITIONS OF SALE ST DISCLAIMS ANY EXPRESS OR IMPLIED WARRANTY WITH RESPECT TO THE USE AND/OR SALE OF ST PRODUCTS INCLUDING WITHOUT LIMITATION IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE (AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION), OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR OTHER INTELLECTUAL PROPERTY RIGHT. UNLESS EXPRESSLY APPROVED IN WRITING BY AN AUTHORIZE REPRESENTATIVE OF ST, ST PRODUCTS ARE NOT DESIGNED, AUTHORIZED OR WARRANTED FOR USE IN MILITARY, AIR CRAFT, SPACE, LIFE SAVING, OR LIFE SUSTAINING APPLICATIONS, NOR IN PRODUCTS OR SYSTEMS, WHERE FAILURE OR MALFUNCTION MAY RESULT IN PERSONAL INJURY, DEATH, OR SEVERE PROPERTY OR ENVIRONMENTAL DAMAGE. ST PRODUCTS WHICH ARE NOT SPECIFIED AS "AUTOMOTIVE GRADE" MAY ONLY BE USED IN AUTOMOTIVE APPLICATIONS AT USER'S OWN RISK.
Resale of ST products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by ST for the ST product or service described herein and shall not create or extend in any manner whatsoever, any liability of ST.
ST and the ST logo are trademarks or registered trademarks of ST in various countries. Information in this document supersedes and replaces all information previously supplied. The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners.
(c) 2008 STMicroelectronics - All rights reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
8/8


▲Up To Search▲   

 
Price & Availability of EMIF01-TV01F3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X