Part Number Hot Search : 
TC610 KBPC3 AO4801L 1270ARCV SMA511 MX29LV GP10M SIRU1111
Product Description
Full Text Search
 

To Download EHP1103SUR01-P01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Technical Data Sheet High Power Lamp
Features
Popular 10mm package. View angle:100 . High light flux output Soldering methods: Dip soldering. Optical efficiency: 42 lm/W Thermal resistance (junction to leadframe): 13K/W The product itself will remain within RoHS compliant version. ESD-withstand voltage: up to 4KV
Preliminary
EHP-1103/SUR01-P01
Descriptions
The series is specially designed for applications requiring higher brightness. The LED lamps are available with different colors, intensities, epoxy colors, etc.
Applications
Flashlight Sunshine light. Advertising Signs. Back lighting.
Device Selection Guide
LED Part No. EHP1103/SUR01-P01 Chip Material AlGaInP Emitted Color Brilliant Red Lens Color Water Clear
Everlight Electronics Co., Ltd. Device Number :
http\\:www.everlight.com Prepared date:11-30-2006
Rev :
Page: 1 of 8
Prepared by: Shaohsulu
Technical Data Sheet High Power Lamp
Package Dimensions
Preliminary
EHP-1103/SUR01-P01
Notes:
Other dimensions are in millimeters, tolerance is 0.25mm except being specified. Protruded resin under flange is 1.5mm Max LED. Bare copper alloy is exposed at tie-bar portion after cutting.
Everlight Electronics Co., Ltd. Device Number : http\\:www.everlight.com Prepared date:11-30-2006 Rev : Page: 2 of 8
Prepared by: Shaohsulu
Technical Data Sheet High Power Lamp
Absolute Maximum Rating (Ta=25)
Parameter Forward Current Thermal resistance (junction to leadframe) Operating Temperature Storage Temperature Electrostatic Discharge Soldering Temperature Power Dissipation Reverse Voltage Zener Reverse Current Notes: Soldering time5 seconds. Symbol IF Rth(j-l) Topr Tstg ESD Tsol Pd VR Iz Absolute Maximum Rating 385 13 -40 ~ +85 -40 ~ +100 4K 260 5 1.3 5 100 Unit mA K/W V W V mA
Preliminary
EHP-1103/SUR01-P01
Electro-Optical Characteristics (Ta=25)
Parameter Luminous Flux Peak Wavelength Dominant Wavelength Viewing Angle Forward Voltage Reverse Current Zener Reverse Voltage Symbol Flux p d 21/2 VF IR Vz Min. 27 -618 -2.0 -5.2 Typ. 35 632 624 100 2.4 --Max. 45 -630 -3.0 10 -Unit lm nm nm deg V A V VR=5V Iz=5mA IF=350mA Condition
Everlight Electronics Co., Ltd. Device Number :
http\\:www.everlight.com Prepared date:11-30-2006
Rev :
Page: 3 of 8
Prepared by: Shaohsulu
Technical Data Sheet High Power Lamp
Rank Combination (IF=350mA)
Rank Luminous Flux R1 27~33 R2 33~39
15%
Preliminary
EHP-1103/SUR01-P01
R3 39~45
Unit:lm
Forward Voltage Combination (V at 350mA)
Rank Forward Voltage 2 2.0~2.2 3 2.2~2.4
0.1V
Color Combination ( at 350mA)
Rank Dominant Wavelength 1 618~622 2 622~626 3 626~630
Unit:nm
Everlight Electronics Co., Ltd. Device Number :
http\\:www.everlight.com Prepared date:11-30-2006
*Measurement Uncertainty of Forward Voltage:
*Measurement Uncertainty of Luminous Intensity:
4 2.4~2.6
5 2.6~2.8
6 2.8~3.0
Unit:V
Rev :
Page: 4 of 8
Prepared by: Shaohsulu
Technical Data Sheet High Power Lamp
Typical Electro-Optical Characteristics Curves
Preliminary
EHP-1103/SUR01-P01
Everlight Electronics Co., Ltd. Device Number :
http\\:www.everlight.com Prepared date:11-30-2006
Rev :
Page: 5 of 8
Prepared by: Shaohsulu
Technical Data Sheet High Power Lamp
Packing Quantity Specification
1.200PCS/1Bag5Bags/1Box 2.10Boxes/1Carton
Preliminary
EHP-1103/SUR01-P01
Label Form Specification
EVERLIGHT CPN: P/N:
RoHS
CPN: Customer's Production Number P/N : Production Number QTY: Packing Quantity CAT: Ranks of Total Flux and Forward Voltage HUE: Color Rank REF: Reference LOT No: Lot Number MADE IN TAIWAN: Production Place
EHP-1103/SUR01-P01 QTY LOT NO
CAT: HUE: REF:
MADE IN TAIWAN
Everlight Electronics Co., Ltd. Device Number :
http\\:www.everlight.com Prepared date:11-30-2006
Rev :
Page: 6 of 8
Prepared by: Shaohsulu
Technical Data Sheet High Power Lamp
Notes
1. Above specification may be changed without notice. EVERLIGHT will reserve authority on material change for above specification. 2. When using this product, please observe the absolute maximum ratings and the instructions for using outlined in these specification sheets. EVERLIGHT assumes no responsibility for any damage resulting from use of the product which does not comply with the absolute maximum ratings and the instructions included in these specification sheets. 3. These specification sheets include materials protected under copyright of EVERLIGHT corporation. Please don't reproduce or cause anyone to reproduce them without EVERLIGHT's consent. 4. Below the zener reference voltage Vz, all the current flows through LED and as the voltage rises to Vz, the zener diode "breakdown." If the voltage tries to rise above Vz current flows through the zener branch to keep the voltage at exactly Vz. 5. When the LED is connected using serial circuit, if either piece of LED is no light up but current can't flow through causing others to light down. In new design, the LED is parallel with zener diode. if either piece of LED is no light up but current can flow through causing others to light up.
Preliminary
EHP-1103/SUR01-P01
Everlight Electronics Co., Ltd. Device Number :
http\\:www.everlight.com Prepared date:11-30-2006
Rev :
Page: 7 of 8
Prepared by: Shaohsulu
Technical Data Sheet High Power Lamp
Preliminary
EHP-1103/SUR01-P01
6. If the emitter is operated, consider using metal heat sink with the lowest possible thermal resistance. For the thermal performance using a flat heat sink, allow an exposed surface area of about 25mm2 at least. 7. Soldering Condition Careful attention should be paid during soldering. When soldering, leave more then 3mm from solder joint to case, and soldering beyond the base of the tie bar is recommended. Avoiding applying any stress to the lead frame while the LEDs are at high temperature particularly when soldering. Recommended soldering conditions: Hand Soldering Temp. at tip of iron Soldering time Distance 400 Max. (30W Max.) 3 sec Max. 3mm Min.(From solder joint to case) Preheat temp. Bath temp. Bath time. Distance DIP Soldering 100 Max. (60 sec Max.) 265 Max. 5 sec Max. 3mm Min.
EVERLIGHT ELECTRONICS CO., LTD. Office: No 25, Lane 76, Sec 3, Chung Yang Rd, Tucheng, Taipei 236, Taiwan, R.O.C
Tel: 886-2-2267-2000, 2267-9936 Fax: 886-2267-6244, 2267-6189, 2267-6306 http:\\www.everlight.com
Everlight Electronics Co., Ltd. Device Number :
http\\:www.everlight.com Prepared date:11-30-2006
Rev :
Page: 8 of 8
Prepared by: Shaohsulu


▲Up To Search▲   

 
Price & Availability of EHP1103SUR01-P01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X