Part Number Hot Search : 
D1103 B3N1T C100MC MAX9247 VLME31 AD5744 XSD213 AD627A
Product Description
Full Text Search
 

To Download EG01C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BL
FEATURES
GALAXY ELECTRICAL
EG01Y(Z)---EG01C(Z)
VOLTAGE RANGE: 70 --- 1000 V CURRENT: 0.5 --- 1.0 A
HIGH EFFICIENCY RECTIFIER
Low cost Diffused junction Low leakage Low forward voltage drop High current capability Easily cleaned with freon, alcohol, lsopropand and similar solvents The plastic material carries U/L recognition 94v-0
DO - 41
MECHANICAL DATA
Case: JEDEC DO-41, molded plastic Terminals: Axial leads,solderable per MIL-STD-202, Method 208 Polarity: Color band denotes cathode Weight: 0.012 ounces, 0.34grams Mounting: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified. Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
EG01Y
Maximum peak repetitive reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forw ard rectified current 9.5mm lead length, Peak forw ard surge current 10ms single half-sine-w ave superimplsed on rated load @TJ =125 Maximum instantaneous forw ard voltage @ IF=I F(AV) Maximum reverse current at rated DC blocking voltage Maximum reverse recovery time Typical junction capacitance Typical thermal resistance Operating junction temperature range Storage temperature range
NOTE: 1. Measured with I F =0.5A, I R=1A, I rr=0.5A 2. Measured at 1.0MHZ and applied rev erse v oltage of 4.0V DC. 3. Thermal resistance f rom junction to ambient.
EG01Z
200 140 200 0.7
EG01
400 280 400
EG01A
600 420 600
EG01C
1000 700 1000 0.5
UNITS
V V V A
VRRM VRMS VDC IF(AV)
70 49 70 1.0
@TA=75
IFSM VF IR trr CJ RJA TJ TSTG
30.0
15.0
10.0
A
1.2 0.1 0.5
1.9
0.05 0.30 50 20 60
2.0 0.1 0.5
3.3 0.05 0.50
V mA ns
@TA=25 @TA=100 (Note1) (Note2) (Note3)
15
pF /W
- 55 --- + 150 - 55 --- + 150
www.galaxycn.com
Document Number 0262026
BLGALAXY ELECTRICAL
1.
RATINGS AND CHARACTERISTIC CURVES
EG01Y (Z)--- EG01C(Z)
FIG.1 -- TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
50 N 1. 10 N 1.
trr +0.5A 0
D.U.T. (+) 25VDC (approx) (-) 1 NONINDUCTIVE PULSE GENERATOR (NOTE2) OSCILLOSCOPE (NOTE1)
-0.25A
-1.0A
1cm
NOTES:1.RISE TIME = 7ns MAX.INPUT IMPEDANCE =1M . 22pF. 2.RISE TIME =10ns MAX.SOURCE IMPEDANCE=50 .
SE TIM BASEFOR 10/20 ns/cm TE
FIG.2 -- TYPICAL FORWARD CHARACTERISTIC INSTANTANEOUS FORWARD CURRENT AMPERES
EG01Y 1 EG01C EG01Z
FIG.3 -- FORWARD DERATING CURVE AVERAGE FORWARD RECTIFIED CURRENT AMPERES
1.0
EG01Y
0.8
EG01Z-EG01
EG01A 0.1 EG01
0.6
EG01A-EG01C
0.01
TJ=25 Pulse Width=300S
0.4
0.2
0.001 0
0 0 25 50 75 100 125 150
0.4 0.8 1.2 1.6
2.0 2.4 2.8 3.2
3.6 4
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
AMBIENT TEMPERATURE,
FIG.4 -- PEAK FORWARD SURGE CURRENT PEAK FORWARD SURGE CURRENT AMPERES
FIG.5--TYPICAL JUNCTION CAPACITANCE
30
JUNCTION CAPACITANCE,pF
200 100 60 40
EG01Y-EG01
25 20 15
EG01Z,EG01
EG01Y
20 10 6 4
TJ=25 EG01A-EG01C
10 5 0 1 5 10
EG01A,EG01C
2 1 0.1 0.2 0.4 1 2 4 10 20 40 100
50
NUMBER OF CYCLES AT 60Hz
REVERSE VOLTAGE,VOLTS
www.galaxycn.com
Document Number
0262026
BLGALAXY ELECTRICAL
2.


▲Up To Search▲   

 
Price & Availability of EG01C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X