|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
www.SunLED.com Part Number: DURG57A-A 57mm (2.3") SINGLE DIGIT NUMERIC DISPLAY Features 2.3 INCH DIGIT HEIGHT. LOW CURRENT OPERATION. EXCELLENT CHARACTER APPEARANCE. HIGH LIGHT OUTPUT. EASY MOUNTING ON P.C. BOARDS OR SOCKETS. MULTICOLOR AVAILABLE. MECHANICALLY RUGGED. GRAY FACE, WHITE SEGMENT. RoHS COMPLIANT. Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3.Specifications are subject to change without notice. Absolute Maximum Ratings (TA=25C) Reverse Voltage Per Segment or (DP) Forward Current Per Segment or (DP) Forward Current (Peak) Per Segment or (DP) 1/10 Duty Cycle 0.1ms Pulse Width Power Dissipation Per Segment or (DP) Operating Temperature Storage Temperature Lead Solder Temperature [2mm Below Package Base] VR IF UR (GaAsP /GaP) 20 (10) 30 (30) 160 (160) 300 (150) UG (GaP) 20 (10) 25 (25) 140 (140) 250 (125) Unit Operating Characteristics (TA=25C) Forward Voltage (Typ.) Per Segment or (DP) (IF=10mA) Forward Voltage (Max.) Per Segment or (DP) (IF=10mA) Reverse Current Per Segment or (DP) (VR=20(10)V) Wavelength of Peak Emission (Typ.) (IF=10mA) Wavelength of Dominant Emission (Typ.) (IF=10mA) Spectral Line Full Width At Half-Maximum (Typ.) (IF=10mA) Capacitance (Typ.) (VF=0V, f=1MHz) Luminous Intensity (IF=10mA) ucd min. typ. 55490 52990 V3 627 565 Wavelength nm P UR (GaAsP /GaP) VF 7.6 (3.8) 10.0 (5.0) UG (GaP) 8.0 (4.0) 10.0 (5.0) Unit V VF V V mA IR 10 10 uA iFS mA P 627 565 nm PT TA Tstg mW C D 625 568 nm -40 ~ +85 -40 ~ +85 260C For 3~5 Seconds 45 30 nm C 15 15 pF Part Number Emitting Color Emitting Material Description DURG57A-A Red Green GaAsP/GaP GaP 12000 12000 Common Anode. Rt. Hand Decimal Published Date : MAR 13,2008 Drawing No : SDSA2177 Checked : Shin Chi P.1/7 www.SunLED.com Part Number: DURG57A-A 57mm (2.3") SINGLE DIGIT NUMERIC DISPLAY UR Published Date : MAR 13,2008 Drawing No : SDSA2177 V3 Checked : Shin Chi P.2/7 www.SunLED.com Part Number: DURG57A-A 57mm (2.3") SINGLE DIGIT NUMERIC DISPLAY UR Published Date : MAR 13,2008 Drawing No : SDSA2177 V3 Checked : Shin Chi P.3/7 www.SunLED.com Part Number: DURG57A-A 57mm (2.3") SINGLE DIGIT NUMERIC DISPLAY UG Published Date : MAR 13,2008 Drawing No : SDSA2177 V3 Checked : Shin Chi P.4/7 www.SunLED.com Part Number: DURG57A-A 57mm (2.3") SINGLE DIGIT NUMERIC DISPLAY UG Published Date : MAR 13,2008 Drawing No : SDSA2177 V3 Checked : Shin Chi P.5/7 www.SunLED.com Part Number: DURG57A-A 57mm (2.3") SINGLE DIGIT NUMERIC DISPLAY Remarks: If special sorting is required (e.g. binning based on forward voltage, luminous intensity/ luminous flux or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous Intensity/ luminous flux: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters. Published Date : MAR 13,2008 Drawing No : SDSA2177 V3 Checked : Shin Chi P.6/7 www.SunLED.com Part Number: DURG57A-A 57mm (2.3") SINGLE DIGIT NUMERIC DISPLAY PACKING & LABEL SPECIFICATIONS DURG57A-A Published Date : MAR 13,2008 Drawing No : SDSA2177 V3 Checked : Shin Chi P.7/7 |
Price & Availability of DURG57A-A |