Part Number Hot Search : 
K1V24W 2405A 22DE4 K1V24W SJ5201 SAMTEC MP86FS 10ELT
Product Description
Full Text Search
 

To Download DTC124ECA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BL Galaxy Electrical
Digital Transistor
FEATURES
Built-in bias resistor enable the configuration of an inverter circuit without connecting external input resistors. The bias resistors consist of thin-film resistors with complete isolation to allow negative biasing of the input. They also have the advantage of almost completely eliminating parasitic effects. Only the on/off conditions need to be set for operation, making device design easy.
Production specification
DTC124ECA
Pb
Lead-free
SOT-23
APPLICATIONS
The NPN style digital transistor.
ORDERING INFORMATION
Type No. DTC124ECA Marking 25 Package Code SOT-23
MAXIMUM RATING @ Ta=25 unless otherwise specified
Symbol VCC VIN IO PD Tj,Tstg Parameter Supply Voltage Input Voltage Output Current Power Dissipation Operating and Storage and Temperature Range Value 50 -10 to 40 30 200 -55 to +150 Units V V mA mW
ELECTRICAL CHARACTERISTICS @ Ta=25 unless otherwise specified
Document number: BL/SSDTC131 Rev.A
www.galaxycn.com 1
BL Galaxy Electrical
Digital Transistor
Parameter Input Voltage Output Voltage Input Current Output Current DC Current Gain Input Resistor (R1) Tolerance Resistance Ratio Gain-Bandwidth Product Symbol VI(off) VI(on) VO(on) II IO(off) GI R1 R2/R1 fT Test conditions VCC=5V,IO=100A VO=0.2V,IO=5mA Io/II=10mA/0.5mA, VI=5V VCC=50V,VI=0V VO=5V,IO=5mA VCE=10V,IE=-5mA, f=100MHz
Production specification
DTC124ECA
MIN 3 56 15.4 0.8 TYP 0.1 22 1 250 MAX UNIT 0.5 0.3 0.36 0.5 28.6 1.2 K % MHz V V mA A
PACKAGE OUTLINE
Plastic surface mounted package
A E
SOT-23
SOT-23
Dim A B C D
J
Min 2.85 1.25 0.37 0.35 1.85 0.02 2.35
Max 2.95 1.35 0.43 0.48 1.95 0.1 2.45
K
B
1.0Typical
D G
E G H
H C
J K
0.1Typical
All Dimensions in mm
Document number: BL/SSDTC131 Rev.A
www.galaxycn.com 2
BL Galaxy Electrical
Digital Transistor
SOLDERING FOOTPRINT
Production specification
DTC124ECA
Unit : mm
PACKAGE
Device DTC124ECA
INFORMATION
Package SOT-23 Shipping 3000/Tape&Reel
Document number: BL/SSDTC131 Rev.A
www.galaxycn.com 3


▲Up To Search▲   

 
Price & Availability of DTC124ECA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X