Part Number Hot Search : 
MR700 74HC238 IRL3705 SD2333 LC75834W IRF730AL M3004L STK4873
Product Description
Full Text Search
 

To Download DPPM20D12K-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Type DPPM Polypropylene Film Capacitors
Foil/Metallized Hybrid, Radial Leaded Great for Compact Snubber Applications
Type DPPM radial-leaded, film/foil polypropylene capacitors utilize series wound extended foil with floating metallized common film construction. Type DPPM offers excellent high frequency and high current capabilities and self-healing characteristics. With low inductance and high dV/dt characteristics, Type DPPM is ideal for snubber applications.
Specifications
Capacitance Range: .001-.047 F Voltage Range: 1000-2000 Vdc (450-500 Vac, 60 Hz) Capacitance Tolerance: 10% (K) standard Operating Temperature Range: -40 C to 105 C* Dielectric Strength: 175% (1 minute) Dissipation Factor: 0.1% Max. (25 C, 1kHz) Insulation Resistance: 400,000 M Min. Life Test: 500 hours at 85 C at 125% rated voltage
L MAX. MAX. T
5% (J), 20% (M) optional
.984 MIN. (25mm)
H MAX.
*Full-rated voltage at 85 C-Derate linearly to 50%-rated voltage at 105 C
1.5mm d MAX. TINNED COPPER
S .06 (1.5)
NOTE: Other capacitance values, sizes and performance
pecifications are available. Contact us.
Ratings
Cap. F Catalog Part Number T Inches (mm) H L Inches (mm) Inches 1000 Vdc (450 Vac) 0.452 (11.5) 0.984 0.452 (11.5) 0.984 0.452 (11.5) 0.984 0.452 (11.5) 0.984 0.452 (11.5) 0.984 0.472 (12.0) 0.984 (mm) S Inches (mm)
RoHS Compliant
d Inches (mm) dV/dt V/s
.0010 .0012 .0015 .0018 .0022 .0027 .0033 .0039 .0047 .0056 .0068 .0082 .010 .012 .015 .018 .022 .027 .033 .039 .047
DPPM10D1K-F DPPM10D12K-F DPPM10D15K-F DPPM10D18K-F DPPM10D22K-F DPPM10D27K-F DPPM10D33K-F DPPM10D39K-F DPPM10D47K-F DPPM10D56K-F DPPM10D68K-F DPPM10D82K-F DPPM10S1K-F DPPM10S12K-F DPPM10S15K-F DPPM10S18K-F DPPM10S22K-F DPPM10S27K-F DPPM10S33K-F DPPM10S39K-F DPPM10S47K-F
0.256 0.256 0.256 0.256 0.256 0.275 0.275 0.275 0.295 0.314 0.334 0.334 0.374 0.393 0.374 0.393 0.433 0.472 0.511 0.551 0.590
(6.5) (6.5) (6.5) (6.5) (6.5) (7.0) (7.0) (7.0) (7.5) (8.0) (8.5) (8.5) (9.5) (10.0) (9.5) (10.0) (11.0) (12.0) (13.0) (14.0) (15.0)
(25.0) (25.0) (25.0) (25.0) (25.0) (25.0) (25.0) (25.0) (25.0) (25.0) (25.0) (25.0) (25.0) (25.0) (31.0) (31.0) (31.0) (31.0) (31.0) (31.0) (31.0)
0.826 0.826 0.826 0.826 0.826 0.826 0.826 0.826 0.826 0.826 0.826 0.826 0.826 0.826 1.043 1.043 1.043 1.043 1.043 1.043 1.043
(21.0) (21.0) (21.0) (21.0) (21.0) (21.0) (21.0) (21.0) (21.0) (21.0) (21.0) (21.0) (21.0) (21.0) (26.5) (26.5) (26.5) (26.5) (26.5) (26.5) (26.5)
0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032
(0.8) (0.8) (0.8) (0.8) (0.8) (0.8) (0.8) (0.8) (0.8) (0.8) (0.8) (0.8) (0.8) (0.8) (0.8) (0.8) (0.8) (0.8) (0.8) (0.8) (0.8)
1900 1900 1900 1900 1900 1900 1900 1900 1900 1900 1900 1900 1900 1900 1300 1300 1300 1300 1300 1300 1300
0.492 0.511 0.531 0.551 0.570 0.629 0.649 0.688 0.669 0.688 0.728 0.767 0.807 0.846 0.885
(12.5) (13.0) (13.5) (14.0) (14.5) (16.0) (16.5) (17.5) (17.0) (17.5) (18.5) (19.5) (20.5) (21.5) (22.5)
0.984 0.984 0.984 0.984 0.984 0.984 0.984 0.984 1.220 1.220 1.220 1.220 1.220 1.220 1.220
CDE Cornell Dubilier*1605 E. Rodney French Blvd.*New Bedford, MA 02740*Phone: (508)996-8561*Fax: (508)996-3830 www.cde.com
Type DPPM Polypropylene Film Capacitors
Ratings
Cap. mF .0010 .0012 .0015 .0018 .0022 .0027 .0033 .0039 .0047 .0056 .0068 .0082 .010 .012 .015 .018 .022 .027 .033 .0010 .0012 .0015 .0018 .0022 .0027 .0033 .0039 .0047 .0056 .0068 .0082 .010 .012 .015 .018 .022 .0010 .0012 .0015 .0018 .0022 .0027 .0033 .0039 .0047 .0056 .0068 .0082 .010 .012 Catalog Part Number DPPM12D1K-F DPPM12D12K-F DPPM12D15K-F DPPM12D18K-F DPPM12D22K-F DPPM12D27K-F DPPM12D33K-F DPPM12D39K-F DPPM12D47K-F DPPM12D56K-F DPPM12D68K-F DPPM12D82K-F DPPM12S1K-F DPPM12S12K-F DPPM12S15K-F DPPM12S18K-F DPPM12S22K-F DPPM12S27K-F DPPM12S33K-F DPPM16D1K-F DPPM16D12K-F DPPM16D15K-F DPPM16D18K-F DPPM16D22K-F DPPM16D27K-F DPPM16D33K-F DPPM16D39K-F DPPM16D47K-F DPPM16D56K-F DPPM16D68K-F DPPM16D82K-F DPPM16S1K-F DPPM16S12K-F DPPM16S15K-F DPPM16S18K-F DPPM16S22K-F DPPM20D1K-F DPPM20D12K-F DPPM20D15K-F DPPM20D18K-F DPPM20D22K-F DPPM20D27K-F DPPM20D33K-F DPPM20D39K-F DPPM20D47K-F DPPM20D56K-F DPPM20D68K-F DPPM20D82K-F DPPM20S1K-F DPPM20S12K-F T Inches (mm) 0.256 (6.5) 0.256 (6.5) 0.256 (6.5) 0.275 (7.0) 0.275 (7.0) 0.275 (7.0) 0.295 (7.5) 0.295 (7.5) 0.314 (8.0) 0.334 (8.5) 0.314 (8.0) 0.334 (8.5) 0.354 (9.0) 0.374 (9.5) 0.413 (10.5) 0.433 (11.0) 0.472 (12.0) 0.511 (13.0) 0.551 (14.0) 0.256 (6.5) 0.256 (6.5) 0.275 (7.0) 0.295 (7.5) 0.314 (8.0) 0.334 (8.5) 0.374 (9.5) 0.393 (10.0) 0.413 (10.5) 0.393 (10.0) 0.413 (10.5) 0.433 (11.0) 0.472 (12.0) 0.531 (13.5) 0.590 (15.0) 0.649 (16.5) 0.708 (18.0) 0.275 (7.0) 0.295 (7.5) 0.314 (8.0) 0.334 (8.5) 0.354 (9.0) 0.374 (9.5) 0.413 (10.5) 0.433 (11.0) 0.393 (10.0) 0.433 (11.0) 0.472 (12.0) 0.511 (13.0) 0.551 (14.0) 0.570 (14.5) H Inches (mm) 0.452 (11.5) 0.452 (11.5) 0.452 (11.5) 0.472 (12.0) 0.492 (12.5) 0.492 (12.5) 0.511 (13.0) 0.531 (13.5) 0.551 (14.0) 0.570 (14.5) 0.590 (15.0) 0.610 (15.5) 0.629 (16.0) 0.669 (17.0) 0.708 (18.0) 0.748 (19.0) 0.787 (20.0) 0.826 (21.0) 0.866 (22.0) 0.452 (11.5) 0.452 (11.5) 0.492 (12.5) 0.531 (13.5) 0.590 (15.0) 0.610 (15.5) 0.649 (16.5) 0.688 (17.5) 0.748 (19.0) 0.708 (18.0) 0.748 (19.0) 0.787 (20.0) 0.866 (22.0) 0.905 (23.0) 0.964 (24.5) 1.023 (26.0) 1.082 (27.5) 0.492 (12.5) 0.511 (13.0) 0.551 (14.0) 0.610 (15.5) 0.629 (16.0) 0.649 (16.5) 0.688 (17.5) 0.748 (19.0) 0.748 (19.0) 0.767 (19.5) 0.807 (20.5) 0.846 (21.5) 0.866 (22.0) 0.925 (23.5) L Inches (mm) 0.984 (25.0) 0.984 (25.0) 0.984 (25.0) 0.984 (25.0) 0.984 (25.0) 0.984 (25.0) 0.984 (25.0) 0.984 (25.0) 0.984 (25.0) 0.984 (25.0) 1.220 (31.0) 1.220 (31.0) 1.220 (31.0) 1.220 (31.0) 1.220 (31.0) 1.220 (31.0) 1.220 (31.0) 1.220 (31.0) 1.220 (31.0) 0.984 (25.0) 0.984 (25.0) 0.984 (25.0) 0.984 (25.0) 0.984 (25.0) 0.984 (25.0) 0.984 (25.0) 0.984 (25.0) 0.984 (25.0) 1.220 (31.0) 1.220 (31.0) 1.220 (31.0) 1.220 (31.0) 1.220 (31.0) 1.220 (31.0) 1.220 (31.0) 1.220 (31.0) 0.984 (25.0) 0.984 (25.0) 0.984 (25.0) 0.984 (25.0) 0.984 (25.0) 0.984 (25.0) 0.984 (25.0) 0.984 (25.0) 1.220 (31.0) 1.220 (31.0) 1.220 (31.0) 1.220 (31.0) 1.220 (31.0) 1.220 (31.0) S Inches (mm) 0.826 (21.0) 0.826 (21.0) 0.826 (21.0) 0.826 (21.0) 0.826 (21.0) 0.826 (21.0) 0.826 (21.0) 0.826 (21.0) 0.826 (21.0) 0.826 (21.0) 1.043 (26.5) 1.043 (26.5) 1.043 (26.5) 1.043 (26.5) 1.043 (26.5) 1.043 (26.5) 1.043 (26.5) 1.043 (26.5) 1.043 (26.5) 0.826 (21.0) 0.826 (21.0) 0.826 (21.0) 0.826 (21.0) 0.826 (21.0) 0.826 (21.0) 0.826 (21.0) 0.826 (21.0) 0.826 (21.0) 1.043 (26.5) 1.043 (26.5) 1.043 (26.5) 1.043 (26.5) 1.043 (26.5) 1.043 (26.5) 1.043 (26.5) 1.043 (26.5) 0.826 (21.0) 0.826 (21.0) 0.826 (21.0) 0.826 (21.0) 0.826 (21.0) 0.826 (21.0) 0.826 (21.0) 0.826 (21.0) 1.043 (26.5) 1.043 (26.5) 1.043 (26.5) 1.043 (26.5) 1.043 (26.5) 1.043 (26.5) 1200 Vdc (475 Vac) 0.032 (0.8) 0.032 (0.8) 0.032 (0.8) 0.032 (0.8) 0.032 (0.8) 0.032 (0.8) 0.032 (0.8) 0.032 (0.8) 0.032 (0.8) 0.032 (0.8) 0.032 (0.8) 0.032 (0.8) 0.032 (0.8) 0.032 (0.8) 0.032 (0.8) 0.032 (0.8) 0.032 (0.8) 0.032 (0.8) 0.032 (0.8) 0.032 (0.8) 0.032 (0.8) 0.032 (0.8) 0.032 (0.8) 0.032 (0.8) 0.032 (0.8) 0.032 (0.8) 0.032 (0.8) 0.032 (0.8) 0.032 (0.8) 0.032 (0.8) 0.032 (0.8) 0.032 (0.8) 0.032 (0.8) 0.032 (0.8) 0.032 (0.8) 0.032 (0.8) 0.032 (0.8) 0.032 (0.8) 0.032 (0.8) 0.032 (0.8) 0.032 (0.8) 0.032 (0.8) 0.032 (0.8) 0.032 (0.8) 0.032 (0.8) 0.032 (0.8) 0.032 (0.8) 0.032 (0.8) 0.032 (0.8) 0.032 (0.8) 2100 2100 2100 2100 2100 2100 2100 2100 2100 2100 1500 1500 1500 1500 1500 1500 1500 1500 1500 3700 3700 3700 3700 3700 3700 3700 3700 3700 2800 2800 2800 2800 2800 2800 2800 2800 3900 3900 3900 3900 3900 3900 3900 3900 2900 2900 2900 2900 2900 2900
RoHS Compliant
d Inches (mm) dV/dt V/s
1600 Vdc (500 Vac)
2000 Vdc (500 Vac)
CDE Cornell Dubilier*1605 E. Rodney French Blvd.*New Bedford, MA 02740*Phone: (508)996-8561*Fax: (508)996-3830 www.cde.com


▲Up To Search▲   

 
Price & Availability of DPPM20D12K-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X