Part Number Hot Search : 
A324506 FAIRCHIL 2M133B 78LM24 30150 01010 43000 MHR64
Product Description
Full Text Search
 

To Download DPFF2S33JS-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Type DPFF High AC Current Polypropylene Film Capacitors
High Voltage Single and Series Section Film/Foil Polypropylene Capacitors
Type DPFF radial leaded polypropylene film/foil capacitors feature single and series section construction. Part numbers with the "S" suffix have extended aluminum foil with a floating metallized film. Excellent temperature stability to 105 C and low loss characteristics, make Type DPFF ideal for high AC current and pulse applications.
Highlights
* * * * High dv/dt High AC current Good for pulse applications Low DF
Outline Drawing
L Max. H Max. .250" Max. T Max.
1.18" Min (30 mm) S .06" (1.5 mm). NOTE: Other capacitance values, sizes and performance specifications are available. Please contact CDE.
0.032" (0.8 mm) Tinned Copper
Specifications
Capacitance Range: Voltage Range: Capacitance Tolerance: Operating Temperature Range: Dielectric Strength: Dissipation Factor: Insulation Resistance: Life Test: Pulse Capability:
RoHS Compliant
0.001 to 0.47 F 200 to 1600 Vdc (155 to 500 Vac 60 Hz) 10% standard, 5% optional -55 C to +105 C (derate linearly to 50% rated voltage at +105 C 250% (800 Vdc ) 200% (1200 and 1600 Vdc) for 1 minute 0.10% Max. (+25 C, 1 KHz) 50,000 M*F, 100,000 M Min. 500 hr @ 85 C @ 125% rated voltage
Rated Volts .700-.750 4600 6000 8000 Body Length .900-.950 2400 3200 6600 1.250-1.300 1.650-1.700 1400 1800 2800 6000 6800 11600 720 840 1200 3200 3200 6000 dV/dt -- volts per microsecond, maximum
Complies with the EU Directive 2002/95/EC requirement restricting the use of Lead (Pb), Mercury (Hg), Cadmium (Cd), Hexavalent chromium (Cr(VI)), PolyBrominated Biphenyls (PBB) and PolyBrominated Diphenyl Ethers (PBDE).
200 400 600 800 1200 1600
CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8561 * Fax: (508)996-3830 * www.cde.com
Type DPFF High AC Current Polypropylene Film Capacitors
Ratings
Cap (F) Catalog Part Number T Max. H Max. L Max. S 0.06 (1.5) Cap (F) .0470 .0560 .0680 .0820 .1000 .1200 .1500 .1500 .1800 .2200 .2200 .2700 .3300 .3300 .3900 .4700 .4700 .0010 .0012 .0015 .0015 .0018 .0022 .0027 .0033 .0033 .0039 .0047 .0047 .0056 0.374 (9.5) 0.374 (9.5) 0.374 (9.5) 0.374 (9.5) 0.374 (9.5) 0.374 (9.5) 0.374 (9.5) 0.374 (9.5) 0.374 (9.5) 0.374 (9.5) 0.374 (9.5) 0.374 (9.5) 0.374 (9.5) 0.374 (9.5) 0.72 (18.3) .0068 .0068 .0082 .0100 .0100 .0120 .0150 .0150 .0180 .0220 .0220 .0270 .0270 .0330 .0390 Catalog T Max. Inches (mm) Inches (mm)Inches (mm) Inches (mm) 200/250 Vdc (155 Vac 60 Hz) .0120 DPFF2S12J-F .0150 DPFF2S15J-F .0150 DPFF2S15JS-F .0180 DPFF2S18J-F .0220 DPFF2S22J-F .0220 DPFF2S22JS-F .0270 DPFF2S27J-F .0330 DPFF2S33J-F .0330 DPFF2S33JS-F .0390 DPFF2S39J-F .0470 DPFF2S47J-F .0470 DPFF2S47JS-F .0560 DPFF2S56J-F .0680 DPFF2S68J-F .0680 DPFF2S68JS-F .0820 DPFF2S82J-F .1000 DPFF2P1J-F .1000 DPFF2P1JS-F .1200 DPFF2P12J-F .1500 DPFF2P15J-F .1500 DPFF2P15JS-F .1800 DPFF2P18J-F .2200 DPFF2P22J-F .2200 DPFF2P22JS-F .2700 DPFF2P27J-F .3300 DPFF2P33J-F .3300 DPFF2P33JS-F .3900 DPFF2P39J-F .4700 DPFF2P47J-F .4700 DPFF2P47JS-F .0039 DPFF4D39J-F .0047 DPFF4D47J-F .0056 DPFF4D56J-F .0068 DPFF4D68J-F .0082 DPFF4D82J-F .0100 DPFF4S1J-F .0120 DPFF4S12J-F .0150 DPFF4S15J-F .0150 DPFF4S15JS-F .0180 DPFF4S18J-F .0220 DPFF4S22J-F .0270 DPFF4S27J-F .0330 DPFF4S33J-F .0330 DPFF4S33JS-F .0390 DPFF4S39J-F 0.37 (9.4) 0.37 (9.4) 0.28 (7.1) 0.37 (9.4) 0.37 (9.4) 0.31 (7.9) 0.42 (10.7) 0.42 (10.7) 0.36 (9.1) 0.40 (10.2) 0.40 (10.2) 0.34 (8.6) 0.45 (11.4) 0.45 (11.4) 0.39 (9.9) 0.45 (11.4) 0.45 (11.4) 0.38 (9.7) 0.55 (14.0) 0.55 (14.0) 0.44 (11.2) 0.62 (15.7) 0.62 (15.7) 0.51 (13.0) 0.65 (16.5) 0.65 (16.5) 0.53 (13.5) 0.75 (19.1) 0.75 (19.1) 0.6 (15.2) 0.40 (10.2) 0.40 (10.2) 0.40 (10.2) 0.40 (10.2) 0.40 (10.2) 0.40 (10.2) 0.45 (11.4) 0.45 (11.4) 0.34 (8.6) 0.45 (11.4) 0.45 (11.4) 0.50 (12.7) 0.50 (12.7) 0.38 (9.7) 0.50 (12.7) 0.37 (9.4) 0.37 (9.4) 0.34 (8.6) 0.37 (9.4) 0.37 (9.4) 0.37 (9.4) 0.75 (19.1) 0.75 (19.1) 0.70 (17.8) 0.75 (19.1) 0.75 (19.1) 0.70 (17.8) 0.374 (9.5) 0.374 (9.5) 0.374 (9.5) 0.374 (9.5) 0.374 (9.5) 0.374 (9.5) 0.374 (9.5) 0.374 (9.5) 0.374 (9.5) 0.374 (9.5) 0.374 (9.5) 0.374 (9.5) 0.374 (9.5) 0.374 (9.5) 0.374 (9.5) 0.72 (18.3) 0.72 (18.3) 0.72 (18.3) 0.72 (18.3) 0.72 (18.3) 0.72 (18.3) 0.72 (18.3) 0.72 (18.3) 0.72 (18.3) DPFF6D1J-F DPFF6D12J-F DPFF6D15J-F DPFF6D15JS-F DPFF6D18J-F DPFF6D22J-F DPFF6D27J-F DPFF6D33J-F DPFF6D33JS-F DPFF6D39J-F DPFF6D47J-F DPFF6D47JS-F DPFF6D56J-F DPFF6D68J-F DPFF6D68JS-F DPFF6D82J-F DPFF6S1J-F DPFF6S1JS-F DPFF6S12J-F DPFF6S15J-F DPFF6S18J-F DPFF6S22J-F DPFF6S27J-F DPFF6S33J-F DPFF6S39J-F DPFF4S47J-F DPFF4S56J-F DPFF4S68J-F DPFF4S82J-F DPFF4P1J-F DPFF4P12J-F DPFF4P15J-F DPFF4P18J-F DPFF4P22J-F DPFF4P22JS-F DPFF4P27J-F DPFF4P33J-F DPFF4P39J-F DPFF4P47J-F
RoHS Compliant
H Max. L Max. S 0.06 (1.5) Part Number Inches (mm) Inches (mm)Inches (mm) Inches (mm) 400 Vdc (200 Vac 60 Hz) 0.50 (12.7) 0.55 (14.0) 0.55 (14.0) 0.60 (15.2) 0.60 (15.2) 0.65 (16.5) 0.65 (16.5) 0.70 (17.8) 0.70 (17.8) 0.58 14.7) 0.80 (20.3) 0.80 (20.3) 0.90 (22.9) 0.90 (22.9) 0.50 (12.7) 1.30 (33.0) 0.55 (14.0) 1.30 (33.0) 0.55 (14.0) 1.30 (33.0) 0.60 (15.2) 1.30 (33.0) 0.60 (15.2) 1.30 (33.0) 0.65 (16.5) 1.30 (33.0) 0.65 (16.5) 1.30 (33.0) 0.62 (15.7) 1.25 (31.8) 0.70 (17.8) 1.70 (43.2) 0.70 (17.8) 1.70 (43.2) 0.64 (16.3) 1.65 (41.9) 0.80 (20.3) 1.70 (43.2) 0.80 (20.3) 1.70 (43.2) 0.76 (19.3) 1.65 (41.9) 0.90 (22.9) 1.70 (43.2) 0.90 (22.9) 1.70 (43.2) 0.88 (22.4) 1.65 (41.9) 0.40 (10.2) 0.75 (19.1) 0.40 (10.2) 0.75 (19.1) 0.40 (10.2) 0.75 (19.1) 0.36 (9.1) 0.70 (17.8) 0.40 (10.2) 0.75 (19.1) 0.40 (10.2) 0.75 (19.1) 0.40 (10.2) 0.75 (19.1) 0.40 (10.2) 0.75 (19.1) 0.36 (9.1) 0.70 (17.8) 0.45 (11.4) 0.75 (19.1) 0.45 (11.4) 0.75 (19.1) 0.38 (9.7) 0.70 (17.8) 0.45 (11.4) 0.75 (19.1) 0.45 (11.4) 0.75 (19.1) 0.42 (10.7) 0.70 (17.8) 0.45 (11.4) 0.95 (24.1) 0.45 (11.4) 0.95 (24.1) 0.40 (10.2) 0.90 (22.9) 0.50 (12.7) 0.95 (24.1) 0.50 (12.7) 0.95 (24.1) 0.46 (11.7) 0.90 (22.9) 0.55 (14.0) 0.95 (24.1) 0.55 (14.0) 0.95 (24.1) 0.52 (13.2) 0.90 (22.9) 0.55 (14.0) 1.30 (33.0) 0.47 (11.9) 1.25 (31.8) 0.55 (14.0) 1.30 (33.0) 0.60 (15.2) 1.30 (33.0) 0.72 (18.3) 0.72 (18.3) 0.72 (18.3) 0.72 (18.3) 0.72 (18.3) 0.72 (18.3) 0.72 (18.3) 0.72 (18.3) 1.095 (27.8) 1.095 (27.8) 1.095 (27.8) 1.095 (27.8) 1.095 (27.8) 1.095 (27.8) 1.095 (27.8) 1.095 (27.8) 1.095 (27.8) 0.374 (9.5) 0.374 (9.5) 0.374 (9.5) 0.374 (9.5) 0.374 (9.5) 0.374 (9.5) 0.374 (9.5) 0.374 (9.5) 0.374 (9.5) 0.374 (9.5) 0.374 (9.5) 0.374 (9.5) 0.374 (9.5) 0.374 (9.5) 0.374 (9.5) 0.374 (9.5) 0.374 (9.5) 0.374 (9.5) 0.374 (9.5) 0.374 (9.5) 0.374 (9.5) 0.374 (9.5) 0.374 (9.5) 0.374 (9.5) 0.72 (18.3) 0.72 (18.3) 0.72 (18.3) 0.72 (18.3)
0.42 (10.7) 0.75 (19.1) 0.42 (10.7) 0.75 (19.1) 0.42 (10.7) 0.70 (17.8) 0.40 (10.2) 0.95 (24.1) 0.40 (10.2) 0.95 (24.1) 0.40 (10.2) 0.90 (22.9) 0.45 (11.4) 0.95 (24.1) 0.45 (11.4) 0.95 (24.1) 0.45 (11.4) 0.90 (22.9) 0.45 (11.4) 1.30 (33.0) 0.45 (11.4) 1.25 (31.8) 0.44 (11.2) 1.25 (31.8) 0.55 (14.0) 1.30 (33.0) 0.55 (14.0) 1.30 (33.0) 0.50 (12.7) 1.25 (31.8) 0.62 (15.7) 1.30 (33.0) 0.62 (15.7) 1.30 (33.0) 0.57 (14.5) 1.25 (31.8)
DPFF4P15JS-F 0.56 (14.2)
DPFF4P33JS-F 0.70 (17.8)
DPFF4P47JS-F 0.82 (20.8) 0.40 (10.2) 0.40 (10.2) 0.40 (10.2) 0.32 (8.1) 0.40 (10.2) 0.40 (10.2) 0.40 (10.2) 0.40 (10.2) 0.32 (8.1) 0.45 (11.4) 0.45 (11.4) 0.34 (8.6) 0.45 (11.4) 0.45 (11.4) 0.38 (9.7) 0.45 (11.4) 0.45 (11.4) 0.36 (8.1) 0.50 (12.7) 0.50 (12.7) 0.55 (14.0) 0.55 (14.0) 0.55 (14.0) 0.55 (14.0) 0.60 (15.2)
600/630 Vdc (200 Vac 60 Hz)
0.65 (14.5) 1.70 (43.2) 1.095 (27.8) 0.65 (14.5) 1.65 (41.9) 1.095 (27.8) 0.59 (15.0) 1.65 (41.9) 1.095 (27.8) 0.75 (19.1) 1.70 (43.2) 1.095 (27.8) 0.75 (19.1) 1.70 (43.2) 1.095 (27.8) 0.66 (168) 1.65 (41.9) 1.095 (27.8)
400 Vdc (200 Vac 60 Hz) 0.40 (10.2) 0.75 (19.1) 0.40 (10.2) 0.75 (19.1) 0.40 (10.2) 0.75 (19.1) 0.40 (10.2) 0.75 (19.1) 0.40 (10.2) 0.75 (19.1) 0.40 (10.2) 0.75 (19.1) 0.45 (11.4) 0.75 (19.1) 0.45 (11.4) 0.75 (19.1) 0.40 (10.2) 0.70 (17.8) 0.45 (11.4) 0.95 (24.1) 0.45 (11.4) 0.95 (24.1) 0.50 (12.7) 0.95 (24.1) 0.50 (12.7) 0.95 (24.1) 0.44 (11.2) 0.90 (22.9) 0.50 (12.7) 1.30 (33.0)
DPFF6S15JS-F 0.42 (10.7)
DPFF6S22JS-F 0.48 (12.2) DPFF6S27JS-F 0.43 (10.9)
CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8561 * Fax: (508)996-3830 * www.cde.com
Type DPFF High AC Current Polypropylene Film Capacitors
RoHS Compliant
Cap (F) Catalog T Max. H Max. L Max. S 0.06 (1.5) Part Number Inches (mm) Inches (mm) Inches (mm) Inches (mm) 600/630 Vdc (200 Vac 60 Hz) .0470 DPFF6S47J-F .0560 DPFF6S56J-F .0680 DPFF6S68J-F .0820 DPFF6S82J-F .1000 DPFF6P1J-F .1000 DPFF6P1JS-F .1200 DPFF6P12J-F .1500 DPFF6P15J-F .1800 DPFF6P18J-F .2200 DPFF6P22J-F 0.60 (15.2) 0.65 (16.5) 0.65 (16.5) 0.75 (16.0) 0.75 (16.0) 0.71 (18.0) 0.75 (19.0) 0.75 (19.0) 0.85 (21.6) 0.85 (21.6) 0.60 (15.2) 0.65 (16.5) 0.65 (16.5) 0.64 (16.3) 0.75 (16.0) 0.75 (16.0) 0.75 (16.0) 0.75 (19.0) 0.75 (19.0) 0.75 (19.0) 0.85 (21.6) 0.85 (21.6) 0.85 (21.6) 0.50 (12.7) 0.34 (8.6) 0.50 (12.7) 0.50 (12.7) 0.50 (12.7) 0.50 (12.7) 0.55 (14.0) 0.41 (10.4) 0.55 (14.0) 0.44 (11.2) 0.60 (15.2) 0.60 (15.2) 0.50 (12.7) 0.70 (17.8) 0.70 (17.8) 0.70 (17.8) 0.70 (17.8) 0.80 (20.3) 0.80 (20.3) 0.64 (16.3) 0.90 (22.9) 0.90 (22.9) 0.73 (18.5) 0.50 (12.7) 0.50 (12.7) 0.50 (12.7) 0.50 (12.7) 0.55 (14.0) 0.55 (14.0) 0.60 (15.2) 1.30 (33.0) 1.30 (33.0) 1.30 (33.0) 1.25 (31.8) 1.30 (33.0) 1.30 (33.0) 1.25 (31.8) 1.70 (43.2) 1.70 (43.2) 1.65 (41.9) 1.70 (43.2) 1.70 (43.2) 1.65 (41.9) 1.30 (33.0) 1.25 (31.8) 1.30 (33.0) 1.30 (33.0) 1.30 (33.0) 1.30 (33.0) 1.30 (33.0) 1.25 (31.8) 1.30 (33.0) 1.25 (31.8) 1.30 (33.0) 1.30 (33.0) 1.25 (31.8) 1.30 (33.0) 1.30 (33.0) 1.70 (43.2) 1.70 (43.2) 1.70 (43.2) 1.70 (43.2) 1.65 (41.9) 1.70 (43.2) 1.70 (43.2) 1.65 (41.9) 1.30 (33.0) 1.30 (33.0) 1.30 (33.0) 1.30 (33.0) 1.30 (33.0) 1.30 (33.0) 1.30 (33.0) 0.72 (18.3) 0.72 (18.3) 0.72 (18.3) 0.72 (18.3) 0.72 (18.3) 0.72 (18.3) 0.72 (18.3) 1.095 (27.8) 1.095 (27.8) 1.095 (27.8) 1.095 (27.8) 1.095 (27.8) 1.095 (27.8) 0.72 (18.3) 0.72 (18.3) 0.72 (18.3) 0.72 (18.3) 0.72 (18.3) 0.72 (18.3) 0.72 (18.3) 0.72 (18.3) 0.72 (18.3) 0.72 (18.3) 0.72 (18.3) 0.72 (18.3) 0.72 (18.3) 0.72 (18.3) 0.72 (18.3) 0.72 (18.3) 1.095 (27.8) 1.095 (27.8) 1.095 (27.8) 1.095 (27.8) 1.095 (27.8) 1.095 (27.8) 1.095 (27.8) 1.095 (27.8) 0.72 (18.3) 0.72 (18.3) 0.72 (18.3) 0.72 (18.3) 0.72 (18.3) 0.72 (18.3) 0.72 (18.3) Cap (F) Catalog Part Number T Max. H Max. L Max. S 0.06 (1.5) Inches (mm) Inches (mm) Inches (mm) Inches (mm) 1200 Vdc (475 Vac 60 Hz) .0100 DPFF12S1J-F .0120 DPFF12S12J-F .0150 DPFF12S15J-F .0150 DPFF12S15JS-F .0180 DPFF12S18J-F .0220 DPFF12S22J-F .0270 DPFF12S27J-F .0330 DPFF12S33J-F .0390 DPFF12S39J-F .0390 DPFF12S39JS-F .0470 DPFF12S47J-F .0010 DPFF16D1JS-F .0012 DPFF16D12JS-F .0015 DPFF16D15JS-F .0018 DPFF16D18J-F .0022 DPFF16D22J-F .0022 DPFF16D22JS-F .0027 DPFF16D27J-F .0033 DPFF16D33J-F .0033 DPFF16D33JS-F .0039 DPFF16D39J-F .0047 DPFF16D47J-F .0047 DPFF16D47JS-F .0056 DPFF16D56J-F .0068 DPFF16D68J-F .0068 DPFF16D68JS-F .0082 DPFF16D82J-F .0100 DPFF16S1J-F .0100 DPFF16S1JS-F .0120 DPFF16S12J-F .0150 DPFF16S15J-F .0150 DPFF16S15JS-F .0180 DPFF16S18J-F .0220 DPFF16S22J-F .0270 DPFF16S27J-F 0.033 DPFF16S33J-F 0.033 DPFF16S33JS-F 0.60 (15.2) 0.65 (16.5) 0.65 (16.5) 0.55 (14.0) 0.65 (16.5) 0.65 (16.5) 0.75 (16.0) 0.75 (16.0) 0.85 (21.6) 0.68 (17.3) 0.85 (21.6) 0.29 (7.4) 0.30 (7.6) 0.32 (8.1) 0.50 (12.7) 0.50 (12.7) 0.35 (8.9) 0.55 (14.0) 0.55 (14.0) 0.40 (10.2) 0.60 (15.2) 0.60 (15.2) 0.46 (11.7) 0.65 (16.5) 0.65 (16.5) 0.52 (13.2) 0.70 (17.8) 0.70 (17.8) 0.61 (15.5) 0.75 (19.1) 0.75 (19.1) 0.59 (15.0) 0.85 (21.6) 0.85 (21.6) 0.95 (24.1) 0.95 (24.1) 0.81 (20.6) 0.60 (15.2) 1.30 (33.0) 0.65 (16.5) 0.65 (16.5) 0.61 (15.5) 0.65 (16.5) 0.65 (16.5) 0.75 (16.0) 0.75 (16.0) 0.85 (21.6) 0.74 (18.8) 0.85 (21.6) 0.33 (8.4) 0.34 (8.6) 0.36 (9.1) 0.50 (12.7) 0.50 (12.7) 0.39 (9.9) 0.55 (14.0) 0.55 (14.0) 0.44 (11.2) 0.60 (15.2) 0.60 (15.2) 0.50 (12.7) 0.65 (16.5) 0.65 (16.5) 0.56 (14.2) 0.70 (17.8) 0.70 (17.8) 0.65 (16.5) 0.75 (19.1) 0.75 (19.1) 0.63 (16.0) 0.85 (21.6) 0.85 (21.6) 0.95 (24.1) 0.95 (24.1) 0.85 (21.6) 1.30 (33.0) 1.30 (33.0) 1.25 (31.8) 1.30 (33.0) 1.30 (33.0) 1.70 (43.2) 1.70 (43.2) 1.70 (43.2) 1.65 (41.9) 1.70 (43.2) 1.25 (31.8) 1.25 (31.8) 1.25 (31.8) 1.30 (33.0) 1.30 (33.0) 1.25 (31.8) 1.30 (33.0) 1.30 (33.0) 1.25 (31.8) 1.30 (33.0) 1.30 (33.0) 1.25 (31.8) 1.30 (33.0) 1.30 (33.0) 1.25 (31.8) 1.30 (33.0) 1.30 (33.0) 1.25 (31.8) 1.70 (43.2) 1.70 (43.2) 1.65 (41.9) 1.70 (43.2) 1.70 (43.2) 1.70 (43.2) 1.70 (43.2) 1.65 (41.9) 0.72 (18.3) 0.72 (18.3) 0.72 (18.3) 0.72 (18.3) 1.095 (27.8) 1.095 (27.8) 1.095 (27.8) 1.095 (27.8) 1.095 (27.8) 1.095 (27.8) 1.095 (27.8) 0.72 (18.3) 0.72 (18.3) 0.72 (18.3) 0.72 (18.3) 0.72 (18.3) 0.72 (18.3) 0.72 (18.3) 0.72 (18.3) 0.72 (18.3) 0.72 (18.3) 0.72 (18.3) 0.72 (18.3) 0.72 (18.3) 0.72 (18.3) 0.72 (18.3) 0.72 (18.3) 0.72 (18.3) 0.72 (18.3) 1.095 (27.8) 1.095 (27.8) 1.095 (27.8) 1.095 (27.8) 1.095 (27.8) 1.095 (27.8) 1.095 (27.8) 1.095 (27.8)
.0680 DPFF6S68JS-F 0.60 (15.2)
.1500 DPFF6P15JS-F 0.71 (18.0)
.2200 DPFF6P22JS-F 0.83 (21.1) .0056 DPFF8D56J-F .0056 DPFF8D56JS-F .0068 DPFF8D68J-F .0082 DPFF8D82J-F .0100 DPFF8S1J-F .0100 DPFF8S1JS-F .0120 DPFF8S12J-F .0120 DPFF8S12JS-F .0150 DPFF8S15J-F .0150 DPFF8S15JS-F .0180 DPFF8S18J-F .0220 DPFF8S22J-F .0270 DPFF8S27J-F .0330 DPFF8S33J-F .0390 DPFF8S39J-F .0470 DPFF8S47J-F .0560 DPFF8S56J-F .0680 DPFF8S68J-F .0820 DPFF8S82J-F .1000 DPFF8P1J-F .1000 DPFF8P1JS-F 0.50 (12.7) 0.28 (7.1) 0.50 (12.7) 0.50 (12.7) 0.50 (12.7) 0.50 (12.7) 0.55 (14.0) 0.35 (8.9) 0.55 (14.0) 0.38 (9.7) 0.60 (15.2) 0.60 (15.2) 0.70 (17.8) 0.70 (17.8) 0.70 (17.8) 0.70 (17.8) 0.80 (20.3) 0.80 (20.3) 0.90 (22.9) 0.90 (22.9) 0.67 (17.0)
1600 Vdc (500 Vac 60 Hz)
800 Vdc (450 Vac 60 Hz)
.0220 DPFF8S22JS-F 0.44 (11.2)
.0330 DPFF8S33JS-F 0.51 (13.0) 0.57 ( (14.5) 1.25 (31.8)
.0680 DPFF8S68JS-F 0.58 (14.7)
1200 Vdc (475 Vac 60 Hz) .0027 DPFF12D27J-F 0.50 (12.7) .0033 DPFF12D33J-F 0.50 (12.7) .0039 DPFF12D39J-F 0.50 (12.7) .0047 DPFF12D47J-F 0.50 (12.7) .0056 DPFF12D56J-F 0.55 (14.0) .0068 DPFF12D68J-F 0.55 (14.0) .0082 DPFF12D82J-F 0.60 (15.2)
CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8561 * Fax: (508)996-3830 * www.cde.com


▲Up To Search▲   

 
Price & Availability of DPFF2S33JS-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X