Part Number Hot Search : 
AES1A TGH16A TA200118 MT9174AE ZL30415 MAX40 474J400 IZ1238M
Product Description
Full Text Search
 

To Download DB151 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DB151 thru DB157
SURFACE MOUNT GLASS PASSIVATED BRIDEG RECTIFIERS FEATURES
Rating to 1000V PRV Ideal for printed circuit board Low forward voltage drop,high current capability Reliable low cost construction utilizing molded plastic
.
REVERSE VOLTAGE - 50 to 1000 Volts FORWARD CURRENT - 1.5 Amperes DB
.335(8.5) .307(7.8)
~
.346(8.8) .323(8.2)
+
.256(6.5) .244(6.2)
technique results in inexpensive product
Lead tin Pb/Sn copper The plastic material has UL flammability
~
.350(8.9) .300(7.6)
classification 94V-0
MECHANICAL DATA
Polarit:As marked on Body Weight:0.02 ounces,0.38 gras Mounting position:Any
.022(0.55) .018(0.45) .205(5.2) .195(5.0) SPACING
.134(3.4) .124(3.15) .193(4.9) .155(3.9)
.059 (1.5)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 ambient temperature unless otherwise specified. Single phase, half wave ,60Hz, resistive or inductive load. For capacitive load, derate current by 20%
CHARACTERISTICS
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current Peak Forward Surage Current 8.3ms Single Half Sine-Wave Super Imposed on Rated Load (JEDEC Method) Maximum Forward Voltage at 1.5A DC Maximum DC Reverse Current @TJ=25 at Rated DC Bolcking Voltage I2 t Rating for Fusing(t<8.3ms) Typical Junction Capacitance Per Element (Note1) Tyical Thermal Resistance (Note2) Operating Temperature Range Storage Temperature Range @TJ=125 @TA=40
SYMBOL VRRM VRMS VDC I(AV)
DB151 50 35 50
DB152 100 70 100
DB153 200 140 200
DB154 400 280 400 1.5
DB155 600 420 600
DB156 800 560 800
DB157 1000 700 1000
UNIT V V V A
IFSM VF IR I2t CJ RJA TJ TSTG
50 1.1 10 500 10.4 25 40 -55 to +150 -55 to +150
A V uA A2s pF /W
Note:1.Measured at 1.0MHz and applied reverse voltage of 4.0V DC. 2.Thermal resistance from junction to ambient mounted on P.C.B. with 0.5*0.5"(13*13mm) copper pads.
~ 227 ~
RATING AND CHARACTERISTIC CURVES DB151 thru DB157
FIG.1-FORWARD CURRENT DERATING CURVE 1.50 PEAK FORWARD SURGE CURRENT, AMPERES AVERAGE FORWARD CURRENT AMPERES 50 40 30 20 10 0 1 2 1.25 1.00 0.75 0.50 0.25 0.00
SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD
FIG.2-MXIMUM NON-REPETITIVE SURGE CURRENT
SINGLE HALF-SINE-WAVE (JEDEC METHOD)
50 AMBIENT TEMPERATURE, C FIG.3-TYPICAL JUNCTION CAPACITANCE 100
100
150
5
10
20
50
100
NUMBER OF CYCLES AT 60Hz FIG.4-TYPICAL FORWARD CHARACTERISTICS 10 INSTANTANEOUS FORWARD CURRENT,(A)
CAPACITANCE(pF)
1.0
10
0.1
TJ=25,f=1MHZ
TJ=25 PULSE WIDTH:300us 2% DUTY CYCLE
1.0 0.1 1.0 4.0 10.0 100 REVERSE VOLTAGE,(VOLTS)
0.01 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 INSTANTANEOUS FORWARD VOLTAGE,VOLTS
FIG.5-TYPICAL REVERSE CHARACTERISTICS 100 INSTANTANEOUS REVERSE CURRENT,(A)
TJ=125
10
1.0
TJ=25
0.1
0.01 0 20 40 60 80 100 120 140
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
~ 228 ~


▲Up To Search▲   

 
Price & Availability of DB151

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X