Part Number Hot Search : 
4A000 MCP25511 AD7874AQ MB160 CD5265CS GV860 C143E SJ78L05
Product Description
Full Text Search
 

To Download CYG2217 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CYG2217
CYBERGATETM
Features * Low distortion transformer signal coupling (0.01% max) * Complete ring detector circuit * Low power hookswitch * Electronic inductor/gyrator circuit * Solid state surge protection * Transient protection zeners * Complete hybrid circuit (2-4 wire converter) included * Compatible with all modem chip sets * V.32 bis/V.34 compatible
Description Clare's CybergateTM CYG2217 DAA module provides a complete telephone line interface circuit, including a 2-4 wire converter for transmit and receive signal separation in a small 1.07" x 1.07" x 0.4" package. The module provides a fast and cost effective solution for designs that require an interface to the telephone line. The module is designed to meet FCC part 68 requirements thus providing a low risk design solution.
Applications * Modems * Fax machines * Remote data acquisition * Security systems * Voice mail systems * PC motherboard * Computer telephony * Process control * Medical * PBX * Direct broadcast satellite
Approvals * UL recognized file #: E174201
Ordering Information Part # CYG2217 Description DAA Module (18/Tube)
Block Diagram
XMIT+ 2 to 4 Wire Converter RCV OH Line Transformer Line Current Circuit Surge Protection
TIP RING
Hookswitch
RI
Ring Detect
Handling and Assembly Recommendations The CYG2217 products are not hermetically sealed and should not be exposed to any liquid-based rinsing processes. Clare recommends two (2) approaches. The modem should either use a no clean soldering flux that would mostly evaporate during the normal wave soldering processes, or be soldered in by hand after the rest of the card is wave soldered. DS-CYG2217-R1
www.clare.com
1
CYG2217
Absolute Maximum Ratings (@ 25 C)
Parameter Isolation Voltage Operational Temperature Storage Temperature Relative Humidity (Non-Condensing) Soldering Temperature Tip/Ring Load Current (continuous) Hookswitch LED Drive Current Hookswitch LED Reverse Voltage Ring Detect Phototransistor Voltage VCC
1 2
Min 0 0 10 -
Typ Max Units - 1000 VRMS 70 C 100 C 85 % 260 120 50 5 C mA mA V
Absolute Maximum Ratings are stress ratings. Stresses in excess of these ratings can cause permanent damage to the device. Functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this data sheet is not implied. Exposure of the device to the absolute maximum ratings for an extended period may degrade the device and effect its reliability.
-
-
20
V
Derate Linearly 1.33 mw / oC Derate Linearly 3.67 mw / oC
Electrical Characteristics
Parameter DC Electrical Characteristics On-Hook Impedance 2,1 (R,T) per FCC 68.312 Off-Hook Line Leakage Current 2,1 (R,T) per FCC 68.312 Power Supply Current @ VCC Hookswitch Control Current @ (OH) Hookswitch Control Voltage Off-Hook On-Hook AC Signal Path Electrical Characteristics Return Loss Insertion Loss Transmit Receive Frequency Response Longitudinal Balance On-Hook Off-Hook Transhybrid Loss Total Harmonic Distortion DC Loop Current Ring Detection Circuit Characteristics Ringing Voltage Detection Range Ringing Frequency Detection Range Ringer Equivalence Number RING (Pin 5) Output Voltage (Pulsed) Logic `0', Ring present Logic `1', Ring not present Surge and Isolation Characteristics Surge Protection Voltage Tip and Ring (Pins 1,2) Isolation Voltage (Pins 18,17,16,15,14,5,4,to1,2) Conditions @100V VDC across pins 1,2 @100V VDC across pins 1,2 VCC=5V @VOH=2.4V @VOH=5.0V 600, 1800Hz 600, 1800Hz Test Circuit 1 Test Circuit 2 300-3500Hz Per FCC 68.310 Per FCC 68.310 600, 1800Hz 600, 1800Hz VCC=+5V Min 10 4 3.5 11.8 2.0 39 6.0 -1.0 -0.25 60 40 20 20 15 Typ 5 4.1 12.4 3.0 0.2 40 6.5 0 -32 -80 0.8B Max 10 6 5.0 13 20 0.5 7 +1.0 +0.25 -10 120 150 70 0.8 VCC Units M A mA mA mA V V dB dB dB dB dB dB dB dB mA VRMS Hz V V
Per FCC 68.302
1000
-
300 -
V VRMS
Rev. 1
2
www.clare.com
CYG2217
Test Circuits
+VBATT 10H ILOOP
1. CYG2217 Transmit Insertion Loss
+VBATT 10H 600 ILOOP
2. CYG2217 Receive Insertion Loss
600
VLT +5V
TIP RING OH RI
GND XMIT+ VCC NC RCV +5V 600 AC Source VLT VT
AC Source 10H
VLR
TIP RING OH +5V RI
GND XMIT+ VCC NC RCV
+5V
10H VBATT
VR
VBATT Receive Insertion Loss = G RC = 20 Log VR V LR
Transmit Insertion Loss = GTR = 20 Log
Package Pinout
CYG2217 Pinouts & Definitions PIN# Name Function 1
TIP RING OH RI 1 2 4 5 18 17 16 15 14 GND XMIT+ VCC NC RCV
CYG2217 CYG22XX
TIP RING OH
2 4
5
RI
14
RCV
15 16
NC VCC
17 XMIT+
18
GND
Connection to telephone line Tip connected through an external fuse. Connection to telephone line Ring conductor. Driving this pin high asserts the off-hook condition. The hookswitch LED is current limited by an internal 300 resistor. Active LOW indicates an incoming ring signal. This is pulsed LOW by the AC ring signal and is not a steady state LOW during ringing. Provides the analog output signal from the 2-4 wire converter of the CYG2217. RCV uses a 2.5 volt reference signal and therefore must be capacitively coupled to host equipment which uses a ground reference. No connection. Provides power to the CYG2217. Typically +5V, VCC should not exceed 20V. Provides the analog intput signal from the 2-4 wire converter of the CYG2217. XMIT+ uses a 2.5 volt reference signal and therefore must be capacitively coupled to host equipment which uses a ground reference. Connection to host system ground.
Rev. 1
www.clare.com
3
Worldwide Sales Offices
CLARE LOCATIONS
Clare Headquarters 78 Cherry Hill Drive Beverly, MA 01915 Tel: 1-978-524-6700 Fax: 1-978-524-4900 Toll Free: 1-800-27-CLARE Clare Micronix Division 145 Columbia Aliso Viejo, CA 92656-1490 Tel: 1-949-831-4622 Fax: 1-949-831-4628
EUROPE
European Headquarters CP Clare nv Bampslaan 17 B-3500 Hasselt (Belgium) Tel: 32-11-300868 Fax: 32-11-300890 France Clare France Sales Lead Rep 99 route de Versailles 91160 Champlan France Tel: 33 1 69 79 93 50 Fax: 33 1 69 79 93 59 Germany Clare Germany Sales ActiveComp Electronic GmbH Mitterstrasse 12 85077 Manching Germany Tel: 49 8459 3214 10 Fax: 49 8459 3214 29 Italy C.L.A.R.E.s.a.s. Via C. Colombo 10/A I-20066 Melzo (Milano) Tel: 39-02-95737160 Fax: 39-02-95738829 Sweden Clare Sales Comptronic AB Box 167 S-16329 Spanga Tel: 46-862-10370 Fax: 46-862-10371 United Kingdom Clare UK Sales Marco Polo House Cook Way Bindon Road Taunton UK-Somerset TA2 6BG Tel: 44-1-823 352541 Fax: 44-1-823 352797
ASIA PACIFIC
Asian Headquarters Clare Room N1016, Chia-Hsin, Bldg II, 10F, No. 96, Sec. 2 Chung Shan North Road Taipei, Taiwan R.O.C. Tel: 886-2-2523-6368 Fax: 886-2-2523-6369
SALES OFFICES AMERICAS
Americas Headquarters Clare 78 Cherry Hill Drive Beverly, MA 01915 Tel: 1-978-524-6700 Fax: 1-978-524-4900 Toll Free: 1-800-27-CLARE Eastern Region Clare P.O. Box 856 Mahwah, NJ 07430 Tel: 1-201-236-0101 Fax: 1-201-236-8685 Toll Free: 1-800-27-CLARE Central Region Clare Canada Ltd. 3425 Harvester Road, Suite 202 Burlington, Ontario L7N 3N1 Tel: 1-905-333-9066 Fax: 1-905-333-1824 Western Region Clare 1852 West 11th Street, #348 Tracy, CA 95376 Tel: 1-209-832-4367 Fax: 1-209-832-4732 Toll Free: 1-800-27-CLARE Canada Clare Canada Ltd. 3425 Harvester Road, Suite 202 Burlington, Ontario L7N 3N1 Tel: 1-905-333-9066 Fax: 1-905-333-1824
http://www.clare.com
Clare cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in this Clare product. No circuit patent licenses nor indemnity are expressed or implied. Clare reserves the right to change the specification and circuitry, without notice at any time. The products described in this document are not intended for use in medical implantation or other direct life support applications where malfunction may result in direct physical harm, injury or death to a person.
Specification: DS-CYG2217-R1 (c)Copyright 2001, Clare, Inc. All rights reserved. Printed in USA. 1/12/01


▲Up To Search▲   

 
Price & Availability of CYG2217

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X