Part Number Hot Search : 
SBL1050 MC13224V SBL1050 74LVT65 4N50QD SB1030CT VB025BSP 00TT4
Product Description
Full Text Search
 

To Download CVPD-920-100000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CVPD-920 Model
9X14 mm SMD, 3.3V, LVPECL
Frequency Range: Frequency Pulling: Temperature Range: (Option X) Storage: Input Voltage: Control Voltage: Input Current: Output: Symmetry: Rise/Fall Time: Linearity: Logic: 50MHz to 125MHz 20ppm APR Min 0C to 70C -40C to 85C -55C to 120C 3.3V 0.3V 1.65V 1.65V 88mA Max Differential LVPECL 45/55% Max @ 50% Vcc 1ns Max @ 20% to 80% Vcc 10% Max Terminated to Vcc-2V into 50 ohms "0" = Vcc-1.85V Min, Vcc-1.62V Max "1" = Vcc-1.02V Min, Vcc-0.81V Max 200ns 1ms Typ., 2ms Max 0.5psec Typ., 1psec RMS Max -65dBc/Hz Typical -98dBc/Hz Typical -125dBc/Hz Typical -140dBc/Hz Typical -145dBc/Hz Typical <3ppm 1st/yr, <1ppm every year thereafter
Disable Time: Start-up Time: Phase Jitter: 12KHz to 80MHz Phase Noise: 10Hz 100Hz 1KHz 10KHz 100KHz Aging:
Designed to meet today's requirements for 3.3V Differential LVPECL applications. The CVPD-920 is produced using our cost saving FR5 PCB and UM-1 overtone crystal technology. This design offers considerable cost savings over other HFF VCXO products when broad frequency pulling is not required. Also available in 14 pin dip fully hermetic package.
SUGGESTED PAD LAYOUT
0.560 (14.2) 0.100 (2.54) 0.560 (14.2) 0.040 (1.01) 0.050 (1.27)
0.360 (9.14)
CRYSTEK P/N Frequency Date Code
1 6
2 5
0.200 (5.08)
3 4
0.070 (1.77) 0.090 (2.28) 0.280 (7.11)
0.210 (5.3)
0.200 (5.08)
RECOMMENDED REFLOW SOLDERING PROFILE
Ramp-Up 3C/Sec Max.
TEMPERATURE
260C 217C 200C 150C
Critical Temperature Zone Ramp-Down 6C/Sec.
Crystek Part Number Guide CVPD-920 X - 100.000
#1 #2 #3 #4 #1 Crystek 9x14 SMD PECL VCXO #2 Model 920 #3 Temp. Range: Blank = 0/70C, X=-40/85C #4 Frequency in MHz: 3 or 6 decimal places
Preheat 180 Secs. Max. 8 Minutes Max.
90 Secs. Max.
Example: CVPD-920X-25-100.000 = 3.3V, 45/55, -40/85C, 25ppm, 100.000 MHz
260C for 10 Secs. Max. NOTE: Reflow Profile with 240C peak also acceptable.
Enable/Disable Function Pin 2 Output Pin Active Active Disabled
PIN 1 2 3 4 5 6
Function Control Volt E/D GND OUT COUT Vcc
Open "0" level Vcc-1.620V Max "1" level Vcc-1.025V Min
Disabled State: Pin 4 will assume a fixed level of logic "0" Pin 5 will assume a fixed level of logic "1"
Specifications subject to change without notice.
TD-030701 Rev. D
CRYSTEK CORPORATION
12730 Commonwealth Drive * Fort Myers, Florida 33913 Phone: 239-561-3311 * 800-237-3061 Fax: 239-561-1025 * www.crystek.com


▲Up To Search▲   

 
Price & Availability of CVPD-920-100000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X