Part Number Hot Search : 
78M24 P22A1 SMAJ58A GRM216R DBL2071 V400B TAD5009 2SC2062S
Product Description
Full Text Search
 

To Download CVHD-965 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CVHD-965 Model 9X14 mm SMD, 5V, CMOS
Frequency Range: Frequency Stability: Frequency Pulling: (Blank) (Option (Option Temperature Range: (Option (Option Storage: Input Voltage: Control Voltage: Input Current: Output: Symmetry: Rise/Fall Time: Linearity: Logic: Load: Jitter: 12KHz to 80MHz Phase Noise Floor: Sub-Harmonics: Aging: 14MHz to 49.152MHz 30ppm A) B) M) X)
ree dF ea oHS nt L R plia m Co
100ppm Min (Std) 150ppm Min 200ppm Min 0C to 70C -20C to 70C -40C to 85C -55C to 120C 5V 0.5V 2.5V 2.0V 30mA Typ, 50mA Max CMOS 45/55% Max @ 50% Vdd 3ns Max @ 20% to 80% Vdd 10% Max "0" = 10% Vdd Max "1" = 90% Vdd Min 30pF 0.5psec Typ., 1psec RMS Max -145dBc/hz Typ., -140dBc/hz Max Guaranteed None <3ppm 1st/yr, <1ppm every year thereafter
Low Jitter, High Pull Voltage Controlled Crystal Oscillator
Designed using fundamental UM-1 crystal to achieve Low Jitter and High Pull performance. Perfect for any application requiring high pull but extremely low jitter. Available in 3.3 Volt version, see CVHD-960 Model.
Bottom View
0.560 (14.2) 0.560 (14.2) 0.210 (5.3)
SUGGESTED PAD LAYOUT
0.040 (1.01) 0.050 (1.27)
0.360 (9.14)
CRYSTEK P/N Frequency Date Code
1 4
0.200 (5.08)
2 3
0.070 (1.77) 0.090 (2.28) 0.280 (7.11)
0.200 (5.08)
Part Number Example: CVHD-965(Temp)(Pull)-Freq. CVHD-965-16.384 = 5V, 45/55, 0/70C, 100ppm, 16.384 MHz CVHD-965B-16.384 = 5V, 45/55, 0/70C, 200ppm, 16.384 MHz CVHD-965MA-16.384 = 5V, 45/55, -20/70C, 150ppm , 16.384 MHz CVHD-965XB-416.384 = 5V, 45/55, -40/85C, 200ppm, 16.384 MHz
RECOMMENDED REFLOW SOLDERING PROFILE TEMPERATURE Pad 1 2 3 4 Connection Volt Cont. GND OUT Vdd
260C 217C 200C 150C
Ramp-Up 3C/Sec Max. Critical Temperature Zone Ramp-Down 6C/Sec.
Preheat 180 Secs. Max. 8 Minutes Max.
90 Secs. Max.
260C for 10 Secs. Max. NOTE: Reflow Profile with 240C peak also acceptable.
Specifications subject to change without notice.
TD-030901 Rev. B


▲Up To Search▲   

 
Price & Availability of CVHD-965

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X