Part Number Hot Search : 
0M154B MHF60SGS MT6323 SF2188D R5000R FMMTL619 SB340E KV1410
Product Description
Full Text Search
 

To Download CRS0504 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CRS Series
ThickFilmChipResistors
* * * * * *
Resistances from 0.1Ohm to 500MOhms Power Rating 0.1 to 0.25Watt Resistance Tolerances to 0.5% TCR's to 50 ppm/K Thick Film Resistance Element Sizes: 0504 / 0603 / 0805 / 1206
SPECIFICATIONS
Type Power Rating ( W )1 Working Voltage ( VAC )
Trimmed Untrimmed
0504 0.10 50 150
0603 0.10 75 220
0805 0.125 100 300
1206 0.25 200 600
Resistance Range (W) 0.1W - <1W 1W - <10W 10W - <100W 100W - 1M >1M - 10M >10M - 100M >100M - 500M
TolerancesAvailable(%) Temperature Coefficients Available ( ppm/K )2(lowerTCRuponrequest) 5%to20% 100 / 250 2%to10% 100 1%to10% 50 / 100 1%to10% 50 / 100 2%to20% 100 / 250 10%to20% 250 5%to20% 100 / 250 1%to10% 100 1%to10% 50 / 100 1%to10% 50 / 100 1%to20% 50 / 100 5%to20% 100 / 250 5%to20% 250 2%to20% 100 / 250 1%to10% 50 / 100 0.5%to10% 50 / 100 0.5%to10% 50 / 100 0.5%to20% 50 / 100 2%to20% 100 / 250
1 2
5%to20% 250 2%to20% 100 / 250 1%to10% 50 / 100 0.5%to10% 50 / 100 0.5%to10% 50 / 100 0.5%to20% 50 / 100 2%to20% 100 / 250
W @ 70 C / 0W @ 155 C 50PPM:+25Cto+125C
Specification
TemperatureRange ClimacticCetegory Solderability Max.SolderingTemperature
Value
-55Cto+155C 55 / 155 / 56 250C / 3s 260C / 10s
1.01
Powertron GmbH PotsdamerStrasse18a D-14513Teltow +49(0)33283530-0 ARiedonCompany www.powertron.de
+49(0)33283530-15 Page14
CRS Series
ThickFilmChipResistors
SPECIFICATIONS (continued)
MaxDR <10W
1% 2% 1% 0.5% 1%
LongTermStability
Storage 125C / 1000h Storage 155C / 1000h Load Life / P=70% / 70C / 1000h Shorttermoverload Humidity / 96%RH / 40C / 56 days
10W -100M
0.5% 1% 0.5% 0.25% 0.5%
>100M
1% 2% 1% 0.5% 1%
Type (larger sizes upon request) CRS 0504 CRS 0603 CRS 0805 CRS 1206
Dimensions L
0.050+0.006 / -0.002 [1.25+0.15 / -0.05] 0.060+0.006 / -0.002 [1.5+0.15 / -0.05] 0.080+0.006 / -0.002 [2.0+0.15 / -0.05 ] 0.126+0.006 / -0.002 [3.2+0.15 / -0.05]
B
0.040+0.006 / -0.002 [1.0+0.15 / -0.05] 0.030+0.006 / -0.002 [0.8+0.15 / -0.05] 0.050+0.006 / -0.002 [1.25+0.15 / -0.05] 0.060+0.008 / -0.002 [1.5+0.2 / -0.05]
D
0.012+0.006 / -0.002 [0.3+0.15 / -0.05] 0.016+0.006 / -0.002 [0.4+0.15 / -0.05] 0.016+0.006 / -0.002 [0.4+0.15 / -0.05] 0.016+0.006 / -0.002 [0.4+0.15 / -0.05]
C
0.008+0.008 / -0.004 [0.2+0.2 / -0.1] 0.008+0.008 / -0.004 [0.2+0.2 / -0.1] 0.012+0.008 / -0.004 [0.3+0.2 / -0.1] 0.012+0.008 / -0.004 [0.3+0.2 / -0.1]
Packaging: BulkorBlistertapetoIEC60286-3
Power(%)
PowerDeratingCurve
120 100 80 60 40 20 0
Tape width 8mm / Reel Diameter 180 or 330mm Minimum quantity Bulk / 100 pieces per value Minimum quantity Tape & Reel / 1000 pieces per value
Ordering Information
PartNumber-Resistance-Tolerance-TCR-Packaging Example:CRS06031Ohm5%100ppmTape ( Note: if no TCR is specified, the highest value will be supplied)
0
25
50
75
100
125
150
175
AmbientTemperature(C)
1.01
Powertron GmbH PotsdamerStrasse18a D-14513Teltow +49(0)33283530-0 ARiedonCompany www.powertron.de
+49(0)33283530-15 Page15


▲Up To Search▲   

 
Price & Availability of CRS0504

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X