Part Number Hot Search : 
DTC143TE P3NB6 B43457B5 ADM699 TFS70H39 4046N M2DDS 31006
Product Description
Full Text Search
 

To Download BYW100-200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BL GALAXY ELECTRICAL
SUPER FAST RECTIFIERS
FEATURES
Low cost Diffvsed junction Low leakage Low forward voltage drop High crrent capability Easily cleaned with freon,alcohol, lsopropand and similar solvents
BYW100 - - - 200
VOLTAGE RANGE: 200 V CURRENT: 1.5 A
DO - 15
MECHANICAL DATA
Case: JEDEC DO-15, molded plastic Terminals: Axial leads,solderable per MIL-STD-202,Method 208 Polarity: Color band denotes cathode Weight: 0.014 ounces, 0.39 grams Mounting: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified. Single phase,half wave,50Hz,resistive or inductive load. For capacitive load,derate by 20%.
BYW100-200
Maximum peak repetitive reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forw ard rectified current 9.5mm lead length, Peak f orw ard surge urrent 8.3ms single half-sine-w ave superimposed on rated load Maximum instantaneous forw ard voltage Maximum reverse current at rated DC blocking voltage Maximum reverse recovery time Typical junction capacitance Typical thermal resistance Operating junction temperature range Storage temperature range
NOTE: 1. Measured with I F =1A, VR=30V, dI F /dt=-50A/ S. 2. Measured at 1.0MH Z and applied rev erse v oltage of 4.0V DC. 3. Thermal resistance f rom junction to ambient.
UNITS
V V V A
VRRM VRMS VDC IF(AV)
200 140 200 1.5
@TA =95
=0.5 A|
IFSM
@TJ =125 @ 4.5A,TJ=25 @ 1.5 A,TJ=100 @TA =25 @TA =100 (Note1) (Note2) (Note3) VF
50.0
A
1.2 0.85 10.0
V A ns pF /W
IR t rr CJ RJA TJ TSTG
500.0 35 62 45 - 55 ----- + 150 - 55 ----- + 150
www.galaxycn.com
Document Number 0264020
BLGALAXY ELECTRICAL
1.
RATINGS AND CHARACTERISTIC CURVES
FIG.1-- PEAK FORWARD SURGE CURRENT INSTANTANEOUS FORWARD CURRENT AMPERES PEAKFORWORDSURGECURRENT AMPERES
BYW100- - - 200
FIG.2 -- TYPICAL FORWARD CHARACTERISTIC
60
10 4 2 1 0.4 0.2 0.1 0.04 0.02 0.01 0.2 0.4 0.6 0.8 1.0 1.2 1.4
50
8.3m Single H s alf Sine-W ave
40
TJ=100
30 20
10
TJ=25 Pulse Width=300s
0 1 2 5 10 20 50 100
NUMBER OF CYCLES AT 60HZ
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
FIG.3 -- FORWARD DERATING CURVE FIG.4-- TYPICAL JUNCTION CAPACITANCE AVERAGE FORWORD CURRENT AMPERES
1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 0 25 50 75 100 125 150
JUNCTION CAPACITANCE,pF
1.8
1000
400
200
100
Single Phase Half Wave 60HZ Resistive or Inductive Load 0.375"(9.5mm)Lead Length
40
20
TJ=25 f=1.0MHZ
0.1 0.2 0.4 1.0 2.0 4.0 10 20 40 100
10
AMBIENT TEMPERATURE ,
REVERSE VOLTAGE, VOLTS
www.galaxycn.com
Document Number 0264020
BLGALAXY ELECTRICAL
2.


▲Up To Search▲   

 
Price & Availability of BYW100-200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X