Part Number Hot Search : 
XXXXXX 74ACT251 PE4075 SG109 APT4M120 6983470B MC2834 0160B
Product Description
Full Text Search
 

To Download BYV27-200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BL
FEATURES
Low cost
GALAXY ELECTRICAL
BYV27 - 50(Z) - - - BYV27 - 600(Z)
VOLTAGE RANGE: 50 --- 600 V CURRENT: 2.0, 1.9,1.6 A
SUPER FAST RECTIFIER
DO - 15L
Diffused junction Low leakage Low forward voltage drop High current capability Easily cleaned with alcohol,Isopropanol and sim ilar solvents
MECHANICAL DATA
Case: JEDEC DO-15L,m olded plastic Term inals: Axial lead ,solderable per MIL- STD-202,Method 208 Polarity: Color band denotes cathode Weight: 0.017 ounces,0.48 gram s Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 am bient tem perature unless otherwise specified. Single phase,half wave,50 Hz,resistive or inductive load. For capacitive load,derate by 20%.
BYV27 BYV27 BYV27 BYV27 BYV27 BYV27 BYV27 UNITS -100 -50 -150 -200 -300 -400 -600
Maximum recurrent peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forw ard rectif ied current 9.5mm lead length, @TA =75
V RRM V RMS V DC IF(AV)
50 35 50
100 70 100 2.0
150 105 150
200 140 200
300 210 300 1.9
400 280 400
600 420 600 1.6
V V V A
Peak forw ard surge current 10ms single half -sine-w ave superimposed on rated load @TJ =125
IFSM
50.0
40.0
A
Maximum instantaneous forw ard voltage @ IF=IF(AV) Maximum reverse current at rated DC blocking voltage Maximum reverse recovery time Typical junction capacitance Typical thermal resistance @TA =25 @TA =100 (Note1) (Note2) (Note3)
VF IR t rr CJ R JA TJ TSTG
0.98 5.0 100.0 25 62 100 - 55 ----- + 150 - 55 ----- + 150
1.05
1.25
V A
50
ns pF /W
Operating junction temperature range Storage temperature range
NOTE: 1. Measured with I F =0.5A, I R=1A, I rr=0.25A.
www.galaxycn.com
2. Measured at 1.0MHz and applied rev erse v oltage of 4.1V DC. 3. Thermal resistance f rom junction to ambient.
Document Number 0264014
BLGALAXY ELECTRICAL
1.
RATINGS AND CHARACTERISTIC CURVES
BYV27 - 50 (Z) - - - BYV27 - 600(Z)
FIG.1 -- TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
50 N 1. 10 N 1.
trr
+0.5A 0
D.U.T. (+) 25VDC (approx) (-) 1 NONINDUCTIVE PULSE GENERATOR (NOTE2) OSCILLOSCOPE (NOTE 1)
-0.25A
-1.0A
1cm
NO TES:1.RISE TIM = 7ns M X E A .INPUT IM PEDA NCE =1M . 22pF. JJJJ 2.RISE TIM =10ns M X E A .SOURCE IM PEDA NCE=50 .
SE TIM BASEFO 10 ns/cm TE R
FIG.2 -- TYPICAL FORWARD CHARACTERISTIC INSTANTANEOUS FORWARD CURRENT AMPERES
FIG.3 -- FORWARD DERATING CURVE
100
B Y V 27 -50 - B Y V 2 7-20 0
AVERAGE FORWARD CURRENT AMPERES
2.0
Single Phase Half Wave 60HZ Resistive or Inductive Load 0.375"(9.5mm)Lead Length
40 20
B Y V 27 -600
1.6
10 4.0 2.0 1.0 0.4 0.2 0.1 0.6 0.8 1.0 1.2
B Y V 27 -300 -B Y V 27-4 00
1.2
BYV27-300 BYV27-400
0.8
BYV27-600 BYV27-50 - BYV27-200
TJ=25 P uls e W idth = 30 0 s
0.4
0 0 50 100 150 200 250
1.4
1.6
1.8
2.0
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
AMBIENT TEMPERATURE,
FIG.4 -- TYPICAL JUNCTION CAPACITANCE
FIG.5-- PEAK FORWORD SURGE CURRENT PEAK FORWORD SURGE CURRENT AMPERES
JUNCTION CAPACITANCE, pF
60 50 40 30 20
400 200 100
f=1.0M H z TJ=25ae
8.3m Single H s alf Sine-W ave
B V27-50 - B V Y Y 27-400
40 20 10 0.1 0.2 0.4 1 2 4 10 20 40 100
B V27-600 Y
10
0 1 2 5 10 20 50 100
REVERSE VOLTAGE, VOLTS
NUMBER OF CYCLES AT 60HZ
www.galaxycn.com
Document Number 0264014
BLGALAXY ELECTRICAL
2.


▲Up To Search▲   

 
Price & Availability of BYV27-200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X