Part Number Hot Search : 
PS235 MT9076AP 52000 AD7608 Q4010R5 TG123200 ZB6YD001 21008
Product Description
Full Text Search
 

To Download BR62 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BR605
THRU
BR610
SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
VOLTAGE RANGE
50 to 1000 Volts
CURRENT
6.0 Amperes
BR-6
FEATURES
* Low forward voltage * Low leakage current * Mounting: Hole thru for #6 screw * Mounting position: Any
.620(15.7) .580(14.7) HOLE FOR NO. 6 SCREW
AC
.270(6.8) .230(5.8)
.042(1.1) DIA. .039(1.0) TYP.
.750 MIN. (19.1)
.445(11.3) .620(15.7) .405(10.3) .580(14.7)
AC
+
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified. Single phase half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current .375"(9.5mm) Lead Length at Tc=75 C Peak Forward Surge Current, 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Maximum Forward Voltage Drop per Bridge Element at 3.0A D.C. Maximum DC Reverse Current Ta=25 C at Rated DC Blocking Voltage Operating Temperature Range, TJ Storage Temperature Range, TSTG Ta=100 C
BR605 50 35 50
BR61 100 70 100
BR62 200 140 200
BR64 400 280 400 6.0 125 1.0 10
BR66 600 420 600
BR68 800 560 800
BR610 UNITS 1000 700 1000 V V V A A V A A C C
-65 -65
200 +125 +150
RATING AND CHARACTERISTIC CURVES (BR605 THRU BR610)
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE
6 5 4 3 2 1 0
Single Phase Half Wave 60Hz Resistive Or Inductive Load
FIG.2-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
PEAK FORWARD SURGE CURRENT,(A)
125
AVERAGE FORWARD CURRENT,(A)
100
75
Tj=25 C 8.3ms Single Half Sine Wave JEDEC method
50
25
0
25
50
75
100 125
150
175
CASE TEMPERATURE,( C)
0 1 5 10 50 100
NUMBER OF CYCLES AT 60Hz
FIG.3-TYPICAL FORWARD CHARACTERISTICS 50
INSTANTANEOUS FORWARD CURRENT,(A)
FIG.4-TYPICAL REVERSE CHARACTERISTICS 50
REVERSE LEAKAGE CURRENT, ( A)
10 3.0 1.0
Tj=25 C Pulse Width 300us 1% Duty Cycle
10 3.0 1.0
0.1
0.1
Tj=25 C
.01
0
.2
.4
.6
.8
1.0
1.2
1.4
.01
0
20
40
60
80
100 120 140
FORWARD VOLT AGE,(V)
PERCENT OF RATED PEAK REVERSE VOLT AGE, (%)


▲Up To Search▲   

 
Price & Availability of BR62

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X