Part Number Hot Search : 
2SC4578 BF998RBW 1000H AVXXX PI3PCIE 2462B LM334 SMD200
Product Description
Full Text Search
 

To Download BD138 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transys
Electronics
LIMITED
TO-126 (SOT-32) Plastic Package
BD136, BD138, BD140
BD136, 138, 140
PNP PLASTIC POWER TRANSISTORS
Complementary BD135, 137, 139 Medium Power Linear and Switching Applications
PIN CONFIGURATION 1. EMITTER 2. COLLECTOR 3. BASE
1
2 3
ALL DIMENSIONS IN MM
ABSOLUTE MAXIMUM RATINGS Collector-base voltage (open emitter) Collector-emitter voltage (open base) Collector current Total power dissipation up to TC = 25C Junction temperature Collector-emitter saturation voltage IC = 0.5 A; IB = 0.05 A D.C. current gain IC = 0.15 A; VCE = 2 V VCBO VCEO IC Ptot Tj VCEsat hFE max. max. max. max. max. max. min. max. 136 45 45 136 45 45 138 60 60 1.5 12.5 150 0.5 40 250 138 60 60 5.0 140 100 80 140 100 80 V V A W C V
RATINGS (at T A=25C unless otherwise specified) Limiting values Collector-base voltage (open emitter) VCBO Collector-emitter voltage (open base) VCEO Emitter-base voltage (open collector) VEBO
max. max. max.
V V V
BD136, BD138, BD140
Collector current Base current Total power dissipation up to TA = 25C Derate above 25C Total power dissipation up to TC = 25C Derate above 25C Junction temperature Storage temperature THERMAL RESISTANCE From junction to case From junction to ambient CHARACTERISTICS T amb = 25C unless otherwise specified Collector cutoff current IE = 0; VCB = 30 V IE = 0; VCB = 30 V; T C = 125C Emitter cut-off current IC = 0; VEB = 5 V Breakdown voltages IC = 0.03 A; IB = 0 IC = 1 mA; I E = 0 IE = 1 mA; IC = 0 Saturation voltage IC = 0.5 A; IB = 0.05 A Base-emitter on voltage IC = 0.5A; V CE = 2V D.C. current gain IC = 0.005 A; VCE = 2 V* IC = 0.15 A; VCE = 2 V** IC = 0.5 A; V CE = 2 V* ** hFE classification:
IC IB Ptot Ptot Tj Tstg Rth jc Rth ja
max. max. max. max max. max max.
1.5 0.5 1.25 10 12.5 100 150 -65 to +150 10 100
A A W mW/C W m /C W C C C/W C/W
136 ICBO ICBO IEBO VCEO(sus) * VCBO VEBO VCEsat * VBE(on)* hFE* hFE* hFE* -6 -10 -16 -25 max. max. max. min. min. min. max. max. min. min. max. min. min. 40 max. 100 min. 63 max. 160 min. 100 max. 250 min. 160 max. 400 45 45
138 0.1 10 10 60 60 5.0 0.5 1.0 25 40 250 25
140 A A A 80 100 V V V V V
* Pulse test: pulse width 300 s, duty cycle 2%.


▲Up To Search▲   

 
Price & Availability of BD138

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X