Part Number Hot Search : 
GDZ51 R5010615 MIC2145 TPS40 MURS360S MURS360S CN411699 T2802
Product Description
Full Text Search
 

To Download BC857B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD General Purpose Transistor (PNP) BC856/BC857/BC858
SMD General Purpose Transistor (PNP)
Features
* PNP Silicon Epitaxial Planar Transistor for Switching and Amplifier Applications
Mechanical Data
Case: Terminals: Weight: SOT-23, Plastic Package Solderable per MIL-STD-202G, Method 208 0.008 gram
SOT-23
Marking Information
BC856A Marking Code 3A BC856B 3B BC857A 3E BC857B 3F BC857C 3G BC858A 3J BC858B 3K BC858C 3L
Maximum Ratings (T Ambient=25C unless noted otherwise)
Symbol Description Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Power Dissipation Junction Temperature Storage Temperature Range BC856 80 65 5 BC857 50 45 5 100 350 150 -55 to +150 BC858 30 30 5 Unit V V V mA mW C C Note 1 Conditions
-VCBO -VCEO -VEBO -IC Ptot TJ TSTG
Note: 1. Package mounted on 99.5% Alumina 10 x 8 x 0.6mm.
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Tel: (800)-TAITRON Fax: (800)-TAITFA (800)-824-8766 (800)-824-8329 (661)-257-6060 (661)-257-6415 Rev. A/AH 2008-05-29 Page 1 of 3
SMD General Purpose Transistor (PNP) BC856/BC857/BC858
Electrical Characteristics (T Ambient=25C unless noted otherwise)
Symbol Description Min. Typ. Max. Unit Conditions
-ICBO
Collector-Emitter Cut-off Current BC856/7/8, Suffix `A' BC856/7/8, Suffix `B' BC857/8, Suffix `C'
110 200 420 -
90 150 270 180 290 520 0.09 0.25 0.7 0.9 0.65 150 4.5 2.0
15 220 450 800 0.3
nA
-VCB=30V, IE=0
-VCE=5V, -IC=10A
hFE
D.C. Current Gain BC856/7/8, Suffix `A' BC856/7/8, Suffix `B' BC857/8, Suffix `C'
-VCE=5V, -IC=2mA
-IC=10mA, -IB=0.5mA
V
-VCE(sat)
Collector-Emitter Saturation Voltage 0.65 -
-IC=100mA, -IB=5mA -IC=10mA, -IB=0.5mA
V
-VBE(sat)
Base-Emitter Saturation Voltage 0.6 0.75
-IC=100mA, -IB=5mA -VCE=5V, -IC=2mA
V
-VBE(on) fT Cob NF
Base-Emitter On Voltage Current Gain-Bandwidth Product Collector Output Capacitance Noise Figure 0.82 10
-VCE=5V, -IC=10mA
MHz pF dB
-VCE=5V, -IC=10mA, f=100MHz -VCB=10V, IE=0, f=1MHz -VCE=5V, -IC=0.2mA,
RG=2K, f=1KHz
Rev. A/AH 2008-05-29 www.taitroncomponents.com Page 2 of 3
SMD General Purpose Transistor (PNP) BC856/BC857/BC858
Dimensions in mm
SOT-23
How to contact us:
US HEADQUARTERS
28040 WEST HARRISON PARKWAY, VALENCIA, CA 91355-4162 Tel: (800) TAITRON (800) 824-8766 (661) 257-6060 Fax: (800) TAITFAX (800) 824-8329 (661) 257-6415 Email: taitron@taitroncomponents.com Http://www.taitroncomponents.com
TAITRON COMPONENTS MEXICO, S.A .DE C.V.
BOULEVARD CENTRAL 5000 INTERIOR 5 PARQUE INDUSTRIAL ATITALAQUIA, HIDALGO C.P. 42970 MEXICO Tel: +52-55-5560-1519 Fax: +52-55-5560-2190
TAITRON COMPONENTS INCORPORATED REPRESENTACOES DO BRASIL LTDA
RUA DOMINGOS DE MORAIS, 2777, 2.ANDAR, SALA 24 SAUDE - SAO PAULO-SP 04035-001 BRAZIL Tel: +55-11-5574-7949 Fax: +55-11-5572-0052
TAITRON COMPONENTS INCORPORATED, SHANGHAI REPRESENTATIVE OFFICE
METROBANK PLAZA, 1160 WEST YAN' AN ROAD, SUITE 1503, SHANGHAI, 200052, CHINA Tel: +86-21-5424-9942 Fax: +86-21-5424-9931 Rev. A/AH 2008-05-29 www.taitroncomponents.com Page 3 of 3


▲Up To Search▲   

 
Price & Availability of BC857B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X