Part Number Hot Search : 
RFG35 B1213 20MU11 SL221R02 STD5KA40 76000 A1108 LB1806
Product Description
Full Text Search
 

To Download BAV74 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BL Galaxy Electrical
Dual surface mount switching diode FEATURES
For high-speed switching appilication. Common cathode.
Production specification
BAV74
Pb
Lead-free
APPLICATIONS
Small signal switching
ORDERING INFORMATION
Type No. BAV74 Marking JA
SOT-23
Package Code SOT-23
MAXIMUM RATING @ Ta=25 unless otherwise specified
Parameter Diode reverse voltage Peak Reverse Voltage Forward Current Surge forward current, t=1s Total Power Dissipation Junction temperature Storage temperature range Ts=35 Symbol VR VRM IF IFS Ptot Tj Tstg Limits 50 50 200 4.5 250 150 -65-+150 Unit V V mA A mW
ELECTRICAL CHARACTERISTICS @ Ta=25 unless otherwise specified
Parameter Reverse breakdown voltage Reverse voltage leakage current Forward voltage Diode capacitance Reverse recovery time Symbol V(BR)R IR VF CD t rr Test conditions MIN 50 0.1 100 1 f=1MHz 2.0 4 MAX UNIT V A V pF nS
IR= 100A VR=50V VR=50V TA=150 IF=100mA VR=0V
IF=IR=10mA IR=1mA RL=100
Document number: BL/SSSDC036 Rev.A
www.galaxycn.com 1
BL Galaxy Electrical
Dual surface mount switching diode
Production specification
BAV74
TYPICAL CHARACTERISTICS @ Ta=25 unless otherwise specified
Document number: BL/SSSDC036 Rev.A
www.galaxycn.com 2
BL Galaxy Electrical
Dual surface mount switching diode PACKAGE OUTLINE
Plastic surface mounted package
A E
Production specification
BAV74
SOT-23
SOT-23
Dim A B C D E
G
Min 2.85 1.25 0.37 0.35 1.85 0.02 2.35
Max 2.95 1.35 0.43 0.48 1.95 0.1 2.45
K
B
1.0Typical
D
J
G
H C
H J K
0.1Typical
All Dimensions in mm
SOLDERING FOOTPRINT
Unit : mm
PACKAGE INFORMATION
Device BAV74 Package SOT-23 Shipping 3000/Tape&Reel
Document number: BL/SSSDC036 Rev.A
www.galaxycn.com 3


▲Up To Search▲   

 
Price & Availability of BAV74

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X