Part Number Hot Search : 
MPW2146 BP05RKE AN2142 4447A MHW3828 BAQ33 SMLP3 74HC541A
Product Description
Full Text Search
 

To Download ASFL1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3.3V HCMOS / TTL COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
ASFL1
FEATURES: * Compact and low in height * Low current consumption * Tri state function * Suitable for high density SMT * Tight stability option * Seam sealed package * Reflow capable
Pb RoHS Compliant
APPLICATIONS: * CCD clock for VTR camera * Equipment connected to PC or PC cards * Thin equipment * Wireless communication
5.0 x 3.2 x 1.2 mm
|||||||||||||||
STANDARD SPECIFICATIONS:
PARAMETERS
ABRACON P/N: Frequency: Operating temperature: Storage temperature: Overall Frequency Stability: Supply voltage (Vdd): Supply Current (Idd): ASFL1 312 KHz to 125 MHz -10C to +70C (see option) - 55C to + 125C 100 ppm max. (see option) 3.3 Vdc 10% 15 mA max for 321kHz ~ 30MHz 45 mA max for 30MHz ~ 80MHz 85 mA max for 80MHz ~ 125MHz 40/60% max. (see option) 10 ns max. 5TTL or 50pF max. VOH = 0.9*Vdd min. VOL = 0.1*Vdd max.
"1" or open: Oscillation; VIH 0.7*Vdd "0": Output disabled (HI-Z); VIL < 0.3*Vdd 10 mS max. 5 ppm max. @25C
Symmetry at 1/2 Vdd: Rise and Fall Times(Tr/Tf): Output load: Output Voltage: Tri State Function: Start-up-time: Aging per year:
OPTIONS AND PART IDENTIFICATION:
(Left blank if standard)
ASFL1 - Frequency -
-
-
-
Operating Temp. Range
Overall Frequency Stability
Duty Cycle
Blank S 40/60% @ 1/2Vdd 45/55% @ 1/2Vdd
Packaging T
Tape and Reel 1,000pcs
I D E F N L
0C to +50C
-10C to +60C -20C to +70C -30C to +70C -30C to +85C -40C to +85C
J(*) R K H
B
C
20ppm 25ppm 30ppm 35ppm 40ppm 50ppm
*Temp option I, D, E, and -10C to +70C only
Please contact ABRACON if parts are intended for life dependent applications.
ABRACON IS ISO 9001 / QS 9000 CERTIFIED
Visit www.abracon.com for Terms & Conditions of Sale Revised: 1.05.08 30332 Esperanza, Rancho Santa Margarita, California 92688 tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
3.3V HCMOS / TTL COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
ASFL1
OUTLINE DRAWING:
Pb RoHS Compliant
5.0 x 3.2 x 1.2 mm
|||||||||||||||
Dimensions: mm
Note: It is recommended to use an approximately 0.01uF bypass capacitor between PIN 2 and 4.
PIN 1 2 3 4
FUNCTION Tri-State GND Output VDD
TAPE & REEL: Tape and reel 1,000pcs/reel
Dimensions: mm
Please contact ABRACON if parts are intended for life dependent applications.
ABRACON IS ISO 9001 / QS 9000 CERTIFIED
Visit www.abracon.com for Terms & Conditions of Sale Revised: 1.05.08 30332 Esperanza, Rancho Santa Margarita, California 92688 tel 949-546-8000 | fax 949-546-8001 | www.abracon.com


▲Up To Search▲   

 
Price & Availability of ASFL1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X