Part Number Hot Search : 
IRF630NS HM62256A N4148 CA13058 82C20 120N5 Q2010LH5 IC16F
Product Description
Full Text Search
 

To Download AQ504FV-M3-07-TR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AQ506/504
Current Regulator Diode
SC70-3, SOT23-3, TO92-2 Packages
Product Specification Revision 1.4 July 31, 2006
General Description
The AQ506/504 is a 2-terminal current regulator capable of delivering a constant current over a wide voltage range, and requires no separate voltage source or supporting components. The AQ506/504 is a bipolar integrated circuit that replaces legacy JFET devices. Its low cost, small size, and simplicity makes the current regulator diode ideal for applications requiring an isolated constant current source.
Applications * Audio circuits * Timing circuits * Current source or sink * Current limiting circuits Features * No separate voltage source required * Excellent temperature performance * High Dynamic Impedance * Offered in SOT23 & SC70 packages * RoHS compliant available Pin Configuration (Top View)
Block Diagram
Electrical Characteristic
www.acutechnology.com
AQ506/504
Acutechnology Semiconductor Inc.
AQ506/504
Ordering Information
Device
AQ506 AQ506 AQ506 AQ506 AQ506 AQ506 AQ504 AQ504 AQ504 AQ504 AQ504 AQ504
Note: The
Operating Tj
0C 100C 0C 100C 0C 100C 0C 100C 0C 100C 0C 100C 0C 100C 0C 100C 0C 100C 0C 100C 0C 100C 0C 100C
%Tol
20 20 20 20 20 20 20 20 20 20 20 20
Pkg Type
TO-92-2 TO-92-2 SOT-23-3 SOT-23-3 SC70-3 SC70-3 TO-92-2 TO-92-2 SOT-23-3 SOT-23-3 SC70-3 SC70-3
I FWD
Wrap
BULK BULK T&R T&R T&R T&R BULK BULK T&R T&R T&R T&R
Order Number
AQ506FV-N2-14-BU AQ506FV-N2-14-BUL AQ506FV-M3-14-TR AQ506FV-M3-14-TRL AQ506FV-C3-14-TR AQ506FV-C3-14-TRL AQ504FV-N2-07-BU AQ504FV-N2-07-BUL AQ504FV-M3-07-TR AQ504FV-M3-07-TRL AQ504FV-C3-07-TR AQ504FV-C3-07-TRL
1.4mA 1.4mA 1.4mA 1.4mA 1.4mA 1.4mA 0.7mA 0.7mA 0.7mA 0.7mA 0.7mA 0.7mA
TRL and BUL parts are Lead Free and RoHS compliant.
Absolute Maximum Ratings
Parameter Peak Forward Voltage Reverse Current Operating Junction Temperature Lead Temperature (soldering 10 seconds) Storage Temperature Range Value 36 50 150 300 -80 to +150 Unit V mA C C C
Electrical Specifications
Electrical characteristics are guaranteed over the full temperature range 0C Tj 100C. Ambient temperature must be de-rated based upon power dissipation and package thermal characteristics. Symbol POV VR CF IF Zd Zk VL TC Parameter Peak Operating Voltage Reverse Voltage Capacitance Regulator Current Dynamic Impedance Knee Impedance Limiting Voltage Temperature Coefficient Conditions IF= 1.1 * IF max IR= 1mA VF=25V, f = 1MHz AQ506, VF= 25V AQ504, VF= 25V VF= 25V VF= 6V IF= 0.8 * If min VF=25V 0C TA 100 C 1.12 0.61 .33 Min 36 Typ 45 0.8 2.2 1.40 0.70 1.5 .25 1.1 .19 2.5 1.68 0.84 Max Units Volts Volts pF mA M M V %/C
www.acutechnology.com
2
Rev. 1.4
July 31, 2006
Acutechnology Semiconductor Inc.
AQ506/504
Typical Applications
www.acutechnology.com
3
Rev. 1.4
July 31, 2006
Acutechnology Semiconductor Inc.
AQ506/504
Package Dimensions (contd.) SOT23-3, SOT23-5, SOT23-4, SOT23-6
www.acutechnology.com
4
Rev. 1.4
July 31, 2006
Acutechnology Semiconductor Inc.
AQ506/504
Package Dimensions (contd.) SC70-3, SC70-4, SC70-5, SC70-6
Contact Information
Acutechnology Semiconductor Inc. 3487 McKee Rd. Suite 52 San Jose CA , USA 95127
Disclaimer
The information furnished by Acutechnology in this data sheet is believed to be accurate and reliable. However, Acutechnology assumes no responsibility for its use. Acutechnology reserves the right to change circuitry and specifications at any time without notification to the customer.
TEL: FAX: website:
(408) 259-2300 (408) 259-9160 www.acutechnology.com
Life Support Policy
Acutechnology Products are not designed or authorized for use as components in life support devices or systems where malfunction of a product can reasonably be expected to result in personal injury. Life support devices or systems are devices or systems that (a) are intended for surgical implant into the body or (b) support or sustain life, and whose failure to perform can be reasonably expected to result in a significant injury to the user.
www.acutechnology.com
5
Rev. 1.4
July 31, 2006


▲Up To Search▲   

 
Price & Availability of AQ504FV-M3-07-TR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X