Part Number Hot Search : 
BUK95 M0521 LC66E408 5A102 SMAJ58A LL103A MSAU111 M0521
Product Description
Full Text Search
 

To Download APKA2810RWC-A-F01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2.8X1.0mm RIGHT ANGLE SMD CHIP LED LAMP PRELIMINARY SPEC
ATTENTION
OBSERVE PRECAUTIONS FOR HANDLING ELECTROSTATIC DISCHARGE SENSITIVE DEVICES
Part Number: APKA2810RWC/A-F01
WHITE
Description
The source color devices are made with InGaN on SiC Light Emitting Diode. Static electricity and surge damage the LEDS. It is recommended to use a wrist band or anti-electrostatic glove when handling the LEDs. All devices, equipment and machinery must be electrically grounded.
Features
2.8mmX1.0mm RIGHT ANGLE SMT LED, 1.2mm THICKNESS. LOW POWER CONSUMPTION. IDEAL FOR BACKLIGHT AND INDICATOR. VARIOUS COLORS AND LENS TYPES AVAILABLE. PACKAGE : 2000PCS / REEL. MOISTURE SENSITIVITY LEVEL : LEVEL 4. ELECTROSTATIC DISCHARGE THRESHOLD (HBM):1000V. TYP. COLOR TEMPERATURE:6500K COLOR COORDINATES:X=0.31,Y=0.31 ACC. TO CIE1931(WHITE). OPTICAL EFFICIENCY:10.5 lm/W(TYP.) COLOR REPRODUCTION INDEX:80 RoHS COMPLIANT.
Applications
traffic signaling. backlighting (illuminated advertising , general lighting). interior and exterior automotive lighting. substitution of micro incandescent lamps. reading lamps. signal and symbol luminaire for orientation. marker lights (e.g. steps, exit ways, etc). decorative and entertainment lighting. indoor and outdoor commercial and residential architectural lighting.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3. Specifications are subject to change without notice. 4. The device has a single mounting surface. The device must be mounted according to the specifications.
SPEC NO: DSAH3766 APPROVED: WYNEC
REV NO: V.1 CHECKED: Allen Liu
DATE: MAY/03/2007 DRAWN: Y.L.LI
PAGE: 1 OF 7 ERP: 1204000634
Selection Guide
Part No. Dice Lens Type luminous Intensity Iv(mcd) @ 20 mA Min. APKA2810RWC/A-F01 WHITE (InGaN) WATER CLEAR 70 Typ. 180
Note2
v (mlm) @ 20 mA Typ. 700
Note3
Viewing Note1 Angle 21/2 90
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation Reverse Voltage Junction temperature Operating Temperature Storage Temperature DC Forward Current Peak Forward Current Thermal resistance Note5 Junction/ambient Junction/solder point
Note4
Symbol Pt VR TJ Top Tstg IF IFM Rth JA Rth JS
Value 120 5 110 -40 To +85 -40 To +100 30 100 400 140
Unit mW V C C C mA mA C/W C/W
Notes: 1.1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value. 2.Luminous intensity is measured by a current pulse of 10ms at a tolerance of 15%. 3.The typical data of Luminous Flux can only reflect statistical figures, actual parameters of individual product could differ from the typical data. For the purpose of product enhancement, the typical data is subject to change without prior notice. 4.1/10 Duty Cycle, 0.1ms Pulse Width. 5.Rth(J-A) Results from mounting on PC board FR4 (pad size16 mm 2 per pad),
Electrical / Optical Characteristics at TA=25C
Parameter Chromaticity coordinate x acc.to CIE1931 IF=20mA [Typ.] Chromaticity coordinate y acc.to CIE1931 IF=20mA [Typ.] Forward Voltage IF=20mA [Min.] Forward Voltage IF=20mA [Typ.] Forward Voltage IF=20mA [Max.] [Typ.] IR Reverse Current (VR=5V) [Max.] TC x 10 -0.1 10-3 /C 10-3 /C Temperature coefficient of x IF=20mA, -10C T100C [Typ.] Temperature coefficient of y IF=20mA, -10C T100C [Typ.] Temperature coefficient of VF IF=20mA, -10C T100C [Typ.] VF
Note2
Symbol X Y
Note1
Value 0.31 0.31 2.7 3.2 4.0 0.01
Unit -
Note1
V
Reverse Current (VR=5V)
A
TCy
-0.2
TCV
-2.5
mV/C
Notes: 1.Chromaticity coordinates are measured by a current pulse of 20ms with a tolerance of 0.01 in X and Y color coordinates. 2.Forward voltage is measured with a current pulse of 10ms at a tolerance of 0.1V.
SPEC NO: DSAH3766 APPROVED: WYNEC
REV NO: V.1 CHECKED: Allen Liu
DATE: MAY/03/2007 DRAWN: Y.L.LI
PAGE: 2 OF 7 ERP: 1204000634
Brightness codes
luminous Intensity Iv(mcd) @ 20 mA Code. M N P Q Min. 70 110 180 280
Note1
v (mlm) @ 20 mA Max. 130 220 320 420 Typ. 300 480 710 960
Note2
Notes: 1.Luminous intensity is measured by a current pulse of 10ms at a tolerance of 15%. 2.The typical data of Luminous Flux can only reflect statistical figures, actual parameters of individual product could differ from the typical data. For the purpose of product enhancement, the typical data is subject to change without prior notice.
White
APKA2810RWC/A-F01
SPEC NO: DSAH3766 APPROVED: WYNEC
REV NO: V.1 CHECKED: Allen Liu
DATE: MAY/03/2007 DRAWN: Y.L.LI
PAGE: 3 OF 7 ERP: 1204000634
APKA2810RWC/A-F01
SPEC NO: DSAH3766 APPROVED: WYNEC
REV NO: V.1 CHECKED: Allen Liu
DATE: MAY/03/2007 DRAWN: Y.L.LI
PAGE: 4 OF 7 ERP: 1204000634
APKA2810RWC/A-F01
White CIE
0.44 0.42 0.40
c1
0.38 0.36 0.34 0.32 0.30 0.28
a0 a1 b3 b1 b2 b4 c0
0.26 0.24 0.22 0.22 0.24 0.26 0.28 0.30 0.32 0.34 0.36 0.38 0.40 0.42 0.44
a0 X Y 0.264 0.267 0.283 0.305 0.296 0.276 0.280 0.248 X Y 0.248 0.286
a1 0.275 0.321 0.283 0.305 0.264 0.267
Reference CCT: 14000~9000k b1 X Y 0.283 0.305 0.330 0.360 0.330 0.339 0.287 0.295 X Y
Reference CCT: 14000~9000k b2 0.287 0.295 0.330 0.339 0.330 0.318 0.296 0.276
Reference CCT: 9000~5600k b3 X Y 0.275 0.321 0.298 0.350 0.306 0.332 0.283 0.305 X Y
Reference CCT: 9000~5600k b4 0.298 0.350 0.321 0.379 0.330 0.360 0.306 0.332
Reference CCT: 9000~7000k c0 X Y 0.330 0.360 0.361 0.385 0.356 0.351 0.330 0.318 X Y
Reference CCT: 7600~5600k c1 0.321 0.379 0.366 0.419 0.361 0.385 0.330 0.360
Reference CCT: 5600~4600k
Reference CCT: 6000~4600k
SPEC NO: DSAH3766 APPROVED: WYNEC
REV NO: V.1 CHECKED: Allen Liu
DATE: MAY/03/2007 DRAWN: Y.L.LI
PAGE: 5 OF 7 ERP: 1204000634
APKA2810RWC/A-F01
Recommended Soldering Pattern (Units : mm ; Tolerance: 0.1)
Tape Specifications (Units : mm)
Reel Dimension
SPEC NO: DSAH3766 APPROVED: WYNEC
REV NO: V.1 CHECKED: Allen Liu
DATE: MAY/03/2007 DRAWN: Y.L.LI
PAGE: 6 OF 7 ERP: 1204000634
PACKING & LABEL SPECIFICATIONS
APKA2810RWC/A-F01
SPEC NO: DSAH3766 APPROVED: WYNEC
REV NO: V.1 CHECKED: Allen Liu
DATE: MAY/03/2007 DRAWN: Y.L.LI
PAGE: 7 OF 7 ERP: 1204000634


▲Up To Search▲   

 
Price & Availability of APKA2810RWC-A-F01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X