Part Number Hot Search : 
K09H90A B0000 D45F4 RF101L2S 1N4482 1604U 11012 1110C
Product Description
Full Text Search
 

To Download AP3406 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Product Brief
1.1MHz, 650mA SYNCHRONOUS DC-DC BUCK CONVERTER
Description
The AP3406 is a 1.1MHz fixed frequency, current mode, PWM synchronous buck (step-down) DC-DC converter, capable of driving a 650mA load with high efficiency, excellent line and load regulation. The device integrates a main switch and a synchronous switch without an external Schottky diode. It is ideal for powering portable equipment that runs from a single Li-ion battery. A standard series of inductors are available from several different manufacturers optimized for use with the AP3406. This feature greatly simplifies the design of switch-mode power supplies. This IC is available in TSOT-23-5 and SOT-23-5 packages.
AP3406
Parametric Table
Input Voltage Range (V) Maximum Output Current (Min) (mA) Feedback Voltage (V) Oscillator Frequency (MHz) Efficiency @200mA (%) VIN=4.2V, VOUT=3.3V VIN=3.6V, VOUT=1.8V 2.5 to 5.5 650 0.6 1.1 95 92
Features
* * * * * * * * * *
High Efficiency: up to 95% Output Current: 650mA Input Voltage Range: 2.5V to 5.5V Fixed 1.1MHz Frequency Current Mode Control 100% Duty Cycle in Dropout Built-in Short Circuit Protection Built-in Thermal Shutdown Function Built-in Current Limit Function Shutdown Current: <1A
Benefits
*
* * High Efficiency High Output Current Easy to Use
Additional Available Materials
* * * * * *
Samples Preliminary Datasheet Demo Board Demo Board Manual Application Note ESD Report
Applications
* * * *
GPS WiFi Card Portable Media Player Digital Still and Video Cameras
Jun. 2008 1
BCD Semiconductor Manufacturing Limited
Product Brief
1.1MHz, 650mA SYNCHRONOUS DC-DC BUCK CONVERTER
Pin Configuration
TSOT-23-5/SOT-23-5
AP3406
EN GND SW
1 2 3
5
FB
4
VIN
Ordering Information Example
Temperature Range
-40 to 85C -40 to 85C
Part Number
Marking ID
Package
TSOT-23-5 SOT-23-5
Green
AP3406KT-ADJTRG1 AP3406K-ADJTRG1 L1B FBC
Green
Packing Type
Tape & Reel Tape & Reel
Detailed information please refer to the relevant datasheet.
Sales Office:
Shanghai No. 1600, Zi Xing Road, Shanghai ZiZhu Science-based Industrial Park, 200241, China Tel : 86-21-24162266 Fax : 86-21-24162277 Taiwan 4F, 298-1 Rui Guang Road, Nei-Hu District, Taipei, Taiwan Tel : 886-2-2656-2808 Fax : 886-2-2656-2806 USA 30920 Huntwood Ave. Hayward, CA 94544, USA Tel : +1-510-324-2988 Fax : +1-510-324-2788 Shenzhen Room E, 5F, Noble Center, No.1006, 3rd Fuzhong Road, Futian District, Shenzhen 518026, China Tel : 86-755-8826 7951 Fax : 86-755-8826 7865
Jun. 2008 2
BCD Semiconductor Manufacturing Limited


▲Up To Search▲   

 
Price & Availability of AP3406

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X