Part Number Hot Search : 
12160 DS714 FB002M3 SK840D UNRF1AT 2SC4351 TDA7437N 1346742
Product Description
Full Text Search
 

To Download AEP300-S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ADSL Transformers for Motorola's Chipsets
Features * complies with ANSI and ETSI requirements * matched to Motorola's MC03AX1456RT, MC03AX1456, MC143460 & MC143462 chipsets * very low THD * 1500V minimum isolation * all material approved to UL94V-0 * excellent quality at competitive price due to high volume production * manufactured in an ISO-9001:2000, TS-16949:2002 and ISO-14001:2004 certified Talema facility * fully RoHS compliant and meets lead free reflow level J-STD-020C
Electrical Specifications @ 25C * Operating Temperature -40 to +85C
Part Number AEP300-T AEP300-S AEP310-T AEP310-S AEP320-T AEP320-S AEP330-T AEP330-S P ackag e IC Driver Turns LP Ratio (mH) 2% 5% Line : IC 1 : 1.8 3.96 LL (H) Max 25 CWW (pF) Max 50 DCR (Ohms) Max Line / IC 4.40 / 8.00 Longitudinal Insertion TH D L o ss Balance (Linearity) Max Min Typical -80dB 30kHz -80dB 100kHz -80dB 100kHz -80dB 30kHz -40dB 25kHz-1MHz -40dB 25kHz-1MHz -40dB 25kHz-1MHz -40dB 25kHz-1MHz 0.5dB 100kHz 0.5dB 100kHz 0.5dB 100kHz 0.5dB 100kHz Freq. R esp o n se Max 0.5dB 30kHz-1.1MHz 0.5dB 30kHz-1.1MHz 0.5dB 30kHz-1.1MHz 0.5dB 30kHz-1.1MHz Isolation Voltage (Vrms) 1500
TH SMD TH SMD TH
MC03ZX1456RT C PE MC03AX1456 C O & C PE MC143460/462
1.2 : 1
3.96
15
50
4.20 / 3.80
1500
1.2 : 1
3.96
15
50
2.90 / 2.50
1500
SMD TH SMD MC0SAX1456RT C PE 1 : 1.8 3.96 25 60 4.40 / 8.00
1500
Package "S"
0.516 (13.11) max TALEMA IN AEP300-S Date Code 0.028 (0.71) 0.709 (18.00) 0.100 (2.54) 0.394 (10.0)
Package "T"
Schematic
AEP300-T & S AEP310-T & S
0.531 (13.50) max.
TALEMA IN AEP310-T Date Code
Line 1 3 2 4
IC 9 8 7
0.394 (10.0) 0.098(2.50)
*
*
0.524 (13.30) max.
Note: P/N's AEP330-S & T will be supplied without pin #3
0.051 (1.30)
AEP320-T & S AEP330-T & S
Line 1 4 2 5 IC 10 6 9 7
0.492 (12.50) max.
0.173 (4.40) 0.675 (17.15) max. 0.394 (10.00) 0.535 (13.60)
O 0.024 (0.60) 0.098 (2.50) 0.394 (10.00) 0.547 (13.90)
Dimensions: Inches(Millimeters) Tolerance: 0.010 (0.25) Weight: 6.8 grams
THE TALEMA GROUP * Magnetic Components for ISDN / xDSL / LAN Data Communications
(05-06) Communications \ xDSL\ADSL Motorola


▲Up To Search▲   

 
Price & Availability of AEP300-S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X