Part Number Hot Search : 
09C302 MAX75 2SC281 09012 FILTER ST7554 ADG658 2SJ244
Product Description
Full Text Search
 

To Download A3L160TD02H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AEGIS
SEMICONDUTORES LTDA.
A3L:160DT.XXH
VOLTAGE RATINGS
Part Number VRRM , VR (V) rep. peak reverse voltage TJ = 0 to 125OC A3L:160TD.02H A3L:160TD.04H A3L:160TD.06H A3L:160TD.08H A3L:160TD.10H A3L:160TD.12H A3L:160TD.14H A3L:160TD.16H 200 400 600 800 1000 1200 1400 1600 Max. VRSM , VR (V) Max. nonrep. peak reverse voltage
O O TJ = 25 to 125 C
TJ = -40 to 0 C 200 400 600 800 1000 1200 1330 1520
300 500 700 900 1100 1300 1500 1700
MAXIMUM ALLOWABLE RATINGS
PARAMETER TJ Junction Temperature Tstg Storage Temperature IF(AV) Max. Av. current @ Max. TC VALUE -40 to 125 -40 to 150 160 85 355 4.38 IFSM Max. Peak non-rep. surge current 4.77 kA 4.99 5.44 99 50 Hz half cycle sine wave 60 Hz half cycle sine wave t = 10ms Initial TJ = 125 C, no voltage applied after surge.
O
UNITS
O
NOTES 180O half sine wave 50 Hz half cycle sine wave 60 Hz half cycle sine wave Initial TJ = 125 C, rated VRRM applied after surge.
O
C C C
O
A
O
IF(RMS) Nom. RMS current
A
108 I t Max. I t capability 113 123 It
2 1/2 2 2
t = 8.3 ms kA s t = 10ms t = 8.3 ms kA2s1/2
2
Initial TJ = 125 C, rated VRRM applied after surge.
O
O
Initial TJ = 125 C, no voltage applied after surge.
2
Max. I t
2 1/2
capability
1350
Initial TJ = 125OC, no voltage applied after surge.
2 1/2 1/2 tx .
It
di/dt Max. Non-repetitive rate-ofrise current PGM Max. Peak gate power PG(AV) Max. Av. gate power +IGM Max. Peak gate current -VGM Max. Peak negative gate voltage F Mounting Force
500 10 3 150 2 3(5)
A/ms W W mA V N.m
for time tx = I t * (0.1 < tx < 10ms). O TJ = 125 C, VD = VDRM , ITM = 1600A. Gate pulse: 20V, 20W, 10ms, 0.5ms rise time, Max. repetitive di/dt is aproximately 40% of non-repetitive value. tp < 5 ms tp < 5 ms Upper connectors(Heatsink)
AEGIS
SEMICONDUTORES LTDA.
A3L:160DT.XXH
CHARACTERISTICS
PARAMETER VTM peak on-state voltage VT(TO) Threshold voltage rT Slope resistance IL Latching current IH Holding current td Delay time tq Turn-off time dv/dt Critical rate-of-rise of off-state voltage IRM, IDM Peak reverse and offstate current IGT DC gate current to trigger VGT DC gate voltage to trigger VGD DC gate voltage not to trigger RthJC Thermal resistance, junction-to-case RthCS Thermal resistance, case-to-sink wt Weight Case Style MIN. --------------80 ------50 4 2 ------------TYP. ----------0.7 125 140 --10 --80 --------------200(7.27) "Int-A-Pak" MAX. UNITS 1.58 0.88 1.45 300 500 1.5 200 --1000 50 300 150 --2.5 0.3 0.08 0.086 0.091 0.05 --mA mA V V V mW mA mA ms ms
O
TEST CONDITIONS Initial T J = 25 C, 50-60Hz half sine, Ipeak = 502A. O TJ = 125 C Av. power = V T(TO) * IT(AV) +rT * [IT(RMS)]2, 180 Half Sine. Use low values for ITM < p rated IT(AV) TC = 125 C, 12V anode. Gate pulse: 10V, 20 W, 100ms. TC = 25OC, 12V anode. Initial IT = 15A. TC = 25 C, VD = VDRM, 50A resistive load. Gate pulse: 10V, 20W, 10ms, 1ms rise time. O TJ = 125 C, ITM = 500A, di/dt = 25A/ms, VR = 50V. dv/dt = 20 V/ms lin. to rated V DRM. Gate: 0V, 100 W. TJ = 125 C. Exp. to 100% or lin. Higher dv/dt values avaliable. To 80% V DRM, gate open. TJ = 125OC, Exp. To 67% V DRM, gate open. TJ = 125 O Rated VRRM and VDRM, gate open. C, TC = -40 C TC = 25OC TC = -40 C
O O O O O O
V/ms
+12V anode-to-cathode. For recommended gate drive see "Gate Characteristics" figure.
TC = 25 C TC = 25OC, Max. Value which will not trigger with rated VDRM V anode. O C/W DC operation, single side cooled. O C/W 180 sine wave, single side cooled.
O
C/W 120 rectangular wave, single side cooled. C/W Mtg. Surface smooth, flat and greased. Single side cooled. -----
O
g(oz.) IR
Maximum Allowable Case Temperature
Maximum Allowable Case Temperature (C) Maximum Allowable Case Temperature (C)
120
120
Maximum Allowable Case Temperature
110
110
100
100
90
90
80
30
80
30 60
70
60 90 120
70
90
60 0
*Sinusoidal Waveform
180
60
*Rectangular Waveform
120
180
DC
50
100
150
200
250
0
25
50
75
100 125 150 175 200 225 250 275 300
Average Forward Current (A)
Average Forward Current (A)
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
AEGIS
SEMICONDUTORES LTDA.
A3L:160DT.XXH
Maximum Average Forward Power Loss
30
Maximum Average Forward Power Loss
3000
Maximum Average Forward Power Loss (W)
Maximum Average Forward Power Loss (W)
3000
2500
30
2500
2000
2000
60
1500
90
1500
60
1000
1000
90 120 180
120 180
500
500
DC
0 0
*Sinusoidal Waveform
0
*Rectangular Waveform
50
100
150
200
250
300
350
400
0
50
100
150
200
250
300
350
400
Average Forward Current (A)
Average Forward Current (A)
Fig.3 -Forward Power Loss Characteristics
Fig. 4 - Forward Power Loss Characteristics
Forward Voltage Drop
1000
1
Transient Thermal Impedance ZthJC
Instantaneous Forward Current (A)
Transient Thermal Impedance ZthJC
1.5 2.0 2.5 3.0 3.5
100
0.1
125C 25C
10 0.5 1.0
0.01 0.01
0.1
1
10
Instantaneous Forward Voltage (V)
Time (s)
Fig. 5 - Forward Voltage Drop Characteristics
Fig. 6 - Transient Thermal Impedance
AEGIS
SEMICONDUTORES LTDA.
A3L:160DT.XXH
Fig. 7 - Gate Trigger Characteristics
1
~
G1
K1
+
K2 2
G2
-
3
Fig. 8 - Outline Characteristics
Fig. 9 - Circuit Layout


▲Up To Search▲   

 
Price & Availability of A3L160TD02H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X