Part Number Hot Search : 
RERA16D AO3401 350019 A102J W2CBW003 CONDUCT C3842 CA307
Product Description
Full Text Search
 

To Download 930C1W5K-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Axial Leaded Metallized Polypropylene
Type 930 Polypropylene Film Capacitors
Type 930 axial-leaded, metallized polypropylene capacitors are available in a wide range of capacitance values in small case sizes with a flame-retardant tape wrap and epoxy end seals that provide moisture resistance. Type 930 is used most frequently in highvoltage/high-frequency switching power supplies where superior stability and AC performance characteristics are important. This film capacitor has Underwriters Laboratories, Inc. recognition for construction only under U.L. File Number E128034(N).
CD
E
Highlights Outline Drawing
#20 AWG (.032 dia) Tinned Solid Copper Leads
* * *
Small case sizes Ripple Current Capacity Suitable for high frequency operation
1.625 Min (41.28 mm)
Specifications
L +0.062 (1.5)
1.625 Min (41.28 mm)
NOTE: Other capacitance values, sizes and performance specifications are available. Contact us.
.022 to 10.0 F 100 to 630 Vdc (70 to 275 Vac 60 Hz) 10% (K) Standard; 5% (J) Optional -55 C to +105 C* *Full rated voltage at 85 C - derated linearly to 50% Complies with the EU Directive rated at 105 C 2002/95/EC requirement Dielectric Withstand voltage: 200% for 1 minute restricting the use of Lead (Pb), Dissipation Factor (DF): 0.10% Max. (25 C, 1 kHz) Mercury (Hg), Cadmium (Cd), Hexavalent chromium (Cr(VI)), Insulation Resistance: 200,000 M x F PolyBrominated Biphenyls (PBB) 400,000 M Min. and PolyBrominated Diphenyl Ethers (PBDE). Life Test: 1,000 hours at 85 C at 125% rated voltage
Capacitance Range: Voltage Range: Capacitance Tolerance: Operating Temperature Range:
Ratings
Cap. (F) .22 .27 .33 .39 .47 .56 .68 .82 1.00
D Catalog Part Number 930C1P22K-F 930C1P27K-F 930C1P33K-F 930C1P39K-F 930C1P47K-F 930C1P56K-F 930C1P68K-F 930C1P82K-F 930C1W1K-F Max.
L +0.062 (1.5)
ESR 20-100 kHz dV/dt 100 Vdc (70 Vac)
Maximum Ripple Current (Amps rms) at 20 kHz Case Temperature
Inches (mm) Inches (mm) (milliohms) (V/s) +25 C +35 C +45 C +55 C +65 C +75 C +85 C .275 .298 .324 .347 .376 .321 .348 .377 .421 (7.0) (7.6) (8.2) (8.8) (9.5) (8.2) (8.8) (9.6) (10.7) .750 .750 .750 .750 .750 (19.0) (19.0) (19.0) (19.0) (19.0) --------37 35 33 31 26 25 25 25 25 25 14 14 14 14 3.7 3.9 4.1 4.3 5.5 3.4 3.6 3.8 4.0 5.1 3.1 3.3 3.5 3.6 4.7 2.8 2.9 3.1 3.2 4.2 2.5 2.6 2.8 2.9 3.6 2.0 2.1 2.2 2.3 2.8 1.4 1.5 1.6 1.7 2.6
1.000 (25.4) 1.000 (25.4) 1.000 (25.4) 1.000 (25.4)
CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8561 * Fax: (508)996-3830 * www.cde.com
Type 930 Polypropylene Film Capacitors
Cap. (F) 1.20 1.50 1.80 2.00 2.20 2.70 3.00 3.30 3.90 4.00 4.70 5.00 5.60 6.00 6.80 8.00 8.20 10.00 .10 .12 .15 .18 .22 .27 .33 .39 .47 .56 .68 .82 1.00 1.20 1.50 1.80 2.00 2.20 2.70 3.00 3.30 3.90 4.00 4.70 5.00 5.60 6.00 6.80 8.00 8.20 10.00 Catalog Part Number 930C1W1P2K-F 930C1W1P5K-F 930C1W1P8K-F 930C1W2K-F 930C1W2P2K-F 930C1W2P7K-F 930C1W3K-F 930C1W3P3K-F 930C1W3P9K-F 930C1W4K-F 930C1W4P7K-F 930C1W5K-F 930C1W5P6K-F 930C1W6K-F 930C1W6P8K-F 930C1W8K-F 930C1W8P2K-F 930C1W10K-F 930C2P1K-F 930C2P12K-F 930C2P15K-F 930C2P18K-F 930C2P22K-F 930C2P27K-F 930C2P33K-F 930C2P39K-F 930C2P47K-F 930C2P56K-F 930C2P68K-F 930C2P82K-F 930C2W1K-F 930C2W1P2K-F 930C2W1P5K-F 930C2W1P8K-F 930C2W2K-F 930C2W2P2K-F 930C2W2P7K-F 930C2W3K-F 930C2W3P3K-F 930C2W3P9K-F 930C2W4K-F 930C2W4P7K-F 930C2W5K-F 930C2W5P6K-F 930C2W6K-F 930C2W6P8K-F 930C2W8K-F 930C2W8P2K-F 930C2W10K-F D Max. L +0.062 (1.5) ESR 20-100 kHz dV/dt 100 Vdc (70 Vac) .454 .500 .541 .486 .507 .554 .581 .606 .654 .537 .577 .593 .624 .644 .682 .735 .743 .815 .315 .315 .335 .353 .335 .335 .362 .389 .422 .464 .472 .471 .513 .554 .613 .667 .700 .650 .669 .703 .734 .794 .803 .866 .892 .941 .972 .882 .953 .964 (11.5) (12.7) (13.7) (12.3) (12.9) (14.1) (14.8) (15.4) (16.6) (13.6) (14.7) (15.1) (15.8) (16.4) (17.3) (18.7) (18.9) (20.7) (8.0) (8.0) (8.5) (9.0) (8.5) (8.5) (9.2) (9.9) (10.7) (11.8) (12.0) (12.0) (13.0) (14.1) (15.6) (16.9) (17.8) (16.5) (17.0) (17.8) (18.6) (20.2) (20.4) (22.0) (22.6) (23.9) (24.7) (22.4) (24.2) (24.5) 1.000 1.000 1.000 1.250 1.250 1.250 1.250 1.250 1.250 1.750 1.750 1.750 1.750 1.750 1.750 1.750 1.750 1.750 .750 .750 .750 .750 1.000 1.000 1.000 1.000 1.000 1.000 1.250 1.250 1.260 1.260 1.260 1.250 1.250 1.750 1.750 1.750 1.750 1.750 1.750 1.750 1.750 1.750 1.750 2.250 2.250 2.250 2.250 (25.4) (25.4) (25.4) (31.7) (31.7) (31.7) (31.7) (31.7) (31.7) (44.4) (44.4) (44.4) (44.4) (44.4) (44.4) (44.4) (44.4) (44.4) (19.0) (19.0) (19.0) (19.0) (25.4) (25.4) (25.4) (25.4) (25.4) (25.4) (31.7) (31.7) (32.0) (32.0) (32.0) (31.7) (31.7) (44.4) (44.4) (44.4) (44.4) (44.4) (44.4) (44.4) (44.4) (44.4) (44.4) (57.1) (57.1) (57.1) (57.1) 24 20 19 18 18 17 16 16 15 15 15 14 14 14 13 13 13 12 ----------------35 33 32 31 28 27 26 25 21 20 19 18 18 17 16 16 15 15 15 15 14 14 13 14 14 14 10 10 10 10 10 10 6 6 6 6 6 6 6 6 6 37 37 37 37 21 21 21 21 21 21 15 15 15 15 15 15 15 9 9 9 9 9 9 9 9 9 9 9 9 9 9 3.8 3.9 4.0 4.2 4.4 4.7 5.1 5.9 7.2 8.4 8.6 9.0 9.0 9.0 9.0 9.0 9.0 9.0 9.0 9.0 9.0 9.0 9.0 3.7 3.8 3.9 4.1 4.4 4.6 5.0 5.8 7.2 7.5 7.8 8.3 8.4 8.5 8.5 8.8 9.0 9.0 9.0 9.0 9.0 9.0 9.0 3.6 3.7 3.8 4.0 4.4 4.5 4.9 5.7 6.8 7.0 7.3 7.6 7.8 8.0 8.2 8.5 8.8 8.9 9.0 9.0 9.0 9.0 9.0 3.4 3.5 3.7 3.9 4.4 5.0 4.4 5.7 6.0 6.3 6.6 6.8 7.0 7.2 7.4 7.7 7.9 8.0 8.2 8.4 8.7 8.8 9.0 2.9 3.1 3.2 3.4 4.3 4.5 4.7 5.0 5.2 5.4 5.7 5.9 6.0 6.2 6.3 6.6 6.8 7.0 7.2 7.4 7.8 7.9 8.3 2.4 2.5 2.6 2.8 3.5 3.7 3.9 4.1 4.3 4.5 4.7 4.8 4.9 5.0 5.1 5.3 5.6 5.8 5.9 6.0 6.3 6.4 6.8 1.7 1.8 1.9 2.0 3.2 3.3 3.5 3.7 3.9 4.1 4.3 4.4 4.5 4.6 4.7 4.9 5.1 5.3 5.5 5.6 5.8 5.9 6.2 5.7 6.1 6.3 6.5 6.8 7.1 7.3 7.4 7.6 7.8 8.1 8.3 8.4 8.5 8.5 8.6 8.8 9.0 5.3 5.5 5.7 6.0 6.3 6.5 6.7 6.8 6.9 7.0 7.4 7.6 7.7 7.8 8.0 8.3 8.6 9.0 4.9 5.1 5.3 5.5 5.7 6.0 6.2 6.4 6.6 6.7 6.8 7.0 7.1 7.2 7.4 7.7 8.0 8.5 4.4 4.6 4.8 4.9 2.1 5.3 5.5 5.6 5.8 5.9 6.0 6.2 6.4 6.5 6.7 6.8 7.0 7.6 3.8 4.0 4.1 4.2 4.4 4.6 4.8 4.9 5.1 5.2 5.3 5.4 5.5 5.6 5.7 6.0 6.1 6.6 3.0 3.2 3.4 3.5 3.6 3.7 3.9 4.0 4.1 4.2 4.3 4.4 4.5 4.6 4.7 4.8 4.9 5.4 2.8 3.1 3.0 3.2 3.3 3.4 3.5 3.6 3.7 3.8 3.9 4.0 4.1 4.2 4.3 4.4 4.5 4.9 Maximum Ripple Current (Amps rms) at 20 kHz Case Temperature
Inches (mm) Inches
(mm) (milliohms) (V/s) +25 C +35 C +45 C +55 C +65 C +75 C +85 C
250 Vdc (175 Vac)
1.060 (26.9)
2
CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8561 * Fax: (508)996-3830 * www.cde.com
Type 930 Polypropylene Film Capacitors
D Max. Inches(mm) .315 .315 .315 .320 .348 .299 .335 .353 .385 .421 .469 .503 .545 .503 .551 .599 .655 .712 .709 .716 .752 .827 .865 .909 .951 1.031 .315 .315 .334 .358 .388 .418 .354 .374 .433 .443 .512 .538 .496 .542 .593 .639 .696 .608 .709 .724 .794 (8.0) (8.0) (8.0) (8.1) (8.8) (7.6) (8.5) (9.0) (9.8) (10.7) (11.9) (12.8) (13.8) (12.8) (14.0) (15.2) (16.6) (18.1) (18.0) (18.2) (19.1) (21.0) (22.0) (23.1) (24.1) (26.2) (8.0) (8.0) (8.5) (9.1) (9.9) (10.6) (9.0) (9.5) (11.0) (11.2) (13.0) (13.7) (12.6) (13.8) (15.1) (16.2) (17.7) (15.4) (18.0) (18.4) (20.2) Maximum Ripple Current (Amps rms) at 20 kHz ESR Case Temperature +0.062 (1.5) 20-100 kHz dV/dt Inches(mm) (milliohms) (V/s) +25 C +35 C +45 C +55 C +65 C +75 C +85 C L 400 Vdc (250 Vac) .047 .056 .068 .082 .10 .12 .15 .18 .22 .27 .33 .39 .47 .56 .68 .82 1.00 1.20 1.50 1.80 2.00 2.20 2.70 3.00 3.30 3.90 .022 .027 .033 .039 .047 .056 .068 .082 .10 .12 .15 .18 .22 .27 .33 .39 .47 .56 .68 .82 1.00 930C4S47K-F 930C4S56K-F 930C4S68K-F 930C4S82K-F 930C4P1K-F 930C4P12K-F 930C4P15K-F 930C4P18K-F 930C4P22K-F 930C4P27K-F 930C4P33K-F 930C4P39K-F 930C4P47K-F 930C4P56K-F 930C4P68K-F 930C4P82K-F 930C4W1K-F 930C4W1P2K-F 930C4W1P5K-F 930C4W1P8K-F 930C4W2K-F 930C4W2P2K-F 930C4W2P7K-F 930C4W3K-F 930C4W3P3K-F 930C4W3P9K-F 930C6S22K-F 930C6S27K-F 930C6S33K-F 930C6S39K-F 930C6S47K-F 930C6S56K-F 930C6S68K-F 930C6S82K-F 930C6P1K-F 930C6P12K-F 930C6P15K-F 930C6P18K-F 930C6P22K-F 930C6P27K-F 930C6P33K-F 930C6P39K-F 930C6P47K-F 930C6P56K-F 930C6P68K-F 930C6P82K-F 930C6W1K-F .750 .750 .750 .750 .750 (19.0) (19.0) (19.0) (19.0) (19.0) ------------------------32 31 30 28 27 26 25 23 21 20 19 17 16 15 --------------------------------28 26 25 22 18 49 49 49 49 49 28 28 28 28 28 28 28 20 20 20 20 20 20 13 13 13 13 13 13 13 13 74 74 74 74 74 74 43 43 43 43 30 30 30 30 30 30 20 19 19 19 19 6.8 7.4 7.8 8.1 8.6 6.3 6.9 7.2 7.5 7.9 5.8 6.3 6.6 6.9 7.3 5.2 5.6 5.9 6.2 6.5 4.5 4.8 5.1 5.3 5.6 3.6 4.0 4.2 4.3 4.6 2.6 2.8 2.9 3.1 3.6 5.7 5.7 5.7 5.7 5.7 6.3 7.0 8.0 9.0 9.0 9.0 9.0 9.0 9.0 5.5 5.7 5.7 5.7 5.7 6.2 6.9 7.9 9.0 9.0 9.0 9.0 9.0 9.0 5.0 5.3 5.5 5.6 5.7 6.0 6.7 7.8 9.0 9.0 9.0 9.0 9.0 9.0 4.4 4.4 4.8 5.3 5.7 5.9 6.6 7.7 8.0 8.3 8.6 9.0 9.0 9.0 3.8 4.1 4.3 4.5 5.7 5.8 6.5 6.8 7.0 7.4 7.6 7.9 8.1 8.3 3.2 3.3 3.5 3.7 4.7 4.9 5.2 5.5 5.7 5.9 6.0 6.4 6.6 6.8 2.2 2.3 2.4 2.6 4.3 4.5 4.7 5.0 5.2 5.4 5.6 5.9 6.3 6.5
Cap. (F)
Catalog Part Number
1.000 (25.4) 1.000 (25.4) 1.000 (25.4) 1.000 (25.4) 1.000 (25.4) 1.000 (25.4) 1.000 (25.4) 1.000 (25.4) 1.260 (32.0) 1.260 (32.0) 1.260 (32.0) 1.260 (32.0) 1.260 (32.0) 1.750 (44.4) 1.750 (44.4) 1.750 (44.4) 1.750 (44.4) 1.750 (44.4) 1.750 (44.4) 1.750 (44.4) 1.750 (44.4) .750 .750 .750 .750 .750 .750 (19.0) (19.0) (19.0) (19.0) (19.0) (19.0)
630 Vdc (275 Vac)
1.000 (25.4) 1.000 (25.4) 1.000 (25.4) 1.000 (25.4) 1.260 (32.0) 1.260 (32.0) 1.260 (32.0) 1.260 (32.0) 1.260 (32.0) 1.260 (32.0) 1.457 (37.0) 1.750 (44.4) 1.750 (44.4) 1.750 (44.4) 1.850 (47.0)
CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8561 * Fax: (508)996-3830 * www.cde.com


▲Up To Search▲   

 
Price & Availability of 930C1W5K-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X