Part Number Hot Search : 
BG24064A TT8J21 MMBT4 4A0857 SR295 89E515AE MTA106F AN2050F
Product Description
Full Text Search
 

To Download 74LVXC4245 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 74LVXC4245
OCTAL DUAL SUPPLY BUS TRANSCEIVER
s
s
s
s
s
s
s
HIGH SPEED: tPD = 6.5ns (MAX.) at VCCA = 5.0V, VCCB = 5.0V LOW POWER DISSIPATION: ICCA = ICCB = 5A(MAX.) at TA=25C LOW NOISE: VOLP =0.3V (TYP.) at VCCA=5.0V VCCB =3.3V SYMMETRICAL OUTPUT IMPEDANCE: |IOH| = IOL = 24mA (MIN) BALANCED PROPAGATION DELAYS: tPLH tPHL OPERATING VOLTAGE RANGE: VCCA(OPR) = 4.5V to 5.5V (1.2V Data Retention) VCCB(OPR) = 2.7V to 5.5V (1.2V Data Retention) PIN AND FUNCTION COMPATIBLE WITH 74 SERIES C4245 IMPROVED LATCH-UP IMMUNITY
SOP
TSSOP
Table 1: Order Codes
PACKAGE SOP TSSOP T&R 74LVXC4245MTR 74LVXC4245TTR
DESCRIPTION The 74LVXC4245 is a dual supply 8 bit configurable low voltage CMOS OCTAL BUS TRANSCEIVER fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS technology. Designed for use as an interface between a 5V bus and a 3.3V to 5V bus in a mixed 5V/3.3V supply systems, it achieves high speed operation while maintaining the CMOS low power dissipation. Figure 1: Pin Connection And IEC Logic Symbols
This IC is intended for two-way asynchronous communication between data buses and the direction of data transmission is determined by DIR input. The enable input G can be used to disable the device so that the buses are effectively isolated. The A-port interfaces with the 5V bus, the B-port with the 3.3V to 5V bus. All inputs are equipped with protection circuits against static discharge, giving them 2KV ESD immunity and transient excess voltage.
August 2004
Rev. 4
1/14
74LVXC4245
Figure 2: Input And Output Equivalent Circuit Table 2: Pin Description
PIN N 2 3, 4, 5, 6, 7, 8, 9, 10 21, 20, 19, 18, 17, 16, 15, 14 22 11, 12, 13 23 1 24 SYMBOL DIR A1 to A8 B1 to B8 NAME AND FUNCTION Directional Control Data Inputs/Outputs Data Inputs/Outputs
G GND NC VCCA VCCB
Output Enable Input Ground (0V) Not Connected Positive Supply Voltage Positive Supply Voltage
Table 3: Truth Table
INPUTS G L L H
X : Don't Care Z : High Impedance
FUNCTION OUTPUT DIR L H X A BUS OUTPUT INPUT Z B BUS INPUT OUTPUT Z A=B B=A Z
Table 4: Absolute maximum ratings
Symbol VCCA VCCB VI VI/OA VI/OB IIK IOK IOA IOB ICCA ICCB Pd Tstg TL Supply Voltage Supply Voltage DC Input Voltage DC I/O Voltage DC I/O Voltage DC Input Diode Current DC Output Diode Current DC Output Current DC Output Current DC VCC or Ground Current DC VCC or Ground Current Power Dissipation Storage Temperature Lead Temperature (10 sec) Parameter Value -0.5 to +7.0 -0.5 to +7.0 -0.5 to VCCA + 0.5 -0.5 to VCCA + 0.5 -0.5 to VCCB + 0.5 20 50 50 50 200 100 180 -65 to +150 300 Unit V V V V V mA mA mA mA mA mA mW C C
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied
2/14
74LVXC4245
Table 5: Recommended Operating Conditions
Symbol VCCA VCCB VI VI/OA VI/OB Top dt/dv Supply Voltage (note 1) Supply Voltage (note 1) Input Voltage I/O Voltage I/O Voltage Operating Temperature Input Rise and Fall Time (note 2) Parameter Value 4.5 to 5.5 2.7 to 5.5 0 to VCCA 0 to VCCA 0 to VCCB -40 to 85 0 to 10 Unit V V V V V C ns/V
1) VIN from 30% to 70% of VCC 2) VCCA = 4.5 to 5.5V; VCCB = 2.7 to 3.6V;
Table 6: DC Specifications For VCCA
Test Condition Symbol Parameter VCCA VCCB (V) (V) 4.5 4.5 5.5 4.5 4.5 5.5 4.5 4.5 4.5 4.5 5.5 5.5 2.7 3.6 5.5 2.7 3.6 5.5 3.0 3.0 3.0 3.0 3.6 3.6 IO=-100 A IO=-24 mA IO=100 A IO=24 mA VI = VCC or GND TA = 25 C Min. 2.0 2.0 2.0 0.8 0.8 0.8 4.4 3.86 0 0.1 0.36 0.1 0.5 4.5 4.4 3.76 0.1 0.44 1 5 Typ. Max. Value -40 to 85 C -55 to 125C Unit Min. 2.0 2.0 2.0 0.8 0.8 0.8 4.4 3.76 0.1 0.44 1 5 Max. Min. 2.0 2.0 2.0 0.8 0.8 0.8 Max. V
VIHA
High Level Input Voltage Low Level Input Voltage High Level Output Voltage Low Level Output Voltage Input Leakage Current High Impedance Output Leakage Current Quiescent Supply Current
VILA
V
VOHA VOLA IIA IOZA
V V A A
ICCtA
5.5
ICCtAF
Quiescent VCCA Supply Current as B Port Floats Maximum Quiescent Supply Current / Input (An, DIR, G)
5.5
VIA = VIHA or VILA VIB = VIHB or VILB VI/OA = VCCA or GND 3.6 VIA = VCCA or GND VIB = VCCB or GND Open VIA = VCCA or GND G= DIR = VCCA VIB = Open 5.5 VIA = VCCA - 2.1V VIB = VCCB or GND
5
50
50
A
5
50
50
A
ICCtA
5.5
1.35
1.5
1.5
mA
3/14
74LVXC4245
Table 7: DC Specifications For VCCB
Test Condition Symbol Parameter VCCA VCCB (V) (V) 4.5 4.5 4.5 4.5 4.5 4.5 4.5 4.5 4.5 4.5 4.5 4.5 VOLB Low Level Output Voltage 4.5 4.5 4.5 4.5 4.5 IIB IOZB Input Leakage Current High Impedance Output Leakage Current Quiescent Supply Current 5.5 5.5 2.7 3.6 5.5 2.7 3.6 5.5 3.0 3.0 3.0 2.7 2.7 4.5 3.0 3.0 2.7 2.7 4.5 5.5 5.5 IO=-100 A IO=-12 mA IO=-24 mA IO=-12 mA IO=-24 mA IO=-24 mA IO=100 A IO=24 mA IO=12 mA IO=24 mA IO=24 mA VI = VCCA or GND VIA = VIHA or VILA VI/Ob = VCCb or GND VIA = VCCA or GND VIB = VCCB or GND VIA = VCCA or GND VIB = VCCB - 0.6V TA = 25 C Min. 2.0 2.0 3.85 0.8 0.8 1.65 2.9 2.56 2.35 2.3 2.1 3.86 3.0 2.85 2.65 2.5 2.3 4.25 0.0 0.21 0.11 0.22 0.18 0.1 0.36 0.36 0.42 0.36 0.1 0.5 2.9 2.46 2.25 2.2 2.0 3.76 0.1 0.44 0.44 0.50 0.44 1 5 Typ. Max. Value -40 to 85 C -55 to 125C Unit Min. 2.0 2.0 3.85 0.8 0.8 1.65 2.9 2.46 2.25 2.2 2.0 3.76 0.1 0.44 0.44 0.50 0.44 1 5 A A V V Max. Min. 2.0 2.0 3.85 0.8 0.8 1.65 Max. V
VIHB
High Level Input Voltage Low Level Input Voltage High Level Output Voltage
VILB
V
VOHB
ICCtB
5.5
5.5
5
50
50
A
ICCtB
Maximum Quiescent Supply Current / Input
5.5
3.6
0.35
0.5
0.5
mA
4/14
74LVXC4245
Table 8: Dynamic Switching Characteristics
Test Condition Symbol Parameter VCCA VCCB (V) (V) 5.0 5.0 5.0 5.0 5.0 3.3 3.3 3.3 3.3 3.3 -0.8 -1.2 TA = 25 C Min. Typ. 1.0 -0.6 0.8 -0.5 2 1.2 V Max. 1.5 V Value -40 to 85 C -55 to 125C Unit Min. Max. Min. Max.
VOLPA
VOLPB
VIHDA
VILDA
VIHDB
VILDB
Dynamic Low Level Quiet Output (note 1, 2) Dynamic Low Level Quiet Output (note 1, 2) Dynamic High Voltage Input (note 1, 3) Dynamic Low Voltage Input (note 1, 3) Dynamic High Voltage Input (note 1, 3) Dynamic Low Voltage Input (note 1, 3)
V
5.0
3.3
0.8
V
5.0
3.3
2
V
5.0
3.3
0.8
V
1) Worst case package 2) Max number of output defined as (n). Data inputs are driven 0V to 3.3V, (n-1) outputs switching and one output at GND 3) Max number of data inputs (n) switching. (n-1) switching 0V to 3.3V. Inputs under test switching: 3V to threshold (VILD). 0V to threshold (VIHD) f = 1MHz
5/14
74LVXC4245
Table 9: AC Electrical Characteristics (CL = 50pF, Input tr = tf = 3ns)
Test Condition Symbol Parameter VCCB (V) 2.7 to 3.6 5.0(*) 2.7 to 3.6 5.0(*) 2.7 to 3.6 5.0(*) 2.7 to 3.6 5.0(*) 2.7 to 3.6 5.0(*) 2.7 to 3.6 5.0(*) 2.7 to 3.6 5.0(*) 2.7 to 3.6 5.0(*) 2.7 to 3.6 5.0(*) 2.7 to 3.6 5.0(*) 2.7 to 3.6 5.0(*) 2.7 to 3.6 5.0(*) 2.7 to 3.6 5.0(*) TA = 25C Min. 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 Typ. 5.5 4.9 5.0 4.0 6.7 5.6 6.9 5.7 6.0 4.8 4.2 3.8 5.6 4.7 4.3 3.9 8.0 7.4 6.3 6.1 3.4 3.4 2.9 2.9 0.5 0.5 Max. 7.5 6.5 7.0 5.5 9.0 7.5 9.5 7.5 9.0 7.0 6.5 5.5 7.5 6.5 6.0 5.0 10.0 9.0 8.0 7.5 5.5 5.5 5.0 4.5 1.0 1.0 Value (3) -40 to 85C Min. 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 Max. 8.0 7.0 7.5 6.0 10.0 8.0 10.0 8.0 9.5 7.5 7.0 6.0 8.0 7.0 6.5 5.5 11.0 10.0 8.5 8.5 6.0 6.0 5.5 5.0 1.5 1.5 -55 to 125C Min. 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 Max. 8.5 7.5 7.5 6.5 10.5 8.5 10.5 8.5 9.5 7.5 7.5 6.5 8.5 7.5 7.0 5.5 11.5 10.5 8.5 8.5 6.5 6.5 6.0 5.5 1.5 ns 1.5 ns ns ns ns ns ns Unit
tPLH
Propagation Delay Time (An to Bn) Propagation Delay Time (An to Bn) Output Enable Time (G to Bn) Output Enable Time (G to Bn) Output Disable Time (G to Bn) Output Disable Time (G to Bn) Propagation Delay Time (Bn to An) Propagation Delay Time (Bn to An) Output Enable Time (G to An) Output Enable Time (G to An) Output Disable Time (G to An) Output Disable Time (G to An) Output To Output Skew Time (note1, 2)
tPHL
tPZL
tPZH
tPLZ
tPHZ
tPLH
tPHL
tPZL
tPZH
tPLZ
tPHZ
tOSLH tOSHL
1) Skew is defined as the absolute value of the difference between the actual propagation delay for any two outputs of the same device switching in the same direction, either HIGH or LOW (tOSLH = | tPLHm - tPLHn|, tOSHL = | tPHLm - tPHLn| 2) Parameter guaranteed by design 3) Typical values referred at VCCA = 5.0V, VCCB = 5.0V or VCCA = 5.0V, VCCB = 3.3V (*) Voltage Range is 5.0V 0.5
6/14
74LVXC4245
Table 10: Capacitive Characteristics
Test Condition Symbol Parameter VCCA VCCB (V) (V) open open 5.0 5.0 3.3 3.3 TA = 25 C Min. Typ. 4.5 10 55 Max. 10 Value -40 to 85 C -55 to 125C Unit Min. Max. 10 Min. Max. 10 V V V
CINA CI/O CPD
CPD
Input Capacitance Input/Output Capacitance Dynamic Low Level Quiet Output (note 1) A to B Dynamic Low Level Quiet Output (note 1) B to A
5.0
3.3
40
V
1) CPD is defined as the value of the IC's internal equivalent capacitance which is calculated from the operating current consumption without load. (Refer to Test Circuit). Average current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC/8 (per circuit)
Figure 3: Test Circuit
TEST tPLH, tPHL tPZLH, tPLZ tPZH, tPHZ
CL = 50pF or equivalent (includes jig and probe capacitance) RL = R1 = 500 or equivalent RT = ZOUT of pulse generator (typically 50)
SWITCH Open 2VCC Open
7/14
74LVXC4245
Figure 4: Waveform - Propagation Delays (f=1MHz; 50% duty cycle)
Figure 5: Waveform - Output Enable And Disable Time (f=1MHz; 50% duty cycle)
8/14
74LVXC4245
SO-24 MECHANICAL DATA
DIM. A A1 B C D E e H h L k ddd 10.00 0.25 0.4 0 mm. MIN. 2.35 0.1 0.33 0.23 15.20 7.4 1.27 10.65 0.75 1.27 8 0.100 0.394 0.010 0.016 0 TYP MAX. 2.65 0.30 0.51 0.32 15.60 7.6 MIN. 0.093 0.004 0.013 0.009 0.598 0.291 0.050 0.419 0.030 0.050 8 0.004 inch TYP. MAX. 0.104 0.012 0.020 0.013 0.614 0.299
0070769C
9/14
74LVXC4245
TSSOP24 MECHANICAL DATA
mm. DIM. MIN. A A1 A2 b c D E e H K L 6.25 0 0.50 0.19 0.09 7.7 4.3 0.65 BSC 6.5 8 0.70 0.246 0 0.020 0.05 0.9 0.30 0.20 7.9 4.5 0.0075 0.0035 0.303 0.169 0.0256 BSC 0.256 8 0.028 TYP MAX. 1.1 0.15 0.002 0.035 0.0118 0.0079 0.311 0.177 MIN. TYP. MAX. 0.043 0.006 inch
A
A2 A1 b e K c L H
D
E
PIN 1 IDENTIFICATION
1
7047476B
10/14
74LVXC4245
Tape & Reel SO-24 MECHANICAL DATA
mm. DIM. MIN. A C D N T Ao Bo Ko Po P 10.8 15.7 2.9 3.9 11.9 12.8 20.2 60 30.4 11.0 15.9 3.1 4.1 12.1 0.425 0.618 0.114 0.153 0.468 TYP MAX. 330 13.2 0.504 0.795 2.362 1.197 0.433 0.626 0.122 0.161 0.476 MIN. TYP. MAX. 12.992 0.519 inch
11/14
74LVXC4245
Tape & Reel TSSOP24 MECHANICAL DATA
mm. DIM. MIN. A C D N T Ao Bo Ko Po P 6.8 8.2 1.7 3.9 11.9 12.8 20.2 60 22.4 7 8.4 1.9 4.1 12.1 0.268 0.323 0.067 0.153 0.468 TYP MAX. 330 13.2 0.504 0.795 2.362 0.882 0.276 0.331 0.075 0.161 0.476 MIN. TYP. MAX. 12.992 0.519 inch
12/14
74LVXC4245
Table 11: Revision History
Date 27-Aug-2004 Revision 4 Description of Changes Ordering Codes Revision - pag. 1.
13/14
74LVXC4245
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics All other names are the property of their respective owners (c) 2004 STMicroelectronics - All Rights Reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
14/14


▲Up To Search▲   

 
Price & Availability of 74LVXC4245

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X