Part Number Hot Search : 
AQW212 23400 LM781 SE567N DRM33395 SW610 2SA1289 67040
Product Description
Full Text Search
 

To Download 3TA200GK03NB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3TA200GKxxNB
Three Phase Half Bridge
Dimensions in mm (1mm = 0.0394")
Type 3TA200GK03NB 3TA200GK04NB
VRSM V 400 500
VRRM V 300 400
Symbol IT(AV) IT(RMS) ITSM It PGM PG(AV) IFGM VFGM VRGM di/dt TVJ TVJM Tstg Ms Mt Weight to heatsink M6 to terminals M5
2
Test Conditions Single phase, half wave, 180oC conduction,TC=121oC 1/2cycle, 50Hz/60Hz, peak value, non-repetitive
Maximum Ratings 200 314 5400/6000 1499400 10 1 3 10 5
Unit A A A2s W A V A/us
o
IG=200mA, Tj=25oC, VD=1/2VDRM, dIG/dt=1A/us
50 -40...+150 150 -40...+125 3~5 2.5 ~ 5 160
C
Nm g
3TA200GKxxNB
Three Phase Half Bridge
Symbol IDRM IRRM VTM IGT VGT VGD tgt dv/dt IH RthJC
Test Conditions at VDRM, single phase, half wave, Tj=150oC On-State Current 630A, Tj=25oC Inst. measurement Tj=25oC, IT=1A, VD=6V Tj=150oC, VD=1/2VDRM IT=200A, IG=200mA, Tj=25oC, VD=1/2VDRM, dIG/dt=1A/us Tj=150 C, VD=2/3VDRM, Exponential wave Tj=25oC Junction to case (1/3 Module)
o
min.
typ.
max.
60 60 1.20 150 2
Unit mA V mA V V
0.25 10 200 70 0.12
o
us V/us mA C/W
3TA200GKxxNB
Three Phase Half Bridge


▲Up To Search▲   

 
Price & Availability of 3TA200GK03NB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X