Part Number Hot Search : 
MST720C CY3670 Z270Y 485CN AXP173 TG2206F 2SK2276 C0402
Product Description
Full Text Search
 

To Download 2SA2007 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SA2007
Transistors
High-speed Switching Transistor (-60V,-12A)
2SA2007
!Features 1) High switching speed. (Typ. tf = 0.15s at Ic = -6A) 2) Low saturation voltage. (Typ. VCE(sat) = -0.2V at IC / IB = -6A / -0.3A) 3) Wide SOA. (safe operating area) 4) Complements the 2SC5526. !External dimensions (Units : mm)
10.0 4.5
3.2
2.8
15.0 12.0
8.0 5.0
1.2
14.0
1.3 0.8
2.54
2.54
(1) (2) (3) (1) (2) (3)
0.75
2.6
(1) Base(Gate) (2) Collector(Drain) (3) Emitter(Source)
ROHM : TO-220FN
!Absolute maximum ratings (Ta = 25C)
Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collectorpowerdissipation Junction temperature Storage temperature Symbol VCBO VCEO VEBO IC PC Tj Tstg Limits -100 -60 -5 -12 -20 2 25 150 -55 +150 Unit V V V A A(Pulse) W W(Tc=25C) C C
!Packaging specifications and hFE
Type Package hFE Code Basic ordering unit (pieces) 2SA2007 TO-220FN F - 500
!Electrical characteristics (Ta = 25C)
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cutoff current Emitter cutoff current Collector-emitter saturation voltage Base-emitter saturation voltage DC current transfer ratio Transition frequency Output capacitance Turn-on time Storage time Fall time Symbol BVCBO BVCEO BVEBO ICBO IEBO VCE(sat) VBE(sat) hFE fT Cob ton tstg tf Min. -100 -60 -5 - - - - - - 160 - - - - - Typ. - - - - - - - - - - 80 250 - - - Max. - - - -10 -10 -0.3 -0.5 -1.2 -1.5 320 - - 0.3 1.5 0.3 Unit V V V A A V V V V - MHz pF s s s Conditions IC = -50A IC = -1mA IE = -50A VCB = -100V VEB = -5V IC/IB = -6A/-0.3A IC/IB = -8A/-0.4A IC/IB = -6A/-0.3A IC/IB = -8A/-0.4A VCE = -2V , IC = -2A VCE = -10V , IE = 1A , f = 30MHz VCB = -10V , IE = 0A , f = 1MHz IC = -6A , RL = 5 IB1 = -IB2 = -0.3A VCC -30V


▲Up To Search▲   

 
Price & Availability of 2SA2007

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X