Part Number Hot Search : 
C270CHR BUZ22 107M00 XXXXX 12CU5 2N4403 00002 D235I
Product Description
Full Text Search
 

To Download 1N4148W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Two Terminals SMD Switching Diodes 1N4148W 1N4448W
Two Terminals SMD Switching Diodes
Features
* * * * Fast Switching Speed High Conductance Electrically Identical to Standard JEDEC RoHS compliant
SOD-123
Mechanical Data
Case: Terminals: Weight: SOD-123, Plastic Case Axial leads, solderable per MIL-STD-202G, Method 208 0.01 gram
Maximum Ratings (T Ambient=25C unless noted otherwise)
Symbol Description Marking Code 1N4148W A2 75 100 150 2.0 500 --1.0 @ 10mA 0.025 5.0 4.0 4.0 -65 to +175 0.62 @ 5mA 0.72 @ 5mA 1.0@100mA 0.025 5.0 V VR=20V VR=75V 1N4448W A3 V V mA A mW Valid provided that electrodes are kept at ambient temperature Unit Conditions
VRM VRRM IF(AV) IFSM PD VF IR CD Trr TJ,TSTG
Reverse Voltage Peak Reverse Voltage Forward Average Current Peak Forward Surge Current, Pulse Width=1.0us Power Dissipation above 25C Forward Voltage Max. Reverse Current Diode Capacitance Reverse Recovery Time Operating Junction and Storage Temperature Range Min Max
A pF ns C
VR=0V, f=1MHz IF= 10mA,IR=1mA, VR=6V,RL=100
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Tel: (800)-TAITRON Fax: (800)-TAITFA (800)-824-8766 (800)-824-8329 (661)-257-6060 (661)-257-6415
Rev. C/AH 2007-09-17 Page 1 of 5
Two Terminals SMD Switching Diodes
1N4148W 1N4448W
Typical Characteristics Curves
Fig.1- Power Derating Curve
Fig.2- Typical Instantaneous Forward Characteristics
PD Power Dissipation (mW)
IF Forward Current (mA)
Forward Voltage (V) Ambient Temperature Ta (C)
Fig.3- Junction Capacitance
Fig.4- Typical Instantaneous Reverse Characteristics
CT Diode Capacitance (pF)
Reverse Voltage (V)
IR Reverse Current (A)
Reverse Voltage (V)
Rev. C/AH 2007-09-17 www.taitroncomponents.com Page 2 of 5
Two Terminals SMD Switching Diodes
1N4148W 1N4448W
Dimensions in inch (mm)
SOD-123
Mounting Pad Layout (in mm)
Rev. C/AH 2007-09-17 www.taitroncomponents.com Page 3 of 5
Two Terminals SMD Switching Diodes
1N4148W 1N4448W
Packing Information:
Carrier Tape Dimensions (in mm)
Product Type
D 1.550.05 B1 4.00.10
P0 4.00.10 T 0.200.05
P 4.00.10 T2 1.20.1
W 8.0+0.15/-0.3 D1 1.00.10
E 1.750.10 F 3.50.05
A0 1.550.10 K0 1.550.10
B0 3.950.10 P2 2.00.05
SOD-123
Reel Dimensions (in mm)
A 178.02.0
C 13.51.0
G 9.9 max.
N 50 min.
T 14.4 max.
Rev. C/AH 2007-09-17 www.taitroncomponents.com Page 4 of 5
Two Terminals SMD Switching Diodes
1N4148W 1N4448W
Packing Quantity Information:
Quantity TR70 Tape & Reel PCS per Inner Box 5000/Reel PCS per Carton 400000
Carton Size Information:
Cartoon Size 390X270X400( in mm)
How to contact us:
US HEADQUARTERS
28040 WEST HARRISON PARKWAY, VALENCIA, CA 91355-4162 Tel: (800) TAITRON (800) 247-2232 (661) 257-6060 Fax: (800) TAITFAX (800) 824-8329 (661) 257-6415 Email: taitron@taitroncomponents.com Http://www.taitroncomponents.com
TAITRON COMPONENTS MEXICO, S.A .DE C.V.
BOULEVARD CENTRAL 5000 INTERIOR 5 PARQUE INDUSTRIAL ATITALAQUIA, HIDALGO C.P. 42970 MEXICO Tel: +52-55-5560-1519 Fax: +52-55-5560-2190
TAITRON COMPONENTS INCORPORATED REPRESENTACOES DO BRASIL LTDA
RUA DOMINGOS DE MORAIS, 2777, 2.ANDAR, SALA 24 SAUDE - SAO PAULO-SP 04035-001 BRAZIL Tel: +55-11-5574-7949 Fax: +55-11-5572-0052
TAITRON COMPONENTS INCORPORATED, SHANGHAI REPRESENTATIVE OFFICE
CROSS REGION PLAZA, 899 LINGLING ROAD, SUITE 18C, SHANGHAI, 200030, CHINA Tel: +86-21-5424-9942 Fax: +86-21-5424-9931
Rev. C/AH 2007-09-17 www.taitroncomponents.com Page 5 of 5


▲Up To Search▲   

 
Price & Availability of 1N4148W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X