Part Number Hot Search : 
KBPC2500 FZ1150 TSA1015 ATTINY23 2500ET 50C02SS MAZ6240 AN736
Product Description
Full Text Search
 

To Download 0ICAA-001-XTD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AMIS-42675 High-Speed Low Power CAN Transceiver
For Long Networks 1.0 General Description
Data Sheet
The AMIS-42675 CAN transceiver is the interface between a controller area network (CAN) protocol controller and the physical bus. It may be used in both 12V and 24V systems. The transceiver provides differential transmit capability to the bus and differential receive capability to the CAN controller. The AMIS-42675 is the low power member of the CAN high-speed transceiver family and offers the following additional features: * * * Ideal passive behaviour when supply voltage is removed Wake-up over bus Extremely low current standby mode
Due to the wide common-mode voltage range of the receiver inputs, the AMIS-42675 is able to reach outstanding levels of electromagnetic susceptibility (EMS). Similarly, extremely low electromagnetic emission (EME) is achieved by the excellent matching of the output signals. The AMIS-42675 is the industrial version of the AMIS-42665 and primarily for applications where long network lengths are mandatory. Examples are elevators, in-building networks, process control and trains. To cope with the long bus delay the communication speed needs to be low. AMIS-42675 allows low transmit data rates down 10 Kbit/s or lower.
2.0 Key Features
* * * * * * * * * * * * * * * Compatible with the ISO 11898 standard (ISO 11898-2, ISO 11898-5 and SAE J2284) Wide range of bus communication speed (0 up to 1 Mbit/s) Ideally suited for 12V and 24V industrial and automotive applications Allows low transmit data rate in networks exceeding 1 km Extremely low current standby mode with wake-up via the bus Low electromagnetic emission (EME): common-mode choke is no longer required Differential receiver with wide common-mode range (+/- 35V) for high EMS Voltage source via VSPLIT pin for stabilizing the recessive bus level (further EMC improvement) No disturbance of the bus lines with an un-powered node Thermal protection Bus pins protected against transients Power down mode in which the transmitter is disabled Bus and VSPLIT pins short circuit proof to supply voltage and ground Logic level inputs compatible with 3.3V devices At least 110 nodes can be connected to the same bus
3.0 Ordering Information
Table 1: Ordering Information Ordering Code (Tubes) 0ICAA-001-XTD
Ordering Code (Tape) 0ICAA-001-XTP
Marketing Name AMIS 42675AGA
Package SOIC-8 GREEN
Temp. Range -40C...125C
AMI Semiconductor -October 07, Rev. 1.0 www.amis.com
Specifications subject to change without notice
1
AMIS-42675 High-Speed Low Power CAN Transceiver
For Long Networks 4.0 Technical Characteristics
Table 2: Technical Characteristics Symbol Parameter VCC Power supply voltage VSTB DC voltage at pin STB VTxD DC voltage at pin TxD VRxD DC voltage at pin RxD VCANH DC voltage at pin CANH VCANL DC voltage at pin CANL VSPLIT DC voltage at pin VSPLIT VO(dif)(bus_dom) Differential bus output voltage in dominant state CM-range Input common-mode range for comparator VCM-peak Cload tpd(rec-dom) t pd(dom-rec) VCM-step Tjunc Common-mode peak Load capacitance on IC outputs Propagation delay TxD to RxD Propagation delay TxD to RxD Common-mode step Junction temperature
Data Sheet
Conditions
0 < VCC < 5.25V; no time limit 0 < VCC < 5.25V; no time limit 0 < VCC < 5.25V; no time limit 42.5 < RLT < 60 Guaranteed differential receiver threshold and leakage current Note See Figure 5 See Figure 5 Note
Min. 4.75 -0.3 -0.3 -0.3 -35 -35 -35 1.5 -35 -500 70 100 -150 -40
Max. 5.25 VCC VCC VCC +35 +35 +35 3 +35 500 15 230 245 150 150
Unit V V V V V V V V V mV pF ns ns mV C
Note: The parameters VCM-peak and VCM-step guarantee low EME.
5.0 Block Diagram
VCC
3
VCC
AMIS- 42675
POR 7
TxD
1
VCC
CANH VSPLIT CANL
Thermal shutdown
VCC
V SPLIT
5
STB
8
Mode & wake -up control
Driver control
6
RxD GND
4
Wake - up Filter
COMP
2
COMP
PC20071005.2
Figure 1: Block Diagram
AMI Semiconductor -October 07, Rev. 1.0 www.amis.com
Specifications subject to change without notice
2
AMIS-42675 High-Speed Low Power CAN Transceiver
For Long Networks 6.0 Typical Application
6.1 Application Schematic
Data Sheet
VBAT
IN
5V-reg
OUT VCC STB
3 8 4
VCC
7
CANH 60
CAN controller
RxD TxD
AMIS42675
2
5
VSPLIT 60 47 nF
CAN BUS
1
6
CANL
PC20071005.3
GND
GND
Figure 2: Application Diagram
6.2 Pin Description
TxD GND VCC RxD
1
8
STB CANH CANL VSPLIT
AMIS42675
Figure 3: Pin Configuration
2 3 4
7 6 5
PC20071005.1
Table 3: Pin Out Pin Name 1 TxD 2 GND 3 VCC 4 RxD 5 VSPLIT 6 CANL 7 CANH 8 STB
Description Transmit data input; low input => dominant driver; internal pull-up current Ground Supply voltage Receive data output; dominant transmitter => low output Common-mode stabilization output Low-level CAN bus line (low in dominant mode) High-level CAN bus line (high in dominant mode) Stand-by mode control input
AMI Semiconductor -October 07, Rev. 1.0
3
www.amis.com
Specifications subject to change without notice
AMIS-42675 High-Speed Low Power CAN Transceiver
For Long Networks 7.0 Functional Description
7.1 Operating Modes AMIS-42675 provides two modes of operation as illustrated in Table 4. These modes are selectable through pin STB.
Table 4: Operating Modes
Mode Pin STB Pin RXD Low High Bus recessive No wake-up request detected
Data Sheet
Normal Standby
Low High
Bus dominant Wake-up request detected
7.1.1. Normal Mode In the normal mode, the transceiver is able to communicate via the bus lines. The signals are transmitted and received to the CAN controller via the pins TxD and RxD. The slopes on the bus lines outputs are optimized to give extremely low EME. 7.1.2. Stand-by Mode In stand-by mode both the transmitter and receiver are disabled and a very low-power differential receiver monitors the bus lines for CAN bus activity. The bus lines are terminated to ground and supply current is reduced to a minimum, typically 10A. When a wake-up request is detected by the low-power differential receiver, the signal is first filtered and then verified as a valid wake signal after a time period of tBUS, the RxD pin is driven low by the transceiver to inform the controller of the wake-up request. 7.2 Split Circuit The VSPLIT pin is operational only in normal mode. In standby mode this pin is floating. The VSPLIT is connected as shown in Figure 2 and its purpose is to provide a stabilized DC voltage of 0.5 x VCC to the bus avoiding possible steps in the common-mode signal therefore reducing EME. These unwanted steps could be caused by an un-powered node on the network with excessive leakage current from the bus that shifts the recessive voltage from its nominal 0.5 x VCC voltage. 7.3 Wake-up Once a valid wake-up (dominant state longer than tBUS) has been received during the standby mode the RxD pin is driven low. 7.4 Over-temperature Detection A thermal protection circuit protects the IC from damage by switching off the transmitter if the junction temperature exceeds a value of approximately 160C. Because the transmitter dissipates most of the power, the power dissipation and temperature of the IC is reduced. All other IC functions continue to operate. The transmitter off-state resets when pin TxD goes high. The thermal protection circuit is particularly needed when a bus line short circuits. 7.5 High Communication Speed Range The transceiver is primarily intended for industrial applications. It allows very low baud rates needed for long bus length applications. But also high speed communication is possible up to 1Mbit/s. 7.6 Fail Safe Features A current-limiting circuit protects the transmitter output stage from damage caused by accidental short circuit to either positive or negative supply voltage, although power dissipation increases during this fault condition. The pins CANH and CANL are protected from automotive electrical transients (according to ISO 7637; see Figure 4). Pins TxD and STB are pulled high internally should the input become disconnected. Pins TxD, STB and RxD will be floating, preventing reverse supply should the VCC supply be removed.
AMI Semiconductor -October 07, Rev. 1.0
4
www.amis.com
Specifications subject to change without notice
AMIS-42675 High-Speed Low Power CAN Transceiver
For Long Networks 8.0 Electrical Characteristics
8.1 Definitions
Data Sheet
All voltages are referenced to GND (pin 2). Positive currents flow into the IC. Sinking current means the current is flowing into the pin; sourcing current means the current is flowing out of the pin. 8.2 Absolute Maximum Ratings Stresses above those listed in the following table may cause permanent device failure. Exposure to absolute maximum ratings for extended periods may affect device reliability.
Table 5: Absolute Maximum Ratings Symbol Parameter Supply voltage VCC DC voltage at pin CANH VCANH DC voltage at pin CANL VCANL DC voltage at pin VSPLIT VSPLIT DC voltage at pin TxD VTxD DC voltage at pin RxD VRxD DC voltage at pin STB VSTB Transient voltage at pin CANH Vtran(CANH) Transient voltage at pin CANL Vtran(CANL) Transient voltage at pin VSPLIT Vtran(VSPLIT)
Conditions Min. -0.3 -50 -50 -50 -0.3 -0.3 -0.3 -300 -300 -300 Max. +7 +50 +50 +50 VCC + 0.3 VCC + 0.3 VCC + 0.3 +300 +300 +300 Unit V V V V V V V V V V
0 < VCC < 5.25V; no time limit 0 < VCC < 5.25V; no time limit 0 < VCC < 5.25V; no time limit
Note 1 Note 1 Note 1 Note 2 Note 4 Note 3
Vesd(
Latch-up
Electrostatic discharge voltage at all pins Static latch-up at all pins Storage temperature Ambient temperature Maximum junction temperature
-5 -750 -55 -40 -40
Tstg Tamb Tjunc
+5 +750 120 +150 +125 +170
kV V mA C C C
Notes: 1) Applied transient waveforms in accordance with ISO 7637 part 3, test pulses 1, 2, 3a, and 3b (see Figure 4). 2) Standardized human body model electrostatic discharge (ESD) pulses in accordance to MIL883 method 3015.7. 3) Static latch-up immunity: Static latch-up protection level when tested according to EIA/JESD78. 4) Standardized charged device model ESD pulses when tested according to EOS/ESD DS5.3-1993.
8.3 Thermal Characteristics
Table 6: Thermal Characteristics Symbol Parameter Thermal resistance from junction to ambient in SO8 package Rth(vj-a) Thermal resistance from junction to substrate of bare die Rth(vj-s)
Conditions In free air In free air
Value 145 45
Unit K/W K/W
AMI Semiconductor -October 07, Rev. 1.0
5
www.amis.com
Specifications subject to change without notice
AMIS-42675 High-Speed Low Power CAN Transceiver
For Long Networks
8.4 Characteristics VCC = 4.75 to 5.25V; Tjunc = -40 to +150C; RLT =60 unless specified otherwise.
Table 7: Characteristics Symbol Parameter Supply (pin VCC) Supply current ICC Supply current in standby mode Transmitter Data Input (pin TxD) High-level input voltage VIH Low-level input voltage VIL High-level input current IIH Low-level input current IIL Input capacitance Ci Transmitter Mode Select (pin STB) High-level input voltage VIH Low-level input voltage VIL High-level input current IIH Low-level input current IIL Input capacitance Ci Receiver Data Output (pin RxD) High-level output voltage VOH Low-level output voltage VOL High-level output current Ioh Low-level output current Iol Bus Lines (pins CANH and CANL) Recessive bus voltage Vo(reces) (norm)
Conditions Min. Typ. Max.
Data Sheet
Unit
ICCS
Dominant; VTxD = 0V Recessive; VTxD = VCC Tjunc,max = 100C Output recessive Output dominant 2.0 -0.3 -5 -75 2.0 -0.3 -5 -1 0.6 x VCC -5 5 2.0 -100 -2.5 -2.5 3.0 0. 5 1.5 -120 -45 45 0.5 0.40 50 15 15 -3 25
45 4 10 0 -200 5 0 -4 5
65 8 15 VCC + 0.3 +0.8 +5 -350 10 VCC + 0.3 +0.8 +5 -10 10 0.75 x VCC 0.45 -15 15 3.0 100 +2.5 +2.5 4.25 1.75 3.0 +50 -120 120 0.9 1.00 100 37 37 +3 75 20 20 10
mA mA A V V A A pF V V A A pF V V mA mA V mV mA mA V V V mV mA mA V V mV K K % K pF pF pF
VTxD =VCC VTxD = 0V
Not tested Standby mode Normal mode
VSTB =VCC VSTB = 0V
Not tested
IRXD = -10mA IRXD = 5mA Vo = 0.7 x VCC Vo = 0.3 x VCC VTxD = VCC; no load normal mode VTxD = VCC; no load standby mode -35V 0.25 -10 10 2.5 0 3.6 1.4 2.25 0 -70 70 0.7 0.7 70 26 26 0 50 7.5 7.5 3.75
Vo(reces) (stby) Io(reces) (CANH) Io(reces) (CANL) Vo(dom) (CANH) Vo(dom) (CANL) Vo(dif) (bus_dom) Vo(dif) (bus_rec) Io(sc) (CANH) Io(sc) (CANL) Vi(dif) (th) Vihcm(dif) (th) Vi(dif) (hys) Ri(cm) (CANH) Ri(cm) (CANL) Ri(cm) (m) Ri(dif) Ci(CANH) Ci(CANL) Ci(dif)
Recessive bus voltage Recessive output current at pin CANH Recessive output current at pin CANL Dominant output voltage at pin CANH Dominant output voltage at pin CANL Differential bus output voltage (VCANH - VCANL) Differential bus output voltage (VCANH - VCANL) Short circuit output current at pin CANH Short circuit output current at pin CANL Differential receiver threshold voltage (see Figure 5) Differential receiver threshold voltage for high common-mode (see Figure 5) Differential receiver input voltage hysteresis (see Figure 5 Common-mode input resistance at pin CANH Common-mode input resistance at pin CANL Matching between pin CANH and pin CANL common mode input resistance Differential input resistance Input capacitance at pin CANH Input capacitance at pin CANL Differential input capacitance
VCANH = VCANL VTxD = VCC; not tested VTxD = VCC; not tested VTxD = VCC; not tested
AMI Semiconductor -October 07, Rev. 1.0
6
www.amis.com
Specifications subject to change without notice
AMIS-42675 High-Speed Low Power CAN Transceiver
For Long Networks
Table 8: Characteristics (continued) Symbol Parameter Common-mode Stabilization (pin VSPLIT) Reference output voltage at pin VSPLIT VSPLIT VSPLIT leakage current VSPLIT limitation current Power-on-Reset (POR) PORL POR level
Data Sheet
Conditions
Min.
Typ.
Max.
Unit
ISPLIT(i) ISPLIT(lim)
Normal mode; -500A < ISPLIT < 500A Stand-by mode Normal mode CANH, CANL, Vref in tristate below POR level
0.3 x VCC -5 -3 2.2
-
0.7 x VCC +5 +3 A mA V
3.5
4.7
Thermal Shutdown Shutdown junction temperature Tj(sd) Timing Characteristics (see Figure 4 and Figure 5) Delay TXD to bus active td(TxD-BUSon)
150
160 85 60 55 100
180 105 105 105 105 230 245
C ns ns ns ns ns ns s s
td(TxD-BUSoff) td(BUSon-RXD) td(BUSoff-RXD) tpd(rec-dom) td(dom-rec) td(stb-nm) tdbus
Delay TXD to bus inactive Delay bus active to RXD Delay bus inactive to RXD Propagation delay TXD to RXD from recessive to dominant Propagation delay TXD to RXD from dominant to recessive Delay standby mode to normal mode Dominant time for wake-up via bus
Cl = 100pF between CANH to CANL Cl = 100pF between CANH to CANL Crxd = 15pF Crxd = 15pF Cl = 100pF between CANH to CANL Cl = 100pF between CANH to CANL
40 30 25 40 90 90 5 0.75
7.5 2.5
10 5
8.5 Measurement Set-ups and Definitions
+5 V 100 nF
3
VCC
7 1
TxD
CANH 1 nF VSPLIT 1 nF
AMIS42675
RxD
4 8 2
5
Transient Generator
6
CANL
PC20071006.1
20 pF
STB
GND
Figure 4: Test Circuit for Transients
VRxD High Low
Hysteresis PC20040829.7
0,5
0,9
Figure 5: Hysteresis of the Receiver
Vi(dif)(hys)
AMI Semiconductor -October 07, Rev. 1.0
7
www.amis.com
Specifications subject to change without notice
AMIS-42675 High-Speed Low Power CAN Transceiver
For Long Networks
Data Sheet
+5 V 100 nF
3
VCC
7 1
TxD
CANH RLT VSPLIT 60 CLT 100 pF
AMIS42675
RxD
4 8 2
5
6
CANL
20 pF
STB
GND
PC20071006.2
Figure 6: Test Circuit for Timing Characteristics
TxD
HIGH LOW
CANH
CANL
dominant
Vi(dif) = VCANH - VCANL
0,9V
0,5V recessive
RxD td(TxD-BUSon) tpd(rec-dom)
0,3 x VCC 0,7 x VCC
td(TxD-BUSoff) td(BUSon-RxD) tpd(dom-rec) td(BUSoff-RxD)
PC20040829.6
Figure 7: Timing Diagram for AC Characteristics
AMI Semiconductor -October 07, Rev. 1.0
8
www.amis.com
Specifications subject to change without notice
AMIS-42675 High-Speed Low Power CAN Transceiver
For Long Networks
Data Sheet
+5 V 100 nF
3
VCC
7 1
TxD
CANH
6.2 k 10 nF Active Probe
Generator RxD
4
AMIS42675
CANL 6 6.2 k
5
Spectrum Anayzer
8
2
30 VSPLIT
30
20 pF
STB
GND
47 nF
PC20071006.3
Figure 8: Basic Test Set-up for EME
Figure 9: EME Measurements
AMI Semiconductor -October 07, Rev. 1.0
9
www.amis.com
Specifications subject to change without notice
AMIS-42675 High-Speed Low Power CAN Transceiver
For Long Networks 9.0 Package Outline
SOIC-8: Plastic small outline; 8 leads; body width 150mil. AMIS reference: SOIC150 8 150 G
Data Sheet
AMI Semiconductor -October 07, Rev. 1.0
10
www.amis.com
Specifications subject to change without notice
AMIS-42675 High-Speed Low Power CAN Transceiver
For Long Networks 10.0 Soldering
10.1 Introduction to Soldering Surface Mount Packages
Data Sheet
This text gives a very brief insight to a complex technology. A more in-depth account of soldering ICs can be found in the AMIS "Data Handbook IC26; Integrated Circuit Packages" (document order number 9398 652 90011). There is no soldering method that is ideal for all surface mount IC packages. Wave soldering is not always suitable for surface mount ICs, or for printed-circuit boards (PCBs) with high population densities. In these situations re-flow soldering is often used.
10.2 Re-flow Soldering
Re-flow soldering requires solder paste (a suspension of fine solder particles, flux and binding agent) to be applied to the PCB by screen printing, stencilling or pressure-syringe dispensing before package placement. Several methods exist for re-flowing; for example, infrared/convection heating in a conveyor type oven. Throughput times (preheating, soldering and cooling) vary between 100 and 200 seconds depending on heating method. Typical re-flow peak temperatures range from 215 to 250C. The top-surface temperature of the packages should preferably be kept below 230C.
10.3 Wave Soldering
Conventional single wave soldering is not recommended for surface mount devices (SMDs) or PCBs with a high component density, as solder bridging and non-wetting can present major problems. To overcome these problems the double-wave soldering method was specifically developed. If wave soldering is used the following conditions must be observed for optimal results: * Use a double-wave soldering method comprising a turbulent wave with high upward pressure followed by a smooth laminar wave. * For packages with leads on two sides and a pitch (e): * Larger than or equal to 1.27mm, the footprint longitudinal axis is preferred to be parallel to the transport direction of the PCB; * Smaller than 1.27mm, the footprint longitudinal axis must be parallel to the transport direction of the PCB. The footprint must incorporate solder thieves at the downstream end. * For packages with leads on four sides, the footprint must be placed at a 45 angle to the transport direction of the PCB. The footprint must incorporate solder thieves downstream and at the side corners. During placement and before soldering, the package must be fixed with a droplet of adhesive. The adhesive can be applied by screen printing, pin transfer or syringe dispensing. The package can be soldered after the adhesive is cured. Typical dwell time is four seconds at 250C. A mildly-activated flux will eliminate the need for removal of corrosive residues in most applications.
10.4 Manual Soldering
Fix the component by first soldering two diagonally-opposite end leads. Use a low voltage (24V or less) soldering iron applied to the flat part of the lead. Contact time must be limited to 10 seconds at up to 300C. When using a dedicated tool, all other leads can be soldered in one operation within two to five seconds between 270 and 320C.
Table 9: Soldering Method
Package Soldering Method Wave Not suitable (2) Not suitable Suitable (3)(4) Not recommended (5) Not recommended Re-flow Suitable Suitable Suitable Suitable Suitable
(1)
BGA, SQFP HLQFP, HSQFP, HSOP, HTSSOP, SMS (3) PLCC , SO, SOJ LQFP, QFP, TQFP SSOP, TSSOP, VSO
Notes: 1. All surface mount (SMD) packages are moisture sensitive. Depending upon the moisture content, the maximum temperature (with respect to time) and body size of the package, there is a risk that internal or external package cracks may occur due to vaporization of the moisture in them (the so called popcorn effect). For details, refer to the Drypack information in the Data Handbook IC26; Integrated Circuit Packages; Section: Packing Methods. 2. These packages are not suitable for wave soldering as a solder joint between the PCB and heatsink (at bottom version) can not be achieved, and as solder may stick to the heatsink (on top version). 3. If wave soldering is considered, then the package must be placed at a 45 angle to the solder wave direction. The package footprint must incorporate solder thieves downstream and at the side corners. 4. Wave soldering is only suitable for LQFP, TQFP and QFP packages with a pitch (e) equal to or larger than 0.8mm; it is definitely not suitable for packages with a pitch (e) equal to or smaller than 0.65mm. 5. Wave soldering is only suitable for SSOP and TSSOP packages with a pitch (e) equal to or larger than 0.65mm; it is definitely not suitable for packages with a pitch (e) equal to or smaller than 0.5mm.
AMI Semiconductor -October 07, Rev. 1.0
11
www.amis.com
Specifications subject to change without notice
AMIS-42675 High-Speed Low Power CAN Transceiver
For Long Networks 11.0 Company or Product Inquiries
Data Sheet
For more information about AMI Semiconductor, our technology and our products, visit our Web site at http://www.amis.com.
12.0 Revision History
Date October 2007 Revision 1.0 Change Initial release
Devices sold by AMIS are covered by the warranty and patent indemnification provisions appearing in its Terms of Sale only. AMIS makes no warranty, express, statutory, implied or by description, regarding the information set forth herein or regarding the freedom of the described devices from patent infringement. AMIS makes no warranty of merchantability or fitness for any purposes. AMIS reserves the right to discontinue production and change specifications and prices at any time and without notice. AMI Semiconductor's products are intended for use in commercial applications. Applications requiring extended temperature range, unusual environmental requirements, or high reliability applications, such as military, medical life-support or life-sustaining equipment, are specifically not recommended without additional processing by AMIS for such applications. Copyright (c)2007 AMI Semiconductor, Inc.
AMI Semiconductor -October 07, Rev. 1.0
12
www.amis.com
Specifications subject to change without notice


▲Up To Search▲   

 
Price & Availability of 0ICAA-001-XTD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X