Part Number Hot Search : 
MP1499GD 2405D 8069X AQW414AX 7MBP30 0505S R8008 Q6025G
Product Description
Full Text Search
 

To Download ZXTN25050DFH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ZXTN25050DFH 50V, SOT23, NPN medium power transistor
Summary
BVCEX > 150V BVCEO > 50V BVECO > 5V IC(cont) = 4A VCE(sat) < 60mV @ 1A RCE(sat) = 40m PD = 1.25W
Description
Advanced process capability and package design have been used to maximize the power handling and performance of this small outline transistor. The compact size and ratings of this device make it ideally suited to applications where space is at a premium.
C
B
Features
* * * * * * * * * * * High power dissipation SOT23 package High peak current High gain Low saturation voltage 150V forward blocking voltage 5V reverse blocking voltage MOSFET gate drivers Power switches Motor control DC fans DC-DC converters
E
E C B Pinout - top view
Applications
Ordering information
Device ZXTN25050DFHTA Reel size (inches) 7 Tape width (mm) 8 Quantity per reel 3,000
Device marking
017
Issue 3 - September 2006
(c) Zetex Semiconductors plc 2006
1
www.zetex.com
ZXTN25050DFH
Absolute maximum ratings
Parameter Collector-base voltage Collector-emitter voltage (forward blocking) Collector-emitter voltage Emitter-collector voltage (reverse blocking) Emitter-base voltage Continuous collector current (c) Base current Peak pulse current Power dissipation at Tamb =25C (a) Linear derating factor Power dissipation at Tamb =25C (b) Linear derating factor Power dissipation at Tamb =25C (c) Linear derating factor Power dissipation at Tamb =25C (d) Linear derating factor Operating and storage temperature range Symbol VCBO VCEX VCEO VECO VEBO IC IB ICM PD Limit 150 150 50 5 7 4 1 10 0.73 5.84 1.05 8.4 1.25 9.6 1.81 14.5 - 55 to 150 Unit V V V V V A A A W mW/C W mW/C W mW/C W mW/C C
PD
PD
PD
Tj, Tstg
Thermal resistance
Parameter Junction to ambient (a) Junction to ambient (b) Junction to ambient (c) Junction to ambient (d) Symbol R JA R JA R JA R JA Limit 171 119 100 69 Unit C/W C/W C/W C/W
NOTES: (a) For a device surface mounted on 15mm x 15mm x 1.6mm FR4 PCB with high coverage of single sided 1oz copper, in still air conditions. (b) Mounted on 25mm x 25mm x 1.6mm FR4 PCB with a high coverage of single sided 2 oz copper in still air conditions. (c) Mounted on 50mm x 50mm x 1.6mm FR4 PCB with a high coverage of single sided 2 oz copper in still air conditions. (d) As (c) above measured at t<5secs.
Issue 3 - September 2006
(c) Zetex Semiconductors plc 2006
2
www.zetex.com
ZXTN25050DFH
Characteristics
Issue 3 - September 2006
(c) Zetex Semiconductors plc 2006
3
www.zetex.com
ZXTN25050DFH
Electrical characteristics (at Tamb = 25C unless otherwise stated)
Parameter Symbol Min. 150 150 50 5 5 7 Typ. 180 180 67 8 7.4 8.3 <1 <1 50 160 180 190 160 Base-emitter saturation voltage Base-emitter turn-on voltage VBE(sat) VBE(on) 300 240 20 Transition frequency Output capacitance Delay time Rise time Storage time Fall time fT COBO t(d) t(r) t(s) t(f) 970 870 450 410 40 200 12 65 111 429 140
300 s; duty cycle 2%.
Max.
Unit Conditions V V V V V V IC = 100 A IC = 100 A, RBE 1k -1V < VBE < 0.25V IC = 10mA (*) IE = 100 A, RBC 1k or 0.25V > VBC > -0.25V IE = 100 A, IE = 100 A VCB = 150V VCB = 150V, Tamb= 100C VCE = 150V; RBE 1k -1V < VBE < 0.25V VEB = 5.6V IC = 1A, IB = 100mA (*) IC = 1A, IB = 10mA (*) IC = 2A, IB = 40mA (*) IC = 3,5A, IB = 175mA (*) IC = 4A, IB = 400mA (*) IC = 4A, IB = 400mA (*) IC = 4A, VCE = 2V (*) IC = 10mA, VCE = 2V (*) IC = 1A, VCE = 2V (*) IC = 4A, VCE = 2V (*) MHz IC = 50mA, VCE = 10V f = 100MHz or or
Collector-base breakdown voltage BVCBO Collector-emitter breakdown BVCEX voltage (forward blocking) Collector-emitter breakdown voltage (base open) Emitter-collector breakdown voltage (reverse blocking) Emitter-collector breakdown voltage (base open) Emitter-base breakdown voltage Collector cut-off current Collector-emitter cut-off current Emitter cut-off current Collector-emitter saturation voltage BVCEO BVECX BVECO BVEBO ICBO ICEX IEBO VCE(sat)
50 20 100 50 60 260 250 235 210 1070 970 900
nA A nA nA mV mV mV mV mV mV mV
Static forward current transfer hFE ratio
20
pF ns ns ns ns
VCB = 10V, f = 1MHz (*) VCC = 10V. IC = 1A, IB1 = IB2= 10mA.
NOTES: (*) Measured under pulsed conditions. Pulse width
Issue 3 - September 2006
(c) Zetex Semiconductors plc 2006
4
www.zetex.com
ZXTN25050DFH
Typical characteristics
Issue 3 - September 2006
(c) Zetex Semiconductors plc 2006
5
www.zetex.com
ZXTN25050DFH
Package outline - SOT23
L H N D 3 leads G
M
B
A
C K
F
Dim. A B C D F G
Millimeters Min. 2.67 1.20 0.37 0.085 Max. 3.05 1.40 1.10 0.53 0.15
Inches Min. 0.105 0.047 0.015 0.0034 Max. 0.120 0.055 0.043 0.021 0.0059
Dim. H K L M N -
Millimeters Min. 0.33 0.01 2.10 0.45 Max. 0.51 0.10 2.50 0.64 -
Inches Max. 0.013 0.0004 0.083 0.018 Max. 0.020 0.004 0.0985 0.025 -
0.95 NOM
0.0375 NOM
1.90 NOM
0.075 NOM
Note: Controlling dimensions are in millimeters. Approximate dimensions are provided in inches
Europe Zetex GmbH Kustermann-park Balanstrae 59 D-81541 Munchen Germany Telefon: (49) 89 45 49 49 0 Fax: (49) 89 45 49 49 49 europe.sales@zetex.com
Americas Zetex Inc 700 Veterans Memorial Highway Hauppauge, NY 11788 USA Telephone: (1) 631 360 2222 Fax: (1) 631 360 8222 usa.sales@zetex.com
Asia Pacific Zetex (Asia Ltd) 3701-04 Metroplaza Tower 1 Hing Fong Road, Kwai Fong Hong Kong Telephone: (852) 26100 611 Fax: (852) 24250 494 asia.sales@zetex.com
Corporate Headquarters Zetex Semiconductors plc Zetex Technology Park, Chadderton Oldham, OL9 9LL United Kingdom Telephone: (44) 161 622 4444 Fax: (44) 161 622 4446 hq@zetex.com
For international sales offices visit www.zetex.com/offices Zetex products are distributed worldwide. For details, see www.zetex.com/salesnetwork This publication is issued to provide outline information only which (unless agreed by the company in writing) may not be used, applied or reproduced for any purpose or form part of any order or contact or be regarded as a representation relating to the products or services concerned. The company reserves the right to alter without notice the specification, design, price or conditions of supply of any product or service.
Issue 3 - September 2006
(c) Zetex Semiconductors plc 2006
6
www.zetex.com


▲Up To Search▲   

 
Price & Availability of ZXTN25050DFH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X