Part Number Hot Search : 
DS2129SR Z100D5 ASI10746 MSM82C43 8M44V DTC144 DTC144 STPS1
Product Description
Full Text Search
 

To Download VND830MSP-E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
VND830MSP-E
DOUBLE CHANNEL HIGH SIDE DRIVER
Table 1. General Features
Type VND830MSP-E
(*) Per each channel
Figure 1. Package
IOUT
6 A (*)
RDS(on) 60 m (*)
VCC
36 V
CMOS COMPATIBLE INPUTS OPEN DRAIN STATUS OUTPUTS s ON STATE OPEN LOAD DETECTION s OFF STATE OPEN LOAD DETECTION s SHORTED LOAD PROTECTION s UNDERVOLTAGE AND OVERVOLTAGE SHUTDOWN s LOSS OF GROUND PROTECTION s VERY LOW STAND-BY CURRENT
s s s s
10
1
PowerSO-10TM
REVERSE BATTERY PROTECTION (**) IN COMPLIANCE WITH THE 2002/95/EC EUROPEAN DIRECTIVE Active current limitation combined with thermal shutdown and automatic restart protects the device against overload. The device detects open load condition both in on and off state. Output shorted to V CC is detected in the off state. The openload threshold is aimed at detecting the 5W/ 12V standard bulb as an openload fault in the on state. Device automatically turns off in case of ground pin disconnection.
DESCRIPTION The VND830MSP-E is a monolithic device designed in STMicroelectronics VIPower M0-3 Technology, intended for driving any kind of load with one side connected to ground. Active V CC pin voltage clamp protects the device against low energy spikes (see ISO7637 transient compatibility table).
Table 2. Order Codes
Package PowerSO-10TM
Note: (**) See application schematic at page 9
Tube VND830MSP-E
Tape and Reel VND830MSPTR-E
REV. 1
October 2004 1/20
VND830MSP-E
Figure 2. Block Diagram
VCC
VCC CLAMP
OVERVOLTAGE UNDERVOLTAGE
GND INPUT1 STATUS1
CLAMP 1 OUTPUT1 DRIVER 1 CLAMP 2 CURRENT LIMITER 1 OVERTEMP. 1 LOGIC OPENLOAD ON 1 CURRENT LIMITER 2 DRIVER 2 OUTPUT2
INPUT2 OPENLOAD OFF 1 STATUS2 OPENLOAD OFF 2 OVERTEMP. 2 OPENLOAD ON 2
Table 3. Absolute Maximum Ratings
Symbol VCC Parameter Value Unit
DC Supply Voltage Reverse DC Supply Voltage DC Reverse Ground Pin Current DC Output Current Reverse DC Output Current DC Input Current DC Status Current Electrostatic Discharge R=1.5K; C=100pF) - INPUT (Human Body Model:
41 - 0.3 - 200 Internally Limited -6 +/- 10 +/- 10
V V mA A A mA mA
- VCC - IGND IOUT - IOUT IIN ISTAT
4000 4000 5000 5000
V V V V
VESD
- STATUS - OUTPUT - VCC Maximum Switching Energy
EMAX Ptot Tj Tc Tstg
(L=1.8mH; RL=0; Vbat=13.5V; Tjstart=150C; IL=9A) Power Dissipation TC=25C Junction Operating Temperature Case Operating Temperature Storage Temperature
100 73.5 Internally Limited - 40 to 150 - 55 to 150
mJ W C C C
2/20
VND830MSP-E
Figure 3. Configuration Diagram (Top View) & Suggested Connections for Unused and N.C. Pins
GROUND INPUT 1 STATUS 1 STATUS 2 INPUT 2
6 7 8 9 10 11 VCC
5 4 3 2 1
OUTPUT OUTPUT N.C. OUTPUT OUTPUT
1 1 2 2
Connection / Pin Status Floating X To Ground
N.C. X X
Output X
Input X Through 10K resistor
Figure 4. Current and Voltage Conventions
IS IIN1 INPUT 1 VIN1 VSTAT1 ISTAT1 STATUS 1 IIN2 INPUT 2 VIN2 ISTAT2 STATUS 2 VSTAT2 GND IGND OUTPUT 2 IOUT2 VOUT2 OUTPUT 1 VOUT1 VCC IOUT1
VF1 (*)
VCC
(*) VFn = VCCn - VOUTn during reverse battery condition
Table 4. Thermal Data
Symbol Rthj-case Rthj-amb Parameter Thermal Resistance Junction-case Thermal Resistance Junction-ambient Value 1.7 51.7 (1) 37 (2) Unit C/W C/W
Note: (1) When mounted on a standard single-sided FR-4 board with 0.5cm2 of Cu (at least 35m thick). Horizontal mounting and no artificial air flow. Note: (2) When mounted on a standard single-sided FR-4 board with 6 cm2 of Cu (at least 35m thick). Horizontal mounting and no artificial air flow.
3/20
VND830MSP-E
ELECTRICAL CHARACTERISTICS (8VSymbol VCC (**) Parameter Test Conditions Min. Typ. Max. Unit
Operating Supply Voltage Undervoltage Shut-down Overvoltage Shut-down On State Resistance IOUT =2A; Tj =25 C IOUT =2A; VCC> 8V Off State; VCC=13V; VIN=VOUT=0V
5.5 3 36
13 4
36 5.5
V V V
VUSD (**) VOV (**) RON
60 120 12 12 5 0 -75 40 25 7 50 0 5 3
m m A A mA A A A A
IS (**)
Supply Current
Off State; VCC=13V; VIN=VOUT=0V;
Tj=25C
On State; VCC=13V; VIN=5V; IOUT=0A VIN=VOUT=0V VIN=0V; VOUT =3.5V VIN=VOUT=0V; VCC=13V; Tj =125C VIN=VOUT=0V; VCC=13V; Tj =25C
IL(off1) IL(off2) IL(off3) IL(off4)
Off State Output Current Off State Output Current Off State Output Current Off State Output Current
Note: (**) Per device
Table 6. Switching (VCC =13V)
Symbol td(on) td(off) dVOUT / dt(on) dVOUT / dt(off) Parameter Turn-on Delay Time Turn-off Delay Time Test Conditions RL=6.5 from VIN rising edge to VOUT =1.3V RL=6.5 from VIN falling edge to VOUT =11.7V RL=6.5 from VOUT=1.3V to VOUT =10.4V RL=6.5 from VOUT=11.7V to VOUT =1.3V Min. 5 10 Typ. 30 30 See relative diagram See relative diagram Max. 60 70 Unit s s
Turn-on Voltage Slope
0.15
1.5
V/s
Turn-off Voltage Slope
0.1
0.75
V/s
Table 7. Logic Input
Symbol VIL IIL VIH IIH VI(hyst) VICL Parameter Input Low Level Low Level Input Current Input High Level High Level Input Current Input Hysteresis Voltage Input Clamp Voltage IIN = 1mA IIN = -1mA VIN = 3.25V 0.5 6 6.8 -0.7 8 VIN = 1.25V 1 3.25 10 Test Conditions Min. Typ. Max. 1.25 Unit V A V A V V V
4/20
VND830MSP-E
ELECTRICAL CHARACTERISTICS (continued) Table 8. VCC - Output Diode
Symbol VF Parameter Test Conditions Min. Typ. Max. Unit
Forward on Voltage
-IOUT=1.3A; Tj=150C
0.6
V
Table 9. Status Pin
Symbol VSTAT ILSTAT CSTAT VSCL Parameter Test Conditions Status Low Output Voltage ISTAT = 1.6 mA Status Leakage Current Normal Operation; VSTAT= 5V Status Pin Input Normal Operation; VSTAT= 5V Capacitance ISTAT = 1mA Status Clamp Voltage ISTAT = - 1mA Min Typ Max 0.5 10 100 6 6.8 -0.7 8 Unit V A pF V V
Table 10. Protections (see note 1)
Symbol TTSD TR Thyst tSDL Ilim Vdemag Parameter Shut-down Temperature Reset Temperature Thermal Hysteresis Status Delay in Overload Conditions Current limitation Turn-off Output Clamp Voltage Test Conditions Min 150 135 7 Typ 175 15 20 6 9 15 15 VCC-41 VCC-48 VCC-55 Max 200 Unit C C C s A A V
Tj>TTSD
VCC=13V 5.5V < VCC < 36V IOUT=2A; L= 6mH
Note: 1. To ensure long term reliability under heavy overload or short circuit conditions, protection and related diagnostic signals must be used together with a proper software strategy. If the device is subjected to abnormal conditions, this software must limit the duration and number of activation cycles.
Table 11. Openload Detection
Symbol IOL tDOL(on) Parameter Openload ON State Detection Threshold Openload ON State Test Conditions VIN=5V IOUT =0A VIN=0V 1.5 2.5 Min 0.6 Typ 0.9 Max 1.2 200 Unit A s V s
Detection Delay Openload OFF State VOL Voltage Detection Threshold Openload Detection Delay TDOL(off) at Turn Off
3.5 1000
5/20
VND830MSP-E
Figure 5.
OPEN LOAD STATUS TIMING (with external pull-up) VOUT > VOL VINn IOUT< IOL Tj > TTSD VINn OVER TEMP STATUS TIMING
VSTATn VSTATn tSDL tDOL(off) tDOL(on) tSDL
Table 12. Truth Table
CONDITIONS Normal Operation INPUT L H L H H L H L H L H L H L H OUTPUT L H L X X L L L L L L H H L H STATUS H H H (Tj < TTSD) H (Tj > TTSD) L H L X X H H L H H L
Current Limitation
Overtemperature Undervoltage Overvoltage Output Voltage > VOL Output Current < IOL
Figure 6. Switching time Waveforms
VOUTn 90% 80%
dV OUT/dt(on)
dV OUT/dt(off)
10% t VINn
td(on)
td(off)
t
6/20
VND830MSP-E
Table 13. Electrical Transient Requirements On V CC Pin
ISO T/R 7637/1 Test Pulse 1 2 3a 3b 4 5 ISO T/R 7637/1 Test Pulse 1 2 3a 3b 4 5 CLASS C E I -25 V +25 V -25 V +25 V -4 V +26.5 V II -50 V +50 V -50 V +50 V -5 V +46.5 V TEST LEVELS III -75 V +75 V -100 V +75 V -6 V +66.5 V TEST LEVELS RESULTS II III C C C C C C C C C C E E IV -100 V +100 V -150 V +100 V -7 V +86.5 V Delays and Impedance 2 ms 10 0.2 ms 10 0.1 s 50 0.1 s 50 100 ms, 0.01 400 ms, 2
I C C C C C C
IV C C C C C E
CONTENTS All functions of the device are performed as designed after exposure to disturbance. One or more functions of the device is not performed as designed after exposure and cannot be returned to proper operation without replacing the device.
7/20
VND830MSP-E
Figure 7. Waveforms
NORMAL OPERATION INPUTn OUTPUT VOLTAGEn STATUSn UNDERVOLTAGE VCC VUSD INPUTn OUTPUT VOLTAGEn STATUSn undefined VUSDhyst
OVERVOLTAGE VCCVOL VOL VCC>VOV
OPEN LOAD without external pull-up INPUTn OUTPUT VOLTAGEn STATUSn OVERTEMPERATURE Tj INPUTn OUTPUT CURRENTn STATUSn TTSD TR
8/20
VND830MSP-E
Figure 8. Application Schematic
+5V +5V +5V VCC Rprot STATUS1 Dld C Rprot INPUT1 OUTPUT1 Rprot STATUS2
Rprot
INPUT2
GND
OUTPUT2
RGND VGND
DGND
GND PROTECTION REVERSE BATTERY
NETWORK
AGAINST
This shift will vary depending on how many devices are ON in the case of several high side drivers sharing the same RGND. If the calculated power dissipation leads to a large resistor or several devices have to share the same resistor then the ST suggests to utilize Solution 2 (see below). Solution 2: A diode (DGND) in the ground line. A resistor (RGND=1k) should be inserted in parallel to DGND if the device will be driving an inductive load. This small signal diode can be safely shared amongst several different HSD. Also in this case, the presence of the ground network will produce a shift (j600mV) in the input threshold and the status output values if the microprocessor ground is not common with the device ground. This shift will not vary if more than one HSD shares the same diode/resistor network.
Solution 1: Resistor in the ground line (RGND only). This can be used with any type of load. The following is an indication on how to dimension the RGND resistor. 1) RGND 600mV / IS(on)max. 2) RGND (-VCC) / (-IGND) where -IGND is the DC reverse ground pin current and can be found in the absolute maximum rating section of the device's datasheet. Power Dissipation in RGND (when VCC<0: during reverse battery situations) is: PD= (-VCC)2/RGND This resistor can be shared amongst several different HSD. Please note that the value of this resistor should be calculated with formula (1) where IS(on)max becomes the sum of the maximum on-state currents of the different devices. Please note that if the microprocessor ground is not common with the device ground then the RGND will produce a shift (IS(on)max * RGND) in the input thresholds and the status output values.
9/20
VND830MSP-E
LOAD DUMP PROTECTION
Dld is necessary (Voltage Transient Suppressor) if the load dump peak voltage exceeds VCC max DC rating. The same applies if the device will be subject to transients on the VCC line that are greater than the ones shown in the ISO T/R 7637/1 table.
OPEN LOAD DETECTION IN OFF STATE
Off state open load detection requires an external pull-up resistor (RPU) connected between OUTPUT pin and a positive supply voltage (VPU) like the +5V line used to supply the microprocessor. The external resistor has to be selected according to the following requirements: 1) no false open load indication when load is connected: in this case we have to avoid VOUT to be higher than VOlmin; this results in the following condition VOUT=(VPU/(RL+RPU))RLC I/Os PROTECTION:
If a ground protection network is used and negative transient are present on the VCC line, the control pins will be pulled negative. ST suggests to insert a resistor (Rprot) in line to prevent the C I/Os pins to latch-up. The value of these resistors is a compromise between the leakage current of C and the current required by the HSD I/Os (Input levels compatibility) with the latch-up limit of C I/Os. -VCCpeak/Ilatchup Rprot (VOHC-VIH-VGND) / IIHmax Calculation example: For VCCpeak= - 100V and Ilatchup 20mA; VOHC 4.5V 5k Rprot 65k. Recommended Rprot value is 10k.
Figure 9. Open Load detection in off state
V batt.
VPU
VCC RPU INPUT DRIVER + LOGIC OUT + R STATUS VOL RL IL(off2)
GROUND
10/20
VND830MSP-E
Figure 10. Off State Output Current
IL(off1) (uA)
2.5 2.25 2 1.75 1.5 1.25 1 0.75 0.5 0.25 0 -50 -25 0 25 50 75 100 125 150 175
Figure 11. High Level Input Current
Iih (uA)
5 4.5
Off state Vcc=36V Vin=Vout=0V
Vin=3.25V
4 3.5 3 2.5 2 1.5 1 0.5 0 -50 -25 0 25 50 75 100 125 150 175
Tc (C)
Tc (C)
Figure 12. Input Clamp Voltage
Vicl (V)
8 7.8
Figure 14. Status Leakage Current
Ilstat (uA)
0.05
Iin=1mA
7.6 7.4 7.2 7 6.8 6.6 6.4 6.2 6 -50 -25 0 25 50 75 100 125 150 175
0.04
Vstat=5V
0.03
0.02
0.01
0 -50 -25 0 25 50 75 100 125 150 175
Tc (C)
Tc (C)
Figure 13. Status Low Output Voltage
Vstat (V)
0.8 0.7
Figure 15. Status Clamp Voltage
Vscl (V)
8 7.8
Istat=1.6mA
0.6
Istat=1mA
7.6 7.4
0.5 0.4 0.3 0.2
7.2 7 6.8 6.6 6.4
0.1 0 -50 -25 0 25 50 75 100 125 150 175
6.2 6 -50 -25 0 25 50 75 100 125 150 175
Tc (C)
Tc (C)
11/20
VND830MSP-E
Figure 16. On State Resistance Vs Tcase
Ron (mOhm)
160 140 120 100 70 80 60 40 40 20 10 0 -50 -25 0 25 50 75 100 125 150 175 0 5 10 15 20 25 30 35 40 30 20 60 50
Figure 19. On State Resistance Vs VCC
Ron (mOhm)
120 110
Tc=150C
Iout=2A Vcc=8V; 13V & 36V
100 90 80
Tc=25C
Tc= - 40C
Iout=5A
Tc (C)
Vcc (V)
Figure 17. Openload On State Detection Threshold
Iol (mA)
1250 1200 1150 1100 1050 1000 950
Figure 20. Input High Level
Vih (V)
3.6 3.4 3.2 3 2.8 2.6
Vcc=13V Vin=5V
900 850 800 750 -50 -25 0 25 50 75 100 125 150 175 2.4 2.2 2 -50 -25 0 25 50 75 100 125 150 175
Tc (C)
Tc (C)
Figure 18. Input Low Level
Vil (V)
2.6 2.4 2.2
Figure 21. Input Hysteresis Voltage
Vhyst (V)
1.5 1.4 1.3 1.2
2 1.8 1.6 1.4
1.1 1 0.9 0.8 0.7
1.2 1 -50 -25 0 25 50 75 100 125 150 175
0.6 0.5 -50 -25 0 25 50 75 100 125 150 175
Tc (C)
Tc (C)
12/20
VND830MSP-E
Figure 22. Turn-on Voltage Slope
dVout/dt(on) (V/ms)
800 700 600 500 400 300 200 100 0 -50 -25 0 25 50 75 100 125 150 175
Figure 25. Turn-off Voltage Slope
dVout/dt(off) (V/ms)
600 550 500 450 400 350 300 250 200 -50 -25 0 25 50 75 100 125 150 175
Vcc=13V Rl=6.5Ohm
Vcc=13V Rl=6.5Ohm
Tc (C)
Tc (C)
Figure 23. Openload Off State Voltage Detection Threshold
Vol (V)
5 4.5
Figure 26. Overvoltage Shutdown
Vov (V)
50
Vin=0V
4 3.5 3 2.5 2 1.5 1 0.5 0 -50 -25 0 25 50 75 100 125 150 175
48 46 44 42 40 38 36 34 32 30 -50 -25 0 25 50 75 100 125 150 175
Tc (C)
Tc (C)
Figure 24. ILIM Vs Tcase
Ilim (A)
20 18
Vcc=13V
16 14 12 10 8 6 4 2 0 -50 -25 0 25 50 75 100 125 150 175
Tc (C)
13/20
VND830MSP-E
Figure 27. Maximum turn off current versus load inductance
ILMAX (A) 100
10
A B C
1 0.1 1 L(mH )
A = Single Pulse at TJstart=150C B= Repetitive pulse at T Jstart=100C C= Repetitive Pulse at T Jstart=125C Conditions: VCC=13.5V Values are generated with R L=0 In case of repetitive pulses, Tjstart (at beginning of each demagnetization) of every pulse must not exceed the temperature specified above for curves B and C.
10
100
VIN, IL Demagnetization Demagnetization Demagnetization
t
14/20
VND830MSP-E
PowerSO-10TM Thermal Data Figure 28. PowerSO-10TM PC Board
Layout condition of Rth and Zth measurements (PCB FR4 area= 58mm x 58mm, PCB thickness=2mm, Cu thickness=35m, Copper areas: from minimum pad lay-out to 8cm2).
Figure 29. Rthj-amb Vs PCB copper area in open box free air condition
RTHj_amb (C/W)
55
Tj-Tamb=50C
50 45 40 35 30
0 2 4 6 8 10
PCB Cu heatsink area (cm^2)
15/20
VND830MSP-E
Figure 30. PowerSO-10 Thermal Impedance Junction Ambient Single Pulse
ZTH (C/W) 1000
100
0.5 cm2 6 cm2
10
1
0.1 0.0001 0.001 0.01 0.1 1 Time (s) 10 100 1000
Figure 31. Thermal fitting model of a double channel HSD in PowerSO-10
Pulse calculation formula
Z TH = R TH + Z THtp ( 1 - )
where
= tp T
Table 14. Thermal Parameter
Tj_1
Pd1 C1 C2 C1 C2 C3 C4 C5 C6
R1
R2
R3
R4
R5
R6
Tj_2
R1 Pd2
R2
T_amb
Area/island (cm2) R1 (C/W) R2 (C/W) R3( C/W) R4 (C/W) R5 (C/W) R6 (C/W) C1 (W.s/C) C2 (W.s/C) C3 (W.s/C) C4 (W.s/C) C5 (W.s/C) C6 (W.s/C)
0.5 0.15 0.8 0.7 0.8 12 37 0.0006 2.10E-03 0.013 0.3 0.75 3
6
22
5
16/20
VND830MSP-E
PACKAGE MECHANICAL Table 15. PowerSO-10 Mechanical Data
Symbol A A (*) A1 B B (*) C C (*) D D1 E E2 E2 (*) E4 E4 (*) e F F (*) H H (*) h L L (*) a (*)
Note: (*) Muar only POA P013P
millimeters Min 3.35 3.4 0.00 0.40 0.37 0.35 0.23 9.40 7.40 9.30 7.20 7.30 5.90 5.90 1.27 1.25 1.20 13.80 13.85 0.50 1.20 0.80 0 2 1.80 1.10 8 8 1.35 1.40 14.40 14.35 Typ Max 3.65 3.6 0.10 0.60 0.53 0.55 0.32 9.60 7.60 9.50 7.60 7.50 6.10 6.30
Figure 32. PowerSO-10 Package Dimensions
B
0.10 A B
10
H
E
E2
E
E4
1
SEATING PLANE e
0.25
B
DETAIL "A"
A
C D = D1 = = = SEATING PLANE
h
A F A1
A1
L DETAIL "A"
P095A
17/20
VND830MSP-E
Figure 33. PowerSO-10 Suggested Pad Layout and Tube Shipment (no suffix)
14.6 - 14.9 10.8 - 11 6.30
A A C C
CASABLANCA
B
MUAR
0.67 - 0.73 1 2 3 4 5 10 9 8 7 6 0.54 - 0.6
B
9.5
All dimensions are in mm.
1.27
Base Q.ty Bulk Q.ty Tube length ( 0.5) Casablanca Muar 50 50 1000 1000 532 532
A
B
C ( 0.1) 0.8 0.8
10.4 16.4 4.9 17.2
Figure 34. Tape And Reel Shipment (suffix "TR") REEL DIMENSIONS
Base Q.ty Bulk Q.ty A (max) B (min) C ( 0.2) F G (+ 2 / -0) N (min) T (max) 600 600 330 1.5 13 20.2 24.4 60 30.4
All dimensions are in mm.
TAPE DIMENSIONS
According to Electronic Industries Association (EIA) Standard 481 rev. A, Feb. 1986 Tape width Tape Hole Spacing Component Spacing Hole Diameter Hole Diameter Hole Position Compartment Depth Hole Spacing W P0 ( 0.1) P D ( 0.1/-0) D1 (min) F ( 0.05) K (max) P1 ( 0.1) 24 4 24 1.5 1.5 11.5 6.5 2
End
All dimensions are in mm.
Start Top cover tape 500mm min Empty components pockets saled with cover tape. User direction of feed 500mm min No components Components No components
18/20
VND830MSP-E
REVISION HISTORY Table 16. Revision History
Date Oct. 2004 Revision 1 - First Issue. Description of Changes
19/20
VND830MSP-E
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are no authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners (c) 2004 STMicroelectronics - All rights reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
20/20


▲Up To Search▲   

 
Price & Availability of VND830MSP-E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X