Part Number Hot Search : 
1N5988A HA3R150S BUV27 LCA05C10 SDU40N03 TS6121AX ECDT25H PLED6SW
Product Description
Full Text Search
 

To Download V23081-C1061-A303 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PCB relays Twin relays
Twin pack relay TPR
Catalog 1308028
Issued 01-05
Powertrain Systems
Chassis Systems
Safety
Security
Body
Driver Information
Convenience
Description
Features
- Two Mini power relay K in one housing - Optimized assembly costs - Reduced overall volume
Typical applications
Flasher load Central doorlock Headlight dipping Immobilizers Seat adjustment motors Sunroof and window motors
Car Industry
Please contact Tyco Electronics for relay application support. Truck Industry
Other Industry
81_3d01
Design
Immersion cleanable: protection class IP67 to IEC 529 (EN 60 529)
Conditions
All parametric, environmental and endurance tests are performed according to EIA Standard RS-407-A at standard test conditions unless otherwise noted: 23 C ambient temperature, 20-50% RH, 29.5 1.0" Hg (998.9 33.9 hPa). Please also refer to the Application Recommendations in this catalog for general precautions.
Weight
Approx. 19 g
Nominal voltage
12 V or 24 V; other nominal voltages on request
Terminals
PCB terminals; for assembling in printed circuit boards Terminals in grid 0.049 ... 0.050" (1.25 ... 1.27 mm)
Disclaimer
All technical performance data apply to the relay as such, specific conditions of the individual application are not considered. Please always check the suitability of the relay for your intended purpose. We do not assume any responsibility or liability for not complying herewith. We recommend to complete our questionnaire and to request our technical service. Any responsibility for the application of the product remains with the customer only. All specifications are subject to change without notification. All rights of Tyco are reserved.
122
Please observe the disclaimer.
PCB relays Twin relays
Twin pack relay TPR
Dimensional drawing Mounting holes
Catalog 1308028
Issued 01-05
View of the terminals (Bottom view)
29 max 17.6 max
1.25...1.27
7.45 0.1 2.54 0.1
81dw_ab1
19.5 max
1
4
2
1
4
2
0.25
3 0.3
2.4 min
5 3
7 6
5 3
7 6
Terminals tin-plated
81dw_se1
14 x 0.1
1.25...1.27
1.3 + 0.1
Contact data
Typical areas of application Contact configuration Contact material Circuit symbol (see also Pin assignment) Resistive / inductive loads Changeover contact/ twice Form C AgNi0.15
4 5 3 4 5 3
Rated voltage Rated current at 85 C Max. switching voltage/power Max. switching current1) On2) Off Min. recommended load3) Voltage drop at 10 A (initial) Mechanical endurance (without load) Electrical endurance
1) 2)
10 V, 12 V NC 2x5A See load limit curve NC 2 x 12 A 2 x 10 A 1 A at 5 V Typ. 50 mV each, 300 mV max. each > 107 operations > 2 x 105 operations at 15 V, 10 A NO 2 x 60 A 2 x 20 A NO 2 x 10 A
The values apply to a resistive load or inductive load with suitable spark suppression. For a load current duration of maximum 3 s for a make/break ratio of 1:10. 3) See chapter Diagnostics in our Application Recommendations on page 18.
123
Please observe the disclaimer.
PCB relays Twin relays
Twin pack relay TPR
Load limit curve
81IIc_01.*
Catalog 1308028
Issued 01-05
200
Switching voltage (VDC)
100
50
Load limit curve 2
Load limit curve 1
W 500
W 100
W 200
W 20
W 10
W 50
10 0,1 0,5
1
2
10 10
50 Switching current (A)
100
Load limit curve 1: arc extinguishes during transit time (changeover contact) Load limit curve 2: safe shutdown, no stationary arc (make contact)
Pin assignment
2 changeover contatcs/
1
4
2
1
4
2
5 3
5 3
ECR1092j
Coil data
Available for nominal voltages Nominal power consumption of the unsuppressed coil at nominal voltage Test voltage winding/contact Maximum ambient temperature range1) Max. switching rate without contact loading Operate time2) Release time2) See also operating voltage range diagram Measured at nominal voltage without coil suppression N.B. A low resistive suppression device in parallel to the relay coil increases the release time and reduces the lifetime caused by increased erosion and/or higher risk of contact tack welding
1) 2)
12 V 1.1 W 500 VACrms - 40 to + 85 C 20 Hz Typ. 3 ms Typ. 1.5 ms
Operating voltage range
200 180 coil voltage /%Unom) 160 140 120 100 80 60 40 20 0 -40 -20 0 20 40 60 80 U (E = O V) U (E = U n - 1.12) U max
81ovr_01
100
120
Ambient temperature in C Does not take into account the temperature rise due to the contact current E = pre-energization
124
Please observe the disclaimer.
PCB relays Twin relays
Twin pack relay TPR
Catalog 1308028
Issued 01-05
Operating conditions
Test Climatic cycling with condensation Temperature cycling Damp heat constant Corrosive gases Vibration resistance Shock resistance Solderability Resistance to soldering heat Sealing Flammability Relevant standard EN ISO 6988 IEC 68-2-14 Testing as per Na Dimension 20 cycles 20 cycles 56 days 10 days 10 days 10 ... 200 Hz 23 ... 35 g 4 ... 6 ms 23 ... 280 g Comments Storage 8/16 h - 40/+ 85 C (dwell time 1 h) Upper air temperature 55 C
IEC 68-2-3 Ca IEC 68-2-42 - IEC 68-2-43 IEC 68-2-6 (sine pulse form) acceleration, acc. to position IEC 68-2-27 (half-sine pulse form) acceleration, acc. to position IEC 68-2-20 Ta, Method 1 IEC 68-2-20 IEC 68-2-17 Tb, Method 1A Qc, Method 2 UL94-HB
No change in the switching state > 10 s No change in the switching state > 10 s Aging 3 (4 h/155 C) Dewetting 10 s 1 s with thermal screen 1 min / 70 C
Ordering information
Part numbers (see table below for coil data) Relay part number Tyco order number
V23081-C1059-A303 V23081-C1061-A303 0-1393270-2 0-1393270-6
Contact arrangement
2 Form C 2 Form C
Contact material
AgNi0.15 AgNi0.15
Enclosure
Sealed Sealed
Terminals
Printed circuit Printed circuit
Coil versions Coil data for TPR
V23081-**059-**** V23081-**061-****
1)
Rated coil voltage (V)
12 12
Coil resistance +/- 10% ()
107 130
Must operate voltage (V)
6.0 6.9
Must release voltage (V)
1.2 1.2
Allowable overdrive 1) voltage (V) at 23 C at 85 C
18.5 19.2 14.5 14.9
Allowable overdrive is stated with no load applied and minimum coil resistance.
Standard delivery packs (orders in multiples of delivery pack)
Twin pack relay TPR: 252 pieces
125
Please observe the disclaimer.


▲Up To Search▲   

 
Price & Availability of V23081-C1061-A303

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X