Part Number Hot Search : 
FDS650 3KP15 2SK30 LC22024A PT2127A 1E63UM SEF206A SMAJ43C
Product Description
Full Text Search
 

To Download V23061-A1002-A302 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 General Purpose Relays
SCHRACK
Miniature Power PCB Relay MSR
I I I I I I I
1 pole 8 / 10 A, 1CO or 1NO contact High inrush currents with AgSnO contacts (TV4 = 65 A) 4 kV/8 mm coil-contact Reinforced insulation (protection class II) Ambient temperature up to 85C at 8 A Plastic materials according to IEC60335-1 (domestic appliances) RoHS compliant (Directive 2002 / 95 / EC) as per product date code 0404
Applications HVAC, interface technology, power supplies, TV-/Monitor control, computer-/communication technology, domestic appliances, Hi-Fi products, timers
F0143-C
Approvals
V REG.-Nr.of3919, Z on request E214024 Technical data approved types
Contact data
Contact configuration Contact set Type of interruption Rated current 1CO or 1NO single contact micro disconnection versions A,B: 8A versions C,D: 10 A Rated voltage / max.switching voltage AC 240/400 VAC Maximum breaking capacity AC 2000 VA Limiting making capacity, max 20 ms A302: 65 A max 4 s, duty factor 10% 15 A 15 A Contact material AgSnO2, AgCdO AgNi0,15* Mechanical endurance 10x106 cycles Rated frequency of operation with / without load 6 / 1200 min-1 *not recommended for AC loads with arcing (CC2 according EN61810-2) Contact ratings Type V23061-A1***-A302 V23061-C2***-A302 V23061-C2***-A302 V23061-A1***-A302 V23061-*****-A30*, Load 8 A, 250 VAC, resistive load, 85C, 1 mm mounting distance, 6 cycles min-1, 50% duty factor, EN61810-1 10 A, 250 VAC, resistive load, 85C, 0 mm mounting distance, 6 cycles min-1, 50% duty factor, EN61810-1 5 A, 250 VAC, resistive load, 105C, 0 mm mounting distance, 6 cycles min-1, 50% duty factor, EN61810-1 TV-4 Tungsten, 120 VAC, UL508 240 VAC, A300, Pilot duty, UL508 Cycles 100x103 10x103 100x103 25x103 6x103
Coil data
Rated coil voltage range DC coil Coil power DC coil Operative range Coil insulation system according UL1446 3...60 VDC typ. 220 mW 2 Class A, Class F
Coil versions, DC-coil Coil Rated Operate Release Coil Rated coil code voltage voltage voltage resistance power VDC VDC VDC Ohm mW 001 3 2.1 0.3 40+10% 225 002 5 3.4 0.5 118+10% 212 003 6 4.1 0.6 165+10% 218 004 9 6.1 0.9 364+10% 223 005 12 8.2 1.2 652+10% 221 007 24 16.3 2.4 2270+10% 254 009 48 32.6 4.8 8790+10% 262 010 60 40.8 6.0 15265+15% 236 All figures are given for coil without preenergization, at ambient temperature +23C Other coil voltages on request
1
Datasheet Rev. GH1 Issued 2007/08 www.tycoelectronics.com www.schrackrelays.com Dimensions are in mm unless otherwise specified and are shown for reference purposes only. Product specification according to IEC 61810-1. Product data, technical parameters, test conditions and processing information only to be used together with the 'Definitions' at schrackrelays.com in the `Schrack' section. Specifications subject to change.
General Purpose Relays
SCHRACK
Miniature Power PCB Relay MSR (Continued)
Insulation
Dielectric strength coil-contact circuit open contact circuit Clearance / creepage coil-contact circuit Material group of insulation parts Insulation to IEC 60664-1 Type of insulation coil-contact circuit open contact circuit Rated insulation voltage Pollution degree Rated voltage system Overvoltage category
CO contact
NO contact
PCB layout / terminal assignment
Bottom view on solder pins
4000 Vrms 1000 Vrms W 8 / 8 mms W 8 / 8 mm IIIb IIIb reinforced functional 250 V 3 230 V III 2 400 V reinforced functional 250 V 3 230 / 400 V III
1 CO contact, 3.2 mm
Other data
RoHS - Directive 2002/95/EC compliant as per product date code 0404 Flammability class according to UL94 V-0 For WG version: GWFI to IEC 60335-1 > 850 C GWIT to IEC 60335-1 > 775 C Ambient temperature range -40...+85C Operate- / release time 6 / 2,5 ms Bounce time NO / NC contact 0,5 / 4 ms Vibration resistance (function) NO / NC contact 10 / 4 g Shock resistance (function) NO / NC contact 20 / 5 g Shock resistance (destruction) 100 g Category of protection RTII-flux proof; RTIII- wash tight Mounting pcb Mounting position any Minimum mounting distance 0 mm Resistance to soldering heat flux-proof version 270C / 10 s wash-tight version 260C / 5s Relay weight 11 g Packaging unit 20 / 1000 pcs
S0255-AA
S0255-AB
1 NO contact, 5 mm
S0255-AH
S0255-AI
Dimensions 1 CO contact, 3.2 mm 1 NO contact, 5 mm
S0275-AA
S0275-AH
2
Datasheet Rev. GH1 Issued 2007/08 www.tycoelectronics.com www.schrackrelays.com Dimensions are in mm unless otherwise specified and are shown for reference purposes only. Product specification according to IEC 61810-1. Product data, technical parameters, test conditions and processing information only to be used together with the 'Definitions' at schrackrelays.com in the `Schrack' section. Specifications subject to change.
General Purpose Relays
SCHRACK
Miniature Power PCB Relay MSR (Continued)
Product key Type Version A 1 NO contact, UL-class A B C 1 NO contact, UL-class F D Version 1 wash tight 2 Coil Coil code: please refer to coil versions Contact system A standard Contact material 5 3 AgSnO2 4 AgCdO 6 Contact configuration 01 1 CO contact 02 Other types on request
V23061-
-A
1 CO contact, UL-class A 1 CO contact, UL-class F flux proof table
AgNi 0.15 AgCdO, gold plated 1 NO contact
Product key V23061-A1002-A302 V23061-A1002-A502 V23061-A1003-A302 V23061-A1003-A502 V23061-A1005-A302 V23061-A1005-A502 V23061-A1005-A602 V23061-A1007-A302 V23061-A1007-A502 V23061-A1007-A602 V23061-A1009-A502 V23061-A1009-A602 V23061-A1010-A502 V23061-A1010-A602 V23061-B1002-A301 V23061-B1002-A501 V23061-B1002-A601 V23061-B1003-A501 V23061-B1003-A601 V23061-B1005-A301 V23061-B1005-A501 V23061-B1005-A601 V23061-B1007-A301 V23061-B1007-A501 V23061-B1007-A601 V23061-B1009-A301 V23061-B1009-A501 V23061-B1009-A601 V23061-B1010-A501 V23061-B1010-A601 V23061-A2002-A402 V23061-A2003-A402 V23061-A2005-A402 V23061-A2007-A402 V23061-A2009-A402 V23061-A2010-A402 V23061-B2002-A401 V23061-B2003-A401 V23061-B2005-A401 V23061-B2007-A401 V23061-B2009-A401 V23061-B2010-A401
Version wash tight
Contacts 1 NO contact
1 CO contact
flux proof
1 NO contact
Contact material AgSnO2 AgNi 0.15 AgSnO2 AgNi 0.15 AgSnO2 AgNi 0.15 AgCdO gold pl. AgSnO2 AgNi 0.15 AgCdO gold pl. AgNi 0.15 AgCdO gold pl. AgNi 0.15 AgCdO gold pl. AgSnO2 AgNi 0.15 AgCdO gold pl. AgNi 0.15 AgCdO gold pl. AgSnO2 AgNi 0.15 AgCdO gold pl. AgSnO2 AgNi 0.15 AgCdO gold pl. AgSnO2 AgNi 0.15 AgCdO gold pl. AgNi 0.15 AgCdO gold pl. AgCdO
Coil 5 VDC 6 VDC 12 VDC 24 VDC 48 VDC 60 VDC 5 VDC 6 VDC 12 VDC 24 VDC 48 VDC 60 VDC 5 VDC 6 VDC 12 VDC 24 VDC 48 VDC 60 VDC 5 VDC 6 VDC 12 VDC 24 VDC 48 VDC 60 VDC
1 CO contact
Part number 0-1393222-4 0-1393222-6 0-1393222-9 1-1393222-3 2-1393222-0 2-1393222-7 2-1393222-8 3-1393222-9 4-1393222-6 4-1393222-7 5-1393222-7 5-1393222-8 6-1393222-2 6-1393222-3 7-1393222-2 7-1393222-4 7-1393222-5 8-1393222-1 8-1393222-2 9-1393222-1 9-1393222-7 9-1393222-9 1-1393223-7 2-1393223-5 2-1393223-6 3-1393223-7 3-1393223-9 4-1393223-0 4-1393223-3 4-1393223-4 6-1393222-8 1-1416200-9 2-1416200-1 2-1416200-3 2-1416200-5 2-1416200-6 2-1416200-7 2-1416200-8 3-1416200-1 5-1393223-0 3-1416200-6 4-1416200-0
3
Datasheet Rev. GH1 Issued 2007/08 www.tycoelectronics.com www.schrackrelays.com Dimensions are in mm unless otherwise specified and are shown for reference purposes only. Product specification according to IEC 61810-1. Product data, technical parameters, test conditions and processing information only to be used together with the 'Definitions' at schrackrelays.com in the `Schrack' section. Specifications subject to change.


▲Up To Search▲   

 
Price & Availability of V23061-A1002-A302

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X