Part Number Hot Search : 
VC125A 103EDT SIHF9520 E002607 BZX84C10 L2012 14124 TC2263
Product Description
Full Text Search
 

To Download V23047-A1040-A501 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 General Purpose Relays
SCHRACK
Safety Relay SR2M
I I I I I
2 pole safety relay with either 1NO+1NC or 2CO contacts Forcibly guided contacts according to EN 50205 Rated current 6 A 6 kV surge resistance between poles RoHS compliant (Directive 2002/95/EC) as per product date code 0407
Applications Emergency shut-off, machine control, elevator and escalator control, light barrier control
F0188-C
Approvals
V REG.-Nr.of116064, Z request T 968/EZ 111.00/01 E214024, Technical data approved types on
Contact data
Contact configuration Contact set Type of interruption Rated current Rated voltage / max.switching voltage AC Maximum breaking capacity AC Utilization class (AC-15) acc. IEC 60947-5-1 NO contact NC contact Contact material Minimum contact load Contact resistance 1 NO contact and 1 NC contact or 2 CO contacts 1) single contact, forcibly guided 1 NC + 1NO: type A according to EN 50205 2 CO: type B according to EN 50205 micro disconnection 6A 240 / 400 VAC 1500 VA
Ie 3 A / Ue 250 VAC (inrush 30 A) Ie 1.5 A / Ue 250 VAC (inrush 15 A) AgNi 10 mA / 5 V w 100 mOhm / 1 A / 24 VDC w 20 Ohm / 10 mA / 5 VDC Mechanical endurance 10x106 cycles Rated frequency of operation with / without load 6 min-1 / 300 min-1
1
) According EN50205 only 1NO / 1NC (11-14 and 22-21 or 12-11 and 21-24) shall be used as forcibly guided contacts.
Coil data
Rated coil voltage range DC coil Coil power DC coil Operative range 5...110 VDC appr. 700 mW 2
Coil versions, DC-coil Coil Rated Operate Release Coil Rated coil code voltage voltage voltage resistance power VDC VDC VDC Ohm mW 005 5 3.8 0.5 35,7+10% 700 006 6 4.5 0.6 51+10% 706 009 9 6.8 0.9 116+10% 698 012 12 9.0 1.2 206+10% 699 015 15 11.3 1.5 321+10% 700 018 18 13.5 1.8 483+10% 671 021 21 15.8 2.1 630+10% 700 024 24 18.0 2.4 823+10% 700 036 36 27.0 3.6 1851+10% 700 040 40 30.0 4.0 2286+10% 700 048 48 36.0 4.8 3291+12% 700 060 60 45.0 6.0 5142+12% 700 080 80 64.0 8.5 9143+12% 700 110 110 82.5 11.0 17285+12% 700 All figures are given for coil without preenergization, at ambient temperature +23C Other coil voltages on request
1
Datasheet Rev. HC1 Issued 2008/03 www.tycoelectronics.com www.schrackrelays.com Dimensions are in mm unless otherwise specified and are shown for reference purposes only. Product specification according to IEC 61810-1. Product data, technical parameters, test conditions and processing information only to be used together with the 'Definitions' at schrackrelays.com in the `Schrack' section. Specifications subject to change.
General Purpose Relays
SCHRACK
Safety Relay SR2M (Continued)
Insulation
Insulation resistance coil-contact circuit Dielectric strength coil-contact circuit open contact circuit adjacent contact circuits Clearance / creepage coil-contact circuit adjacent contact circuits Material group of insulation parts Tracking index of relay base Insulation to IEC 60664-1 Type of insulation coil-contact circuit open contact circuit adjacent contact circuits Rated insulation voltage Pollution degree Rated voltage system Overvoltage category Insulation to EN 50178 Type of insulation coil-contact circuit adjacent contact circuits > 100x106 Ohm 4000 Vrms 1500 Vrms 3000 Vrms W 8 / 8 mm W 5.5 / 5.5 mm W IIIa CTI 250 reinforced functional basic 250 V 2 230/400 V III reinforced reinforced
PCB layout / terminal assignment
Bottom view on solder pins
2 CO contacts
S0163-CO
Other data
RoHS - Directive 2002/95/EC compliant as per product date code 0407 Ambient temperature range -25...+70 C Vibration resistance (function) NO / NC contact > 10 / 2.5 g, 15....200 Hz Shock resistance (function) NO / NC contact > 10 / 5 g, 11 ms half sine Category of protection RT III 2) Resistance to soldering heat 260C / 5 s Relay weight 20 g Packaging unit 20 pcs
2)
S0163-BJ
1 NO and 1 NC contacts
please contact technical support for washing parameters
S0163_CU
Dimensions
S0163-CV
S0273-BB
2
Datasheet Rev. HC1 Issued 2008/03 www.tycoelectronics.com www.schrackrelays.com Dimensions are in mm unless otherwise specified and are shown for reference purposes only. Product specification according to IEC 61810-1. Product data, technical parameters, test conditions and processing information only to be used together with the 'Definitions' at schrackrelays.com in the `Schrack' section. Specifications subject to change.
General Purpose Relays
SCHRACK
Safety Relay SR2M (Continued)
Product key Type Version A1 standard Coil Coil code = rated coil voltage (e.g. 024=24VDC) Contact set A single contact Contact material 5 AgNi Contact configuration 01 2 CO contacts 11 1 NO and 1 NC contact Other types on request
V2 3 0 4 7-A1
-A5
Product key V23047-A1005-A501 V23047-A1005-A511 V23047-A1006-A501 V23047-A1006-A511 V23047-A1009-A501 V23047-A1009-A511 V23047-A1012-A501 V23047-A1012-A511 V23047-A1018-A501 V23047-A1018-A511 V23047-A1021-A501 V23047-A1021-A511 V23047-A1024-A501 V23047-A1024-A511 V23047-A1036-A501 V23047-A1036-A511 V23047-A1040-A501 V23047-A1040-A511 V23047-A1048-A501 V23047-A1048-A511 V23047-A1060-A511 V23047-A1110-A511
Version standard wash tight
Contact material AgNi
Configuration 2 CO contacts 1 NO + 1 NC 2 CO contacts 1 NO + 1 NC 2 CO contacts 1 NO + 1 NC 2 CO contacts 1 NO + 1 NC 2 CO contacts 1 NO + 1 NC 2 CO contacts 1 NO + 1 NC 2 CO contacts 1 NO + 1 NC 2 CO contacts 1 NO + 1 NC 2 CO contacts 1 NO + 1 NC 2 CO contacts 1 NO + 1 NC
Coil 5 VDC 6 VDC 9 VDC 12 VDC 18 VDC 21 VDC 24 VDC 36 VDC 40 VDC 48 VDC 60 VDC 110 VDC
Part number 0-1393258-2 7-1415006-1 3-1415011-1 6-1415011-1 0-1393258-3 7-1415011-1 0-1393258-4 0-1393258-5 0-1393258-8 0-1393258-9 1-1393258-1 1-1393258-2 1-1393258-5 1-1393258-7 2-1393258-0 8-1415011-1 2-1393258-1 2-1393258-2 3-1415006-1 9-1415011-1 2-1393258-3 2-1415012-1
3
Datasheet Rev. HC1 Issued 2008/03 www.tycoelectronics.com www.schrackrelays.com Dimensions are in mm unless otherwise specified and are shown for reference purposes only. Product specification according to IEC 61810-1. Product data, technical parameters, test conditions and processing information only to be used together with the 'Definitions' at schrackrelays.com in the `Schrack' section. Specifications subject to change.


▲Up To Search▲   

 
Price & Availability of V23047-A1040-A501

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X