Part Number Hot Search : 
APTD3216 GW30N BU931 BD242C CM379 DS28E02P 2SC1384 BU9831F
Product Description
Full Text Search
 

To Download TT570N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 N
Netz-Thyristor-Modul Phase Control Thyristor Module
Datenblatt / Data sheet
TT570N
TT570N Kenndaten TT570N...-A TD570N
Elektrische Eigenschaften
Periodische Vorwarts- und Ruckwarts-Spitzensperrspannung Tvj = -40C... Tvj max repetitive peak forward off-state and reverse voltages Vorwarts-Stospitzensperrspannung non-repetitive peak forward off-state voltage Ruckwarts-Stospitzensperrspannung non-repetitive peak reverse voltage Durchlastrom-Grenzeffektivwert maximum RMS on-state current Dauergrenzstrom average on-state current Stostrom-Grenzwert surge current Grenzlastintegral It-value Kritische Stromsteilheit critical rate of rise of on-state current Kritische Spannungssteilheit critical rate of rise of off-state voltage TC = 87C Tvj = 25 C, tP = 10 ms Tvj = Tvj max, tP = 10 ms Tvj = 25 C, tP = 10 ms Tvj = Tvj max, tP = 10 ms DIN IEC 747-6 f = 50 Hz, iGM = 1 A, diG/dt = 1 A/s Tvj = Tvj max, vD = 0,67 VDRM 6.Kennbuchstabe / 6th letter F Tvj = -40C... Tvj max Tvj = +25C... Tvj max VDRM,VRRM 1000 1400 VDSM VRSM ITRMSM ITAVM ITSM It (diT/dt)cr (dvD/dt)cr 1000 1400 1100 1500 1200 V 1600 V 1200 V 1600 V 1300 V 1700 V 900 A 570 A 17000 A 14000 A 1445000 As 980000 As 200 A/s
1000 V/s
Charakteristische Werte / Characteristic values Durchlaspannung on-state voltage Schleusenspannung threshold voltage Ersatzwiderstand slope resistance Zundstrom gate trigger current Zundspannung gate trigger voltage Nicht zundender Steuerstrom gate non-trigger current Nicht zundende Steuerspannung gate non-trigger voltage Haltestrom holding current Einraststrom latching current Vorwarts- und Ruckwarts-Sperrstrom forward off-state and reverse current Zundverzug gate controlled delay time
Tvj = Tvj max , iT = 1700 A Tvj = Tvj max Tvj = Tvj max Tvj = 25C, vD = 6 V Tvj = 25C, vD = 6 V Tvj = Tvj max , vD = 6 V Tvj = Tvj max , vD = 0,5 VDRM Tvj = Tvj max , vD = 0,5 VDRM Tvj = 25C, vD = 6 V, RA = 5
vT V(TO) rT IGT VGT IGD VGD IH
max.
1,53 V 0,9 V 0,27 m
max. max. max. max. max. max. max. max. max.
250 mA 2,2 V 10 mA 5 mA 0,25 V 300 mA 1500 mA 140 mA 4 s
Tvj = 25C, vD = 6 V, RGK 10 IL iGM = 1 A, diG/dt = 1 A/s, tg = 20 s Tvj = Tvj max vD = VDRM, vR = VRRM DIN IEC 747-6 Tvj = 25 C,iGM = 1 A, diG/dt = 1 A/s iD, iR tgd
prepared by: C.Drilling approved by: J. Novotny
date of publication: revision:
19.12.02 1
BIP AC / 08 Dec 1995, A.Ruther
A 128/95
Seite/page
1/12
N
Netz-Thyristor-Modul Phase Control Thyristor Module
Datenblatt / Data sheet
TT570N
Tvj = Tvj max, iTM = ITAVM vRM = 100 V, vDM = 0,67 VDRM dvD/dt = 20 V/s, -diT/dt = 10 A/s 5.Kennbuchstabe / 5th letter O RMS, f = 50 Hz, t = 1 min RMS, f = 50 Hz, t = 1 sec tq
Elektrische Eigenschaften / Electrical properties Charakteristische Werte / Characteristic values Freiwerdezeit circuit commutated turn-off time
typ. VISOL
250 s 3,0 kV 3,6 kV
Isolations-Prufspannung insulation test voltage
Thermische Eigenschaften / Thermal properties Innerer Warmewiderstand thermal resistance, junction to case
Thermische Eigenschaften Modul / per Module, = 180 sin pro
pro Zweig / per arm, = 180 sin pro Modul / per Module, DC pro Zweig / per arm, DC pro Modul / per Module pro Zweig / per arm
RthJC
max. max. max. max. max. max.
0,0325 0,0650 0,0310 0,0620
C/W C/W C/W C/W
Ubergangs-Warmewiderstand thermal resistance, case to heatsink Hochstzulassige Sperrschichttemperatur maximum junction temperature Betriebstemperatur operating temperature Lagertemperatur storage temperature Mechanische Eigenschaften / Mechanical properties Gehause, siehe Anlage case, see annex Si-Element mit Druckkontakt Si-pellet with pressure contact Innere Isolation internal insulation Anzugsdrehmoment fur mechanische Anschlusse mounting torque Anzugsdrehmoment fur elektrische Anschlusse terminal connection torque Steueranschlusse control terminals Gewicht weight Kriechstrecke creepage distance Schwingfestigkeit vibration resistance
RthCH Tvj max Tc op Tstg
0,01 C/W 0,02 C/W 135 C
-40...+135 C -40...+140 C
Mechanische Eigenschaften
Seite 3 page 3
AlN Toleranz / Tolerance 15% Toleranz / Tolerance 10% DIN 46 244 G M1 M2 6 12 A 2,8 x 0,8 typ. 1500 g 19 mm f = 50 Hz file-No. 50 m/s E 83336 Nm Nm
Mit diesem Datenblatt werden Halbleiterbauelemente spezifiziert, jedoch keine Eigenschaften zugesichert. Es gilt in Verbindung mit den zugehorigen technischen Erlauterungen. This data sheet specifies semiconductor devices, but promises no characteristics. It is valid in combination with the belonging technical notes. BIP AC / 08 Dec 1995, A.Ruther A 128/95
Seite/page
2/12
N
Netz-Thyristor-Modul Phase Control Thyristor Module
Datenblatt / Data sheet
TT570N
Mabild Mabild Mabild
1
2
45 76
3
1
2
45
3
1
2
45
3
67
TT
TD
TT-A
BIP AC / 08 Dec 1995, A.Ruther
A 128/95
Seite/page
3/12
N
Netz-Thyristor-Modul Phase Control Thyristor Module
Datenblatt / Data sheet
TT570N
R,T - Werte Di R,T-Werte
Analytische Elemente des transienten Warmewiderstandes Z thJC fur DC Analytical elements of transient thermal impedance Z thJC for DC 1 0,00137 0,00076 2 0,00486 0,0086 3 0,0114 0,101 4 0,0223 0,56 5 0,0221 3,12
n max
Pos. n Rthn [C/W] n [s]
6
7
Analytische Funktion / Analytical function:
Z thJC =
n=1
S
R thn 1 - e
-t
tn
Luftselbstkuhlung / Natural cooling 1 Modul pro Kuhlkorper / 1 module per heatsink Kuhlkorper / Heatsink type: KM17 (120W) Analytische Elemente des transienten Warmewiderstandes Z thCA Analytical elements of transient thermal impedance Z thCA Pos. n Rthn [C/W] n [s] 1 0,00944 2,61 2 0,0576 28,1 3 0,568 1300 4 5 6 7
Verstarkte Kuhlung / Forced cooling 1 Modul pro Kuhlkorper / 1 module per heatsink Kuhlkorper / Heatsink type: KM17 (Papst 4650N) Analytische Elemente des transienten Warmewiderstandes Z thCA Analytical elements of transient thermal impedance Z thCA Pos. n Rthn [C/W] n [s] 1 0,0064 4,1 2 0,0566 24,7 3 0,168 395 4 5 6 7
nmax
Analytische Funktion / Analytical function:
Z thCA =
n=1
S
Rthn 1 - e
-t
tn
BIP AC / 08 Dec 1995, A.Ruther
A 128/95
Seite/page
4/12
N
Netz-Thyristor-Modul Phase Control Thyristor Module 0,080
Diagramme
Datenblatt / Data sheet
TT570N
= 30 60 90 120 180
Trans. Warmewiderstand bei Sinus
0,060 Z(th)JC [C/W]
0
0
180
0,040
0,020
0,000 0,01
0,1
1
t [s]
10
100
Transienter innerer Warmewiderstand je Zweig / Transient thermal impedance per arm ZthJC = f(t) Sinusformiger Strom / Sinusoidal current Parameter: Stromfluwinkel / Current conduction angle
Trans. Warmewiderstand bei Rechteck
0,080
180
= 30 60 90 120 180 DC
0
0,060
0
0,040
0,020
0,000 0,001 0,01 0,1 t [s] 1 10 100
Transienter innerer Warmewiderstand je Zweig / Transient thermal impedance per arm ZthJC = f(t) Rechteckformiger Strom / Rectangular current Parameter: Stromfluwinkel / Current conduction angle
BIP AC / 08 Dec 1995, A.Ruther
A 128/95
Seite/page
5/12
N
Netz-Thyristor-Modul Phase Control Thyristor Module 800
Diagramme
Datenblatt / Data sheet
TT570N
180
700 600 500 PTAV [W] 400 300 200 100 0 0
0
Durchgangsverluste bei Sinus
0
180
120
90 60 Q = 30
200
ITAV [A]
400
600
Durchlassverlustleistung je Zweig / On-state power loss per arm PTAV = f(ITAV) Sinusformiger Strom / Sinusoidal current Strombelastung je Zweig / Current load per arm
Berechnungsgrundlage PTAV (Schaltverluste gesondert berucksichtigen) Calculation base PTAV (switching losses should be considered separately)
1100 1000 900 800 PTAV [W] 700 600 500 400 300 200 100 0 0
0
Durchgangsverluste bei Rechteck
DC
180
Parameter: Stromfluwinkel / Current conduction angle
0
180 120 90 60
Q = 30
200
400
600 ITAV [A]
800
1000
Durchlassverlustleistung je Zweig / On-state power loss per arm PTAV = f(ITAV) Rechteckformiger Strom / Rectangular current Strombelastung je Zweig / Current load per arm
Berechnungsgrundlage PTAV (Schaltverluste gesondert berucksichtigen) Calculation base PTAV (switching losses should be considered separately) Parameter: Stromfluwinkel / Current conduction angle BIP AC / 08 Dec 1995, A.Ruther A 128/95
Seite/page
6/12
N
Netz-Thyristor-Modul Phase Control Thyristor Module 140 120 TC [C] 100 80 60 40
Datenblatt / Data sheet
TT570N
Gehausetemperatur bei Sinus
0
0
180
Q = 30 20 0 100 200
60 300 ITAVM [A]
90 400
120 500
180 600
Hochstzulassige Gehausetemperatur / Maximum allowable case temperature TC = f(ITAVM) Sinusformiger Strom / Sinusoidal current Strombelastung je Zweig / Current load per arm
Berechnungsgrundlage PTAV (Schaltverluste gesondert berucksichtigen) Calculation base PTAV (switching losses should be considered separately)
140 120
Gehausetemperatur bei Rechteck
Parameter: Stromfluwinkel / Current conduction angle
0
100 TC [C] 80 60 40 20 0 100 200 300 400 500 ITAVM [A] 600 700 800
0
180
Q = 30
60
90
120
180
DC
900
1000
Hochstzulassige Gehausetemperatur / Maximum allowable case temperature TC = f(ITAVM) Rechteckformiger Strom / Rectangular current Strombelastung je Zweig / Current load per arm
Berechnungsgrundlage PTAV (Schaltverluste gesondert berucksichtigen) Calculation base PTAV (switching losses should be considered separately) Parameter: Stromfluwinkel / Current conduction angle BIP AC / 08 Dec 1995, A.Ruther A 128/95
Seite/page
7/12
N
Netz-Thyristor-Modul Phase Control Thyristor Module
Datenblatt / Data sheet
TT570N
B2
ID
3000
0,02
0,015
0,01
RthCA [C/W]
Maximaler Strom bei B2 und B6
~
+
2500
0,03
R-Last R-load L-Last L-load
2000
0,04
1500
0,06 0,08 0,10 0,15 0,20 0,30
1000
500
0 10 30 50 T A [C] 70 90 110 130 0 200 400 600 I D [A] 800 1000 1200
Hochstzulassiger Ausgangsstrom / Maximum rated output current ID B2- Zweipuls-Bruckenschaltung / Two-pulse bridge circuit Gesamtverlustleistung der Schaltung / Total power dissipation at circuit Ptot Parameter: Warmewiderstand zwischen den Gehausen und Umgebung / Thermal resistance cases to ambient RthCA
0,015 4000 0,02
0,01
R thCA [C/W]
B6
ID
+ 3~
0,025
3000 0,03 0,04 0,06 1000 0,10 0,15 0,20 0,40 0 10 30 50 T A [C] 70 90 110 130 0 200 400 600 800 ID [A] 1000 1200 1400 1600
,
2000
Hochstzulassiger Ausgangsstrom / Maximum rated output current ID B6- Sechspuls-Bruckenschaltung / Six-pulse bridge circuit Gesamtverlustleistung der Schaltung / Total power dissipation at circuit Ptot Parameter: Warmewiderstand zwischen den Gehausen und Umgebung / Thermal resistance cases to ambient RthCA
BIP AC / 08 Dec 1995, A.Ruther
A 128/95
Seite/page
8/12
N
Netz-Thyristor-Modul Phase Control Thyristor Module
1500 0,04 0,05 0,06 1000 0,03 0,02
Datenblatt / Data sheet
TT570N
R thCA [C/W]
W 1C ~
IRMS
Maximaler Strom bei W1C und W3C
~
0,08 0,10
0,15 500 0,20 0,30 0,40 0,60 0 10 30 50 TA [C] 70 90 110 130 0 200 400 600 I RMS [A] 800 1000 1200
Hochstzulassiger Effektivstrom / Maximum rated RMS current IRMS W1C - Einphasen-Wechselwegschaltung / Single-phase inverse parallel circuit Gesamtverlustleistung der Schaltung / Total power dissipation at circuit Ptot Parameter: Warmewiderstand zwischen den Gehause und Umgebung / Thermal resistance case to ambient RthCA
0,015 4000 0,02
0,01
R thCA [C/W]
~
W 3C ~
~
IRMS
~
~
~
3000
0,025 0,03 0,04
2000 0,06 1000 0,10 0,15 0,20 0,30 0,40 10 30 50 70 T A [C] 90 110 130 0 200 400 600 800 1000 1200
0
I RMS [A]
Hochstzulassiger Effektivstrom / Maximum rated RMS current IRMS W3C - Dreiphasen-Wechselwegschaltung / Three-phase inverse parallel circuit Gesamtverlustleistung der Schaltung / Total power dissipation at circuit Ptot Parameter: Warmewiderstand zwischen den Gehausen und Umgebung / Thermal resistance cases to ambient RthCA
BIP AC / 08 Dec 1995, A.Ruther
A 128/95
Seite/page
9/12
N
Netz-Thyristor-Modul Phase Control Thyristor Module 100
Datenblatt / Data sheet
TT570N Steuercharakteristik
10
b a
c
1
0,1 10 100 iG [mA] 1000 10000
Steuercharakteristik vG = f (iG) mit Zundbereichen fur VD = 6 V Gate characteristic vG = f (iG) with triggering area for VD = 6 V Hochstzulassige Spitzensteuerverlustleistung / Maximum rated peak gate power dissipation PGM = f (tg) : a - 20 W/10ms
Zundverzug
b - 40 W/1ms
c - 60 W/0,5ms
1000
100
10 a 1 b
0,1 100 iGM [mA] 1000 10000
Zundverzug / Gate controlled delay time tgd = f(iG) Tvj = 25C, diG/dt = iGM/1s a - maximaler Verlauf / Limiting characteristic b - typischer Verlauf / Typical characteristic BIP AC / 08 Dec 1995, A.Ruther A 128/95
Seite/page
10/12
N
Netz-Thyristor-Modul Phase Control Thyristor Module
10000
Datenblatt / Data sheet
TT570N Sperrverzogerungsladung
iTM = 2000A 1000A 500A 200A 100A 50A
1000
20A
100 1 10 -di/dt [A/s] 100
Sperrverzogerungsladung / Recovered charge Qr = f(-di/dt) Tvj = Tvjmax, vR 0,5 VRRM, vRM = 0,8 VRRM Parameter: Durchlastrom / On-state current iTM
12.000 10.000 8.000 6.000 4.000 2.000 0 0,01
Grenzstrom
a
TA = 35 C
b TA = 45C t [s] 0,1 1
Grenzstrom / Maximum overload on-state current IT(OV)M = f(t), vRM = 0,8 VRRM a: Leerlauf / No-load conditions b: nach Belastung mit ITAVM / after load with ITAVM TA = 35C, verstarkte Luftkuhlung / Forced air cooling TA = 45C, Luftselbstkuhlung / Natural air cooling BIP AC / 08 Dec 1995, A.Ruther A 128/95
Seite/page
11/12
N
Netz-Thyristor-Modul Phase Control Thyristor Module
7.000 6.000 5.000 4.000 3.000 2.000 1.000 0 0,01 0,1
Datenblatt / Data sheet
TT570N Uberstrom
I TAV (vor) = 0A 40 A 70 A 95 A 115 A 125 A
1
t [s]
10
100
1000
10000
Uberstrom je Zweig / Overload on-state current IT(OV) B6- Sechspuls-Bruckenschaltung, 120 Rechteck / Six-pulse bridge circuit, 120 rectangular Kuhlkorper / Heatsink type KM17 (120W) Luftselbstkuhlung bei / Natural cooling at TA = 45C
Parameter: Vorlaststrom je Zweig / Pre-load current per arm ITAV(vor)
7.000 6.000 5.000 4.000 3.000 2.000 1.000 0 0,01 0,1 1 t [s] 10 100 1000 10000
I TAV (vor) = 0A 110 A 175 A 220 A 255 A 280 A
Uberstrom je Zweig / Overload on-state current IT(OV) B6- Sechspuls-Bruckenschaltung, 120 Rechteck / Six-pulse bridge circuit, 120 rectangular Kuhlkorper / Heatsink type KM17 (Papst 4650N) Verstarkte Kuhlung bei / Forced cooling at TA = 35C
Parameter: Vorlaststrom je Zweig / Pre-load current per arm ITAV(vor) BIP AC / 08 Dec 1995, A.Ruther A 128/95
Seite/page
12/12
Terms & Conditions of Usage
Attention The present product data is exclusively subscribed to technically experienced staff. This Data Sheet is describing the specification of the products for which a warranty is granted exclusively pursuant the terms and conditions of the supply agreement. There will be no guarantee of any kind for the product and its specifications. Changes to the Data Sheet are reserved. You and your technical departments will have to evaluate the suitability of the product for the intended application and the completeness of the product data with respect to such application. Should you require product information in excess of the data given in the Data Sheet, please contact your local Sales Office via "www.eupec.com / sales & contact". Warning Due to technical requirements the products may contain dangerous substances. For information on the types in question please contact your local Sales Office via "www.eupec.com / sales & contact".


▲Up To Search▲   

 
Price & Availability of TT570N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X