Part Number Hot Search : 
DS1236A 2301P ZF320 TLV16 5517A MSDW1033 ASPI104S RK163
Product Description
Full Text Search
 

To Download TPN302106 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TPN3021
Tripolar overvoltage protection for network interfaces
Features

Triple crowbar protection Low capacitance Low holding current: IH = 30 mA minimum Surge current: - IPP = 200 A, 2/10 s - IPP = 30 A, 10/1000 s
Main applications
Dedicated to data line protection, this device provides a tripolar protection function. It ensures the same protection capability with the same breakdown voltage in both common and differential modes.
SO-8
Description
The TPN3021 is a low capacitance transient surge arrestor designed for protection of high debit rate communication network. Its low capacitance avoids distorsion of the signal as it has been designed for T1/E1 and Ethernet networks.
Schematic diagram
Rx+ / Tx+ 1
8
NC
Benefits
Trisil technology is not subject to ageing and provides a fail safe mode in short circuit for a better protection. They are used to help equipment to meet main standards such as UL1950, IEC950 / CSA C22.2 and UL1459. They have UL94 V0 ap-proved resin. SO8 package is JEDEC registered. Trisils comply with the following standards GR1089 Core, ITU-T-K20/K21, VDE0433, VDE0878, IEC61000-4-2.
NC 2 7 NC
NC 3
6
GND
Rx- / Tx- 4
5
NC
February 2006
Rev 4
1/8
www.st.com 8
Characteristics
TPN3021
1
Table 1.
Characteristics
Complies with the following standards
Peak surge voltage (V) 2500 1000 1500 1000 6000 8000 4000 2000 4000 2000 2000 2000 Voltage waveform 2/10 s 10/1000 s 2/10 s 10/700 s 1/60 ns 10/700 s 1.2/50 s 10/700 s 1.2/50 s Required peak current (A) 500 100 100 25 Current waveform 2/10 s 10/1000 s 2/10 s 5/310 s Minimum serial resistor to meet standard () 7.5 25 0 0 40 0 0 0 0 0
Standard
GR-1089 Core First level GR-1089 Core Intrabuilding ITU-T-K20/K21 ITU-T-K20 (IEC61000-4-2) VDE0433 VDE0878 IEC61000-4-5
ESD contact discharge ESD air discharge 100 50 100 50 50 50 5/310 s 1/20 s 5/310 s 8/20 s
Table 2.
Symbol VRM VBO VBR IH IBO IRM IPP C VR IR
Electrical characteristics (Tamb=25C)
Parameter Stand-off voltage Breakover voltage Breakdown voltage Holding current Breakover current Leakage current at VRM Peak pulse current Capacitance Continous reverse voltage Leakage current at VR
IBO IR IH IRM VRM VR IPP
I
V
VBR V BO
2/8
Rev 4
TPN3021 Table 3.
Symbol
Characteristics Absolute ratings (Tamb =25C)
Parameter 10/1000 s 8/20 s 10/560 s 5/310 s 10/160 s 1/20 s 2/10 s 50 Hz 60 Hz 0.2 s 2s Value 30 100 40 50 75 100 200 8 9 3 1.5 -55 to +150 -40 to +150 260 Unit
Ipp
Peak pulse pulse current: tr / tp
A
Non repetitive surge peak on-state current One cycle ITSM Non repetitive surge peak on-state current F=50Hz Tstg Tj TL Storage temperature range Operating junction temperature range Maximum lead temperature for soldering during 10s
A A C C C
Repetitive peak pulse current tr : rise time (s) tp: pulse duration time (s) example: pulse waveform 10/1000 s, tr = 10 s, tp = 1000 s
% I PP 100
50
0 tr
Table 4. Thermal resistances
Parameter Junction to ambient Value 170 Unit C/W
tp
t
Symbol Rth(j-a)
Table 5.
Type
Electrical parameters (Tamb = 25C)
IRM @VRM max. A V 28 VBO max@IBO (1) max. V 38 mA 300 IH (2) min. mA 30 C(3) typ. pF 16
TPN3021
4
1. See Figure 1: Test circuit 1 for IBO and VBO parameters 2. See Figure 2: Test circuit 2 for IH parameter 3. VR = 0 V bias, VRMS = 1 V, F = 1 MHz
Rev 4
3/8
Characteristics Figure 1. Test circuit 1 for IBO and VBO parameters
TPN3021
K
ton = 20ms
R1 = 140
R2 = 240
Vout
DUT
VBO measurement
1/4
IBO measurement
Figure 2.
Test circuit 2 for IH parameter
Surge generator R
Vbat < Vbr
D.U.T
4/8
Rev 4
TPN3021
Ordering information scheme
Figure 3.
Non repetitive surge peak on-state current versus overload duration (Tj initial = 25C)
Figure 4.
Variation of junction capacitance versus reverse voltage applied (typical values)
ITSM(A) 12 10 8 6 4 2
F=50Hz
C(pF) 22 20 18 16 14 12 10 8 6 4 2 0
Tj=25C F=1MHz VRMS=1V
t(s)
0 1E-2 1E-1 1E+0 1E+1 1E+2 1E+3
VR(V)
0 5 10 15 20 25 30
Figure 5.
Relative variation of holding current versus junction temperature
IH[Tj] / IH[Tj=25C] 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0.0 -40
Tj(C)
-20 0 20 40 60 80 100 120
2
Ordering information scheme
TPN
Tripolar Protection for Network Numerical code Version Package: 1 = SO-8 Plastic Packaging: RL = Tape & reel = Tube
30
2
1
RL
Rev 4
5/8
Package mechanical data
TPN3021
3
Package mechanical data
Table 6. SO-8 (Plastic) dimensions
DIMENSIONS REF. Millimetres Min. A a1 a2 b b1 C c1 D E e e3 F L M S 3.8 0.4 4.8 5.8 1.27 3.81 4.0 0.15 0.35 0.19 0.50 45 (typ) 5.0 6.2 0.189 0.228 0.050 0.150 0.157 0.050 0.024 0.197 0.244 0.1 Typ. Max. 1.75 0.25 0.004 1.65 0.48 0.014 0.25 0.007 0.020 Min. Inches Typ. Max. 0.069 0.010 0.065 0.019 0.010
1.27 0.016 0.6 8 (max)
In order to meet environmental requirements, ST offers these devices in ECOPACK(R) packages. These packages have a Lead-free second level interconnect . The category of second level interconnect is marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com.
6/8
Rev 4
TPN3021
Ordering information
4
Ordering information
Part number TPN3021 TPN3021RL
(1)
Marking TPN302
Package SO-8
Weight 0.08 g
Base qty 100 2500
Delivery mode Tube Tape and reel
TPN302
1. Preferred device
5
Revision history
Date Sep 2001 Revision 3 Previous release. Reformatted to current template. Maximum junction temperature parameter replaced by Operating junction temperature range in Table 3. Added footnote 1 to Ordering information table Changes
07-Feb-2006
4
Rev 4
7/8
TPN3021
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners (c) 2006 STMicroelectronics - All rights reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
8/8
Rev 4


▲Up To Search▲   

 
Price & Availability of TPN302106

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X