Part Number Hot Search : 
4LVCH DB3TG SAA71 1284P LMV931 OB2263 F18N20 BZX97C10
Product Description
Full Text Search
 

To Download TMF500A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Topstek Current Transducer TMF500A .. TMF3000A TMF500A~3000A
Features
iHighly reliable Hall Effect device iCompact and light weight iFast response time iExcellent linearity of the output voltage over a wide input range iExcellent frequency response (> 50 kHz) iLow power consumption (16 mA nominal) iCapable of measuring both DC and AC, both pulsed and mixed iHigh isolation voltage between the measuring circuit and the current-carrying conductor (AC2.5KV) iExtended operating temperature range iFlame-Retardant plastic case and silicone encapsulate, using UL classified materials, ensures protection against environmental contaminants and vibration over a wide temperature and humidity range
Applications
iUPS systems iProcess control devices iAC and DC servo systems iMotor speed controller iElectrical vehicle controllers iInverter-controlled welding machines iGeneral and special purpose inverters iController for traction equipment e.g. electric trains
Specifications
Parameter Nominal Input Current Linear Range Nominal Output Voltage Offset Voltage Output Resistance Hysteresis Error Supply Voltage Linearity Consumption Current Response Time (90%Vhn) Frequency bandwidth (-3dB) Thermal Drift of Output
Thermal Drift of Zero Current Offset
Symbol Ifn Ifs Vhn Vos ROUT Voh VCC/VEE
Unit A DC A DC V mV
TMF 500A 500 1500
TMF 800A 800 2400
TMF 1000A 1000 3000
TMF 1200A 1200 3600
TMF 1500A 1500 4500
TMF 2000A 2000 6000
TMF 2500A 2500 7000
TMF 3000A 3000 7500
4 V1% at If=Ifn ( RL=10k ) Within 15 mV @ If=0, Ta=25C <100
mV V %
Within 30 mV @ If=Ifn 0 15V 5% Within 1% of Ifn 16 mA nominal 5 Psec max. @ d If /dt = Ifn / Psec
ICC Tr fBW RIS Ta Ts W
mA Psec Hz %/C mV/C V M C C g
DC to 50kHz Within 0.1 %/C @ Ifn Within 1.5 mV/C @ Ifn
Dielectric Strength Isolation Resistance @ 1000 VDC Operating Temperature Storage Temperature Mass
AC2.5KV X 60 sec >500 M -15C to 80C -20C to 85C 470 g
- 88 www.topstek.com
TMF
V080201
7/1/2008
Topstek Current Transducers TMF500A .. TMF3000A
Appearance, dimensions and pin identification
All dimensions in mm 0.2, holes -0, +0.2 except otherwise noted.
- 89 www.topstek.com
TMF
V080201
7/1/2008


▲Up To Search▲   

 
Price & Availability of TMF500A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X