Part Number Hot Search : 
EPA3369S WA100 62081 TMP87 LHY2043 42042 MC68HC05 LA4700N
Product Description
Full Text Search
 

To Download TMBH1000A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Topstek Current Transducer TMBH100A..TMBH1200A TMBH 100A~1200A
Features
iHighly reliable Hall Effect device iCompact and light weight iFast response time iExcellent linearity of the output voltage over a wide input range iExcellent frequency response (> 50 kHz) iLow power consumption (12 mA nominal) iCapable of measuring both DC and AC, both pulsed and mixed iHigh isolation voltage between the measuring circuit and the current-carrying conductor (AC2.5KV) iExtended operating temperature range iFlame-Retardant plastic case and silicone encapsulate, using UL classified materials, ensures protection against environmental contaminants and vibration over a wide temperature and humidity range
Applications
iUPS systems iIndustrial robots iNC tooling machines iElevator controllers iProcess control devices iAC and DC servo systems iMotor speed controller iElectrical vehicle controllers iInverter-controlled welding machines iGeneral and special purpose inverters iPower supply for laser processing machines iController for traction equipment e.g. electric trains iOther automatic control systems
Specifications
Parameter Nominal Input Current Linear Range Nominal Output Voltage Offset Voltage Output Resistance Hysteresis Error Supply Voltage Linearity Consumption Current Response Time (90%Vhn) Frequency bandwidth (-3dB) Thermal Drift of Output Thermal Drift of Zero Current Offset Dielectric Strength Isolation Resistance @ 1000 VDC Operating Temperature Storage Temperature Mass ICC Tr fBW RIS Ta Ts W Symbol Unit Ifn Ifs Vhn Vos ROUT Voh VCC/VEE mV V % mA Psec Hz %/C mV/C V M C C g < 3.0 mV/C A DC A DC V mV TMBH 100A 100 300 TMBH 200A 200 600 TMBH 300A 300 900 TMBH 400A 400 1200 TMBH 600A 600 1800 TMBH 800A 800 2400 TMBH 1000A 1000 2700 TMBH 1200A 1200 2700
4.0 V1% at If=Ifn ( RL=10k ) Within 40 mV @ If=0, Ta=25C <100 Within 25 mV @ If=Ifn 0 15V 5% Within 1% of Ifn 15 mA max 10 Psec @ d If /dt = Ifn / Psec DC to 50kHz Within 0.1 %/C @ Ifn < 2.0 mV/C AC2.5KV X 60 sec >1000 M -15C to 80C -20C to 85C 300 g < 1.5 mV/C
- 84 www.topstek.com
TMBH
V080201
7/1/2008
Topstek Current Transducer TMBH100A..TMBH1200A
Appearance, dimensions and pin identification
ll dimensions in mm 0.5, holes -0, +0.5 except otherwise noted.
- 85 www.topstek.com
TMBH
V080201
7/1/2008


▲Up To Search▲   

 
Price & Availability of TMBH1000A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X