Part Number Hot Search : 
A1771 FW360 A1771 MIC94084 SNC520 286FK KBPC35 R6012FNX
Product Description
Full Text Search
 

To Download SXR100K101A1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Type SXR 105 C Long Life Aluminum Electrolytic Capacitors
Low ESR, High Ripple, Radial Leaded Aluminum Electrolytic Capacitors
Type SXR is a radial leaded aluminum electrolytic capacitor with a +105 C, 2000 to 5000 hours long life ratings. The low ESR and high ripple current ratings make it ideal for output filtering applications in switching power supplies.
Specifications
Dissipation Factor @ 120 Hz, +25 C:
Ripple Multipliers for Voltage and Temperature:
CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8561 * Fax: (508)996-3830 * www.cde.com
Y OR LL MA SXR
Highlights
* * * * * +105 C 2000 to 5000 hours - long life Low ESR High ripple current Available in T&R and ammo pack
Capacitance Range: Voltage Range: Capacitance Tolerance: Operating Temperature Range: DC Leakage Current:
22 to 15,000 F 6.3 to 100 Vdc 20% -40 C to +105 C I = .01CV or 3 A after 2 minutes @ +20 C, whichever is greater C = Capacitance in (F) V = Rated voltage I = Leakage current in A
WV (V) DF(%) 6.3 10 16 25 35 50 22 19 16 14 12 10 63 9 80 9 100 8
For capacitors whose capacitance value exceeds 1000 F, the value of DF (%) is increased 2% for every additional 1000 F Rated WVdc 10 - 16 25 - 35 50 - 100 60Hz 0.45 0.38 0.36 120Hz 0.60 0.50 0.46 Ripple Multipliers 400 Hz 0.83 0.75 0.70 1 kHz 0.94 0.90 0.88 10 kHz 0.98 0.97 0.94 100 kHz 1.00 1.00 1.00
Temperature (C) Multiplier
+65 2.12
+75 1.92
+85 1.69
+95 1.50
+105 1.00
Load Life Test: Apply WVdc for:
Case Dia. 6.3 mm 8.0 mm 10.0 mm 13.0 mm Lifetime (Hours) 2000 3000 4000 5000
Shelf Life:
Capacitance change within 25% of initial limit DC leakage current meets initial limits DF 200% of initial value Cap change within 20% of initial values ESR 200% of initial value
1000 hrs with no voltage applied at +105 C
Type SXR 105 C Long Life Aluminum Electorlytic Capacitors
Outline Drawing
PVC Sleeve d 0.05 S + 0.5
+
Outline Dimensions
(Millimeters)
L 15 Min. 5 D
Case vented on diameters 6.3 and greater
Vinyl sleeve adds .5 Max. to diameter and 2.0 Max. to length
Part Numbering System
SXR 101 M Capacitance Type Capacitance Tolerance (F) (%) 100 Rated Voltage (Vdc) Packaging S T Lead Configuration
SXR
1R0 = 1 100 = 10 101 = 100 102 = 1000
K = 10 M = 20
6R3 = 6.3 010 = 10 100 = 100
A = Tape & Ammo E = Different Characteristic R = Tape & Reel S = Standard
1 = Lead cut 2 = Lead form 4 = Lead crimp & cut (form) T = Standard
Ratings
Max ESR Max Ripple Catalog Cap (F) 120 150 220 330 470 680 820 1000 1200 1500 3300 4700 6800 8200 10000 15000 SXR121M6R3ST SXR151M6R3ST SXR221M6R3ST SXR331M6R3ST SXR471M6R3ST SXR681M6R3ST SXR821M6R3ST SXR102M6R3ST SXR122M6R3ST SXR152M6R3ST SXR332M6R3ST SXR472M6R3ST SXR682M6R3ST SXR822M6R3ST SXR103M6R3ST SXR153M6R3ST Part Number 100 kHz +25 C () 2.43 1.95 1.33 0.88 0.62 0.43 0.36 0.29 0.24 0.20 0.10 0.08 0.07 0.06 0.05 0.04 100 kHz +105 C (mA) 154 210 260 350 510 635 650 860 860 1030 1280 1770 1810 2030 2320 2460 Diameter (D) Length (L)
RoHS Compliant
Size in. (mm) Lead Space Lead Dia. (S) .079 (2.0) .098 (2.5) .138 (3.5) .138 (3.5) .197 (5.0) .197 (5.0) .197 (5.0) .197 (5.0) .197 (5.0) .197 (5.0) .197 (5.0) .197 (5.0) .295 (7.5) .295 (7.5) .295 (7.5) .295 (7.5) (d) .0197 (0.5) .0197 (0.5) .0197 (0.5) .0197 (0.5) .0236 (0.6) .0236 (0.6) .0236 (0.6) .0236 (0.6) .0236 (0.6) .0236 (0.6) .0236 (0.6) .0236 (0.6) .0315 (0.8) .0315 (0.8) .0315 (0.8) .0315 (0.8)
6.3 Vdc (8 Volts Surge) .197 (5.0) .433 (11.0) .236 (6.0) .433 (11.0) .315 (8.0) .433 (11.0) .315 (8.0) .433 (11.0) .394 (10.0) .472 (12.0) .394 (10.0) .630 (16.0) .394 (10.0) .630 (16.0) .394 (10.0) .787 (20.0) .394 (10.0) .787 (20.0) .394 (10.0) .984 (25.0) .472 (12.0) 1.38 (35.0) .472 (12.0) 1.38 (35.0) .630 (16.0) 1.26 (32.0) .630 (16.0) 1.40 (36.0) .630 (16.0) 1.57 (40.0) .709 (18.0) 1.57 (40.0)
CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8561 * Fax: (508)996-3830 * www.cde.com
Type SXR 105 C Long Life Aluminum Electorlytic Capacitors
Ratings
Max ESR Max Ripple Catalog Cap (F) 100 120 150 220 330 470 680 820 1000 1200 1500 2200 3300 4700 6800 10000 100 120 150 220 330 470 680 820 1000 1200 1500 2200 3300 4700 6800 8200 100 120 150 220 330 470 680 820 1000 1200 1500 2200 3300 4700 SXR101M010ST SXR121M010ST SXR151M010ST SXR221M010ST SXR331M010ST SXR471M010ST SXR681M010ST SXR821M010ST SXR102M010ST SXR122M010ST SXR152M010ST SXR222M010ST SXR332M010ST SXR472M010ST SXR682M010ST SXR103M010ST SXR101M016ST SXR121M016ST SXR151M016ST SXR221M016ST SXR331M016ST SXR471M016ST SXR681M016ST SXR821M016ST SXR102M016ST SXR122M016ST SXR152M016ST SXR222M016ST SXR332M016ST SXR472M016ST SXR682M016ST SXR822M016ST SXR101M025ST SXR121M025ST SXR151M025ST SXR221M025ST SXR331M025ST SXR471M025ST SXR681M025ST SXR821M025ST SXR102M025ST SXR122M025ST SXR152M025ST SXR222M025ST SXR332M025ST SXR472M025ST Part Number 100 kHz 100 kHz Size in. (mm) Diameter (D) Length (L) Lead Space (S) .098 (2.5) .098 (2.5) .098 (2.5) .138 (3.5) .138 (3.5) .197 (5.0) .197 (5.0) .197 (5.0) .197 (5.0) .197 (5.0) .197 (5.0) .197 (5.0)
.197 (5.0)
+25 C
() 2.52 2.10 1.68 1.15 0.76 0.54 0.37 0.31 0.25 0.21 0.18 0.13 0.09 0.08 0.06 0.05 2.12 1.77 1.42 0.97 0.64 0.45 0.31 0.26 0.21 0.18 0.15 0.11 0.08 0.07 0.05 0.05 1.86 1.55 1.24 0.84 0.56 0.40 0.27 0.23 0.19 0.15 0.13 0.10 0.07 0.06
+105 C
(mA) 180 210 240 300 400 500 650 860 970 1030 1150 1320 1770 1810 2030 2460 230 260 300 400 500 650 860 1030 1150 1120 1320 1540 1980 2030 2240 2460 300 350 400 500 650 860 1150 1120 1320 1400 1540 1980 2030 2460
Lead Dia. (d) .0197 (0.5) .0197 (0.5) .0197 (0.5) .0197 (0.5) .0197 (0.5) .0236 (0.6) .0236 (0.6) .0236 (0.6) .0236 (0.6) .0236 (0.6) .0236 (0.6) .0236 (0.6)
.0236 (0.6)
10 Vdc (13 Volts Surge) .236 (6.0) .433 (11.0) .236 (6.0) .433 (11.0) .236 (6.0) .433 (11.0) .315 (8.0) .433 (11.0) .315 (8.0) .472 (12.0) .394 (10.0) .472 (12.0) .394 (10.0) .630 (16.0) .394 (10.0) .787 (20.0) .394 (10.0) .787 (20.0) .394 (10.0) .984 (25.0) .394 (10.0) 1.81 (30.0) .472 (12.0) 1.81 (30.0)
.512 (13.0) 1.42 (36.0)
.630 (16.0) 1.26 (32.0) .630 (16.0) 1.40 (36.0) .709 (18.0) 1.57 (40.0) .315 (8.0) .630 (16.0) .315 (8.0) .433 (11.0) .315 (8.0) .433 (11.0) .315 (8.0) .433 (11.0) .394 (10.0) .472 (12.0) .394 (10.0) .630 (16.0) .394 (10.0) .787 (20.0) .394 (10.0) .984 (25.0) .394 (10.0) 1.81 (30.0) .472 (12.0) .984 (25.0) .472 (12.0) .984 (25.0) .472 (12.0) 1.81 (30.0) .472 (12.0) 1.57 (40.0) .630 (16.0) 1.40 (36.0) .709 (18.0) 1.40 (36.0) .709 (18.0) 1.57 (40.0) .315 (8.0) .630 (16.0) .315 (8.0) .433 (11.0) .394 (10.0) .472 (12.0) .394 (10.0) .472 (12.0) .394 (10.0) .630 (16.0) .394 (10.0) .787 (20.0) .394 (10.0) 1.81 (30.0) .472 (12.0) .984 (25.0) .472 (12.0) .984 (25.0) .472 (12.0) 1.81 (30.0) .472 (12.0) 1.81 (30.0) .472 (12.0) 1.57 (40.0) .630 (16.0) 1.40 (36.0) .709 (18.0) 1.57 (40.0)
.295 (7.5) .295 (7.5) .295 (7.5) .138 (3.5) .138 (3.5) .138 (3.5) .138 (3.5) .197 (5.0) .197 (5.0) .197 (5.0) .197 (5.0) .197 (5.0) .197 (5.0) .197 (5.0) .197 (5.0) .197 (5.0) .295 (7.5) .295 (7.5) .295 (7.5) .138 (3.5) .138 (3.5) .197 (5.0) .197 (5.0) .197 (5.0) .197 (5.0) .197 (5.0) .197 (5.0) .197 (5.0) .197 (5.0) .197 (5.0) .197 (5.0) .295 (7.5) .295 (7.5)
.0315 (0.8) .0315 (0.8) .0315 (0.8) .0197 (0.5) .0197 (0.5) .0197 (0.5) .0197 (0.5) .0236 (0.6) .0236 (0.6) .0236 (0.6) .0236 (0.6) .0236 (0.6) .0236 (0.6) .0236 (0.6) .0236 (0.6) .0236 (0.6) .0315 (0.8) .0315 (0.8) .0315 (0.8) .0197 (0.5) .0197 (0.5) .0236 (0.6) .0236 (0.6) .0236 (0.6) .0236 (0.6) .0236 (0.6) .0236 (0.6) .0236 (0.6) .0236 (0.6) .0236 (0.6) .0236 (0.6) .0315 (0.8) .0315 (0.8)
16 Vdc (20 Volts Surge)
25 Vdc (32 Volts Surge)
CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8561 * Fax: (508)996-3830 * www.cde.com
Type SXR 105 C Long Life Aluminum Electorlytic Capacitors
Ratings
Max ESR Max Ripple Catalog Cap (F) 100 120 150 220 330 470 680 820 1000 1200 1500 2200 3300 68 100 120 150 220 330 470 680 820 1000 1200 1500 47 68 100 120 150 220 330 470 680 1000 1200 22 33 47 68 100 120 150 220 330 SXR101M035ST SXR121M035ST SXR151M035ST SXR221M035ST SXR331M035ST SXR471M035ST SXR681M035ST SXR821M035ST SXR102M035ST SXR122M035ST SXR152M035ST SXR222M035ST SXR332M035ST SXR680M050ST SXR101M050ST SXR121M050ST SXR151M050ST SXR221M050ST SXR331M050ST SXR471M050ST SXR681M050ST SXR821M050ST SXR102M050ST SXR122M050ST SXR152M050ST SXR470M063ST SXR680M063ST SXR101M063ST SXR121M063ST SXR151M063ST SXR221M063ST SXR331M063ST SXR471M063ST SXR681M063ST SXR102M063ST SXR122M063ST SXR220M100ST SXR330M100ST SXR470M100ST SXR680M100ST SXR101M100ST SXR121M100ST SXR151M100ST SXR221M100ST SXR331M100ST Part Number 100 kHz 100 kHz Size in. (mm) Diameter (D) Length (L) Lead Space (S) .197 (5.0) .197 (5.0) .197 (5.0) .197 (5.0) .197 (5.0) .197 (5.0) .197 (5.0) .197 (5.0) .197 (5.0) .197 (5.0) .197 (5.0) .295 (7.5) .295 (7.5) .197 (5.0) .197 (5.0) .197 (5.0) .197 (5.0) .197 (5.0) .197 (5.0) .197 (5.0) .197 (5.0) .197 (5.0) .295 (7.5) .295 (7.5) .295 (7.5) .197 (5.0) .197 (5.0) .197 (5.0) .197 (5.0) .197 (5.0) .197 (5.0) .197 (5.0) .197 (5.0) .295 (7.5) .295 (7.5) .295 (7.5) .197 (5.0) .197 (5.0) .197 (5.0) .197 (5.0) .197 (5.0) .197 (5.0) .197 (5.0) .295 (7.5) .295 (7.5) Lead Dia. (d) .0236 (0.6) .0236 (0.6) .0236 (0.6) .0236 (0.6) .0236 (0.6) .0236 (0.6) .0236 (0.6) .0236 (0.6) .0236 (0.6) .0236 (0.6) .0236 (0.6) .0315 (0.8) .0315 (0.8) .0236 (0.6) .0236 (0.6) .0236 (0.6) .0236 (0.6) .0236 (0.6) .0236 (0.6) .0236 (0.6) .0236 (0.6) .0236 (0.6) .0315 (0.8) .0315 (0.8) .0315 (0.8) .0236 (0.6) .0236 (0.6) .0236 (0.6) .0236 (0.6) .0236 (0.6) .0236 (0.6) .0236 (0.6) .0236 (0.6) .0315 (0.8) .0315 (0.8) .0315 (0.8) .0236 (0.6) .0236 (0.6) .0236 (0.6) .0236 (0.6) .0236 (0.6) .0236 (0.6) .0236 (0.6) .0315 (0.8) .0315 (0.8)
+25 C
() 1.59 1.33 1.06 0.72 0.48 0.34 0.23 0.19 0.16 0.13 0.12 0.08 0.47 1.95 1.33 1.11 0.88 0.60 0.40 0.28 0.20 0.16 0.13 0.11 0.10 2.26 1.56 1.06 0.88 0.71 0.48 0.32 0.23 0.16 0.11 0.09 4.22 2.81 1.98 1.37 0.93 0.77 0.62 0.42 0.28
+105 C
(mA) 400 510 550 650 860 1150 1320 1400 1540 1770 1980 2030 2460 400 635 650 860 1030 1150 1320 1770 1980 1810 2030 2320 305 500 550 620 795 890 1320 1450 1790 2200 2370 305 500 600 795 955 1040 1200 1440 1790
35 Vdc (44 Volts Surge) .394 (10.0) .472 (12.0) .394 (10.0) .472 (12.0) .394 (10.0) .472 (12.0) .394 (10.0) .630 (16.0) .394 (10.0) .787 (20.0) .394 (10.0) 1.81 (30.0) .472 (12.0) .984 (25.0) .472 (12.0) 1.81 (30.0) .472 (12.0) 1.81 (30.0) .472 (12.0) 1.38 (35.0) .472 (12.0) 1.57 (40.0) .630 (16.0) 1.40 (36.0) .709 (18.0) 1.57 (40.0) .394 (10.0) .472 (12.0) .394 (10.0) .630 (16.0) .394 (10.0) .630 (16.0) .394 (10.0) .787 (20.0) .394 (10.0) .984 (25.0) .394 (10.0) 1.81 (30.0) .472 (12.0) .984 (25.0) .472 (12.0) 1.38 (35.0) .472 (12.0) 1.57 (40.0) .630 (16.0) 1.26 (32.0) .630 (16.0) 1.40 (36.0) .630 (16.0) 1.57 (40.0) .394 (10.0) .472 (12.0) .394 (10.0) .630 (16.0) .394 (10.0) .630 (16.0) .394 (10.0) .787 (20.0) .394 (10.0) .984 (25.0) .472 (12.0) .984 (25.0) .472 (12.0) 1.81 (30.0) .472 (12.0) 1.38 (35.0) .630 (16.0) 1.26 (32.0) .709 (18.0) 1.40 (36.0) .709 (18.0) 1.57 (40.0) .394 (10.0) .472 (12.0) .394 (10.0) .630 (16.0) .394 (10.0) .787 (20.0) .394 (10.0) .984 (25.0) .394 (10.0) 1.81 (30.0) .472 (12.0) 1.81 (30.0) .472 (12.0) 1.81 (30.0) .630 (16.0) 1.26 (32.0) .709 (18.0) 1.40 (36.0)
50 Vdc (63 Volts Surge)
63 Vdc (79 Volts Surge)
100 Vdc (125 Volts Surge)
CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8561 * Fax: (508)996-3830 * www.cde.com


▲Up To Search▲   

 
Price & Availability of SXR100K101A1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X