|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
STPR1640CT Ultra Fast Recovery Diodes Dimensions TO-220AB A C(TAB) A C A C A Dim. A B C D E F G H J K M N Q R A=Anode, C=Cathode, TAB=Cathode STPR1640CT VRRM V 400 VRMS V 280 VDC V 400 Inches Min. Max. 0.500 0.550 0.580 0.630 0.390 0.420 0.139 0.161 0.230 0.270 0.100 0.125 0.045 0.065 0.110 0.230 0.025 0.040 0.100 BSC 0.170 0.190 0.045 0.055 0.014 0.022 0.090 0.110 Milimeter Min. Max. 12.70 13.97 14.73 16.00 9.91 10.66 3.54 4.08 5.85 6.85 2.54 3.18 1.15 1.65 2.79 5.84 0.64 1.01 2.54 BSC 4.32 4.82 1.14 1.39 0.35 0.56 2.29 2.79 Symbol I(AV) IFSM Characteristics Maximum Average Forward Rectified Current Non Repetitive Peak Forward Surge Current Per Diode Sinusoidal (JEDEC METHOD) Maximum Forward Voltage Pulse Width=300us Duty Cycle Maximum DC Reverse Current At Rated DC Blocking Voltage @TC=120oC TP=10ms TP=8.3ms Maximum Ratings 16 80 90 Unit A A VF IF=16A @TJ=25oC 1.5 V IR CJ TRR ROJC @TJ=100oC 5 500 80 35 3.0 -55 to +150 o uA pF ns C/W o Typical Junction Capacitance Per Element (Note 1) Maximum Reverse Recovery Time (Note 2) Typical Thermal Resistance TJ, TSTG Operating and Storage Temperature Range NOTES: 1. Measured At 1.0MHz And Applied Reverse Voltage Of 4.0V DC. 2. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A. C FEATURES * Glass passivated chip * Superfast switching time for high efficiency * Low forward voltage drop and high current capability * Low reverse leakage current * High surge capacity MECHANICAL DATA * Case: TO-220AB molded plastic * Polarity: As marked on the body * Weight: 0.08 ounces, 2.24 grams * Mounting position: Any STPR1640CT Ultra Fast Recovery Diodes 16 PEAK FORWARD SURGE CURRENT, AMPERES FIG.1 - FORWARD CURRENT DERATING CURVE AVERAGE FORWARD CURRENT AMPERES FIG.2 - MAXIMUM NON-REPETITIVE SURGE CURRENT 120 100 80 60 40 20 0 1 2 5 10 20 50 100 TP=10ms TP=8.3ms 12 8 4 RESISTIVE OR INDUCTIVE LOAD Single Half-Sine-Wave (JEDEC METHOD) 0 25 50 75 100 125 150 175 CASE TEMPERATURE , C NUMBER OF CYCLES AT 60Hz FIG.3 - TYPICAL REVERSE CHARACTERISTICS 1000 FIG.4 - TYPICAL FORWARD CHARACTERISTICS 100 INSTANTANEOUS FORWARD CURRENT ,(A) TJ = 125 C INSTANTANEOUS REVERSE CURRENT ,(uA) 100 TJ = 125 C 10 TJ = 25 C 10 TJ = 100 C 1.0 1.0 TJ = 25 C 0.1 .01 0 20 60 100 140 0.1 0 0.2 0.4 0.6 0.8 PERCENT OF RATED PEAK REVERSE VOLTAGE, (%) PULSE WIDTH 300ua 300us 2% Duty cycle 1.0 1.2 1.4 1.6 1.8 INSTANTANEOUS FORWARD VOLTAGE , VOLTS FIG.5 - TYPICAL JUNCTION CAPACITANCE 1000 CAPACITANCE , (pF) 100 TJ = 25 C, f= 1MHz 10 0.1 1 4 10 100 REVERSE VOLTAGE , VOLTS |
Price & Availability of STPR1640CT |