Part Number Hot Search : 
V56CH8 SL486 MPXQS22K E004997 4ACT1 LMK316B 1N4762A IRF953
Product Description
Full Text Search
 

To Download SMV1145-011 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
SMV1142-SMV1148: Hyperabrupt Junction Tuning Varactors
Features
Frequency linear design Low series resistance Available in the SOD-323 and SC-79 packages Designed for high-volume commercial applications SPICE models are available Available lead (Pb)-free and RoHS-compliant MSL-1 @ 260 C per JEDEC J-STD-020

Absolute Maximum Ratings
Characteristic Reverse voltage (VR) Value 12 V 20 mA 250 mW -55 C to +150 C -55 C to +125 C Class O
Description
The SMV1142-SMV1148 series of silicon hyperabrupt junction varactor diodes is specifically designed with an increasing gamma vs. voltage characteristic. This characteristic will result in improved VCO frequency-voltage linearity, in comparison to a conventional hyperabrupt junction varactor. This family of varactors is characterized for capacitance and resistance over temperature. SPICE models are provided.
Forward current (IF) Power dissipation (PD) Storage temperature (TST) Operating temperature (TOP) ESD human body model
Performance is guaranteed only under the conditions listed in the specifications table and is not guaranteed under the full range(s) described by the Absolute Maximum specifications. Exceeding any of the absolute maximum/minimum specifications may result in permanent damage to the device and will void the warranty.
NEW
Skyworks offers lead (Pb)-free, RoHS (Restriction of Hazardous Substances)-compliant packaging.
CAUTION: Although this device is designed to be as robust as possible, ESD (Electrostatic Discharge) can damage this device. This device must be protected at all times from ESD. Static charges may easily produce potentials of several kilovolts on the human body or equipment, which can discharge without detection. Industry-standard ESD precautions must be employed at all times.
Skyworks Solutions, Inc. * Phone [781] 376-3000 * Fax [781] 376-3100 * sales@skyworksinc.com * www.skyworksinc.com
200056 Rev. E * Skyworks Proprietary Information * Products and Product Information are Subject to Change Without Notice. * February 23, 2007
1
DATA SHEET * SMV1142-SMV1148
Single SC-79
Single SOD-323 SMV1142-011 Marking: BU SMV1142-011LF Marking: GU SMV1143-011 Marking: BV SMV1143-011LF Marking: GV SMV1144-011 Marking: BW SMV1144-011LF Marking: GW
SMV1145-079 Marking: Cathode SMV1145-079LF Marking: Cathode SMV1147-079 Marking: Cathode SMV1147-079LF Marking: Cathode
SMV1145-011 Marking: BA SMV1145-011LF Marking: GA SMV1147-011 Marking: BY SMV1147-011LF Marking: GY SMV1148-011 Marking: BZ SMV1148-011LF Marking: GZ
LS = 0.7 nH
LS = 1.5 nH
LF denotes lead (Pb)-free, RoHS-compliant packaging option as an alternative to our standard tin/lead (Sn/Pb) packaging.
Electrical Specifications at 25 C
Part Number Min. SMV1142 SMV1143 SMV1144 SMV1145 SMV1147 SMV1148 8.2 11.60 14.65 25.5 54.6 62 CT @ 1 V (pF) Max. 10 14.20 17.95 31.2 66.7 76 CT @3V (pF) Typ. 5.8 8.2 10.4 18.1 38.6 44.1 CT @6V (pF) Typ. 3.5 4.9 6.1 10.6 22.6 25.2 Min. 1.5 1.5 1.5 1.5 1.5 1.5 CT @ 1 V CT @ 3 V (Ratio) Max. 1.65 1.65 1.65 1.65 1.65 1.65 CT @ 1 V CT @ 6 V (Ratio) Min. 2.43 2.45 2.46 2.5 2.5 2.5 Max. 2.93 2.95 2.96 3 3 3 RS @ 3 V 500 MHz () Max. 0.7 0.65 0.65 0.6 0.55 0.5 Q @3V 50 MHz Typ. 800 600 500 300 150 150
Reverse Voltage VR (IR = 10 A): 12 V minimum. Reverse Current IR (VR = 9.6 V): 20 nA maximum.
Skyworks Solutions, Inc. * Phone [781] 376-3000 * Fax [781] 376-3100 * sales@skyworksinc.com * www.skyworksinc.com 2
February 23, 2007 * Skyworks Proprietary Information * Products and Product Information are Subject to Change Without Notice. * 200056 Rev. E
DATA SHEET * SMV1142-SMV1148
Typical Performance Data
100.0 SMV1148 SMV1147 0.8 SMV1142 SMV1143
Capacitance (pF)
RS ()
SMV1144 0.6 SMV1145
10.0 SMV1145 SMV1144 SMV1143 1.0 0 2.0 4.0 6.0 8.0 SMV1142
SMV1147 SMV1148 0.4 0 1 2 3 4 5
Reverse Voltage (V)
Reverse Voltage (V)
Capacitance vs. Reverse Voltage
Series Resistance vs. Reverse Voltage @ 500 MHz
12 10 8 6 4 2 0 -2 -4 -6 -8
5 4
Percentage Change (%)
3 2 1 0 -1 -2 VR = 4 V -3 -40 -20 0 20 40 60 80 VR = 1 V
Percentage Change (%)
-40
-20
0
20
40
60
80
Temperature (C)
Temperature (C)
Relative Capacitance Change vs. Temperature
Relative Series Resistance Change vs. Temperature
Skyworks Solutions, Inc. * Phone [781] 376-3000 * Fax [781] 376-3100 * sales@skyworksinc.com * www.skyworksinc.com
200056 Rev. E * Skyworks Proprietary Information * Products and Product Information are Subject to Change Without Notice. * February 23, 2007
3
DATA SHEET * SMV1142-SMV1148
Typical Capacitance Values
VR (V) 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 5.5 6 6.5 7 7.5 8 8.5 9 9.5 10 10.5 11 11.5 12 SMV1142 CT (pF) 13.38 10.7 9.1 7.98 7.12 6.42 5.83 5.32 4.86 4.45 4.09 3.75 3.46 3.21 3 2.84 2.72 2.63 2.56 2.5 2.45 2.41 2.36 2.35 2.32 SMV1143 CT (pF) 18.99 15.18 12.90 11.30 10.08 9.08 8.24 7.51 6.87 6.29 5.76 5.29 4.87 4.51 4.22 3.99 3.82 3.69 3.58 3.50 3.43 3.37 3.31 3.28 3.25 SMV1144 CT (pF) 24.01 19.18 16.3 14.28 12.73 11.46 10.4 9.48 8.66 7.93 7.26 6.66 6.13 5.68 5.31 5.02 4.8 4.63 4.5 4.4 4.31 4.24 4.15 4.15 4.08 SMV1145 CT (pF) 41.81 33.38 28.35 24.82 22.11 19.91 18.06 16.45 15.02 13.73 12.57 11.53 10.6 9.81 9.17 8.66 8.29 7.99 7.76 7.58 7.43 7.3 7.15 7.1 7.02 SMV1147 CT (pF) 89.52 71.44 60.65 53.07 47.27 42.55 38.58 35.12 32.06 29.31 26.81 24.57 22.58 20.89 19.52 18.43 17.63 16.98 16.5 16.1 15.78 15.5 15.18 15.08 14.9 SMV1148 CT (pF) 104.71 83.27 70.48 61.48 54.56 48.92 44.13 39.97 36.29 32.99 30.03 27.43 25.22 23.43 22.06 21.01 20.22 19.61 19.12 18.72 18.38 18.11 17.87 17.65 17.43
SPICE Model
PORT P_anode port = 1 IND LS L = LS DIODEM Diode_Model IS = 1.00e-14 RS = 0 N=1 TT = 0 CJO = CJO M=M VJ = VJ EG = 1.11 XTI = 3 KF =0 AF =1 FC = 0.5 BV = 0 IBV = 1e-3 ISR = 0 NR = 2 IKF = 0 NBV = 1 IBVL = 0 NBVL = 1 TBV1 = 0 TNOM = 27 FFE = 1
Part Number SMV1142 SMV1143 SMV1144 SMV1145 SMV1147 SMV1148
CJO (pF) 13.38 18.99 24.01 41.8 89.52 104.7
VJ (V) 2.2 2.20 2.2 2.5 2.5 2.25
M 1 1.0 1 1.1 1.1 1.1
CP (pF) 0 0 0 0 0 0
RS () 0.7 0.65 0.65 0.6 0.55 0.5
RES RS R = RS DIODE Varactor_Diode AREA = 1 MODEL = Diode_Model MODE = nonlinear
CAP CP C = CP
Values extracted from measured performance. For package inductance (LS) refer to package type. For more details refer to the "Varactor SPICE Models for RF VCO Applications" Application Note.
Recommended Solder Reflow Profiles
Refer to the "Recommended Solder Reflow Profile" Application Note.
PORT P_Cathode port = 2
Tape and Reel Information
Refer to the "Discrete Devices and IC Switch/Attenuators Tape and Reel Package Orientation" Application Note.
Skyworks Solutions, Inc. * Phone [781] 376-3000 * Fax [781] 376-3100 * sales@skyworksinc.com * www.skyworksinc.com 4
February 23, 2007 * Skyworks Proprietary Information * Products and Product Information are Subject to Change Without Notice. * 200056 Rev. E
DATA SHEET * SMV1142-SMV1148
SOD-323
0.090 (2.30 mm) Min. 0.108 (2.74 mm) Max. 0.010 (0.25 mm) Min. 0.016 (0.40 mm) Max. 0.063 (1.60 mm) Min. 0.071 (1.80 mm) Max.
SC-79
Cathode Indicator 0.010 (0.25 mm) Min. 0.014 (0.35 mm) Max.
1
0.006 (0.15 mm) Min. 0.028 (0.70 mm) Min. 0.035 (0.90 mm) Max.
2
0.045 (1.15 mm) Min. 0.053 (1.35 mm) Max.
1
2
Cathode Indicator 0.008 (0.20 mm) Nom. 0.006 (0.15 mm) Typ.
0.060 (1.50 mm) Min. 0.067 (1.70 mm) Max. 0.043 (1.10 mm) Min. 0.051 (1.30 mm) Max.
0.050 (1.25 mm) Max.
0.004 (0.10 mm) Max. 0.010 (0.25 mm) Min.
10 Max. 0.003 (0.07 mm) Min. 0.008 (0.20 mm) Max. 10 Max.
0.020 (0.50 mm) Min. 0.028 (0.70 mm) Max.
Skyworks Solutions, Inc. * Phone [781] 376-3000 * Fax [781] 376-3100 * sales@skyworksinc.com * www.skyworksinc.com
200056 Rev. E * Skyworks Proprietary Information * Products and Product Information are Subject to Change Without Notice. * February 23, 2007
5
DATA SHEET * SMV1142-SMV1148
Copyright (c) 2002, 2003, 2004, 2005, 2006, 2007, Skyworks Solutions, Inc. All Rights Reserved. Information in this document is provided in connection with Skyworks Solutions, Inc. ("Skyworks") products or services. These materials, including the information contained herein, are provided by Skyworks as a service to its customers and may be used for informational purposes only by the customer. Skyworks assumes no responsibility for errors or omissions in these materials or the information contained herein. Skyworks may change its documentation, products, services, specifications or product descriptions at any time, without notice. Skyworks makes no commitment to update the materials or information and shall have no responsibility whatsoever for conflicts, incompatibilities, or other difficulties arising from any future changes. No license, whether express, implied, by estoppel or otherwise, is granted to any intellectual property rights by this document. Skyworks assumes no liability for any materials, products or information provided hereunder, including the sale, distribution, reproduction or use of Skyworks products, information or materials, except as may be provided in Skyworks Terms and Conditions of Sale. THE MATERIALS, PRODUCTS AND INFORMATION ARE PROVIDED "AS IS" WITHOUT WARRANTY OF ANY KIND, WHETHER EXPRESS, IMPLIED, STATUTORY, OR OTHERWISE, INCLUDING FITNESS FOR A PARTICULAR PURPOSE OR USE, MERCHANTABILITY, PERFORMANCE, QUALITY OR NON-INFRINGEMENT OF ANY INTELLECTUAL PROPERTY RIGHT; ALL SUCH WARRANTIES ARE HEREBY EXPRESSLY DISCLAIMED. SKYWORKS DOES NOT WARRANT THE ACCURACY OR COMPLETENESS OF THE INFORMATION, TEXT, GRAPHICS OR OTHER ITEMS CONTAINED WITHIN THESE MATERIALS. SKYWORKS SHALL NOT BE LIABLE FOR ANY DAMAGES, INCLUDING BUT NOT LIMITED TO ANY SPECIAL, INDIRECT, INCIDENTAL, STATUTORY, OR CONSEQUENTIAL DAMAGES, INCLUDING WITHOUT LIMITATION, LOST REVENUES OR LOST PROFITS THAT MAY RESULT FROM THE USE OF THE MATERIALS OR INFORMATION, WHETHER OR NOT THE RECIPIENT OF MATERIALS HAS BEEN ADVISED OF THE POSSIBILITY OF SUCH DAMAGE. Skyworks products are not intended for use in medical, lifesaving or life-sustaining applications, or other equipment in which the failure of the Skyworks products could lead to personal injury, death, physical or environmental damage. Skyworks customers using or selling Skyworks products for use in such applications do so at their own risk and agree to fully indemnify Skyworks for any damages resulting from such improper use or sale. Customers are responsible for their products and applications using Skyworks products, which may deviate from published specifications as a result of design defects, errors, or operation of products outside of published parameters or design specifications. Customers should include design and operating safeguards to minimize these and other risks. Skyworks assumes no liability for applications assistance, customer product design, or damage to any equipment resulting from the use of Skyworks products outside of stated published specifications or parameters. Skyworks, the Skyworks symbol, and "Breakthrough Simplicity" are trademarks or registered trademarks of Skyworks Solutions, Inc., in the United States and other countries. Third-party brands and names are for identification purposes only, and are the property of their respective owners. Additional information, including relevant terms and conditions, posted at www.skyworksinc.com, are incorporated by reference.
Skyworks Solutions, Inc. * Phone [781] 376-3000 * Fax [781] 376-3100 * sales@skyworksinc.com * www.skyworksinc.com 6
February 23, 2007 * Skyworks Proprietary Information * Products and Product Information are Subject to Change Without Notice. * 200056 Rev. E


▲Up To Search▲   

 
Price & Availability of SMV1145-011

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X