Part Number Hot Search : 
TK12A53D EMK21 057EL L816BSRC M54HCT86 31742 68000 83AC12I
Product Description
Full Text Search
 

To Download SI9410BDY05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Si9410BDY
Vishay Siliconix
N-Channel 30-V (D-S) MOSFET
PRODUCT SUMMARY
VDS (V)
30
FEATURES
ID (A)
8.1 6.9
rDS(on) (W)
0.024 @ VGS = 10 V 0.033 @ VGS = 4.5 V
D TrenchFETr Power MOSFETS
D
SO-8
S S S G 1 2 3 4 Top View Ordering Information: Si9410BDY Si9410BDY-T1 (with Tape and Reel) Si9410BDY--E3 (Lead (Pb)-Free) Si9410BDY-T1--E3 (Lead (Pb)-Free with Tape and Reel) 8 7 6 5 D D D D S N-Channel MOSFET G
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Drain-Source Voltage Gate-Source Voltage Continuous Drain Current (TJ = 150_C)a Pulsed Drain Current (10 ms Pulse Width) Continuous Source Current (Diode Conduction)a Maximum Power Dissipationa Operating Junction and Storage Temperature Range TA = 25_C TA = 70_C TA = 25_C TA = 70_C
Symbol
VDS VGS ID IDM IS PD TJ, Tstg
10 secs
30 "20 8.1 6.5 30 2.1 2.5 1.6
Steady State
Unit
V
6.2 5.0 A
1.2 1.5 0.9 -55 to 150 W _C
THERMAL RESISTANCE RATINGS
Parameter
Maximum J Mi Junction-to-Ambienta ti t A bi t Maximum Junction-to-Foot Notes a. Surface Mounted on 1" x 1" FR4 Board. Document Number: 72269 S-50153--Rev. B, 31-Jan-05 www.vishay.com t v 10 sec Steady State Steady State
Symbol
RthJA RthJF
Typical
40 70 20
Maximum
50 85 24
Unit
_C/W C/W
1
Si9410BDY
Vishay Siliconix
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter Static
Gate Threshold Voltage Gate-Body Leakage Zero Gate Voltage Drain Current On-State Drain Currenta Drain-Source On-State Resistancea Forward Transconductancea Diode Forward Voltagea VGS(th) IGSS IDSS ID(on) rDS(on) gfs VSD VDS = VGS, ID = 250 mA VDS = 0 V, VGS = "20 V VDS = 30 V, VGS = 0 V VDS = 30 V, VGS = 0 V, TJ = 55_C VDS w 5 V, VGS = 10 V VGS = 10 V, ID = 8.1 A VGS = 4.5 V, ID = 6.9 A VDS = 15 V, ID = 8.1 A IS = 2.1 A, VGS = 0 V 30 0.019 0.026 20 0.8 1.2 0.024 0.033 1.0 3.0 "100 1 5 V nA mA A W S V
Symbol
Test Condition
Min
Typ
Max
Unit
Dynamicb
Total Gate Charge Gate-Source Charge Gate-Drain Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Source-Drain Reverse Recovery Time Qg Qgs Qgd td(on) tr td(off) tf trr IF = 2.1 A, di/dt = 100 A/ms VDD = 15 V, RL = 15 W ID ^ 1 A, VGEN = 10 V, Rg = 6 W VDS = 15 V, VGS = 10 V, ID = 8.1 A 15 3.2 2.5 10 15 30 11 25 15 25 45 20 50 ns 23 nC
Notes a. Pulse test; pulse width v 300 ms, duty cycle v 2%. b. Guaranteed by design, not subject to production testing. Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Output Characteristics
30 VGS = 10 thru 5 V 24 I D - Drain Current (A) I D - Drain Current (A) 4V 24 30
Transfer Characteristics
18
18
12
12 TC = -125_C 6 25_C 0 0.0 -55_C 2.5 3.0 3.5 4.0 4.5
6
3V
0 0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0.5
1.0
1.5
2.0
VDS - Drain-to-Source Voltage (V) www.vishay.com
VGS - Gate-to-Source Voltage (V) Document Number: 72269 S-50153--Rev. B, 31-Jan-05
2
Si9410BDY
Vishay Siliconix
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
On-Resistance vs. Drain Current
0.040 r DS(on) - On-Resistance ( W ) 0.035 0.030 0.025 0.020 0.015 0.010 0.005 0.000 0 5 10 15 20 25 30 200 0 0 Crss 5 10 15 20 25 30 VGS = 4.5 V VGS = 10 V C - Capacitance (pF) 1200 1000 800 600 400
Capacitance
Ciss
Coss
ID - Drain Current (A)
VDS - Drain-to-Source Voltage (V)
Gate Charge
10 V GS - Gate-to-Source Voltage (V) VDS = 15 V ID = 8.1 A 8 rDS(on) - On-Resiistance (Normalized) 1.4 1.6
On-Resistance vs. Junction Temperature
VGS = 10 V ID = 8.1 A
6
1.2
4
1.0
2
0.8
0 0 3 6 9 12 15 Qg - Total Gate Charge (nC)
0.6 -50
-25
0
25
50
75
100
125
150
TJ - Junction Temperature (_C)
Source-Drain Diode Forward Voltage
30 0.10
On-Resistance vs. Gate-to-Source Voltage
10
r DS(on) - On-Resistance ( W )
TJ = 150_C I S - Source Current (A)
0.08
0.06
ID = 8.1 A
0.04
TJ = 25_C
0.02
1 0.0
0.00 0.2 0.4 0.6 0.8 1.0 1.2 0 2 4 6 8 10 VSD - Source-to-Drain Voltage (V) VGS - Gate-to-Source Voltage (V)
Document Number: 72269 S-50153--Rev. B, 31-Jan-05
www.vishay.com
3
Si9410BDY
Vishay Siliconix
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Threshold Voltage
0.4 0.2 V GS(th) Variance (V) ID = 250 mA -0.0 -0.2 -0.4 -0.6 -0.8 -50 10 Power (W) 30 50
Single Pulse Power
40
20
-25
0
25
50
75
100
125
150
0 10-3
10-2
10-1
1
10
100
600
TJ - Temperature (_C)
Time (sec)
100
Safe Operating Area
*rDS(on) Limited IDM Limited P(t) = 0.0001
10 I D - Drain Current (A)
P(t) = 0.001 1 ID(on) Limited P(t) = 0.01 P(t) = 0.1 0.1 TA = 25_C Single Pulse BVDSS Limited 0.01 0.1 1 10 100 VDS - Drain-to-Source Voltage (V) *VGS u minimum VGS at which rDS(on) is specified P(t) = 1 P(t) = 10 dc
2 1
Normalized Thermal Transient Impedance, Junction-to-Ambient
Normalized Effective Transient Thermal Impedance
Duty Cycle = 0.5
0.2 0.1 0.1 0.05 0.02 Single Pulse 0.01 10-4 10-3 10-2 1 Square Wave Pulse Duration (sec) 10-1
Notes: PDM t1
t2 1. Duty Cycle, D =
2. Per Unit Base = RthJA = 70_C/W 3. TJM - TA = PDMZthJA(t) 4. Surface Mounted
t1 t2
10
100
600
www.vishay.com
4
Document Number: 72269 S-50153--Rev. B, 31-Jan-05
Si9410BDY
Vishay Siliconix
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Normalized Thermal Transient Impedance, Junction-to-Foot
2 1
Normalized Effective Transient Thermal Impedance
Duty Cycle = 0.5
0.2 0.1 0.1 0.05 0.02
Single Pulse 0.01 10-4 10-3 10-2 10-1 Square Wave Pulse Duration (sec) 1 10
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and reliability data, see http://www.vishay.com/ppg?72269. Document Number: 72269 S-50153--Rev. B, 31-Jan-05 www.vishay.com
5
Legal Disclaimer Notice
Vishay
Notice
Specifications of the products displayed herein are subject to change without notice. Vishay Intertechnology, Inc., or anyone on its behalf, assumes no responsibility or liability for any errors or inaccuracies. Information contained herein is intended to provide a product description only. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document. Except as provided in Vishay's terms and conditions of sale for such products, Vishay assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of Vishay products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. Customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Vishay for any damages resulting from such improper use or sale.
Document Number: 91000 Revision: 08-Apr-05
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of SI9410BDY05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X