Part Number Hot Search : 
MCR8NG 068LK3 2SJ53706 ZMM5257B N2222A NCV8855 2SK36 1C390
Product Description
Full Text Search
 

To Download SD445-14-21-305 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Red Enhanced High Performance Silicon Photodiode SD 445-14-21-305
PACKAGE DIMENSIONS INCH [mm]
PACKAGE DIMENSIONS INCH [mm]
ANODE INDEX
.084 [2.13] .076 [1.93] .005 [0.13] .053 [1.35]
2X O.018 [0.46]
ANODE .657 [16.69] .643 [16.33] 120 VIEWING ANGLE CATHODE .010 [0.25] .492 [12.50]
CHIP DIMENSION INCH [mm] .596 [15.14]
.584 [14.83]
.005 [0.13] MAX EPOXY ABOVE PACKAGE
2X .30 [7.6] MIN
CHIP DIMENSIONS INCH [mm]
.422 [10.72] SQUARE
CERAMIC PACKAGE
CERAMIC PACKAGE
.3937 [1.00] SQUARE ACTIVE AREA
FEATURES
* * * * Low noise Red enhanced High shunt resistance High response
DESCRIPTION
The SD 445-14-21-305 is a high performance silicon PIN photodiode, red enhanced, packaged in a leaded hermetic ceramic package.
APPLICATIONS
* Instrumentation * Industrial * Medical
ABSOLUTE MAXIMUM RATING (TA)= 23C UNLESS OTHERWISE NOTED
SYMBOL VBR TSTG TO TS PARAMETER Reverse Voltage Storage Temperature Operating Temperature Soldering Temperature* -55 -20 MIN MAX 75 +150 +75 +240 UNITS
Responsivity (A/W) 0.70 0.60 0.50 0.40 0.30 0.20 0.10 0.00
SPECTRAL RESPONSE
V C C C
1000
1050
1100
Wavelength (nm)
ELECTRO-OPTICAL CHARACTERISTICS RATING (TA)= 23C UNLESS OTHERWISE NOTED
SYMBOL ID RSH CJ lrange R VBR NEP tr CHARACTERISTIC Dark Current Shunt Resistance Junction Capacitance Spectral Application Range Responsivity Breakdown Voltage Noise Equivalent Power Response Time** TEST CONDITIONS VR = 5V VR = 10 mV VR = 0V, f = 1 MHz VR = 5V, f = 1 MHz Spot Scan l= 633nm, VR = 0 V l= 900nm, VR = 0 V I = 10 A VR = 5V @ l=950nm RL = 50 ,VR = 0 V RL = 50 ,VR = 10 V MIN 30 1700 500 350 0.32 0.50 1100 0.36 0.55 50 8.6X10-14 190 13 TYP 6.0 MAX 30 UNITS nA MW pF nm A/W V W/ Hz nS
**Response time of 10% to 90% is specified at 660nm wavelength light.
Information in this technical datasheet is believed to be correct and reliable. However, no responsibility is assumed for possible inaccuracies or omission. Specifications are subject to change without notice.
Advanced Photonix Inc. 1240 Avenida Acaso, Camarillo CA 93012 * Phone (805) 987-0146 * Fax (805) 484-9935 * www.advancedphotonix.com
1150
250
300
350
400
450
500
550
600
650
700
750
800
850
900
950
* 1/16 inch from case for 3 seconds max.


▲Up To Search▲   

 
Price & Availability of SD445-14-21-305

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X