Part Number Hot Search : 
2SC17 SRA2202S XGXXX 1000AM 1N5407 1N5407 MK105 X9801406
Product Description
Full Text Search
 

To Download SD103A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SD103A thru SD103C
Small-Signal Diode Schottky Diodes
Features
For general purpose applications The SD103 series is a Metal-on-silicon Schottky barrier device which is protected by a PN junction guard ring. The low forward voltage drop and fast switching make it ideal for protection of MOS devices, steering, biasing and coupling diodes for fast switching and low logic level applications. Other applications are click suppression, efficient full wave bridges in telephone subsets, and blocking diodes in rechargeable low voltage battery systems. These diodes are also available in the MiniMELF case with type designations LL103A thru LL103C.
Mechanical Data
Case: DO-35 Glass Case Weight: approx. 0.13g
Maximum Ratings and Thermal Characteristics
(Ratings at 25oC ambient temperature unless otherwise specified.)
Parameter S D 103A S D 103B S D 103C Symbol Value 40 30 20 400 15 0.3 125
(1) (1)
Unit
Peak inverse voltage Power dissipation (Infinite heatsink) Single cycle surge 60 Hz sine wave Thermal resistance junction to ambient air Junction temperature Storage temperature range
VRRM Ptot IFSM RJA Tj TS
Volts mW Amps
o
C/mW
o
(1)
C C
-55 to +150
(1)
o
Notes:
1. Valid provided that leads at a distance of 4mm from case are kept at ambient temperature.
691
Electrical Characteristics
(TJ=25oC unless otherwise noted.) Parameter S D 103A S D 103B S D 103C Symbol Test Condition VR=30V VR=20V VR=10V IF=20mA IF=200mA VR=0V, f=1MHz IF=IR=50mA to 200mA, recover to 0.1IR Min. Typ. 50 10 Max. 5 5 5 0.37 0.6 Unit
Leakage current Forward voltage drop Junction capacitance Reverse recovery time
IR VF Ctot trr
uA
Volt pF ns
RATINGS AND CHARACTERISTIC CURVES
(TA = 25oC unless otherwise noted)
692
RATINGS AND CHARACTERISTIC CURVES
(TA = 25oC unless otherwise noted)
693


▲Up To Search▲   

 
Price & Availability of SD103A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X