Part Number Hot Search : 
DG2520 GBU20B S3310 HZ4A1 107M00 AYF35 0ETTS 31HTTPL1
Product Description
Full Text Search
 

To Download SD103A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BL GALAXY ELECTRICAL
SMALL SIGNAL SCHOTTKY DIODES
FEATURES
For general purpose applications Metal silicon schottky barrier device which is protected by a PN junction guard ring. The low forward voltage drop and fast switching make it ideal for protection of MOS devices,steering,biasing and coupling diodes for fast switching and low logic level applications
SD103A - - - SD103C
VOLTAGE RANGE: 40 -- 20 V CURRENT: 400 mW
DO - 35(GLASS)
MECHANICAL DATA
Case:JEDEC DO--35,glass case Polarity: Color band denotes cathode end Weight: Approx. 0.13 gram
ABSOLUTE RATINGS(LIMITING VALUES)
Symbols
Peak reverse voltage Pow er dissipation (Infinite Heat Sink) Single cycle surge 60Hz sine w ave
Forward continuous current
SD103A 40
SD103B 30
4001) 15
SD103C 20
UNITS
V mW A
VRRM Ptot I FSM
I(AV)
350
125 -55 ---+ 150
mA
Junction tenperature Storage temperature range
TJ TSTG
1)Valid provided that leads at a distance of 4mm from case are kept at ambient temperature
ELECTRICAL CHARACTERISTICS
(Ratings at 25 ambient temperature unless otherw ise specified)
Symbols
Reverse breakdow n voltage @ IR=10 A SD103A
Min.
40 30 20 -
Typ.
50 10 250
Max.
5 0.37 0.6 -
UNITS
V A I| V
pF
SD103B SD103C
VR IR VF CJ trr
RJA
Leakage current
@ VR=50V
SD103A,VR=30V SD103B,VR=20V SD103C,VR=10V
Forw ard voltage drop @ IF=20mA I F=200mA Junction capacitance @ VR=0V,f=1MHz Reverse recovery time @ IF=IR=50mA to 200mA,recover to 0.1 IR Thermal resistance junction to ambient air
ns K/W
www.galaxycn.com
Document Number 0265011
BLGALAXY ELECTRICAL
1.
RATINGS AND CHARACTERISTIC CURVES
SD103A - - - SD103C
FIG.1 -- TYPICAL VARIATION OF FWD. CURRENT VS FWD. XXXXXXXX-VOLTAGE FOR PRIMARY CONDUCTION THROUGH THE XXXXXXXX-SCHOTTKY BARRIER
FIG.2 -- TYPICAL FORWARD CONDUCTION CURVE OF XXXXX COMBINATION SCHOTTKY BARRIER AND PN XXXXX JUNCTION GUARD RING
1000 1000.000 100 100.000
I F - Forward Current ( mA)
5
- Forward Current (A)
F
4 3 2 1 0 0.0
10 10.000 1 1.000
0.100 0.1 0.010 0.01 0.001 0 100 200 300 400 500 600 700 800 900 1000
V F - Forward Voltage ( mV )
I
0.5
1.0
1.5
2.0
V F - Forward Voltage ( V )
FIG.3 -- TYPICAL VARIATION OF REVERSE CURRENT AT XXXXXXXXX VARIATION TEMPERATURES
FIG.4 -- TYPICAL CAPACITANCE CURVE AS A JUNCTION OF REVERSE VOLTAGE
10000
CD - Diode Capacitance ( pF )
I R - Reverse Current (A )
30
f=1MHz
25 20 15 10 5 0
1000
100
10
1 0 20 40 60 80 100 120 140 160 Tj - Junction Temperature ( C )
0
5
10
15
20
25
30
V R - Reverse V oltage ( V )
www.galaxycn.com
Document Number 0265011
BLGALAXY ELECTRICAL
2.


▲Up To Search▲   

 
Price & Availability of SD103A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X